Part Number Hot Search : 
21000 PE9633 GM340631 2SJ402 CY7C145 PST1600M AS2208 P6KE75A
Product Description
Full Text Search
 

To Download PF1010A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PF1010A
MOS FET Power Amplifier Module for P/C LAN
ADE-208-106A (Z) 2nd. Edition July 1996 Features
* * * *
Frequency range: 806 to 824 MHz Surface mounted small package: 1 cc, 3g with shielded cover Loe voltage operation: 6 V Low power control current: 300 A Typ
Pin Arrangement
* RF-E 4 1: Pin 2: VAPC 3: VDD 4: Pout 5: GND
5 5 1
3 25
PF1010A
Internal Diagram and External Circuit
Pin1 Pin
Pin2 VAPC
Pin3 VDD
Pin4 Pout
Z1
C1
FB1
C3
C4
FB2
C2
Z2
Pin
VAPC
VDD
Pout
C1 = C2 = 0.01 F (Ceramic chip capacitor) C3 = C4 = 4.7 F (Tantalum) FB = Ferrite bead BL01RN1-A62-001 (Manufacture: MURATA) or equivalent Z1 = Z2 = 50 (Microstrip line)
Absolute Maximum Ratings (Tc = 25C)
Item Supply voltage Supply current APC voltage Input power Operating case temperature Storage temperature Symbol VDD IDD VAPC Pin Tc (op) Tstg Rating 12 2 3 20 Unit V A V mW C C
-30 to +100 -30 to +100
PF1010A
Electrical Characteristics (Tc = 25C)
Item Drain cutoff current Total efficiency 2nd harmonic distortion 3rd harmonic distortion Input VSWR Output power Isolation Stability Symbol IDS T 2nd H.D. 3rd H.D. Min Max 100 Unit A % dBc dBc Test Condition VDD = 12 V, VAPC = 0 V, Rg = RL = 50 f = 806, 824 MHz, Pin = 1 mW, VDD = 6 V, Rg = RL = 50 , Pout = 1.4 W (at APC controlled),
--
39
-- -30 -30
3
-- --
VSWR (in) -- Pout 0.6
--
W dBm f = 806, 824 MHz, Pin = 2 dBm, VDD = 4.8 V, VAPC = 4 V, Rg = RL = 50 f = 806, 824 MHz, Pin = 1 mW, VDD = 6 V, VAPC = 0.5 V, Rg = RL = 50 f = 806 to 824 MHz, Pin = 1 mW, VDD = 4.8 to 7.2 V, Pout 1.4 W, Rg = 50 , Load VSWR = 3:1 All phase angles
-- -35
-- --
--
No parasitic oscillation
--
PF1010A
Characteristics Curve
VAPC, T, VSWR (in) vs. Frequency 5 3 Pin = 1 mW (0 dBm) VDD = 6 V Pout = 1.4 W Apc Voltage VAPC (V) 4 V.S.W.R. (in) 2.5 T 50 Efficiency T (%) Efficiency T (%) 55
3
2 VAPC 1.5
45
2
40
VSWRin 1 1 788 806 824 35 842
Frequency f (MHz)
Pout, T, VSWR (in) vs. Frequency 5 1.5 Pin = 0.63 mW (-2 dBm) VDD = 4.8 V VAPC = 3 V Output Power Pout (V) 4 V.S.W.R. (in) 1.3 Pout 40 50
3
1.1
T 30
2
0.9 VSWRin
1
0.7 788
806
824
20 842
Frequency f (MHz)
PF1010A
Pout, T vs. Pin (1) 1.3 f = 806 MHz VDD = 4.8 V VAPC = 3 V Pout Output Power Pout (W) Efficiency T (%) Efficiency T (%) 1.1 40 45
1.2
1.0
0.9
T
35
0.8
0.7 0 0.5 1.0 1.5 Input Power Pin (mW)
30 2.0
Pout, T vs. Pin (2) 1.3 f = 824 MHz VDD = 4.8 V VAPC = 3 V 45
1.2 Output Power Pout (W)
1.1 Pout 1.0
40
0.9
35
0.8 T 0.7 0 0.5 1.0 1.5 Input Power Pin (mW) 30 2.0
PF1010A
VAPC, T vs. Pin (1) 3 f = 806 MHz VDD = 6 V Pout = 1.4 W Apc Voltage VAPC (V) 2.5 Efficiency T (%) Efficiency T (%) T 2 VAPC 40 1.5 45 50
1 0 0.5 1.0 1.5 Input Power Pin (mW)
35 2.0
VAPC, T vs. Pin (2) 3 f = 824 MHz VDD = 6 V Pout = 1.4 W Apc Voltage VAPC (V) 2.5 T 2 VAPC 40 1.5 45 50
1 0 0.5 1.0 1.5 Input Power Pin (mW)
35 2.0
PF1010A
Pout, T vs. VDD (1) 3.3 f = 806 MHz Pin = 1 mW VAPC = 3 V 45
2.8 Output Power Pout (W)
2.3 T 1.8 35 Pout 1.3
0.8 4 5 6 7 Supply Voltage VDD (V) 8
30
Pout, T vs. VDD (2) 3.3 f = 824 MHz Pin = 1 mW VAPC = 3 V 45
2.8 Output Power Pout (W)
2.3 T 35 1.3
1.8
Pout
0.8 4 5 6 7 Supply Voltage VDD (V) 8
30
Efficiency T (%)
40
Efficiency T (%)
40
PF1010A
Pout, T vs. VAPC (1) 2.5 f = 806 MHz Pin = 1 mW VDD = 6 V Output Power Pout (W) 2 60
T
50 Efficiency T (%) Efficiency T (%)
40 Pout 1.5 30 1 20
0.5 0 1 2 Apc Voltage VAPC (V) 3
10
Pout, T vs. VAPC (2) 2.5 f = 824 MHz Pin = 1 mW VDD = 6 V Output Power Pout (W) 2 60
T
50
40 1.5 Pout 30
1 20
0.5 0 1 2 Apc Voltage VAPC (V) 3
10
PF1010A
Pout, T vs. VAPC (3) 1.2 1.1 Output Power Pout (W) 1.0 0.9 0.8 0.7 0.6 0.5 0 1 2 Apc Voltage VAPC (V) 3 10 Pout 30 f = 806 MHz Pin = 0.63 mW VDD = 4.8 V T 50
40 Efficiency T (%) Efficiency T (%)
20
Pout, T vs. VAPC (4) 1.2 1.1 Output Power Pout (W) 1.0 0.9 30 0.8 0.7 0.6 0.5 0 1 2 Apc Voltage VAPC (V) 3 10 Pout 20 f = 824 MHz Pin = 0.63 mW VDD = 4.8 V 50
T 40
PF1010A
VSWR (in) vs. Pin (1) 5 f = 806 MHz VDD = 6 V 4 V.S.W.R. (in)
3 Pout=1.4W
2 VAPC=3 V 1 0 0.5 1.0 1.5 Input Power Pin (mW) 2.0
VSWR (in) vs. Pin (2) 5 f = 824 MHz VDD = 6 V 4 V.S.W.R. (in)
3 Pout=1.4W
2 VAPC=3 V 1 0 0.5 1.0 1.5 Input Power Pin (mW) 2.0
PF1010A
2nd H.D, 3rd H.D vs. Pin (1) -30 f = 806 MHz VDD = 6 V Pout = 1.4 W -40 2nd H.D (dBc) -40 3rd H.D (dBc) 3rd H.D (dBc) -30
-50
2nd H.D
-50
-60 3rd H.D -70 0 0.5 1.0 1.5 2.0 Input Power Pin (mW)
-60
-70 2.5
2nd H.D, 3rd H.D vs. Pin (2) -30 f = 824 MHz VDD = 6 V Pout = 1.4 W -40 2nd H.D (dBc) -40 -30
-50 2nd H.D -60 3rd H.D -70 0 0.5 1.0 1.5 2.0 Input Power Pin (mW)
-50
-60
-70 2.5
PF1010A
Package Dimensions
Unit: mm
25 0.5 (1.5) 22 0.5 (1.5)
(5 - 3.0)
5 1 2 3 (0.3) (5.1) (7.6) (5.1) 4
5
(1.5)
(5.8) (8.8) 3.7 0.5
5
5
2.35 0.5
12 0.5 (0.25)
(1.8)
(2.4)
0.5
(0.3)
+0.3 -0.2
Hitachi code EIAJ code JEDEC code
RF-E -- --


▲Up To Search▲   

 
Price & Availability of PF1010A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X