Part Number Hot Search : 
TC12V 1N6050 LBN70 LM780 BF245A HA1743 L7585G MAX4321
Product Description
Full Text Search
 

To Download PB137 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
PB137
POSITIVE VOLTAGE REGUALTOR FOR BATTERY CHARGER
s
s
s
s s
REVERSE LEAKAGE CURRENT LESS THAN 10 A THREE TERMINAL FIXED VERSION (13.7V) OUTPUT CURRENT IN EXCESS OF 1.5A AVAILABLEIN 1% (AC) SELECTION AT 25oC TYPICAL DROPOUT VOLTAGE 2V TEMPERATURE RANGE 0oC TO 150oC
DESCRIPTION The PB137 is a positive voltage regulator able to provide 1.5A, at VOUT=13.7V and is intended as a charger for lead acid battery. The main feature is a reverse leakage current (Max 10A at TJ =0 to 40oC VIN = floating and VOUT = 13.7V). It is available in TO-220 and it employs internal current limiting, thermal shut-down and safe area protection, making it essentially indestructible. If adequate heat-sinking is provided, they can deliver over 1A output current. TO-220
SCHEMATIC DIAGRAM
December 1998
1/8
PB137
ABSOLUTE MAXIMUM RATINGS
Symbol Vi Io P tot T st g T op DC Input Voltage Output Current Power Dissipation Storage Temperature Range Operating Junction Temperature Range Parameter Value 40 Internally limited Internally limited - 65 to 150 0 to 150 Unit V mA mW
o o
C C
Absolute Maximum Rating are those values beyond wich damage to the device may occur. Functional operation under these conditions is not implied.
THERMAL DATA
Symbol Parameter Value 3 50 Unit
o o
R thj- ca se Thermal Resistance Junction-case R thj- amb Thermal Resistance Junction-ambient
C/W C/W
CONNECTION DIAGRAM (top view)
ORDERING NUMBERS
Type PB137ACV Output Voltage 13.7 V
APPLICATION CIRCUIT
2/8
PB137
ELECTRICAL CHARACTERISTICS FOR PB137 (refer to the test circuits, VI = 18 V, IOUT = 500 mA, Tj = 0 to 150 oC, COUT = 10 F unless otherwise specified)
Symbol Vo V o V o Id I d I d Vd I SC eN SVR I REV S Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Delta Quiescent Current vs Line Delta Quiescent Current vs Load Dropout Voltage Short Circuit Current Output Noise Voltage Supply Voltage Rejection Reverse Leakage Current Long Term Stability Tj = 25 oC Vi = 16 to 28.7 V, Io = 5 to 1500 mA, Tj = 25 oC Vi = 16 to 28.7 V Io = 5 to 1000 mA Io = 1 A, Vi - Vo = 5V, f = 120 Hz, VOUT = 13.7 V, Tj = 0 to 40 oC
o
Test Conditions
Min. 13.56 13.43
Typ. 13.7 13.7 60 65 4
Max. 13.84 13.97 150 100 8 4 1.2
Unit V V mV mV mA mA mA V A Vrms dB
Tj = 25 oC Tj = 25 C
o
Tj = 25 oC Tj = 25 C Tj = 25 C
o o
2.1 2.2 300 58 0.1
2.6
B = 10 Hz to 10 KHz, Tj = 25 oC
VIN = floating,
10 0.5
A %
Tj = 125 C, 1000hrs
3/8
PB137
TYPICAL PERFORMANCE CHARACTERISTICS (TJ=25oC) Output Voltage vs Temperature Output Voltage vs Input Voltage
Output Voltage vs Output Current
Load Regulation vs Temperature
Line Regulation vs Temperature
Dropout Voltage vs Temperature
4/8
PB137
TYPICAL PERFORMANCE CHARACTERISTICS (continued) Dropout Voltage vs Output Current Short Circuit Current vs Dropout Voltage
Short Circuit Current vs Temperature
Reverse Leakage Current vs Temperature
Quiescent Current vs Temperature
Quiescent Current vs Output Current
5/8
PB137
TYPICAL PERFORMANCE CHARACTERISTICS (continued) Quiescent Current vs Input Voltage Thermal Protection
Supply Voltage Rejection vs Output Current
Supply Voltage Rejection vs Temperature
Line Transient Response
Load Transient Response
VIN = 17 to 28.4V, I OUT = 0.5A,COUT = 10F
VIN = 18V, I OUT = 5 to 1.5A,CIN = 1F,COUT = 10F
6/8
PB137
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
7/8
PB137
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
8/8


▲Up To Search▲   

 
Price & Availability of PB137

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X