Part Number Hot Search : 
MCR01 C2579 TLV43 MC3373 SKE15 24FC515 LM323AT NCP4586
Product Description
Full Text Search
 

To Download NE5532 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
NE5532
Dual Operational Amplifier
Features
* * * * Internal Frequency Compensation Slew Rate: 8V/s Input Noise Voltage: 8nV Hz (fo = 30Hz) Full Power Bandwidth: 140KHz
Description
The NE5532 is a internally compensated dual low noise OP-AMP. The high small signal and power bandwidth provides superior performance in high quality AMP, all control circuits, and telephone applications.
8-DIP
1
8-SOP
1
Internal Block Diagram
Rev. 1.0.1
(c)2002 Fairchild Semiconductor Corporation
NE5532
Absolute Maximum Ratings
Parameter Power Supply Voltage Differential Input Voltage Input Voltage Power Dissipation, TA = 25C 8-DIP 8-SOP Operating Temperature Range Symbol VCC V(DIFF) VI PD TOPR NE5532 22 13 Supply Voltage 1100 500 0 ~ + 70 Unit V V V mW C
Thermal Data
Parameter Thermal Resistance Junction-Ambient Max. 8-DIP 8-SOP Symbol Rja Value 110 250 Unit C/W
Electrical Characteristics
(VCC=15V, VEE= - 15V, TA = 25C) Parameter Input Offset Voltage Input Offset Current Input Bias Current Supply Current Input Voltage Range Common Mode Rejection Range Power Supply Rejection Ratio Output Voltage Swing Input Resistance Short Circuit Current Overshoot Voltage Gain Gain Bandwidth Product Slew Rate Input Noise Voltage Symbol VIO IIO IBIAS ICC VI(R) CMRR PSRR VO(P-P) RI ISC OS GV GBW SR f = 10KHz CL =100pF, RL = 600 RL =1K, CL =100pF, RL =600 fO = 30Hz fO = 1KHz TA = 25 C TA = 25 C RL 600 TA = 25 C RL =600, CL =100pF Conditions Min. 12 70 80 12 30 2 8 6 Typ. 0.5 10 200 6.0 13 100 100 13 300 38 10 2.2 10 8.0 8.0 5.0 Max. 4.0 150 800 16 20 Unit mV nA nA mA V dB dB V K mA % V/mV MHz V/s nV/ Hz
eN
2
NE5532
Typical Performance Characteristics
Figure 1. Open Loop Frequency Response
Figure 2. Large Signal Frequency Response
Figure 3. Supply Current vs Supply Voltage
Figure 4. Input Bias Current vs Temperature
Figure 5. Output Circuit Current vs Temperature
Figure 6. Slew Rate
3
NE5532
Mechanical Dimensions
Package Dimensions in millimeters
8-DIP
1.524 0.10 0.018 0.004 0.060 0.004 0.46 0.10 6.40 0.20 0.252 0.008 ( #1 #8 9.20 0.20 0.362 0.008 9.60 MAX 0.378 #4 #5 2.54 0.100 5.08 MAX 0.200 7.62 0.300 3.40 0.20 0.134 0.008 3.30 0.30 0.130 0.012 0.33 MIN 0.013 0.79 ) 0.031
0.25 -0.05
0~15
+0.10
0.010 -0.002
+0.004
4
NE5532
Mechanical Dimensions (Continued)
Package Dimensions in millimeters
8-SOP
MIN 1.55 0.20 0.061 0.008 0.1~0.25 0.004~0.001
#1
#8 4.92 0.20 0.194 0.008 5.13 MAX 0.202
( #4 #5 6.00 0.30 0.236 0.012
+0.10 0.15 -0.05 +0.004 0.006 -0.002
0.56 ) 0.022 1.80 MAX 0.071 MAX0.10 MAX0.004 3.95 0.20 0.156 0.008 5.72 0.225 0.50 0.20 0.020 0.008
0~
8
1.27 0.050
0.41 0.10 0.016 0.004
5
NE5532
Ordering Information
Product Number NE5532N NE5532D Package 8-DIP 8-SOP Operating Temperature 0 ~ +70C
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 3/5/02 0.0m 001 Stock#DSxxxxxxxx 2002 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of NE5532

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X