Part Number Hot Search : 
BUG33D 50400 CAT36 ND3139 00206 MC908 LH1500 H07N60
Product Description
Full Text Search
 

To Download MX29LV160BBTC-70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
MX29LV160BT/BB
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
FEATURES
* Extended single - supply voltage range 2.7V to 3.6V * 2,097,152 x 8/1,048,576 x 16 switchable * Single power supply operation - 3.0V only operation for read, erase and program operation * Fully compatible with MX29LV160A device * Fast access time: 70/90ns * Low power consumption - 30mA maximum active current - 0.2uA typical standby current * Command register architecture - Byte/word Programming (9us/11us typical) - Sector Erase (Sector structure 16K-Bytex1, 8K-Bytex2, 32K-Bytex1, and 64K-Byte x31) * Auto Erase (chip & sector) and Auto Program - Automatically erase any combination of sectors with Erase Suspend capability. - Automatically program and verify data at specified address * Erase Suspend/Erase Resume - Suspends sector erase operation to read data from, or program data to, any sector that is not being erased, then resumes the erase. * Status Reply - Data polling & Toggle bit for detection of program and erase operation completion. * Ready/Busy pin (RY/BY) - Provides a hardware method of detecting program or erase operation completion. * Sector protection - Hardware method to disable any combination of sectors from program or erase operations - Temporary sector unprotect allows code changes in previously locked sectors. * CFI (Common Flash Interface) compliant - Flash device parameters stored on the device and provide the host system to access * 100,000 minimum erase/program cycles * Latch-up protected to 100mA from -1V to VCC+1V * Boot Sector Architecture - T = Top Boot Sector - B = Bottom Boot Sector * Low VCC write inhibit is equal to or less than 1.4V * Package type: - 44-pin SOP - 48-pin TSOP - 48-ball CSP * Compatibility with JEDEC standard - Pinout and software compatible with single-power supply Flash * 10 years data retention
GENERAL DESCRIPTION
The MX29LV160BT/BB is a 16-mega bit Flash memory organized as 2M bytes of 8 bits or 1M words of 16 bits. MXIC's Flash memories offer the most cost-effective and reliable read/write non-volatile random access memory. The MX29LV160BT/BB is packaged in 44-pin SOP, 48-pin TSOP and 48-ball CSP. It is designed to be reprogrammed and erased in system or in standard EPROM programmers. The standard MX29LV160BT/BB offers access time as fast as 70ns, allowing operation of high-speed microprocessors without wait states. To eliminate bus contention, the MX29LV160BT/BB has separate chip enable (CE) and output enable (OE) controls. MXIC's Flash memories augment EPROM functionality with in-circuit electrical erasure and programming. The MX29LV160BT/BB uses a command register to manage this functionality. The command register allows for 100% TTL level control inputs and fixed power supply levels during erase and programming, while maintaining maximum EPROM compatibility. MXIC Flash technology reliably stores memory contents even after 100,000 erase and program cycles. The MXIC cell is designed to optimize the erase and programming mechanisms. In addition, the combination of advanced tunnel oxide processing and low internal electric fields for erase and program operations produces reliable cycling. The MX29LV160BT/BB uses a 2.7V~3.6V VCC supply to perform the High Reliability Erase and auto Program/Erase algorithms. The highest degree of latch-up protection is achieved with MXIC's proprietary non-epi process. Latch-up protection is proved for stresses up to 100 milliamps on address and data pin from -1V to VCC + 1V.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
1
R
MX29LV160BT/BB
PIN DESCRIPTION
SYMBOL PIN NAME
WE A19 A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE GND Q15/A-1 Q7 Q14 Q6 Q13 Q5 Q12 Q4 VCC
PIN CONFIGURATIONS
44 SOP(500 mil)
RESET A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE GND OE Q0 Q8 Q1 Q9 Q2 Q10 Q3 Q11 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
A0~A19 Q0~Q14 Q15/A-1 CE WE BYTE RESET OE RY/BY VCC GND
Address Input Data Input/Output Q15(Word mode)/LSB addr(Byte mode) Chip Enable Input Write Enable Input Word/Byte Selection input Hardware Reset Pin/Sector Protect Unlock Output Enable Input Ready/Busy Output Power Supply Pin (2.7V~3.6V) Ground Pin
48 TSOP (Standard Type) (12mm x 20mm)
A15 A14 A13 A12 A11 A10 A9 A8 A19 NC WE RESET NC NC RY/BY A18 A17 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 A16 BYTE GND Q15/A-1 Q7 Q14 Q6 Q13 Q5 Q12 Q4 VCC Q11 Q3 Q10 Q2 Q9 Q1 Q8 Q0 OE GND CE A0
MX29LV160BT/BB
MX29LV160BT/BB
48-Ball CSP 6mm x 8mm (Ball Pitch=0.8mm) Top View, Balls Facing Down A 6 5 4 3 2 1 A13 A9 WE RY/BY A7 A3 B A12 A8 C A14 A10 D A15 A11 A19 NC A5 A1 E A16 Q7 Q5 Q2 Q0 A0 F BYTE Q14 Q12 Q10 Q8 CE G H
Q15/A-1 GND Q13 VCC Q11 Q9 OE Q6 Q4 Q3 Q1 GND
REV. 1.2, JUL. 01, 2004
RESET NC NC A17 A4 A18 A6 A2
P/N:PM1041
2
R
MX29LV160BT/BB
BLOCK STRUCTURE Table 1: MX29LV160BT SECTOR ARCHITECTURE
Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 SA19 SA20 SA21 SA22 SA23 SA24 SA25 SA26 SA27 SA28 SA29 SA30 SA31 SA32 SA33 SA34 Sector Size Byte Mode Word Mode 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 32Kbytes 16Kwords 8Kbytes 4Kwords 8Kbytes 4Kwords 16Kbytes 8Kwords Address range Sector Address Byte Mode(x8) Word Mode(x16) A19 A18 A17 A16 A15 A14 A13 A12 000000-00FFFF 00000-07FFF 0 0 0 0 0 X X X 010000-01FFFF 08000-0FFFF 0 0 0 0 1 X X X 020000-02FFFF 10000-17FFF 0 0 0 1 0 X X X 030000-03FFFF 18000-1FFFF 0 0 0 1 1 X X X 040000-04FFFF 20000-27FFF 0 0 1 0 0 X X X 050000-05FFFF 28000-2FFFF 0 0 1 0 1 X X X 060000-06FFFF 30000-37FFF 0 0 1 1 0 X X X 070000-07FFFF 38000-3FFFF 0 0 1 1 1 X X X 080000-08FFFF 40000-47FFF 0 1 0 0 0 X X X 090000-09FFFF 48000-4FFFF 0 1 0 0 1 X X X 0A0000-0AFFFF 50000-57FFF 0 1 0 1 0 X X X 0B0000-0BFFFF 58000-5FFFF 0 1 0 1 1 X X X 0C0000-0CFFFF 60000-67FFF 0 1 1 0 0 X X X 0D0000-0DFFFF 68000-6FFFF 0 1 1 0 1 X X X 0E0000-0EFFFF 70000-77FFF 0 1 1 1 0 X X X 0F0000-0FFFFF 78000-7FFFF 0 1 1 1 1 X X X 100000-10FFFF 80000-87FFF 1 0 0 0 0 X X X 110000-11FFFF 88000-8FFFF 1 0 0 0 1 X X X 120000-12FFFF 90000-97FFF 1 0 0 1 0 X X X 130000-13FFFF 98000-9FFFF 1 0 0 1 1 X X X 140000-14FFFF A0000-A7FFF 1 0 1 0 0 X X X 150000-15FFFF A8000-AFFFF 1 0 1 0 1 X X X 160000-16FFFF B0000-B7FFF 1 0 1 1 0 X X X 170000-17FFFF B8000-BFFFF 1 0 1 1 1 X X X 180000-18FFFF C0000-C7FFF 1 1 0 0 0 X X X 190000-19FFFF C8000-CFFFF 1 1 0 0 1 X X X 1A0000-1AFFFF D0000-D7FFF 1 1 0 1 0 X X X 1B0000-1BFFFF D8000-DFFFF 1 1 0 1 1 X X X 1C0000-1CFFFF E0000-E7FFF 1 1 1 0 0 X X X 1D0000-1DFFFF E8000-EFFFF 1 1 1 0 1 X X X 1E0000-1EFFFF F0000-F7FFF 1 1 1 1 0 X X X 1F0000-1F7FFF F8000-FBFFF 1 1 1 1 1 0 X X 1F8000-1F9FFF FC000-FCFFF 1 1 1 1 1 1 0 0 1FA000-1FBFFF FD000-FDFFF 1 1 1 1 1 1 0 1 1FC000-1FFFFF FE000-FFFFF 1 1 1 1 1 1 1 X
Note: Byte mode: address range A19:A-1, word mode:address range A19:A0.
P/N:PM1041 REV. 1.2, JUL. 01, 2004
3
R
MX29LV160BT/BB
Table 2: MX29LV160BB SECTOR ARCHITECTURE
Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 SA19 SA20 SA21 SA22 SA23 SA24 SA25 SA26 SA27 SA28 SA29 SA30 SA31 SA32 SA33 SA34 Sector Size Byte Mode Word Mode 16Kbytes 8Kwords 8Kbytes 4Kwords 8Kbytes 4Kwords 32Kbytes 16Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords 64Kbytes 32Kwords Address range Sector Address Byte Mode (x8) Word Mode (x16) A19 A18 A17 A16 A15 A14 A13 A12 000000-003FFF 00000-01FFF 0 0 0 0 0 0 0 X 004000-005FFF 02000-02FFF 0 0 0 0 0 0 1 0 006000-007FFF 03000-03FFF 0 0 0 0 0 0 1 1 008000-00FFFF 04000-07FFF 0 0 0 0 0 1 X X 010000-01FFFF 08000-0FFFF 0 0 0 0 1 X X X 020000-02FFFF 10000-17FFF 0 0 0 1 0 X X X 030000-03FFFF 18000-1FFFF 0 0 0 1 1 X X X 040000-04FFFF 20000-27FFF 0 0 1 0 0 X X X 050000-05FFFF 28000-2FFFF 0 0 1 0 1 X X X 060000-06FFFF 30000-37FFF 0 0 1 1 0 X X X 070000-07FFFF 38000-3FFFF 0 0 1 1 1 X X X 080000-08FFFF 40000-47FFF 0 1 0 0 0 X X X 090000-09FFFF 48000-4FFFF 0 1 0 0 1 X X X 0A0000-0AFFFF 50000-57FFF 0 1 0 1 0 X X X 0B0000-0BFFFF 58000-5FFFF 0 1 0 1 1 X X X 0C0000-0CFFFF 60000-67FFF 0 1 1 0 0 X X X 0D0000-0DFFFF 68000-6FFFF 0 1 1 0 1 X X X 0E0000-0EFFFF 70000-77FFF 0 1 1 1 0 X X X 0F0000-0FFFFF 78000-7FFFF 0 1 1 1 1 X X X 100000-10FFFF 80000-87FFF 1 0 0 0 0 X X X 110000-11FFFF 88000-8FFFF 1 0 0 0 1 X X X 120000-12FFFF 90000-97FFF 1 0 0 1 0 X X X 130000-13FFFF 98000-9FFFF 1 0 0 1 1 X X X 140000-14FFFF A0000-A7FFF 1 0 1 0 0 X X X 150000-15FFFF A8000-AFFFF 1 0 1 0 1 X X X 160000-16FFFF B0000-B7FFF 1 0 1 1 0 X X X 170000-17FFFF B8000-BFFFF 1 0 1 1 1 X X X 180000-18FFFF C0000-C7FFF 1 1 0 0 0 X X X 190000-19FFFF C8000-CFFFF 1 1 0 0 1 X X X 1A0000-1AFFFF D0000-D7FFF 1 1 0 1 0 X X X 1B0000-1BFFFF D8000-DFFFF 1 1 0 1 1 X X X 1C0000-1CFFFF E0000-E7FFF 1 1 1 0 0 X X X 1D0000-1DFFFF E8000-EFFFF 1 1 1 0 1 X X X 1E0000-1EFFFF F0000-FFFFF 1 1 1 1 0 X X X 1F0000-1FFFFF F8000-FFFFF 1 1 1 1 1 X X X
Note: Byte mode:address range A19:A-1, word mode:address range A19:A0.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
4
R
MX29LV160BT/BB
BLOCK DIAGRAM
CE OE WE RESET
CONTROL INPUT LOGIC
PROGRAM/ERASE HIGH VOLTAGE
WRITE STATE MACHINE (WSM)
STATE REGISTER FLASH ARRAY
ARRAY SOURCE HV
X-DECODER
ADDRESS LATCH
A0-A19
AND BUFFER
Y-PASS GATE
COMMAND DATA DECODER
Y-DECODER
SENSE AMPLIFIER
PGM DATA HV
COMMAND DATA LATCH
PROGRAM DATA LATCH
Q0-Q15/A-1
I/O BUFFER
P/N:PM1041
REV. 1.2, JUL. 01, 2004
5
R
MX29LV160BT/BB
dard microprocessor write timings. The device will automatically pre-program and verify the entire array. Then the device automatically times the erase pulse width, provides the erase verification, and counts the number of sequences. A status bit toggling between consecutive read cycles provides feedback to the user as to the status of the erasing operation. Register contents serve as inputs to an internal statemachine which controls the erase and programming circuitry. During write cycles, the command register internally latches address and data needed for the programming and erase operations. During a system write cycle, addresses are latched on the falling edge, and data are latched on the rising edge of WE or CE, whichever happens first. MXIC's Flash technology combines years of EPROM experience to produce the highest levels of quality, reliability, and cost effectiveness. The MX29LV160BT/BB electrically erases all bits simultaneously using FowlerNordheim tunneling. The bytes are programmed by using the EPROM programming mechanism of hot electron injection. During a program cycle, the state-machine will control the program sequences and command register will not respond to any command set. During a Sector Erase cycle, the command register will only respond to Erase Suspend command. After Erase Suspend is completed, the device stays in read mode. After the state machine has completed its task, it will allow the command register to respond to its full command set.
AUTOMATIC PROGRAMMING
The MX29LV160BT/BB is byte/word programmable using the Automatic Programming algorithm. The Automatic Programming algorithm makes the external system do not need to have time out sequence nor to verify the data programmed. The typical chip programming time at room temperature of the MX29LV160BT/BB is less than 18 sec (byte)/12 sec (word).
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm requires the user to only write program set-up commands (including 2 unlock write cycle and A0H) and a program command (program data and address). The device automatically times the programming pulse width, provides the program verification, and counts the number of sequences. A status bit similar to DATA polling and a status bit toggling between consecutive read cycles, provide feedback to the user as to the status of the programming operation. Refer to write operation status, table 7, for more information on these status bits.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 10 ms erase pulses according to MXIC's Automatic Chip Erase algorithm. Typical erasure at room temperature is accomplished in less than 25 second. The Automatic Erase algorithm automatically programs the entire array prior to electrical erase. The timing and verification of electrical erase are controlled internally within the device.
AUTOMATIC SELECT AUTOMATIC SECTOR ERASE
The MX29LV160BT/BB is sector(s) erasable using MXIC's Auto Sector Erase algorithm. The Automatic Sector Erase algorithm automatically programs the specified sector(s) prior to electrical erase. The timing and verification of electrical erase are controlled internally within the device. An erase operation can erase one sector, multiple sectors, or the entire device. The automatic select mode provides manufacturer and device identification, and sector protection verification, through identifier codes output on Q7~Q0. This mode is mainly adapted for programming equipment on the device to be programmed with its programming algorithm. When programming by high voltage method, automatic select mode requires VID (11.5V to 12.5V) on address pin A9. Other address pin A6, A1 and A0 as referring to Table 3. In addition, to access the automatic select codes in-system, the host can issue the automatic select command through the command register without requiring VID, as shown in table 5. To verify whether or not sector being protected, the sector address must appear on the appropriate highest orREV. 1.2, JUL. 01, 2004
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to write commands to the command register using stanP/N:PM1041
6
R
MX29LV160BT/BB
der address bit (see Table 1 and Table 2). The rest of address bits, as shown in Table 3, are don't care. Once all necessary bits have been set as required, the programming equipment may read the corresponding identifier code on Q7~Q0.
TABLE 3. MX29LV160BT/BB AUTO SELECT MODE BUS OPERATION (A9=VID)
A19 Description Mode CE OE WE RESET | A12 Read Silicon ID Manufacture Code Device ID (Top Boot Block) Device ID Word Byte Word L L L L L L L L H H H H H H H H X X X X X X X X VID VID VID VID X X X X L L L L X X X X L L L L H H H H 22C4H XXC4H 2249H XX49H XX01H Sector Protection Verification L L H H SA X VID X L X H L (protected) XX00H (unprotected) L L H H X A11 | A10 X VID A9 A8 | A7 X L A6 A5 | A2 X L L C2H A1 A0 Q15~Q0
(Bottom Boot Block) Byte
NOTE: SA=Sector Address, X=Don't Care, L=Logic Low, H=Logic High
P/N:PM1041
REV. 1.2, JUL. 01, 2004
7
R
MX29LV160BT/BB
The single cycle Query command is valid only when the device is in the Read mode, including Erase Suspend, Standby mode, and Automatic Select mode; however, it is ignored otherwise. The Reset command exits from the CFI mode to the Read mode, or Erase Suspend mode, or Automatic Select mode. The command is valid only when the device is in the CFI mode.
QUERY COMMAND AND COMMON FLASH INTERFACE (CFI) MODE
MX29LV160BT/BB is capable of operating in the CFI mode. This mode all the host system to determine the manufacturer of the device such as operating parameters and configuration. Two commands are required in CFI mode. Query command of CFI mode is placed first, then the Reset command exits CFI mode. These are described in Table 4.
Table 4-1. CFI mode: Identification Data Values
(All values in these tables are in hexadecimal) Description Address (Byte Mode) Query-unique ASCII string "QRY" 20 22 24 Primary vendor command set and control interface ID code 26 28 Address for primary algorithm extended query table 2A 2C Alternate vendor command set and control interface ID code (none) 2E 30 Address for secondary algorithm extended query table (none) 32 34 Address (Word Mode) 10 11 12 13 14 15 16 17 18 19 1A Data 0051 0052 0059 0002 0000 0040 0000 0000 0000 0000 0000
Table 4-2. CFI Mode: System Interface Data Values
(All values in these tables are in hexadecimal) Description Address (Byte Mode) VCC supply, minimum (2.7V) 36 VCC supply, maximum (3.6V) 38 VPP supply, minimum (none) 3A VPP supply, maximum (none) 3C N Typical timeout for single word/byte write (2 us) 3E N Typical timeout for Minimum size buffer write (2 us) (not supported) 40 Typical timeout for individual sector erase (2N ms) Typical timeout for full chip erase (2N ms) Maximum timeout for single word/byte write times (2N X Typ) Maximum timeout for buffer write times (2N X Typ) Maximum timeout for individual sector erase times (2N X Typ) Maximum timeout for full chip erase times (not supported)
P/N:PM1041
Address (Word Mode) 1B 1C 1D 1E 1F 20 21 22 23 24 25 26
Data 0027 0036 0000 0000 0004 0000 000A 0000 0005 0000 0004 0000
42 44 46 48 4A 4C
REV. 1.2, JUL. 01, 2004
8
R
MX29LV160BT/BB
Table 4-3. CFI Mode: Device Geometry Data Values
(All values in these tables are in hexadecimal) Description Device size (2N bytes) Flash device interface code (x8/x16 async.) Maximum number of bytes in multi-byte write (not supported) Number of erase sector regions Erase sector region 1 information (refer to the CFI publication 100) Address (Byte Mode) 4E 50 52 54 56 58 5A 5C 5E 60 62 64 66 68 6A 6C 6E 70 72 74 76 78 Address (Word Mode) 27 28 29 2A 2B 2C 2D 2E 2F 30 31 32 33 34 35 36 37 38 39 3A 3B 3C Data 0015 0002 0000 0000 0000 0004 0000 0000 0040 0000 0001 0000 0020 0000 0000 0000 0080 0000 001E 0000 0000 0001
Erase sector region 2 information
Erase sector region 3 information
Erase sector region 4 information
Table 4-4. CFI Mode: Primary Vendor-Specific Extended Query Data Values
(All values in these tables are in hexadecimal) Description Query-unique ASCII string "PRI" Address (Byte Mode) 80 82 84 86 88 8A 8C 8E 90 92 94 96 98 Address (Word Mode) 40 41 42 43 44 45 46 47 48 49 4A 4B 4C Data 0050 0052 0049 0031 0030 0000 0002 0001 0001 0004 0000 0000 0000
REV. 1.2, JUL. 01, 2004
Major version number, ASCII Minor version number, ASCII Address sensitive unlock (0=required, 1= not required) Erase suspend (2= to read and write) Sector protect (N= # of sectors/group) Temporary sector unprotect (1=supported) Sector protect/chip unprotect scheme Simultaneous R/W operation (0=not supported) Burst mode type (0=not supported) Page mode type (0=not supported)
P/N:PM1041
9
R
MX29LV160BT/BB
in the improper sequence will reset the device to the read mode. Table 5 defines the valid register command sequences. Note that the Erase Suspend (B0H) and Erase Resume (30H) commands are valid only while the Sector Erase operation is in progress.
COMMAND DEFINITIONS
Device operations are selected by writing specific address and data sequences into the command register. Writing incorrect address and data values or writing them
TABLE 5. MX29LV160BT/BB COMMAND DEFINITIONS
Command Bus First Bus Cycle Second Bus Cycle Third Bus Cycle Fourth Bus Cycle Data Fifth Bus Cycle Addr Sixth Bus Cycle Data Addr Data
Cycle Addr Reset Read Read Silicon ID Word Byte Sector Protect Verify Byte 4 Word 1 1 4 4 4
Data Addr
Data Addr
Data Addr
XXXH F0H RA RD 55H 55H 55H 555H AAAH 555H 90H ADI 90H ADI 90H (SA) x02H AAAH AAH 555H 55H AAAH 90H (SA) x04H DDI DDI XX00H XX01H 00H 01H PD PD 2AAH 55H 555H 55H 2AAH 55H 555H 55H 555H 10H AAAH 10H SA SA 30H 30H
555H AAH 2AAH AAAH AAH 555H 555H AAH 2AAH
Program
Word Byte
4 4 6 6 6 6 1 1 1
555H AAH 2AAH AAAH AAH 555H 555H AAH 2AAH AAAH AAH 555H 555H AAH 2AAH AAAH AAH 555H XXXH B0H XXXH 30H 55H AAH 98
55H 55H 55H 55H 55H 55H
555H AAAH 555H AAAH 555H AAAH
A0H PA A0H PA
Chip Erase
Word Byte
80H 555H AAH 80H AAAH AAH 80H 555H AAH 80H AAAH AAH
Sector Erase
Word Byte
Sector Erase Suspend Sector Erase Resume CFI Query Word Byte
Note: 1. ADI = Address of Device identifier; A1=0, A0 = 0 for manufacturer code,A1=0, A0 = 1 for device code. A2-A19=do not care. (Refer to table 3) DDI = Data of Device identifier : C2H for manufacture code, C4H/49H (x8) and 22C4H/2249H (x16) for device code. X = X can be VIL or VIH RA=Address of memory location to be read. RD=Data to be read at location RA. 2.PA = Address of memory location to be programmed. PD = Data to be programmed at location PA. SA = Address of the sector to be erased. 3.The system should generate the following address patterns: 555H or 2AAH to Address A10~A0 in word mode/AAAH or 555H to Address A10~A-1 in byte mode. Address bit A11~A19=X=Don't care for all address commands except for Program Address (PA) and Sector Address (SA). Write Sequence may be initiated with A11~A19 in either state. 4. For Sector Protect Verify operation: If read out data is 01H, it means the sector has been protected. If read out data is 00H, it means the sector is still not being protected. 5. Any number of CFI data read cycles are permitted.
P/N:PM1041 REV. 1.2, JUL. 01, 2004
10
R
MX29LV160BT/BB
TABLE 6. MX29LV160BT/BB BUS OPERATION
ADDRESS DESCRIPTION Read CE L OE WE RESET A19 A11 A9 A8 A6 A5 A1 A0 A12 A10 L H H A7 AIN A2 Dout Q0~Q7 Q8~Q15 BYTE =VIH Dout BYTE =VIL Q8~Q14 =High Z Q15=A-1 Write Reset Temporary sector unlock Output Disable Standby Sector Protect Chip Unprotect Sector Protection Verify L X X L Vcc 0.3V L L L H H L L L H H X X H X L X X H X H L VID H Vcc 0.3V VID VID H SA X SA X X X X X X L H L X X X H H H L L L DIN DIN CODE(5) X X X X X X AIN X AIN X X DIN(3) High Z DIN High Z High Z DIN High Z DIN High Z High Z High Z High Z High Z High Z
X VID X
NOTES: 1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 4. 2. VID is the high voltage, 11.5V to 12.5V. 3. Refer to Table 5 for valid Data-In during a write operation. 4. X can be VIL or VIH. 5. Code=00H/XX00H means unprotected. Code=01H/XX01H means protected. 6. A19~A12=Sector address for sector protect. 7. The sector protect and chip unprotect functions may also be implemented via programming equipment.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
11
R
MX29LV160BT/BB
tive current specification for the write mode. The "AC Characteristics" section contains timing specification table and timing diagrams for write operations.
REQUIREMENTS FOR READING ARRAY DATA
To read array data from the outputs, the system must drive the CE and OE pins to VIL. CE is the power control and selects the device. OE is the output control and gates array data to the output pins. WE should remain at VIH. The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory content occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid address on the device address inputs produce valid data on the device data outputs. The device remains enabled for read access until the command register contents are altered.
STANDBY MODE
When using both pins of CE and RESET, the device enter CMOS Standby with both pins held at Vcc 0.3V. If CE and RESET are held at VIH, but not within the range of VCC 0.3V, the device will still be in the standby mode, but the standby current will be larger. During Auto Algorithm operation, Vcc active current (ICC2) is required even CE = "H" until the operation is completed. The device can be read with standard access time (tCE) from either of these standby modes, before it is ready to read data.
OUTPUT DISABLE WRITE COMMANDS/COMMAND SEQUENCES
To program data to the device or erase sectors of memory, the system must drive WE and CE to VIL, and OE to VIH. An erase operation can erase one sector, multiple sectors, or the entire device. Table 1 and Table 2 indicate the address space that each sector occupies. A "sector address" consists of the address bits required to uniquely select a sector. The Writing specific address and data commands or sequences into the command register initiates device operations. Table 5 defines the valid register command sequences. Writing incorrect address and data values or writing them in the improper sequence resets the device to reading array data. Section has details on erasing a sector or the entire chip, or suspending/resuming the erase operation. After the system writes the "read silicon-ID" and "sector protect verify" command sequence, the device enters the "read silicon-ID" and "sector protect verify" mode. The system can then read "read silicon-ID" and "sector protect verify" codes from the internal register (which is separate from the memory array) on Q7-Q0. Standard read cycle timings apply in this mode. Refer to the "read silicon-ID" and "sector protect verify" Mode and "read silicon-ID" and "sector protect verify" Command Sequence section for more information. ICC2 in the DC Characteristics table represents the acWith the OE input at a logic high level (VIH), output from the devices are disabled. This will cause the output pins to be in a high impedance state.
RESET OPERATION
The RESET pin provides a hardware method of resetting the device to reading array data. When the RESET pin is driven low for at least a period of tRP, the device immediately terminates any operation in progress, tristates all output pins, and ignores all read/write commands for the duration of the RESET pulse. The device also resets the internal state machine to reading array data. The operation that was interrupted should be reinitiated once the device is ready to accept another command sequence, to ensure data integrity. Current is reduced for the duration of the RESET pulse. When RESET is held at VSS0.3V, the device draws CMOS standby current (ICC4). If RESET is held at VIL but not within VSS0.3V, the standby current will be greater. The RESET pin may be tied to system reset circuitry. A system reset would that also reset the Flash memory, enabling the system to read the boot-up firmware from the Flash memory. If RESET is asserted during a program or erase opera-
P/N:PM1041
REV. 1.2, JUL. 01, 2004
12
R
MX29LV160BT/BB
AUTOMATIC CHIP ERASE COMMANDS
Chip erase is a six-bus cycle operation. There are two "unlock" write cycles. These are followed by writing the "set-up" command 80H. Two more "unlock" write cycles are then followed by the chip erase command 10H. The device does not require the system to entirely preprogram prior to executing the Automatic Chip Erase. Upon executing the Automatic Chip Erase, the device will automatically program and verify the entire memory for an all-zero data pattern. When the device is automatically verified to contain an all-zero pattern, a selftimed chip erase and verify begin. The erase and verify operations are completed when the data on Q7 is "1" at which time the device returns to the Read mode. The system is not required to provide any control or timing during these operations. When using the Automatic Chip Erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array (no erase verification command is required). If the Erase operation was unsuccessful, the data on Q5 is "1" (see Table 8), indicating the erase operation exceed internal timing limit. The automatic erase begins on the rising edge of the last WE or CE pulse, whichever happens first in the command sequence and terminates when either the data on Q7 is "1" at which time the device returns to the Read mode or the data on Q6 stops toggling for two consecutive read cycles at which time the device returns to the Read mode.
tion, the RY/BY pin remains a "0" (busy) until the internal reset operation is complete, which requires a time of tREADY (during Embedded Algorithms). The system can thus monitor RY/BY to determine whether the reset operation is complete. If RESET is asserted when a program or erase operation is completed within a time of tREADY (not during Embedded Algorithms). The system can read data tRH after the RESET pin returns to VIH. Refer to the AC Characteristics tables for RESET parameters and to Figure 22 for the timing diagram.
READ/RESET COMMAND
The read or reset operation is initiated by writing the read/reset command sequence into the command register. Microprocessor read cycles retrieve array data. The device remains enabled for reads until the command register contents are altered. If program-fail or erase-fail happen, the write of F0H will reset the device to abort the operation. A valid command must then be written to place the device in the desired state.
SILICON-ID READ COMMAND
Flash memories are intended for use in applications where the local CPU alters memory contents. As such, manufacturer and device codes must be accessible while the device resides in the target system. PROM programmers typically access signature codes by raising A9 to a high voltage (VID). However, multiplexing high voltage onto address lines is not generally desired system design practice. The MX29LV160BT/BB contains a Silicon-ID-Read operation to supple traditional PROM programming methodology. The operation is initiated by writing the read silicon ID command sequence into the command register. Following the command write, a read cycle with A1=VIL, A0=VIL retrieves the manufacturer code of C2H/ 00C2H. A read cycle with A1=VIL, A0=VIH returns the device code of C4H/22C4H for MX29LV160BT, 49H/ 2249H for MX29LV160BB. The system must write the reset command to exit the "Silicon-ID Read Command" code.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
13
R
MX29LV160BT/BB
TABLE 7. SILICON ID CODE
Pins Manufacturer code Word Byte Device code for MX29LV160BT Device code for MX29LV160BB Sector Protection Verification Word Byte Word Byte Word Byte A0 VIL VIL VIH VIH VIH VIH X X A1 VIL VIL VIL VIL VIL VIL VIH VIH Q15~Q8 Q7 00H X 22H X 22H X X X 1 1 1 1 0 0 0 0 Q6 1 1 1 1 1 1 0 0 Q5 0 0 0 0 0 0 0 0 Q4 0 0 0 0 0 0 0 0 Q3 0 0 0 0 1 1 0 0 Q2 Q1 0 0 1 1 0 0 0 0 1 1 0 0 0 0 0 0 Q0 0 0 0 0 1 1 1 0 Code(Hex) 00C2H C2H 22C4H C4H 2249H 49H 01H (Protected) 00H (Unprotected)
READING ARRAY DATA
The device is automatically set to reading array data after device power-up. No commands are required to retrieve data. The device is also ready to read array data after completing an Automatic Program or Automatic Erase algorithm. After the device accepts an Erase Suspend command, the device enters the Erase Suspend mode. The system can read array data using the standard read timings, except that if it reads at an address within erasesuspended sectors, the device outputs status data. After completing a programming operation in the Erase Suspend mode, the system may once again read array data with the same exception. See erase Suspend/Erase Resume Commands" for more information on this mode. The system must issue the reset command to re-enable the device for reading array data if Q5 goes high, or while in the "read silicon-ID" and "sector protect verify" mode. See the "Reset Command" section, next.
RESET COMMAND
Writing the reset command to the device resets the device to reading array data. Address bits are don't care for this command. The reset command may be written between the sequence cycles in an erase command sequence before erasing begins. This resets the device to reading array data. Once erasure begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in a program command sequence before programming begins. This resets the device to reading array data (also applies to programming in Erase Suspend mode). Once programming begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in an Automatic Select command sequence. Once in the Automatic Select mode, the reset command must be written to return to reading array data (also applies to Automatic Select during Erase Suspend). If Q5 goes high during a program or erase operation, writing the reset command returns the device to reading array data (also applies during Erase Suspend).
P/N:PM1041
REV. 1.2, JUL. 01, 2004
14
R
MX29LV160BT/BB
mand is issued during the sector erase operation, the device requires a maximum 20us to suspend the sector erase operation. However, when the Erase Suspend command is written during the sector erase time-out, the device immediately terminates the time-out period and suspends the erase operation. After this command has been executed, the command register will initiate erase suspend mode. The state machine will return to read mode automatically after suspend is ready. At this time, state machine only allows the command register to respond to Erase Resume, program data to , or read data from any sector not selected for erasure. The system can use Q7 or Q6 and Q2 together, to determine if a sector is actively erasing or is erase-suspend. The system can determine the status of the program operation using the Q7 or Q6 status bits, just as in the standard program operation. After an erase-suspend program operation is complete, the system can once again read array data within non-suspended sectors.
SECTOR ERASE COMMANDS
The device does not require the system to entirely preprogram prior to executing the Automatic Sector Erase Set-up command and Automatic Sector Erase command. Upon executing the Automatic Sector Erase command, the device will automatically program and verify the sector(s) memory for an all-zero data pattern. The system is not required to provide any control or timing during these operations. When the sector(s) is automatically verified to contain an all-zero pattern, a self-timed sector erase and verify begin. The erase and verify operations are complete when either the data on Q7 is "1" at which time the device returns to the Read mode or the data on Q6 stops toggling for two consecutive read cycles at which time the device returns to the Read mode. The system is not required to provide any control or timing during these operations. When using the Automatic Sector Erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array (no erase verification command is required). Sector erase is a six-bus cycle operation. There are two "unlock" write cycles. These are followed by writing the set-up command 80H. Two more "unlock" write cycles are then followed by the sector erase command 30H. The sector address is latched on the falling edge of WE or CE, whichever happens later, while the command (data) is latched on the rising edge of WE or CE, whichever happens first. Sector addresses selected are loaded into internal register on the sixth falling edge of WE or CE, whichever happens later. Each successive sector load cycle started by the falling edge of WE or CE, whichever happens later must begin within 50us from the rising edge of the preceding WE or CE, whichever happens first. Otherwise, the loading period ends and internal auto sector erase cycle starts. (Monitor Q3 to determine if the sector erase timer window is still open, see section Q3, Sector Erase Timer.) Any command other than Sector Erase (30H) or Erase Suspend (B0H) during the time-out period resets the device to read mode.
ERASE RESUME
This command will cause the command register to clear the suspend state and return back to Sector Erase mode but only if an Erase Suspend command was previously issued. Erase Resume will not have any effect in all other conditions. Another Erase Suspend command can be written after the chip has resumed erasing. However, for MX29LV160BT/BB, a 10ms time delay must be required after the erase resume command, if the system implements a endless erase suspend/resume loop, or the number of erase suspend/resume is exceeded 1024 times. The erase times will be expended if the erase behavior always be suspended. (Please refer to MXIC Flash Application Note for details.) Please note that the above 10ms time delay is not necessary for MX29LV160BT/BB.
WORD/BYTE PROGRAM COMMAND SEQUENCE
The device programs one byte of data for each program operation. The command sequence requires four bus cycles, and is initiated by writing two unlock write cycles, followed by the program set-up command. The program address and data are written next, which in turn initiate the Embedded Program algorithm. The system is not required to provide further controls or timings. The device automatically generates the program pulses and verifies the programmed cell margin. Table 5 shows the address
ERASE SUSPEND
This command only has meaning while the state machine is executing Automatic Sector Erase operation, and therefore will only be responded during Automatic Sector Erase operation. When the Erase Suspend Com-
P/N:PM1041
REV. 1.2, JUL. 01, 2004
15
R
MX29LV160BT/BB
address to read valid status information on Q7. If a program address falls within a protected sector, Data Polling on Q7 is active for approximately 1 us, then the device returns to reading array data. During the Automatic Erase algorithm, Data Polling produces a "0" on Q7. When the Automatic Erase algorithm is complete, or if the device enters the Erase Suspend mode, Data Polling produces a "1" on Q7. This is analogous to the complement/true datum output described for the Automatic Program algorithm: the erase function changes all the bits in a sector to "1" prior to this, the device outputs the "complement," or "0"." The system must provide an address within any of the sectors selected for erasure to read valid status information on Q7. After an erase command sequence is written, if all sectors selected for erasing are protected, Data Polling on Q7 is active for approximately 100 us, then the device returns to reading array data. If not all selected sectors are protected, the Automatic Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. When the system detects Q7 has changed from the complement to true data, it can read valid data at Q7-Q0 on the following read cycles. This is because Q7 may change asynchronously with Q0-Q6 while Output Enable (OE) is asserted low.
and data requirements for the byte program command sequence. When the Embedded Program algorithm is complete, the device then returns to reading array data and addresses are no longer latched. The system can determine the status of the program operation by using Q7, Q6, or RY/BY. See "Write Operation Status" for information on these status bits. Any commands written to the device during the Embedded Program Algorithm are ignored. Note that a hardware reset immediately terminates the programming operation. The Byte/Word Program command sequence should be reinitiated once the device has reset to reading array data, to ensure data integrity. Programming is allowed in any sequence and across sector boundaries. A bit cannot be programmed from a "0" back to a "1". Attempting to do so may cause the device to set Q5 to "1", or cause the Data Polling algorithm to indicate the operation was successful. However, a succeeding read will show that the data is still "0". Only erase operations can convert a "0" to a "1".
WRITE OPERATION STATUS
The device provides several bits to determine the status of a write operation: Q2, Q3, Q5, Q6, Q7, and RY/ BY. Table 8 and the following subsections describe the functions of these bits. Q7, RY/BY, and Q6 each offer a method for determining whether a program or erase operation is complete or in progress. These three bits are discussed first.
RY/BY : Ready/Busy
The RY/BY is a dedicated, open-drain output pin that indicates whether an Automatic Erase/Program algorithm is in progress or complete. The RY/BY status is valid after the rising edge of the final WE or CE, whichever happens first, in the command sequence. Since RY/BY is an open-drain output, several RY/BY pins can be tied together in parallel with a pull-up resistor to Vcc. If the output is low (Busy), the device is actively erasing or programming. (This includes programming in the Erase Suspend mode.) If the output is high (Ready), the device is ready to read array data (including during the Erase Suspend mode), or is in the standby mode. Table 8 shows the outputs for RY/BY during write operation.
Q7: Data Polling
The Data Polling bit, Q7, indicates to the host system whether an Automatic Algorithm is in progress or completed, or whether the device is in Erase Suspend. Data Polling is valid after the rising edge of the final WE pulse in the program or erase command sequence. During the Automatic Program algorithm, the device outputs on Q7 the complement of the datum programmed to Q7. This Q7 status also applies to programming during Erase Suspend. When the Automatic Program algorithm is complete, the device outputs the datum programmed to Q7. The system must provide the program
P/N:PM1041
REV. 1.2, JUL. 01, 2004
16
R
MX29LV160BT/BB
happens first, in the command sequence. Q2 toggles when the system reads at addresses within those sectors that have been selected for erasure. (The system may use either OE or CE to control the read cycles.) But Q2 cannot distinguish whether the sector is actively erasing or is erase-suspended. Q6, by comparison, indicates whether the device is actively erasing, or is in Erase Suspend, but cannot distinguish which sectors are selected for erasure. Thus, both status bits are required for sectors and mode information. Refer to Table 7 to compare outputs for Q2 and Q6.
Q6:Toggle BIT I
Toggle Bit I on Q6 indicates whether an Automatic Program or Erase algorithm is in progress or complete, or whether the device has entered the Erase Suspend mode. Toggle Bit I may be read at any address, and is valid after the rising edge of the final WE or CE, whichever happens first, in the command sequence (prior to the program or erase operation), and during the sector timeout. During an Automatic Program or Erase algorithm operation, successive read cycles to any address cause Q6 to toggle. The system may use either OE or CE to control the read cycles. When the operation is complete, Q6 stops toggling. After an erase command sequence is written, if all sectors selected for erasing are protected, Q6 toggles and returns to reading array data. If not all selected sectors are protected, the Automatic Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. The system can use Q6 and Q2 together to determine whether a sector is actively erasing or is erase suspended. When the device is actively erasing (that is, the Automatic Erase algorithm is in progress), Q6 toggling. When the device enters the Erase Suspend mode, Q6 stops toggling. However, the system must also use Q2 to determine which sectors are erasing or erase-suspended. Alternatively, the system can use Q7. If a program address falls within a protected sector, Q6 toggles for approximately 2 us after the program command sequence is written, then returns to reading array data. Q6 also toggles during the erase-suspend-program mode, and stops toggling once the Automatic Program algorithm is complete. Table 8 shows the outputs for Toggle Bit I on Q6.
Reading Toggle Bits Q6/ Q2
Whenever the system initially begins reading toggle bit status, it must read Q7-Q0 at least twice in a row to determine whether a toggle bit is toggling. Typically, the system would note and store the value of the toggle bit after the first read. After the second read, the system would compare the new value of the toggle bit with the first. If the toggle bit is not toggling, the device has completed the program or erase operation. The system can read array data on Q7-Q0 on the following read cycle. However, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the system also should note whether the value of Q5 is high (see the section on Q5). If it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as Q5 went high. If the toggle bit is no longer toggling, the device has successfully completed the program or erase operation. If it is still toggling, the device did not complete the operation successfully, and the system must write the reset command to return to reading array data. The remaining scenario is that system initially determines that the toggle bit is toggling and Q5 has not gone high. The system may continue to monitor the toggle bit and Q5 through successive read cycles, determining the status as described in the previous paragraph. Alternatively, it may choose to perform other system tasks. In this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation.
Q2:Toggle Bit II
The "Toggle Bit II" on Q2, when used with Q6, indicates whether a particular sector is actively erasing (that is, the Automatic Erase algorithm is in process), or whether that sector is erase-suspended. Toggle Bit II is valid after the rising edge of the final WE or CE, whichever
P/N:PM1041
Q5 : Exceeded Timing Limits
Q5 will indicate if the program or erase time has exREV. 1.2, JUL. 01, 2004
17
R
MX29LV160BT/BB
If this time-out condition occurs during the chip erase operation, it specifies that the entire chip is bad or combination of sectors are bad. If this time-out condition occurs during the byte/word programming operation, it specifies that the entire sector containing that byte/word is bad and this sector may not be reused, (other sectors are still functional and can be reused). The time-out condition will not appear if a user tries to program a non blank location without erasing. Please note that this is not a device failure condition since the device was incorrectly used.
ceeded the specified limits (internal pulse count). Under these conditions Q5 will produce a "1". This time-out condition indicates that the program or erase cycle was not successfully completed. Data Polling and Toggle Bit are the only operating functions of the device under this condition. If this time-out condition occurs during sector erase operation, it specifies that a particular sector is bad and it may not be reused. However, other sectors are still functional and may be used for the program or erase operation. The device must be reset to use other sectors. Write the Reset command sequence to the device, and then execute program or erase command sequence. This allows the system to continue to use the other active sectors in the device.
Table 8. WRITE OPERATION STATUS
Status Byte/Word Program in Auto Program Algorithm Auto Erase Algorithm Erase Suspend Read (Erase Suspended Sector) In Progress Erase Suspended Mode Erase Suspend Read (Non-Erase Suspended Sector) Erase Suspend Program Byte/Word Program in Auto Program Algorithm Exceeded Time Limits Auto Erase Algorithm Erase Suspend Program Data Q7 Q7 0 Q7 Data Toggle Toggle Toggle Toggle Data Data Data 0 1 1 1 N/A N/A 1 N/A N/A No Toggle Toggle N/A 1 0 0 0 0 Q7 (Note1) Q7 0 1 Q6 Toggle Toggle No Toggle Q5 Q3 (Note2) 0 0 0 N/A 1 Q2 No Toggle Toggle RY/BY 0 0 1
N/A Toggle
Note: 1. Q7 and Q2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 2. Q5 switches to '1' when an Auto Program or Auto Erase operation has exceeded the maximum timing limits. See "Q5: Exceeded Timing Limits " for more information.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
18
R
MX29LV160BT/BB
POWER SUPPLY DECOUPLING In order to reduce power switching effect, each device should have a 0.1uF ceramic capacitor connected between its VCC and GND.
Q3 Sector Erase Timer
After the completion of the initial sector erase command sequence, the sector erase time-out will begin. Q3 will remain low until the time-out is complete. Data Polling and Toggle Bit are valid after the initial sector erase command sequence. If Data Polling or the Toggle Bit indicates the device has been written with a valid erase command, Q3 may be used to determine if the sector erase timer window is still open. If Q3 is high ("1") the internally controlled erase cycle has begun; attempts to write subsequent commands to the device will be ignored until the erase operation is completed as indicated by Data Polling or Toggle Bit. If Q3 is low ("0"), the device will accept additional sector erase commands. To insure the command has been accepted, the system software should check the status of Q3 prior to and following each subsequent sector erase command. If Q3 were high on the second status check, the command may not have been accepted.
POWER-UP SEQUENCE
The MX29LV160BT/BB powers up in the Read only mode. In addition, the memory contents may only be altered after successful completion of the predefined command sequences.
TEMPORARY SECTOR UNPROTECT
This feature allows temporary unprotection of previously protected sector to change data in-system. The Temporary Sector Unprotect mode is activated by setting the RESET pin to VID (11.5V-12.5V). During this mode, formerly protected sectors can be programmed or erased as un-protected sector. Once VID is remove from the RESET pin. All the previously protected sectors are protected again.
DATA PROTECTION
The MX29LV160BT/BB is designed to offer protection against accidental erasure or programming caused by spurious system level signals that may exist during power transition. During power up the device automatically resets the state machine in the Read mode. In addition, with its control register architecture, alteration of the memory contents only occurs after successful completion of specific command sequences. The device also incorporates several features to prevent inadvertent write cycles resulting from VCC power-up and power-down transition or system noise.
SECTOR PROTECTION
The MX29LV160BT/BB features hardware sector protection. This feature will disable both program and erase operations for these sectors protected. To activate this mode, the programming equipment must force VID on address pin A9 and OE (suggest VID = 12V). Programming of the protection circuitry begins on the falling edge of the WE pulse and is terminated on the rising edge. Please refer to sector protect algorithm and waveform. To verify programming of the protection circuitry, the programming equipment must force VID on address pin A9 ( with CE and OE at VIL and WE at VIH). When A1=VIH, A0=VIL, A6=VIL, it will produce a logical "1" code at device output Q0 for a protected sector. Otherwise the device will produce 00H for the unprotected sector. In this mode, the addresses, except for A1, are don't care. Address locations with A1 = VIL are reserved to read manufacturer and device codes. (Read Silicon ID) It is also possible to determine if the sector is protected in the system by writing a Read Silicon ID command. Performing a read operation with A1=VIH, it will produce a logical "1" at Q0 for the protected sector.
REV. 1.2, JUL. 01, 2004
WRITE PULSE "GLITCH" PROTECTION
Noise pulses of less than 5ns (typical) on OE, CE or WE will not initiate a write cycle.
LOGICAL INHIBIT
Writing is inhibited by holding any one of OE = VIL, CE = VIH or WE = VIH. To initiate a write cycle CE and WE must be a logical zero while OE is a logical one.
P/N:PM1041
19
R
MX29LV160BT/BB
The system must write the reset command to exit the "Silicon-ID Read Command" code.
CHIP UNPROTECT
The MX29LV160BT/BB also features the chip unprotect mode, so that all sectors are unprotected after chip unprotect is completed to incorporate any changes in the code. It is recommended to protect all sectors before activating chip unprotect mode. To activate this mode, the programming equipment must force VID on control pin OE and address pin A9. The CE pins must be set at VIL. Pins A6 must be set to VIH. Refer to chip unprotect algorithm and waveform for the chip unprotect algorithm. The unprotection mechanism begins on the falling edge of the WE pulse and is terminated on the rising edge. It is also possible to determine if the chip is unprotected in the system by writing the Read Silicon ID command. Performing a read operation with A1=VIH, it will produce 00H at data outputs(Q0-Q7) for an unprotected sector. It is noted that all sectors are unprotected after the chip unprotect algorithm is completed.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
20
R
MX29LV160BT/BB
OPERATING RATINGS
Commercial (C) Devices Ambient Temperature (TA ). . . . . . . . . . . . 0 C to +70 C Industrial (I) Devices Ambient Temperature (TA ). . . . . . . . . . -40 C to +85 C VCC Supply Voltages VCC for full voltage range. . . . . . . . . . . +2.7 V to 3.6 V
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Plastic Packages . . . . . . . . . . . . . ..... -65oC to +150oC Ambient Temperature with Power Applied. . . . . . . . . . . . . .... -65oC to +125oC Voltage with Respect to Ground VCC (Note 1) . . . . . . . . . . . . . . . . . -0.5 V to +4.0 V A9, OE, and RESET (Note 2) . . . . . . . . . . . ....-0.5 V to +12.5 V All other pins (Note 1) . . . . . . . -0.5 V to VCC +0.5 V Output Short Circuit Current (Note 3) . . . . . . 200 mA Notes: 1. Minimum DC voltage on input or I/O pins is -0.5 V. During voltage transitions, input or I/O pins may overshoot VSS to -2.0 V for periods of up to 20 ns. Maximum DC voltage on input or I/O pins is VCC +0.5 V. During voltage transitions, input or I/O pins may overshoot to VCC +2.0 V for periods up to 20 ns. 2. Minimum DC input voltage on pins A9, OE, and RESET is -0.5 V. During voltage transitions, A9, OE, and RESET may overshoot VSS to -2.0 V for periods of up to 20 ns. Maximum DC input voltage on pin A9 is +12.5 V which may overshoot to 14.0 V for periods up to 20 ns. 3. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
Operating ranges define those limits between which the functionality of the device is guaranteed.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
21
R
MX29LV160BT/BB
CAPACITANCE TA = 25oC, f = 1.0 MHz
SYMBOL CIN1 CIN2 COUT PARAMETER Input Capacitance Control Pin Capacitance Output Capacitance MIN. TYP 6 7.5 8.5 MAX. 7.5 9 12 UNIT pF pF pF CONDITIONS VIN = 0V VIN = 0V VOUT = 0V
Table 9. DC CHARACTERISTICS
Symbol ILI ILIT ILO ICC1 PARAMETER Input Leakage Current A9 Input Leakage Current Output Leakage Current VCC Active Read Current
TA = -40oC TO 85oC, VCC = 2.7V~3.6V
MIN. TYP MAX. 1 35 1 9 2 9 2 16 4 16 4 30 5 5 UNIT uA uA uA mA mA mA mA mA uA uA CONDITIONS VIN = VSS to VCC, VCC=VCC max VCC=VCC max; A9=12.5V VOUT = VSS to VCC, VCC=VCC max CE=VIL, OE=VIH (Byte Mode) CE=VIL, OE=VIH (Word Mode) @5MHz @1MHz @5MHz @1MHz
ICC2 ICC3 ICC4
VCC Active write Current VCC Standby Current VCC Standby Current During Reset (See Conditions)
20 0.2 0.2
CE=VIL, OE=VIH, WE=VIL CE; RESET=VCC 0.3V RESET=VSS 0.3V VIH=VCC 0.3V;VIL=VSS 0.3V
ICC5 VIL VIH VID
Automatic sleep mode Input Low Voltage (Note 1) Input High Voltage Voltage for Automatic Select and Temporary Sector Unprotect 11.5 -0.5 0.7xVCC
0.2
5 0.8 VCC+ 0.3
uA V V
12.5
V
VCC=3.3V
VOL VOH1 VOH2
Output Low Voltage Output High Voltage (TTL) Output High Voltage (CMOS) 0.85xVCC VCC-0.4
0.45
V
IOL = 4.0mA, VCC= VCC min IOH = -2mA, VCC=VCC min IOH = -100uA, VCC min
VLKO
Low VCC Lock-out Voltage
1.4
2.1
V
NOTES: 1. VIL min. = -1.0V for pulse width is equal to or less than 50 ns. VIL min. = -2.0V for pulse width is equal to or less than 20 ns. 2. VIH max. = VCC + 1.5V for pulse width is equal to or less than 20 ns If VIH is over the specified maximum value, read operation cannot be guaranteed. 3. Automatic sleep mode enable the low power mode when addresses remain stable for tACC +30ns.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
22
R
MX29LV160BT/BB
TA = -40oC to 85oC, VCC = 2.7V~3.6V
AC CHARACTERISTICS
Table 10. READ OPERATIONS
29LV160BT/BB-70 Symbol PARAMETER tRC tACC tCE tOE tDF tOEH Read Cycle Time (Note 1) Address to Output Delay CE to Output Delay OE to Output Delay OE High to Output Float (Note2) Output Enable Read Hold Time tOH 0 0 MIN. 70 70 70 30 25 0 0 10 0 MAX. 29LV160BT/BB-90 MIN. 90 90 90 30 25 MAX. UNIT ns ns ns ns ns ns ns ns CE=OE=VIL CE=OE=VIL OE=VIL CE=VIL CE=VIL CONDITIONS
Toggle and Data Polling 10 0
Address to Output hold
TEST CONDITIONS:
* Input pulse levels: 0V/3.0V. * Input rise and fall times is equal to or less than 5ns. * Output load: 1 TTL gate + 100pF (Including scope and jig) for 29LV160BT/BB-90, 1 TTL gate + 30pF (Including scope and jig) for 29LV160BT/BB-70. * Reference levels for measuring timing: 1.5V.
NOTE:
1. Not 100% tested. 2. tDF is defined as the time at which the output achieves the open circuit condition and data is no longer driven.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
23
R
MX29LV160BT/BB
SWITCHING TEST CIRCUITS
DEVICE UNDER TEST
2.7K ohm +3.3V
CL
6.2K ohm
DIODES=IN3064 OR EQUIVALENT
CL=100pF Including jig capacitance for MX29LV160BT/BB-90 CL=30pF Including jig capacitance for MX29LV160BT/BB-70
SWITCHING TEST WAVEFORMS
3.0V TEST POINTS 0V INPUT
OUTPUT
AC TESTING: Inputs are driven at 3.0V for a logic "1" and 0V for a logic "0". Input pulse rise and fall times are < 5ns.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
24
R
MX29LV160BT/BB
Figure 1. READ TIMING WAVEFORMS
tRC VIH
Addresses
VIL
ADD Valid
tACC tCE
CE
VIH VIL
WE
VIH VIL tOEH VIH
tOE
tDF
OE
VIL tACC tOH
Outputs
VOH VOL
HIGH Z
DATA Valid
HIGH Z
VIH
RESET
VIL
P/N:PM1041
REV. 1.2, JUL. 01, 2004
25
R
MX29LV160BT/BB
TA = -40oC to 85oC, VCC = 2.7V~3.6V
AC CHARACTERISTICS
Table 11. Erase/Program Operations
29LV160BT/BB-70 SYMBOL tWC tAS tAH tDS tDH tOES tGHWL tCS tCH tWP tWPH tWHWH1 tWHWH2 tVCS tRB tBUSY PARAMETER Write Cycle Time (Note 1) Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read Recovery Time Before Write (OE High to WE Low) CE Setup Time CE Hold Time Write Pulse Width Write Pulse Width High Programming Operation (Note 2) (Byte/Word program time) Sector Erase Operation (Note 2) VCC Setup Time (Note 1) Recovery Time from RY/BY Sector Erase Valid to RY/BY Delay Chip Erase Valid to RY/BY Delay Program Valid to RY/BY Delay tWPP1 tWPP2 tVLHT tOESP
NOTES:
29LV160BT/BB-90 MIN. 90 0 45 45 0 0 0 0 0 35 30 9/11(typ.) 0.7(typ.) 50 0 MAX. UNIT ns ns ns ns ns ns ns ns ns ns ns us sec us ns 90 90 90 ns ns ns
MIN. 70 0 45 35 0 0 0 0 0 35 30 9/11(typ.) 0.7(typ.) 50 0
MAX.
90 90 90 100ns 100ns 4 4 10us(typ.) 100ns 12ms(typ.) 100ns 4 4
Write pulse width for sector protect (A9, OE Control) Write pulse width for sector unprotect (A9, OE Control) Voltage transition time OE setup time to WE active
10us(typ.) 12ms(typ.) us us
1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more information.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
26
R
MX29LV160BT/BB
TA = -40oC to 85oC, VCC = 2.7V~3.6V
AC CHARACTERISTICS
Table 12. Alternate CE Controlled Erase/Program Operations
29LV160BT/BB-70 SYMBOL tWC tAS tAH tDS tDH tOES tGHEL tWS tWH tCP tCPH tWHWH1 tWHWH2
NOTE:
29LV160BT/BB-90 MIN. 90 0 45 45 0 0 0 0 0 35 30 9(Typ.) 11(Typ.) 0.7(Typ.) MAX. UNIT ns ns ns ns ns ns ns ns ns ns ns us us sec
PARAMETER Write Cycle Time (Note 1) Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read Recovery Time Before Write WE Setup Time WE Hold Time CE Pulse Width CE Pulse Width High Programming Operation(note2) Byte Word
MIN. 70 0 45 35 0 0 0 0 0 35 30 9(Typ.) 11(Typ.) 0.7(Typ.)
MAX.
Sector Erase Operation (note2)
1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more information.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
27
R
MX29LV160BT/BB
Figure 2. COMMAND WRITE TIMING WAVEFORM
VCC
3V
Addresses
VIH
ADD Valid
VIL tAS tAH
WE
VIH VIL tOES tWPH tCWC
tWP
CE
VIH VIL tCS tCH
OE
VIH VIL VIH tDS tDH
Data
VIL
DIN
P/N:PM1041
REV. 1.2, JUL. 01, 2004
28
R
MX29LV160BT/BB
AUTOMATIC PROGRAMMING TIMING WAVEFORM
One byte data is programmed. Verify in fast algorithm and additional verification by external control are not required because these operations are executed automatically by internal control circuit. Programming completion can be verified by DATA polling or toggle bit checking after automatic programming starts. Device outputs DATA during programming and DATA after programming on Q7.(Q6 is for toggle bit; see toggle bit, DATA polling, timing waveform)
Figure 3. AUTOMATIC PROGRAMMING TIMING WAVEFORM
Program Command Sequence(last two cycle)
tWC tAS
Read Status Data (last two cycle)
Address
555h
PA
tAH
PA
PA
CE
tCH tGHWL
OE
tWP
tWHWH1
WE
tCS tDS tDH
tWPH
A0h Data
PD
Status
DOUT
tBUSY
tRB
RY/BY
tVCS
VCC
NOTES: 1.PA=Program Address, PD=Program Data, DOUT is the true data the program address
P/N:PM1041
REV. 1.2, JUL. 01, 2004
29
R
MX29LV160BT/BB
Figure 4. AUTOMATIC PROGRAMMING ALGORITHM FLOWCHART
START
Write Data AAH
Write Data 55H
Write Data A0H
Write Program Data/Address
Increment Address
Data Poll from system
No
Verify Data Ok ?
YES
No Last Address ?
YES
Auto Program Completed
P/N:PM1041
REV. 1.2, JUL. 01, 2004
30
R
MX29LV160BT/BB
Figure 5. CE CONTROLLED WRITE TIMING WAVEFORM
PA for program SA for sector erase 555 for chip erase
555 for program 2AA for erase
Data Polling Address
tWC tWH tAS tAH
PA
WE
tGHEL
OE
tCP tWHWH1 or 2
CE
tWS tDS tDH
tCPH tBUSY
Q7 Data
tRH A0 for program 55 for erase PD for program 30 for sector erase 10 for chip erase
DOUT
RESET
RY/BY
NOTES: 1.PA=Program Address, PD=Program Data, DOUT=Data Out, Q7=complement of data written to device. 2.Figure indicates the last two bus cycles of the command sequence.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
31
R
MX29LV160BT/BB
AUTOMATIC CHIP ERASE TIMING WAVEFORM
All data in chip are erased. External erase verification is not required because data is verified automatically by internal control circuit. Erasure completion can be verified by DATA polling or toggle bit checking after automatic erase starts. Device outputs 0 during erasure and 1 after erasure on Q7. (Q6 is for toggle bit; see toggle bit, DATA polling, timing waveform)
Figure 6. AUTOMATIC CHIP ERASE TIMING WAVEFORM
Erase Command Sequence(last two cycle)
tWC tAS
Read Status Data
Address
2AAh
555h
tAH
VA
VA
CE
tCH tGHWL
OE
tWP
tWHWH2
WE
tCS tDS tDH
tWPH
55h Data
10h
In Progress Complete
tBUSY
tRB
RY/BY
tVCS
VCC
NOTES: VA=Valid Address for reading status data(see "Write Operation Status").
P/N:PM1041
REV. 1.2, JUL. 01, 2004
32
R
MX29LV160BT/BB
Figure 7. AUTOMATIC CHIP ERASE ALGORITHM FLOWCHART
START
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 80H Address 555H
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 10H Address 555H
Data Poll from System
NO
Data=FFh ?
YES
Auto Chip Erase Completed
P/N:PM1041
REV. 1.2, JUL. 01, 2004
33
R
MX29LV160BT/BB
AUTOMATIC SECTOR ERASE TIMING WAVEFORM
Sector indicated by A12 to A19 are erased. External erase verify is not required because data are verified automatically by internal control circuit. Erasure completion can be verified by DATA polling or toggle bit checking after automatic erase starts. Device outputs 0 during erasure and 1 after erasure on Q7. (Q6 is for toggle bit; see toggle bit, DATA polling, timing waveform)
Figure 8. AUTOMATIC SECTOR ERASE TIMING WAVEFORM
Erase Command Sequence(last two cycle)
tWC tAS
Read Status Data
Address
2AAh
SA
tAH
VA
VA
CE
tCH tGHWL
OE
tWP
tWHWH2
WE
tCS tDS tDH
tWPH
55h Data
30h
In Progress Complete
tBUSY
tRB
RY/BY
tVCS
VCC
NOTES: SA=sector address(for Sector Erase), VA=Valid Address for reading status data(see "Write Operation Status").
P/N:PM1041
REV. 1.2, JUL. 01, 2004
34
R
MX29LV160BT/BB
Figure 9. AUTOMATIC SECTOR ERASE ALGORITHM FLOWCHART
START
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 80H Address 555H
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 30H Sector Address
Last Sector to Erase YES Data Poll from System
NO
Data=FFh
NO
YES
Auto Sector Erase Completed
P/N:PM1041
REV. 1.2, JUL. 01, 2004
35
R
MX29LV160BT/BB
Figure 10. ERASE SUSPEND/ERASE RESUME FLOWCHART
START
Write Data B0H
ERASE SUSPEND Toggle Bit checking Q6 not toggled YES Read Array or Program NO
Reading or Programming End YES Write Data 30H
NO
Delay 10ms (note) ERASE RESUME Continue Erase
Another Erase Suspend ? YES
NO
P/N:PM1041
REV. 1.2, JUL. 01, 2004
36
R
MX29LV160BT/BB
Figure 11. IN-SYSTEM SECTOR PROTECT/CHIP UNPROTECT TIMING WAVEFORM (RESET Control)
VID VIH
RESET
SA, A6 A1, A0
Valid*
Valid*
Valid*
Sector Protect or Sector Unprotect Data
1us
Verify 40h Status
60h
60h
Sector Protect =150us chip Unprotect =15ms
CE
WE
OE
Note: When sector protect, A6=0, A1=1, A0=0. When chip unprotect, A6=1, A1=1, A0=0.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
37
R
MX29LV160BT/BB
Figure 12. SECTOR PROTECT TIMING WAVEFORM (A9, OE Control)
A1
A6
12V 5V A9
tVLHT Verify
12V 5V OE
tVLHT tWPP 1 tVLHT
WE
tOESP
CE
Data
tOE
01H
F0H
A19-A12
Sector Address
Notes: tVLHT (Voltage transition time)=4us min. tOESP (OE setup time to WE active)=4us min.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
38
R
MX29LV160BT/BB
Figure 13. SECTOR PROTECTION ALGORITHM (A9, OE Control)
START
Set Up Sector Addr
PLSCNT=1
OE=VID,A9=VID,CE=VIL A6=VIL
Activate WE Pulse
Time Out 150us
Set WE=VIH, CE=OE=VIL A9 should remain VID
.
No
Read from Sector Addr=SA, A1=1, A6=0, A0=0
PLSCNT=32?
No
Data=01H?
Yes Device Failed
Protect Another Sector?
Yes
Remove VID from A9 Write Reset Command
Sector Protection Complete
P/N:PM1041
REV. 1.2, JUL. 01, 2004
39
R
MX29LV160BT/BB
Figure 14. IN-SYSTEM SECTOR PROTECTION ALGORITHM WITH RESET=VID
START
PLSCNT=1
RESET=VID
Wait 1us
First Write Cycle=60H Yes Set up sector address
No
Temporary Sector Unprotect Mode
Write 60H to sector address with A6=0, A1=1, A0=0
Wait 150us
Increment PLSCNT
Verify sector protect : write 40H with A6=0, A1=1, A0=0
Reset PLSCNT=1
Read from sector address No No Data=01H ?
PLSCNT=25?
Yes Device failed
Yes
Protect another sector? No Remove VID from RESET
Yes
Write reset command
Sector protect complete
P/N:PM1041
REV. 1.2, JUL. 01, 2004
40
R
MX29LV160BT/BB
Figure 15. IN-SYSTEM CHIP UNPROTECTION ALGORITHM WITH RESET=VID
START
PLSCNT=1
RESET=VID
Wait 1us
First Write Cycle=60H ? Yes
No
Temporary Sector Unprotect Mode
All sector protected? Yes Set up first sector address
No
Protect all sectors
Sector unprotect : write 60H with A6=1, A1=1, A0=0
Wait 50ms
Increment PLSCNT
Verify sector unprotect write 40H to sector address with A6=1, A1=1, A0=0
Read from sector address with A6=1, A1=1, A0=0 No No Data=00H ?
PLSCNT=1000?
Set up next sector address
Yes Device failed
Yes
Last sector verified? No Remove VID from RESET
Yes
Write reset command
Sector unprotect complete
P/N:PM1041
REV. 1.2, JUL. 01, 2004
41
R
MX29LV160BT/BB
Figure 16. TIMING WAVEFORM FOR CHIP UNPROTECTION (A9, OE Control)
A1
12V Vcc 3V A9
tVLHT
A6
Verify
12V Vcc 3V OE
tVLHT tWPP 2 tVLHT
WE
tOESP
CE
Data
tOE
00H
F0H
A19-A12
Sector Address
P/N:PM1041
REV. 1.2, JUL. 01, 2004
42
R
MX29LV160BT/BB
Figure 17. CHIP UNPROTECTION ALGORITHM (A9, OE Control)
START
Protect All Sectors
PLSCNT=1
Set OE=A9=VID CE=VIL,A6=1
Activate WE Pulse
Time Out 50ms
Increment PLSCNT
Set OE=CE=VIL A9=VID, A1=1, A6=0, A0=0
Set Up First Sector Addr
Read Data from Device No
Increment Sector Addr
Data=00H?
No PLSCNT=1000?
Yes No
Yes Device Failed
All sectors have been verified? Yes Remove VID from A9 Write Reset Command
Chip Unprotect Complete
* It is recommended before unprotect whole chip, all sectors should be protected in advance.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
43
R
MX29LV160BT/BB
WRITE OPERATION STATUS Figure 18. DATA POLLING ALGORITHM
Start
Read Q7~Q0 Add.=VA(1)
Q7 = Data ?
Yes
No No
Q5 = 1 ?
Yes Read Q7~Q0 Add.=VA
Q7 = Data ? (2) No FAIL
Yes
Pass
NOTE : 1.VA=Valid address for programming or erasure. 2.Q7 should be re-checked even Q5="1" because Q7 may change simultaneously with Q5.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
44
R
MX29LV160BT/BB
Figure 19. TOGGLE BIT ALGORITHM
Start
Read Q7-Q0
Read Q7-Q0
(Note 1)
Toggle Bit Q6 = Toggle ?
NO
YES
NO Q5= 1?
YES
Read Q7~Q0 Twice
(Note 1,2)
Toggle bit Q6= Toggle?
NO
YES
Program/Erase Operation Not Complete,Write Reset Command
Program/Erase operation Complete
Note:1.Read toggle bit twice to determine whether or not it is toggling. 2. Recheck toggle bit because it may stop toggling as Q5 change to "1".
P/N:PM1041
REV. 1.2, JUL. 01, 2004
45
R
MX29LV160BT/BB
Figure 20. Data Polling Timings (During Automatic Algorithms)
tRC
Address
VA
tACC tCE
VA
VA
CE
tCH tOE
OE
tOEH tDF
WE
tOH
DQ7 Q0-Q6
tBUSY
Complement
Complement
True
Valid Data
High Z
Status Data
Status Data
True
Valid Data
High Z
RY/BY
NOTES: VA=Valid address. Figure shows are first status cycle after command sequence, last status read cycle, and array data read cycle.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
46
R
MX29LV160BT/BB
Figure 21. TOGGLE BIT TIMING WAVEFORMS (DURING AUTOMATIC ALGORITHMS)
tRC
Address
VA
tACC tCE
VA
VA
VA
CE
tCH tOE
OE
tOEH tDF
WE
tOH
Q6/Q2
High Z
Valid Status (first raed)
Valid Status (second read)
Valid Data (stops toggling)
Valid Data
tBUSY
RY/BY
NOTES: VA=Valid address; not required for Q6. Figure shows first two status cycle after command sequence, last status read cycle, and array data read cycle.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
47
R
MX29LV160BT/BB
Table 13. AC CHARACTERISTICS
Parameter Std tREADY1 Description RESET PIN Low (During Automatic Algorithms) to Read or Write (See Note) tREADY2 RESET PIN Low (NOT During Automatic Algorithms) to Read or Write (See Note) tRP tRH tRB RESET Pulse Width (During Automatic Algorithms) RESET High Time Before Read (See Note) RY/BY Recovery Time (to CE, OE go low) MIN MIN MIN 500 70 70 ns ns ns MAX 500 ns Test Setup All Speed Options Unit MAX 20 us
Note:Not 100% tested
Figure 22. RESET TIMING WAVEFORM
RY/BY
CE, OE
tRH
RESET
tRP tReady2
Reset Timing NOT during Automatic Algorithms
tReady1
RY/BY
tRB
CE, OE
RESET
tRP
Reset Timing during Automatic Algorithms
P/N:PM1041 REV. 1.2, JUL. 01, 2004
48
R
MX29LV160BT/BB
AC CHARACTERISTICS WORD/BYTE CONFIGURATION (BYTE)
Parameter JEDEC Std tELFL/tELFH tFLQZ tFHQV CE to BYTE Switching Low or High BYTE Switching Low to Output HIGH Z BYTE Switching High to Output Active Max Max Min 25 70 Description Speed Options -70 5 30 90 -90 ns ns ns Unit
Figure 23. BYTE TIMING WAVEFORM FOR READ OPERATIONS (BYTE switching from byte mode to word mode)
CE
OE
tELFH
BYTE
Q0~Q14
DOUT (Q0-Q7)
DOUT (Q0-Q14)
Q15/A-1
VA tFHQV
DOUT (Q15)
P/N:PM1041
REV. 1.2, JUL. 01, 2004
49
R
MX29LV160BT/BB
Figure 24. BYTE TIMING WAVEFORM FOR READ OPERATIONS (BYTE switching from word mode to byte mode)
CE
OE
tELFH
BYTE
Q0~Q14
DOUT (Q0-Q14)
DOUT (Q0-Q7)
Q15/A-1
DOUT (Q15) tFLQZ
VA
Figure 25. BYTE TIMING WAVEFORM FOR PROGRAM OPERATIONS
CE
The falling edge of the last WE signal
WE
BYTE
tAS tAH
P/N:PM1041
REV. 1.2, JUL. 01, 2004
50
R
MX29LV160BT/BB
Table 14. TEMPORARY SECTOR UNPROTECT
Parameter Std. tVIDR tRSP Note: Not 100% tested Description VID Rise and Fall Time (See Note) RESET Setup Time for Temporary Sector Unprotect Test Setup Min Min All Speed Options Unit 500 4 ns us
Figure 26. TEMPORARY SECTOR UNPROTECT TIMING DIAGRAM
12V
RESET
0 or Vcc Program or Erase Command Sequence 0 or Vcc tVIDR
tVIDR
CE
WE
tRSP
RY/BY
Figure 27. Q6 vs Q2 for Erase and Erase Suspend Operations
Enter Embedded Erasing Erase Suspend Erase Erase Suspend Read Enter Erase Suspend Program Erase Suspend Program Erase Suspend Read Erase Resume Erase Erase Complete
WE
Q6
Q2
NOTES: The system can use OE or CE to toggle Q2/Q6, Q2 toggles only when read at an address within an erase-suspended
P/N:PM1041
REV. 1.2, JUL. 01, 2004
51
R
MX29LV160BT/BB
Figure 28. TEMPORARY SECTOR UNPROTECT ALGORITHM
Start
RESET = VID (Note 1) Perform Erase or Program Operation Operation Completed RESET = VIH Temporary Sector Unprotect Completed(Note 2)
Note : 1. All protected sectors are temporary unprotected. VID=11.5V~12.5V 2. All previously protected sectors are protected again.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
52
R
MX29LV160BT/BB
Figure 29. ID CODE READ TIMING WAVEFORM
VCC
3V VID VIH VIL
VIH VIL tACC VIH tACC
ADD A9
ADD A0
A1
VIL
ADD A2-A8 A10-A19 CE
VIH VIL
VIH VIL
WE
VIH VIL
tCE
OE
VIH VIL
tOE tDF tOH tOH
VIH
DATA Q0-Q15
DATA OUT
VIL
DATA OUT C4H/49H (Byte) 22C4H/2249H (Word)
C2H/00C2H
P/N:PM1041
REV. 1.2, JUL. 01, 2004
53
R
MX29LV160BT/BB
ERASE AND PROGRAMMING PERFORMANCE (1)
PARAMETER Sector Erase Time Chip Erase Time Byte Programming Time Word Programming Time Chip Programming Time Byte Mode Word Mode Erase/Program Cycles Note: 100,000 MIN. LIMITS TYP.(2) 0.7 15 9 11 18 12 MAX.(3) 15 30 300 360 54 36 UNITS sec sec us us sec sec Cycles
1. Not 100% Tested, Excludes external system level over head. 2. Typical values measured at 25 C, 3V. 3. Maximum values measured at 85 C, 2.7V, 100,000 cycles.
LATCH-UP CHARACTERISTICS
MIN. Input Voltage with respect to GND on all pins except I/O pins Input Voltage with respect to GND on all I/O pins VCC Current Includes all pins except Vcc. Test conditions: Vcc = 3.0V, one pin at a time. -1.0V -1.0V -100mA MAX. 12.5V Vcc + 1.0V +100mA
P/N:PM1041
REV. 1.2, JUL. 01, 2004
54
R
MX29LV160BT/BB
ORDERING INFORMATION
PART NO. MX29LV160BTMC-70 MX29LV160BBMC-70 MX29LV160BTMC-90 MX29LV160BBMC-90 MX29LV160BTMI-70 MX29LV160BBMI-70 MX29LV160BTMI-90 MX29LV160BBMI-90 MX29LV160BTTC-70 MX29LV160BBTC-70 MX29LV160BTTC-90 MX29LV160BBTC-90 MX29LV160BTTI-70 MX29LV160BBTI-70 MX29LV160BTTI-90 MX29LV160BBTI-90 MX29LV160BTXBC-70 MX29LV160BBXBC-70 MX29LV160BTXBC-90 MX29LV160BBXBC-90 MX29LV160BTXBI-70 MX29LV160BBXBI-70 MX29LV160BTXBI-90 MX29LV160BBXBI-90 ACCESS TIME (ns) 70 70 90 90 70 70 90 90 70 70 90 90 70 70 90 90 70 70 90 90 70 70 90 90 OPERATING Current MAX. (mA) 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 STANDBY Current MAX. (uA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 PACKAGE 44 Pin SOP 44 Pin SOP 44 Pin SOP 44 Pin SOP 44 Pin SOP 44 Pin SOP 44 Pin SOP 44 Pin SOP 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm)
REV. 1.2, JUL. 01, 2004
Remark
P/N:PM1041
55
R
MX29LV160BT/BB
OPERATING Current MAX. (mA) 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 STANDBY Current MAX. (uA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 PACKAGE 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) Remark
ACCESS TIME (ns) MX29LV160BTXEC-70 70 MX29LV160BBXEC-70 MX29LV160BTXEC-90 MX29LV160BBXEC-90 MX29LV160BTXEI-70 MX29LV160BBXEI-70 MX29LV160BTXEI-90 MX29LV160BBXEI-90 MX29LV160BTTC-70G MX29LV160BBTC-70G MX29LV160BTTC-90G MX29LV160BBTC-90G MX29LV160BTTI-70G MX29LV160BBTI-70G MX29LV160BTTI-90G MX29LV160BBTI-90G MX29LV160BTXBC-70G MX29LV160BBXBC-70G MX29LV160BTXBC-90G MX29LV160BBXBC-90G 70 90 90 70 70 90 90 70 70 90 90 70 70 90 90 70 70 90 90
PART NO.
PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free
P/N:PM1041
REV. 1.2, JUL. 01, 2004
56
R
MX29LV160BT/BB
OPERATING Current MAX. (mA) 30 30 30 30 30 30 30 30 30 30 30 30 STANDBY Current MAX. (uA) 5 5 5 5 5 5 5 5 5 5 5 5 PACKAGE 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.3mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) 48 Ball CSP (ball size:0.4mm) Remark PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free
ACCESS TIME (ns) MX29LV160BTXBI-70G 70 MX29LV160BBXBI-70G MX29LV160BTXBI-90G MX29LV160BBXBI-90G MX29LV160BTXEC-70G MX29LV160BBXEC-70G MX29LV160BTXEC-90G MX29LV160BBXEC-90G MX29LV160BTXEI-70G MX29LV160BBXEI-70G MX29LV160BTXEI-90G MX29LV160BBXEI-90G 70 90 90 70 70 90 90 70 70 90 90
PART NO.
P/N:PM1041
REV. 1.2, JUL. 01, 2004
57
R
MX29LV160BT/BB
PACKAGE INFORMATION
P/N:PM1041
REV. 1.2, JUL. 01, 2004
58
R
MX29LV160BT/BB
P/N:PM1041
REV. 1.2, JUL. 01, 2004
59
R
MX29LV160BT/BB
48-Ball CSP (for MX29LV160BTXBC/BTXBI/BBXBC/BBXBI)
P/N:PM1041
REV. 1.2, JUL. 01, 2004
60
R
MX29LV160BT/BB
48-Ball CSP (for MX29LV160BTXEC/BTXEI/BBXEC/BBXEI)
P/N:PM1041
REV. 1.2, JUL. 01, 2004
61
R
MX29LV160BT/BB
REVISION HISTORY
Revision No. Description 1.0 1. Added 90ns & pb-free information 2. Removed 55R information 3. Removed "Advanced Information" 1.1 1. To added data retention information 1.2 1. To corrected CFI Query command address 2. To added "PB free" remark Page All All P1 P1 P10 P56,57 Date MAR/16/2004
MAY/28/2004 JUL/01/2004
P/N:PM1041
REV. 1.2, JUL. 01, 2004
62
R
MX29LV160BT/BB
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-6688 FAX:+886-3-563-2888
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-348-8385 FAX:+65-348-8096
TAIPEI OFFICE:
TEL:+886-2-2509-3300 FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.


▲Up To Search▲   

 
Price & Availability of MX29LV160BBTC-70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X