Part Number Hot Search : 
L8XPREL TDA7266 F1628 13036 254273 MH1383P LZ951600 SI7401DN
Product Description
Full Text Search
 

To Download MRF6S21140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
MRF6S21140H Rev. 2, 1/2005
RF Power Field Effect Transistors
N - Channel Enhancement - Mode Lateral MOSFETs
Designed for W- CDMA base station applications with frequencies from 2110 to 2170 MHz. Suitable for TDMA, CDMA and multicarrier amplifier applicat i o n s . To b e u s e d i n C l a s s A B f o r P C N - P C S / c e l l u l a r r a d i o a n d W L L applications. * Typical 2 - carrier W - CDMA Performance: VDD = 28 Volts, IDQ = 1200 mA, Pout = 30 Watts Avg., Full Frequency Band, Channel Bandwidth = 3.84 MHz, Peak/Avg. = 8.5 dB @ 0.01% Probability on CCDF. Power Gain -- 15.5 dB Drain Efficiency -- 27.5% IM3 @ 10 MHz Offset -- - 37 dBc @ 3.84 MHz Channel Bandwidth ACPR @ 5 MHz Offset -- - 41 dBc @ 3.84 MHz Channel Bandwidth * Capable of Handling 10:1 VSWR, @ 28 Vdc, 2140 MHz, 140 Watts CW Output Power * Characterized with Series Equivalent Large - Signal Impedance Parameters * Internally Matched, Controlled Q, for Ease of Use * Qualified Up to a Maximum of 32 VDD Operation * Integrated ESD Protection * Lower Thermal Resistance Package * Designed for Lower Memory Effects and Wide Instantaneous Bandwidth Applications * Low Gold Plating Thickness on Leads, 40 Nominal. * In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.
MRF6S21140HR3 MRF6S21140HSR3
2170 MHz, 30 W AVG., 28 V 2 x W - CDMA LATERAL N - CHANNEL RF POWER MOSFETs
CASE 465B - 03, STYLE 1 NI - 880 MRF6S21140HR3
CASE 465C - 02, STYLE 1 NI - 880S MRF6S21140HSR3
Table 1. Maximum Ratings
Rating Drain - Source Voltage Gate - Source Voltage Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Operating Junction Temperature CW Operation Symbol VDSS VGS PD Tstg TJ CW Value - 0.5, +68 - 0.5, +12 500 2.9 - 65 to +150 200 140 Unit Vdc Vdc W W/C C C W
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Case Temperature 80C, 140 W CW Case Temperature 75C, 30 W CW Symbol RJC Value (1,2) 0.35 0.38 Unit C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access the MTTF calculators by product. 2. Refer to AN1955/D, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select Documentation/Application Notes - AN1955. NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and packaging MOS devices should be observed.
Freescale Semiconductor, Inc., 2005. All rights reserved.
MRF6S21140HR3 MRF6S21140HSR3 1
RF Device Data Freescale Semiconductor
Table 3. ESD Protection Characteristics
Test Methodology Human Body Model (per JESD22 - A114) Machine Model (per EIA/JESD22 - A115) Charge Device Model (per JESD22 - C101) Class 2 (Minimum) A (Minimum) IV (Minimum)
Table 4. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Zero Gate Voltage Drain Leakage Current (VDS = 68 Vdc, VGS = 0 Vdc) Zero Gate Voltage Drain Leakage Current (VDS = 28 Vdc, VGS = 0 Vdc) Gate - Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 300 Adc) Gate Quiescent Voltage (VDS = 28 Vdc, ID = 1200 mAdc) Drain - Source On - Voltage (VGS = 10 Vdc, ID = 3 Adc) Forward Transconductance (VDS = 10 Vdc, ID = 3 Adc) Dynamic Characteristics (1) Reverse Transfer Capacitance (VDS = 28 Vdc 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Crss -- 2 -- pF VGS(th) VGS(Q) VDS(on) gfs 1 2 -- -- 2 2.8 0.21 7.2 3 4 0.3 -- Vdc Vdc Vdc S IDSS IDSS IGSS -- -- -- -- -- -- 10 1 1 Adc Adc Adc Symbol Min Typ Max Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 1200 mA, Pout = 30 W Avg., f1 = 2112.5 MHz, f2 = 2122.5 MHz and f1 = 2157.5 MHz, f2 = 2167.5 MHz, 2 - carrier W - CDMA, 3.84 MHz Channel Bandwidth Carriers. ACPR measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. IM3 measured in 3.84 MHz Channel Bandwidth @ 10 MHz Offset. Peak/Avg. = 8.5 dB @ 0.01% Probability on CCDF. Power Gain Drain Efficiency Intermodulation Distortion Adjacent Channel Power Ratio Input Return Loss 1. Part is internally matched both on input and output. Gps D IM3 ACPR IRL 14.5 26 -- -- -- 15.5 27.5 - 37 - 41 - 15 17.5 -- - 35 - 38 -9 dB % dBc dBc dB
MRF6S21140HR3 MRF6S21140HSR3 2 RF Device Data Freescale Semiconductor
R1 VBIAS C5 R2 C4 C3
Z6 VSUPPLY C10 C12 C13 + C16
Z5
R3 RF INPUT C17 C9 Z1 C1 C19 C2 Z2 Z3 Z4 DUT C18 C6 C7 Z8 Z9 Z10 Z11 Z12 Z13 RF OUTPUT
C8
Z7
C11
C14
C15
Z1 Z2 Z3 Z4 Z5 Z6, Z7
0.250 x 0.083 Microstrip 1.177 x 0.083 Microstrip 0.443 x 0.083 Microstrip 0.276 x 0.787 Microstrip 0.786 x 0.083 Microstrip (quarter wave length for bias purpose) 0.833 x 0.083 Microstrip (quarter wave length for supply purpose)
Z8 Z9 Z10 Z11, Z12 Z13 PCB
0.531 x 1.000 Microstrip 0.308 x 0.083 Microstrip 0.987 x 0.083 Microstrip 0.070 x 0.220 Microstrip 0.160 x 0.083 Microstrip Taconic TLX8 - 0300, 0.030, r = 2.55
Figure 1. MRF6S21140HR3(HSR3) Test Circuit Schematic
Table 5. MRF6S21140HR3(HSR3) Test Circuit Component Designations and Values
Part C1, C3, C8, C9, C10, C11 C2 C4 C5, C12, C13, C14, C15 C6, C19 C7 C16 C17, C18 R1, R2 R3 Description 6.8 pF 100B Chip Capacitors 0.8 pF 100B Chip Capacitor 220 nF Chip Capacitor (1812) 10 F Chip Capacitors (2220) 0.2 pF 100B Chip Capacitors 0.5 pF 100B Chip Capacitor 220 F, 63 V Electrolytic Capacitor, Radial 0.1 pF 100B Chip Capacitors 10 kW, 1/4 W Chip Resistors (1206) 10 W, 1/4 W Chip Resistor (1206) Part Number 100B6R8CW 100B0R8BW 1812Y224KXA C5750X5R1H106MT 100B0R2BW 100B0R5BW 13668221 100B0R1BW Manufacturer ATC ATC Vishay - Vitramon TDK ATC ATC Philips ATC
MRF6S21140HR3 MRF6S21140HSR3 RF Device Data Freescale Semiconductor 3
R2 R1 VGS C10 C4 C3 VDD C16 C5
C12 C13 C17
C1
R3 CUT OUT AREA
C9
C19
C2
C6 C7 C18 C14 C15
C8
C11
MRF6S21140H Rev 0
Figure 2. MRF6S21140HR3(HSR3) Test Circuit Component Layout
MRF6S21140HR3 MRF6S21140HSR3 4 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
15.6 15.5 Gps, POWER GAIN (dB) VDD = 28 Vdc, Pout = 30 W (Avg.), 15.4 IDQ = 1200 mA, 2-Carrier W-CDMA, 10 MHz Carrier Spacing, 3.84 MHz Channel Bandwidth, 15.3 Peak/Avg. = 8.5 dB @ 0.01% Probability (CCDF) 15.2 15.1 15 2060 D 30 28 26 Gps IRL IM3 IM3 (dBc), ACPR (dBc) -32 -36 -12 -15 -18 -21 D, DRAIN EFFICIENCY (%) D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -12 -15 -18 -21 1800 mA IRL, INPUT RETURN LOSS (dB) 1500 mA 900 mA -55 -60 1000 1 10 100 Pout, OUTPUT POWER (WATTS) PEP 1200 mA
ACPR -40 -44 2220
2080
2100
2120
2140
2160
2180
2200
f, FREQUENCY (MHz)
Figure 3. 2 - Carrier W - CDMA Broadband Performance @ Pout = 30 Watts Avg.
15 14.9 Gps, POWER GAIN (dB) 14.8 14.7 14.6 14.5 ACPR 14.4 2060 2080 2100 2120 2140 2160 2180 2200
VDD = 28 Vdc, Pout = 60 W (Avg.), IDQ = 1200 mA, 2-Carrier W-CDMA, 10 MHz Carrier Spacing, 3.84 MHz Channel Bandwidth, Peak/Avg. = 8.5 dB @ 0.01% Probability (CCDF)
42 40 38 -24 -27 -30 -33 2220
D Gps IRL
IM3
f, FREQUENCY (MHz)
Figure 4. 2 - Carrier W - CDMA Broadband Performance @ Pout = 60 Watts Avg.
17 IMD, THIRD ORDER INTERMODULATION DISTORTION (dBc) IDQ = 1800 mA 16 Gps, POWER GAIN (dB) 1500 mA 1200 mA 15 900 mA
-20 -25 -30 -35 -40 -45 -50
VDD = 28 Vdc f1 = 2135 MHz, f2 = 2145 MHz Two-Tone Measurements, 10 MHz Tone Spacing IDQ = 600 mA
14
600 mA VDD = 28 Vdc f1 = 2135 MHz, f2 = 2145 MHz Two-Tone Measurements, 10 MHz Tone Spacing 1 10 100
13 12
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Two - Tone Power Gain versus Output Power
Figure 6. Third Order Intermodulation Distortion versus Output Power
MRF6S21140HR3 MRF6S21140HSR3 RF Device Data Freescale Semiconductor 5
IRL, INPUT RETURN LOSS (dB)
TYPICAL CHARACTERISTICS
IMD, INTERMODULATION DISTORTION (dBc)
-10 VDD = 28 Vdc, Pout = 140 W (PEP), IDQ = 1200 mA Two-Tone Measurements, Center Frequency = 2140 MHz Pout, OUTPUT POWER (dBm) -20 3rd Order
58 57 56 55 54 53 52 51 50 49 48 VDD = 28 Vdc, IDQ = 1200 mA Pulsed CW, 5 sec(on), 1 msec(off) Center Frequency = 2140 MHz 32 34 36 38 40 42 44 P1dB = 52 dBm (158.5 W) Actual P3dB = 52.6 dBm (180 W) Ideal
-30
-40
5th Order
-50
7th Order
-60 0.1
1
10
100
TWO-TONE SPACING (MHz)
Pin, INPUT POWER (dBm)
Figure 7. Intermodulation Distortion Products versus Tone Spacing
D, DRAIN EFFICIENCY (%), Gps, POWER GAIN (dB) 35 30 25 20 15 85_C 10 5 0 1 10 Pout, OUTPUT POWER (WATTS) AVG. 25_C 85_C 25_C -30_C -50 ACPR -55 -60 100 -25 18
Figure 8. Pulse CW Output Power versus Input Power
60 -30_C 25_C TC = -30_C 25_C 85_C D 20 10 0 1000 85_C D, DRAIN EFFICIENCY (%) 50 40 Gps 30
D -40 -45
TC = - 30_C
Gps
Gps, POWER GAIN (dB)
IM3 (dBc), ACPR (dBc)
VDD = 28 Vdc, IDQ = 1200 mA f1 = 2135 MHz, f2 = 2145 MHz 2 x W-CDMA, 10 MHz @ 3.84 MHz Bandwidth Peak/Avg. = 8.5 dB @ 0.01% Probability (CCDF)
25_C 85_C
-30_C
85_C -30 25_C IM3 -30_C -35
VDD = 28 Vdc IDQ = 1200 mA 17 f = 2140 MHz 16 15 14 13 12 1
10
100
Pout, OUTPUT POWER (WATTS) CW
Figure 9. 2 - Carrier W - CDMA ACPR, IM3, Power Gain and Drain Efficiency versus Output Power
16 15 Gps, POWER GAIN (dB) 14 13 12 11 10 9 0 50 100 150 16 V VDD = 12 V 20 V 24 V 28 V
Figure 10. Power Gain and Drain Efficiency versus CW Output Power
32 V
IDQ = 1200 mA f = 2140 MHz 200 250
Pout, OUTPUT POWER (WATTS) CW
Figure 11. Power Gain versus Output Power MRF6S21140HR3 MRF6S21140HSR3 6 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
1010 MTTF FACTOR (HOURS x AMPS2)
109
108
107 90 100 110 120 130 140 150 160 170 180 190 200 210 TJ, JUNCTION TEMPERATURE (C) This above graph displays calculated MTTF in hours x ampere2 drain current. Life tests at elevated temperatures have correlated to better than 10% of the theoretical prediction for metal failure. Divide MTTF factor by ID2 for MTTF in a particular application.
Figure 12. MTTF Factor versus Junction Temperature
TYPICAL CHARACTERISTICS W - CDMA TEST SIGNAL
100 10 PROBABILITY (%) 1 (dB) 0.1 0.01 0.001 0.0001 0 2 4 6 8 10 PEAK-TO-AVERAGE (dB) W-CDMA. 3.84 MHz Channel Bandwidth @ +5 MHz Offset. IM3 Measured in 3.84 MHz Bandwidth @ +10 MHz Offset. Peak/Avg. = 8.5 dB @ 0.01% Probability on CCDF
+20 +30 0 -10 -20 -30 -40 -50 -60 -70
3.84 MHz Channel BW
-ACPR @ +ACPR @ 3.84 MHz BW 3.84 MHz BW -IM3 @ 3.84 MHz BW -15 -10 -5 0 5 10
+IM3 @ 3.84 MHz BW 15 20 25
-80 -25 -20
f, FREQUENCY (MHz)
Figure 13. CCDF W - CDMA 3GPP, Test Model 1, 64 DPCH, 67% Clipping, Single - Carrier Test Signal
Figure 14. 2-Carrier W-CDMA Spectrum
MRF6S21140HR3 MRF6S21140HSR3 RF Device Data Freescale Semiconductor 7
f = 2200 MHz Zload* f = 2080 MHz Zo = 25
f = 2200 MHz Zsource
f = 2080 MHz
VDD = 28 Vdc, IDQ = 1200 mA, Pout = 30 W Avg. f MHz 2080 2110 2140 2170 2200 Zsource 7.53 - j10.99 7.57 - j10.67 7.58 - j10.23 7.51 - j9.73 7.44 - j9.32 Zload 1.40 - j3.03 1.37 - j2.78 1.34 - j2.52 1.32 - j2.28 1.31 - j2.06
Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground.
Input Matching Network
Device Under Test
Output Matching Network
Z
source
Z
load
Figure 15. Series Equivalent Source and Load Impedance MRF6S21140HR3 MRF6S21140HSR3 8 RF Device Data Freescale Semiconductor
NOTES
MRF6S21140HR3 MRF6S21140HSR3 RF Device Data Freescale Semiconductor 9
NOTES
MRF6S21140HR3 MRF6S21140HSR3 10 RF Device Data Freescale Semiconductor
PACKAGE DIMENSIONS
B G
1 2X
Q bbb
M
TA
M
B
M
(FLANGE) 3
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. 4. DELETED INCHES MIN MAX 1.335 1.345 0.535 0.545 0.147 0.200 0.495 0.505 0.035 0.045 0.003 0.006 1.100 BSC 0.057 0.067 0.170 0.210 0.872 0.888 0.871 0.889 .118 .138 0.515 0.525 0.515 0.525 0.007 REF 0.010 REF 0.015 REF MILLIMETERS MIN MAX 33.91 34.16 13.6 13.8 3.73 5.08 12.57 12.83 0.89 1.14 0.08 0.15 27.94 BSC 1.45 1.70 4.32 5.33 22.15 22.55 19.30 22.60 3.00 3.51 13.10 13.30 13.10 13.30 0.178 REF 0.254 REF 0.381 REF
K D TA
2
bbb
M
M
B M
M (INSULATOR)
R ccc
M
(LID) M (INSULATOR) M
bbb ccc H
M
TA TA
M
B B
M
TA
M
B S
N
M M M
(LID)
aaa C
M
TA
M
B
DIM A B C D E F G H K M N Q R S aaa bbb ccc
F E A
(FLANGE)
T A
SEATING PLANE
STYLE 1: PIN 1. DRAIN 2. GATE 3. SOURCE
CASE 465B - 03 ISSUE B NI - 880 MRF6S21140HR3
B
1
(FLANGE)
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. INCHES MIN MAX 0.905 0.915 0.535 0.545 0.147 0.200 0.495 0.505 0.035 0.045 0.003 0.006 0.057 0.067 0.170 0.210 0.872 0.888 0.871 0.889 0.515 0.525 0.515 0.525 0.007 REF 0.010 REF 0.015 REF MILLIMETERS MIN MAX 22.99 23.24 13.60 13.80 3.73 5.08 12.57 12.83 0.89 1.14 0.08 0.15 1.45 1.70 4.32 5.33 22.15 22.55 19.30 22.60 13.10 13.30 13.10 13.30 0.178 REF 0.254 REF 0.381 REF
K D TA
2
bbb
M
M
B M
M
(INSULATOR)
R ccc
M
(LID) M (INSULATOR) M
bbb ccc H
M
TA TA
M
B B
M
TA TA
M
B S B
N
M M M
(LID)
aaa
M
M
DIM A B C D E F H K M N R S aaa bbb ccc
C F E A
(FLANGE)
STYLE 1: PIN 1. DRAIN 2. GATE 3. SOURCE
T A
SEATING PLANE
CASE 465C - 02 ISSUE A NI - 880S MRF6S21140HSR3
MRF6S21140HR3 MRF6S21140HSR3 RF Device Data Freescale Semiconductor 11
How to Reach Us:
Home Page: www.freescale.com E - mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1 - 800 - 521 - 6274 or +1 - 480 - 768 - 2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800 - 441 - 2447 or 303 - 675 - 2140 Fax: 303 - 675 - 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. Freescale Semiconductor, Inc. 2005. All rights reserved.
MRF6S21140HR3 MRF6S21140HSR3
Document Number: MRF6S21140H Rev. 2, 1/2005
12
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of MRF6S21140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X