Part Number Hot Search : 
810SE 1N5249 20H100 807PM KS899309 2SA1644 RB520 806IS6
Product Description
Full Text Search
 

To Download MN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mini-DyadTM
MN2
Features * Small size * SMT-compatible * Easily formed leads * Sputtered ruthenium contacts * Hermetically sealed contacts * Fast switching speed -- up to 500Hz * Wide range of available magnetic sensitivities
Description Clare's Mini-DYADTM dry reed switches are ideally suited for small switching signal applications. This switch has sputtered ruthenium contacts and an extraordinary seal strength, achieved by a patented laser sealing of the glass. In low level or dry switching environments, both switches typically provide >1 billion operations. The switches have hermetically sealed contacts and offer a wide range of available magnetic sensitivities.
Applications * Security * Proximity sensing * Smoke alarms * Automotive * Level sensor * Lamp current sensor * Relays
Ordering Information
A complete part number is represented by the digits to the right. For example, MN2S1030 is a MINI-DYADTM with a minimum operate value of 10 and a maximum of 30. Refer to the switch operating specification charts for available ranges. Special ranges are available upon request.
MN2S
Minimum Operate Value (NI)
XX XX
X
XX
Packaging Maximum Operate Value (NI) Lead Configuration
Surface Mount Mini-Dyad Refer to operating characteristics table for complete part number.
Approvals * UL listed
Mini-DYADTM Part # MN2S1015 MN2S1020 MN2S1030 MN2S1520 MN2S1525 MN2S2025 Operate Range (NI)1 10 to 15 10 to 20 10 to 30 15 to 20 15 to 25 20 to 25
Standard Test Coil
The magnetic force (expressed in NI, AT or Ampere Turns) required to cause the reed switch contacts to close is called the pull-in or operate value.
MN2 Part # Coil definition Coil resistance Number of turns Wire size (nom. diameter) Bobbin diameter (inside coil) Winding length Coil - 1 NARM1 CTC01 1200 5,000 0.0399mm (AWG 46) 3.96mm 10.4mm
Mini-DYADTM Surface Mount Part # MN2308 MN2288 MN2339 MN2285 MN2289 MN2286
1 2 3
Operate Range (NI)1,2,3 10 to 15 10 to 20 10 to 30 15 to 20 15 to 25 20 to 25
(1) Consult factory for test procedure. The reed switch shall be placed in the test coil with the gap centered in the core of the coil winding. Test leads and their clips must be non-magnetic. The longitudinal axis of the test coil and the test switch shall be vertical.
Tolerance = 1.5NI Full Blade Sensitivity Surface Mount Switches are packaged 2,000 parts per reel
DS-MN2-R2
www.clare.com
1
Mini-DyadTM
MN2
Ratings (@ 25 C)
Parameter Switching Voltage MN2 - Mini-DYADTM Switching Current MN2 - Mini-DYADTM Carry Current MN2 - Mini-DYADTM Switching Frequency MN2 - Mini-DYADTM Contact Resistance MN2 - Mini-DYADTM Min Typ Max Units -0 200 Volts
0.5 Amps 2 500 100 Amps Hz m
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for extended period may degrade the device and effect its reliability.
(See detailed specifications for more information.)
Specifications
All parameters are at 25C unless otherwise stated. PARAMETER Contact Ratings Operate ampere turns range Release ampere turns range Switching Voltage Switching Current Carry Current Contact Rating Life Expectancy CONDITIONS Full Blade Tolerance = 1.5NI Full Blade Tolerance = 1.5NI Max DC/PeakAC Resistive Max DC/PeakAC Resistive Max DC/PeakAC Resistive Max DC/PeakAC Resistive 1V, 10mA Signal Level 10V, 10mA Low Level 50V, 100mA Telecom Load 100V, 100mA Rated Loads 50mV, 10mA(1) SYMBOL AT AT VL IL IC CR IR TOP TREL TA TO G S MIN 10 5 109 250 -40 -40 TYP 1000 500 2 2 70 Ru 1011 0.3 300 0.12 MAX 25 25 200 500 2.0 10 100 0.5 0.1 +125 +125 +265 20 50 UNITS NI NI VDC mAmps Amps VA x106 Ops -x106 Ops x106 Ops x106 Ops pF VDC/Peak AC ms ms C C C -Gs Gs grams/unit
Static Contact Resistance Contact Material Switch Specifications Insulation Resistance(2) Capacitance Dielectric Strength(5) Operate Time, including bounce Release Time Environmental Ratings Storage Temperature Operating Temperature Soldering Temperature Vibration Resistance Shock Resistance Weight
(1) (2) (3)
100V, 25C, 40% RH Across Open Contacts Between Contacts At nominal coil voltage, 10Hz Square Wave Zener-Diode Suppression(3)
5Hz - 200Hz 111ms, 1/2 Sine Wave
Contact resistance measured with 4 terminal method, 1.1" between test leads >1012 is available upon request A 24V zener in series with a diode across the coil (4) Use caution not to exceed vibration resistance limits while ultrasonically cleaning. Contact CP Clare Engineering for more details/ recommendations (5) 15 ampere turn minimum
2
www.clare.com
Rev. 2
Mini-DyadTM
MN2
Performance Data*
Mini-DYADTM
Mini-DYADTM Operate NI vs. Release NI Test Coil: NARM 1; Full Length Terminals
50
Mini-DYADTM Operate Shift After Lead Trim
Average Resistance (mOhms)
70 60 50 40 30 20 10 0 0
Mini-DYADTM Typical Contact Resistance 10V, 10mA Resistive Load
20 18 16 14 12 10 8 6 4 2 0
Percent Operate Increase
40
Release NI
30
20
10
Minimum Maximum 10 11 12 13 14 15 16 17 18 19 20 21
Operate NI
0 .722 .910 1.036 1.125 1.355
10
20
30
40
50
60
70
80
90
100
Overall Length in Inches
Operations (Millions)
Mini-DYADTM Capacitance Across Open Contacts
Average Resistance (mOhms)
50
40
Percentage
30
"# " !# ! # # #
Mini-DYADTM Contact Resistance Throughout Life 50V, 100mA Resistive Load
20
10
0 .20 .21 .22 .23 .24 .25 .26 .27 .28 .29 .30
"
$ % & "
Capacitance (pF)
Operations (Thousands)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
Mechanical Dimensions
Mini-DYADTM
2.54 MAX. (0.100) + 7o 0.18 (0.007)
2.80 MAX. (0.110) 2.90 MAX. (0.114) 1.52 (0.060)
Mini-DYADTM SMT
10.00 MAX. (0.395) 0.38 MAX. (R 0.015) 4 PLACES
2.29 MAX. (0.090)
1.32 MAX. (0.052) 0.13 MIN. (0.005) 13.84 (0.545) 1.02
+ 10o
(0.040) MAX. TWIST ALLOWED TYP. BOTH ENDS + 5o
2.80 MAX. (0.110)
10.00 MAX. (0.395)
12.34 (0.486) 1.32 MAX. (0.052)
16.25 MAX. (0.640)
34.54 MAX. (1.360)
Recommended Pad Sizes
Mini DyadTM SMT
2.62 (0.100)
2.79 (0.110) 12.32 MAX. (0.490)
Dimensions mm (inches)
Rev. 2
www.clare.com
3
Mini-DyadTM
MN2
Tape & Reel Packaging
Tape and Reel Packaging for SMT CM10 Switch
2.00 .10 1.75 .10 3.00 .10 Top Cover Tape Thickness .10 MAX. (.004) .343 .013 (.0135 .0005) 14.20 .10 (.559 .004) (.118 .004) (.069 .004) (.079 .004)
1.55 .05 (.061 .002)
4.00 .10 (.157 .004)
32.00 .30 (1.260 .012) 16.45 .10 (.649 .004) 9.27
Embossed Carrier
2.29 (.090)
(.365)
Embossment Top Cover Tape
8.00 .10 (.315 .004)
2.59 .10 (.102 .004)
2.00 .25 (.079 .010)
8 MAX
User Direction of Feed 3.00 .10 (.118 .004) 1.91
(.075)
Dimensions mm inches
4
www.clare.com
Rev. 2
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Switch Division 4315 Earth City Expresssway St. Louis, MO 63045 Tel: 1-314-770-1832 Fax: 1-314-770-1812 Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: PB-MN2-R2 (c)Copyright 2000 Ultra-Mini DyadTM, Mini DyadTM, and Dyad(R) are trademarks of Clare, Inc. All rights reserved. Printed in USA. 3/7/01


▲Up To Search▲   

 
Price & Availability of MN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X