Part Number Hot Search : 
2SA1489 BAW78 IPD50 GH80N 2SK2568 AD621 A13JVAB 2SC4956
Product Description
Full Text Search
 

To Download MC74LVX245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Octal Bus Transceiver
With 5V-Tolerant Inputs
The MC74LVX245 is an advanced high speed CMOS octal bus transceiver. It is intended for two-way asynchronous communication between data buses. The direction of data transmission is determined by the level of the T/R input. The output enable pin (OE) can be used to disable the device, so that the buses are effectively isolated. All inputs are equipped with protection circuits against static discharge.
MC74LVX245
LOW-VOLTAGE CMOS
LVX
DW SUFFIX 20-LEAD SOIC PACKAGE CASE 751D-04 DT SUFFIX 20-LEAD TSSOP PACKAGE CASE 948E-02
* * * * * * * *
High Speed: tPD = 4.7ns (Typ) at VCC = 3.3V Low Power Dissipation: ICC = 4A (Max) at TA = 25C Power Down Protection Provided on Inputs Balanced Propagation Delays Low Noise: VOLP = 0.8V (Max) Pin and Function Compatible with Other Standard Logic Families Latchup Performance Exceeds 300mA ESD Performance: HBM > 2000V; Machine Model > 200V
APPLICATION NOTES 1. Do not force a signal on an I/O pin when it is an active output, damage may occur. 2. All floating (high impedence) input or I/O pins must be fixed by means of pull up or pull down resistors or bus terminator ICs. 3. A parasitic diode is formed between the bus and VCC terminals. Therefore, the LVX245 cannot be used to interface 5V to 3V systems directly.
VCC 20
OE 19
B0 18
B1 17
B2 16
B3 15
B4 14
B5 13
B6 12
B7 11
M SUFFIX 20-LEAD SOIC EIAJ PACKAGE CASE 967-01
PIN NAMES
Pins 1 T/R 2 A0 3 A1 4 A2 5 A3 6 A4 7 A5 8 A6 9 A7 10 GND OE T/R A0-A7 B0-B7 Function Output Enable Input Transmit/Receive Input Side A 3-State Inputs or 3-State Outputs Side B 3-State Inputs or 3-State Outputs
Figure 1. 20-Lead Pinout (Top View)
6/97
(c) Motorola, Inc. 1997
1
REV 0
MC74LVX245
OE 19 T/R 1 2 18 A1 3 17 A2 4 16 A3 5 15 A4 6 14 A5 7 13 A6 8 12 A7 9 11
A0
B0
B1
B2
B3
B4
B5
B6
B7
Figure 2. Logic Diagram
INPUTS OE L L H T/R L H X OPERATING MODE Non-Inverting B Data to A Bus A Data to B Bus Z
H = High Voltage Level; L = Low Voltage Level; Z = High Impedance State; X = High or Low Voltage Level and Transitions are Acceptable; For ICC reasons, Do Not Float Inputs
MOTOROLA
2
LCX DATA BR1339 -- REV 3
II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I I I I I I I I I I II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I II I I I II II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I I I II II I I II II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I II II I I II II I II II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I II II I I II II I I I II I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I II I I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I
Tstg Storage Temperature -65 to +150 _C * Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied.
II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
PD ICC Iout IOK IIK VI/O Vin VCC Symbol Power Dissipation DC Supply Current, VCC and GND Pins DC Output Current, per Pin Output Diode Current Input Diode Current DC Output Voltage DC Input Voltage (T/R, OE) DC Supply Voltage Parameter -0.5 to VCC +0.5 -0.5 to +7.0 -0.5 to +7.0 Value 180 75 25 20 -20
LCX DATA BR1339 -- REV 3
DC ELECTRICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
ICC
IOZ
Iin
VOL
VOH
VIL
VIH
t/V
TA
VI/O
Vin
VCC
Symbol S bl
Symbol
Quiescent Supply Current
Maximum Three-State Leakage Current
Input Leakage Current
Low-Level Output Voltage (Vin = VIH or VIL)
High-Level Output Voltage (Vin = VIH or VIL)
Low-Level Input Voltage
High-Level Input Voltage
Input Rise and Fall Time
Operating Temperature, All Package Types
DC Output Voltage
DC Input Voltage (T/R, OE)
DC Supply Voltage
Parameter P
IOL = 50A IOL = 50A IOL = 4mA
IOH = -50A IOH = -50A IOH = -4mA
Vin = VCC or GND
Vin = VIL or VIH Vout = VCC or GND
Vin = 5.5V or GND (T/R, OE)
Test C di i T Conditions
Parameter
VCC V
3.6
3.6
3.6
2.0 3.0 3.0
2.0 3.0 3.0
2.0 3.0 3.6
2.0 3.0 3.6
3 1.9 2.9 2.58 Min 1.5 2.0 2.4 TA = 25C Typ 0.0 0.0 2.0 3.0 0.25 0.1 Max 0.1 0.1 0.36 4.0 0.5 0.8 0.8 1.9 2.9 2.48 Min 1.5 2.0 2.4 Min -40 2.0 0 0 0
TA = - 40 to 85C
MC74LVX245
40.0
2.5
1.0
Max
0.1 0.1 0.44
VCC
Max
+85
100
0.5 0.8 0.8
5.5
3.6
MOTOROLA ns/V Unit Ui Unit Unit mW mA mA mA mA A A A
_C
V V V V V V V V V V
MC74LVX245
II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II I I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I I I I I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol S bl Parameter P TA = 25C Typ 6.1 8.6 4.7 7.2 TA = - 40 to 85C Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max Test C di i T Conditions Min Max Unit Ui ns tPLH, tPHL Propagation Delay Input to Output VCC = 2.7V CL = 15pF CL = 50pF CL = 15pF CL = 50pF 10.7 14.2 13.5 17.0 8.0 11.5 VCC = 3.3 0.3V VCC = 2.7V RL = 1k 6.6 10.1 tPZL, tPZH Output Enable Time to High and Low Level CL = 15pF CL = 50pF CL = 15pF CL = 50pF 9.0 11.5 7.1 9.6 16.9 20.4 20.5 24.0 13.0 16.5 21.0 14.5 1.5 1.5 ns VCC = 3.3 0.3V RL = 1k VCC = 2.7V RL = 1k 11.0 14.5 tPLZ, tPHZ Output Disable Time From High and Low Level CL = 50pF CL = 50pF 11.5 9.6 18.0 12.8 1.5 1.5 ns VCC = 3.3 0.3V RL = 1k VCC = 2.7V VCC = 3.3 0.3V tOSHL tOSLH Output-to-Output Skew (Note 1.) CL = 50pF CL = 50pF ns 1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
CAPACITIVE CHARACTERISTICS
TA = 25C Typ 4 8
TA = - 40 to 85C Min Max 10
Symbol S bl
Parameter P
Min
Max 10
Unit Ui pF pF pF
Cin
Input Capacitance (T/R, OE)
CI/O
Maximum Three-State I/O Capacitance
CPD
Power Dissipation Capacitance (Note 2.)
21
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC / 8 (per bit). CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 3.3V, Measured in SOIC Package)
Symbol S bl VOLP VOLV VIHD VILD Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum High Level Dynamic Input Voltage Maximum Low Level Dynamic Input Voltage Characteristic Ch ii
TA = 25C Typ 0.5 -0.5 Max 0.8 -0.8 2.0 0.8 Unit Ui V V V V
MOTOROLA
4
LCX DATA BR1339 -- REV 3
MC74LVX245
SWITCHING WAVEFORMS
VCC T/R 50% GND Input A or B tPLH Output B or A 50% VCC VCC 50% GND tPHL A or B 50% VCC tPZH A or B 50% VCC tPHZ VCC OE 50% VCC tPZL tPLZ 50% VCC GND HIGH IMPEDANCE VOL +0.3V VOH -0.3V HIGH IMPEDANCE
Figure 3.
Figure 4.
TEST CIRCUITS
TEST POINT OUTPUT DEVICE UNDER TEST DEVICE UNDER TEST TEST POINT OUTPUT 1 k CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH.
CL*
CL*
* Includes all probe and jig capacitance
* Includes all probe and jig capacitance
Figure 5. Propagation Delay Test Circuit
Figure 6. Three-State Test Circuit
LCX DATA BR1339 -- REV 3
5
MOTOROLA
MC74LVX245
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E
-A-
20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029
-B-
1 10
10X
P 0.010 (0.25)
M
B
M
20X
D
M
0.010 (0.25)
TA
S
B
J
S
F R X 45 _ C -T-
18X SEATING PLANE
G
K
M
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948E-02 ISSUE A
20X
K REF
M
0.15 (0.006) T U
S
0.10 (0.004)
TU
S
V
S
2X
L/2
20
11
L
PIN 1 IDENT 1 10
B -U-
J J1
N 0.15 (0.006) T U
S
A -V- N F
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
DETAIL E
MOTOROLA
6
IIII IIII IIII
SECTION N-N 0.25 (0.010) M DETAIL E
K K1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
DIM A B C D F G H J J1 K K1 L M
LCX DATA BR1339 -- REV 3
MC74LVX245
OUTLINE DIMENSIONS
M SUFFIX PLASTIC SOIC EIAJ PACKAGE CASE 967-01 ISSUE O
NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION: MILLIMETER. 3 DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5 THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 12.35 12.80 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.81 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.486 0.504 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.032
20
11
LE Q1 M_ L DETAIL P
E HE
1
10
Z D e VIEW P A
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
LCX DATA BR1339 -- REV 3 7
MC74LVX245/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC74LVX245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X