Part Number Hot Search : 
NJW1152 XR1016CD RPH4NSZ 2E682K MCH3322 24M05 6TRPB TEA0676T
Product Description
Full Text Search
 

To Download MC1306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC13-SERIES
Features
(1) 2 mounting options : MC13** Screw mounting type MC13**DIN Din rail mounting type (2) Worldwide compliance : Voltage rating 3 phase AC500V, 10, 20, 30A (3) Safe design : Terminal with cover, Low leakage current (4) Environmental compliance : Lead free soldering
Safety standard
UL1283 CSA Std. C22. 2 No. 8 EN133200
EN133200
Specifications
Model STD type Items DIN type 1 Rated Voltage (AC) 2 Rated Current (*1) 3 Test Voltage (terminals to base plate, 1min AC) 4 Isolation Resistance (terminals to base plate, 500VDC) 5 Leakage Current 500V,60Hz 6 DC Resistance (three lines) 7 Temperature Rise 8 Operating Temperature 9 Operating Humidity 10 Storage Temperature 11 Storage Humidity 12 13 Vibration Weight MC13** MC13**DIN MC1310 MC1320 MC1330 MC1310DIN MC1320DIN MC1330DIN 500V (50/60Hz) 6A 10A 20A 30A 2000V (100mA) at 25C, 70% RH 100M min at 25C, 70% RH 5.0mA max 90m max 68m max 23m max 11m max 30C max -25C ~ +85C 30% ~ 95% RH (No Dewdrop) -40C ~ +85C 10% ~ 95% RH (No Dewdrop) At no operating 10~55~10Hz, Amplitude (Sweep for 1min) 0.825mm constant (Maximum 49.0m/s 2)X,Y,Z 1hour each At no operating 55~250~55Hz, Acceleration (Sweep for 1min) 19.6m/s 2, X,Y,Z 1hour each At no operating 10~55~10Hz, Acceleration (Sweep for 1min) 9.8m/s 2, X,Y,Z 1hour each 600g
= (Note) : Value for Ta < 50C For Ta>50C derate according to the derating curve shown on the right.
MC1306 MC1306DIN
EMI Noise filter
Circuit
Derating
Current (%)
Temperature (C)
Terminal Explanation
Request customer specification for further details of specifications, outline, characteristics, etc. Read the instruction manual before usage. Contact us about delivery before ordering.
163
MC13-SERIES
MC13**
(Unit: mm)
MC13**DIN
EMI Noise filter
(Unit: mm)
MC13**DIN explanation
*Mounting
MC13**DIN could be mounted on 35mm wide (TS35 type) Din-rail.For mounting, put the part (A) of the unit over the top hat rail and push forward like (B), so that the rail stopper is firmly held on the Din-rail. For unmounting, put a screw driver int the part (C) and lift it up to remove the unit.
*Ground
Do not earth whth Din-rail. Earth directly from the ground terminal of MC13**DIN.
164
MC13-SERIES
CHARACTERISTICS
Attenuation Characteristic (typical)
MC1306
MC1310
EMI Noise filter
165
MC13-SERIES
CHARACTERISTICS
Attenuation Characteristic (typical)
MC1320
MC1330
EMI Noise filter
166


▲Up To Search▲   

 
Price & Availability of MC1306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X