Part Number Hot Search : 
KE721203 R0100 IRFB42 NTE3032 12S12 LBN41505 BRR1A PCF859
Product Description
Full Text Search
 

To Download L9333 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L9333
QUAD LOW SIDE DRIVER
PRODUCT PREVIEW
s
s
s
s
s s
s
s
s
WIDE OPERATING SUPPLY VOLTAGE RANGE FROM 4.5V UP TO 32V FOR TRANSIENT 45V VERY LOW STANDBY QUIESCENT CURRENT TYPICALLY < 2A INPUT TO OUTPUT SIGNAL TRANSFER FUNCTION PROGRAMMABLE HIGH SIGNAL RANGE FROM -14V UP TO 45V FOR ALL INPUTS 3.3V CMOS COMPATIBLE INPUTS DEFINED OUTPUT OFF STATE FOR OPEN INPUTS FOUR OPEN DRAIN DMOS OUTPUTS, WITH RDSon = 1.5 FOR VS > 6V AT 25C OUTPUT CURRENT LIMITATION
CONTROLLED OUTPUT SLOPE FOR LOW EMI
MULTIPOWER BCD TECHNOLOGY
SO20 & SO20 (12+4+4) ORDERING NUMBER: L9333MD (SO20 12+4+4) L9333 (SO20)
s
STATUS MONITORING FOR - OVERTEMPERATURE - DISCONNECTED GROUND OR SUPPLY VOLTAGE
s
OVERTEMPERATURE PROTECTION FOR EACH CHANNEL
INTEGRATED OUTPUT CLAMPING FOR FAST INDUCTIVE RECIRCULATION VFB > 45V
DESCRIPTION
The L9333 is a monolithic integrated quad low side driver. It is intended to drive lines, lamps or relais in automotive or industrial applications.
s
BLOCK DIAGRAM
IN 4 C HA NN E L 4 OU T 4
VS R IN IN 1 = &
OU T 1
PR G TH ER M A L S H UTD OW N
C H A NN E L1
4 R IN PR G D IA GN O S TIC LO G IC DIA G
R EN EN
VS R E FER E NC E G ND
V int V log ic
January 2000
This is preliminary information on a new product now in development. Details are subject to change without notice.
1/13
L9333
PIN CONNECTION (Top view)
NC VS NC IN3 IN4 EN OUT4 OUT3 GND NC
1 2 3
20 19 18
NC DIAG NC IN2 IN1 PRG OUT1 OUT2 NC NC
IN1 IN2 DIAG GND GND GND GND VS IN3 IN4
1 2 3
20 19 18
PRG OUT1 OUT2 GND GND GND GND OUT3 OUT4 EN
SO 20 STD
4 5 6 7 8 9 10
17 16 15 14 13 12 11
4 5 6 7 8 9 10
So 12+4+4 Med. Power
Package
17 16 15 14 13 12 11
PIN FUNCTION
Pin Name VS GND EN PRG DIAG IN 1 IN 2 IN 3 IN 4 OUT 1 OUT 2 OUT 3 OUT4 NC Description SO20 Supply Voltage Ground Enable Programming Diagnostic Input 1 Input 2 Input 3 Input 4 OUTPUT 1 OUTPUT 2 OUTPUT 3 OUTPUT4 Not Connected 2 9 6 15 19 16 17 4 5 14 13 8 7 1,3,10,11,12,18,20 SO20 (SO 12+4+4) 8 4, 5, 6, 7, 14, 15, 16, 17 11 20 3 1 2 9 10 19 18 13 12 -
2/13
L9333
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter Value Unit
VS dV S/dt VIN, VEN, VPRG VOUT VDIAG
Supply voltage DC Supply voltage Pulse (T = 400ms) Supply voltage transient Input, Enable, Programming Pin voltage Output voltage Diagnostic output voltage
-0.3 to 32 -0.3 to 45 -10 to +10 -14 to 45
V V V/s V
-0.3 to 45 1) -0.3 to 45
V V
Notes: 1. In flyback phase the output voltage can reach 60V.
ESD - PROTECTION
Parameter Supply pins and signal pins Output pins
Note: Human-Body-Model according to MIL 8832. The device widthstand ST1 class level.
Value against GND 2 4
Unit KV KV
THERMAL DATA
Symbol TJSD TJSDhys SO 12+4+4 Rth (j-p) Rth (j-a) SO 20 Rth (j-a) Thermal resistance junction to ambient 3) 97 C/W Thermal resistance junction to pins Thermal resistance junction to ambient 2) 15 50 C/W C/W Parameter Temperature shutdown threshold Temperature shutdown hysteresis Min 175 20 Typ Max 220 Unit C K
2. With 6cm2 on board heat sink area. 3. Mounted on SMPCB2 board
3/13
L9333
LIFE TIME
Symbol tB tb Parameter useful life time operating life time Condition V S 14V EN = low 4.5V VS 32V EN = high Value 20 5000 Unit years hours
OPERATING RANGE:
Within the operating range the IC operates as described in the circuit description, including the diagnostic table.
Symbol VS VIN, VEN, V PRG VOUT VDIAG TJ Parameter Supply voltage Input voltage Condition Min 4.5 -14 Max 32 45 Unit V V
Output voltage Diagnostic output voltage Junction temperature
Voltage will be limited by internal ZDiode clamping
-0.3 -0.3 -40
60 45 150
V V C
ELECTRICAL CHARACTERISTCS
The electrical characteristics are valid within the defined Operating Conditions, unless otherwise specified. The function is guaranteed by design until TJSDon switch-on-threshold.
Symbol SUPPLY IQ Quiescent current V S 14V; VEN 0.3V Tamb 85 C V S 14V; VEN 0.3V Ta 150C V S 14V; EN = high, Output = off EN = high, Output = on Inputs, IN1 - IN4; Programming, PRG VINlow VINhigh IIN RIN Input voltage LOW Input voltage HIGH Input current Input impedance 0V VIN 45V 4) V IN < 0V; V IN > VS -14 2 -25 10 60 1 45 50 V V A k 1 <2 10 A A mA mA Parameter Test Conditio n Min. Typ. Max. Unit
50 2 3.5
4. Current direction depends on the programming setting (PRG=high leads into a positive current see also Blockdiagram page 1)
4/13
L9333
ELECTRICAL CHARACTERISTCS (continued)
Symbol Enable EN VENlow VENhigh REN IEN Input voltage LOW Input voltage HIGH Input impedance Input current -14V < VEN < 1.5V 1.5V < VEN < 45V -14 2 5 5 80 1 45 V V k A Parameter Test Conditio n Min. Typ. Max. Unit
Outputs OUT1- OUT4 RDSon IOLeak Output ON-resistor Leakage current V S > 6V, I O = 0.3A VO = VS = 14V; Ta < 125C VO = VS = 14V; Ta < 150C VOClamp IOSC CO Output voltage during clamping Short-circuit current internal output capacities E FB 2mJ; 10 mA < IO < 0.3A V S > 6V VO > 4.5V 45 400 52 700 1.7 1 3.8 5 25 60 1000 100 A A V mA pF
Diagnostic Output DIAG VDlow IDmax IDLeak Output voltage LOW Max. output current IDL = 0.6mA internal current limitation; VD = 14V V D = VS = 14 V; Ta < 125 C V D = VS = 14 V; Ta < 150 C Timing Characteristics 5) td,on td,off tset td,DIAG Sout
Note :
0.8 1 5 15
V mA A A
Leakage current
0.1
1 5
On delay time Off delay time Enable settling time ON or OFF Diagnostic delay time Output voltage slopes
V S = 14V C ext = 0F; Lext = 0H only testing condition 10mA I0 200mA 2.5
2 3
3.5 4.5 20 10
s s s s V/s
9
16
All parameters are measured at 125C. 5. See also Fig.3 Timi ng Characteristics
5/13
L9333
Figure 1. Timing Characteristics
VE N
Active
V PR G
t
N o n - In v e r tin g M o d e
In v e r ti n g M o d e
t V IN
t
VO U T
VS 0.8 V S 6)
0.2 V S t t set t d,off t d,on t set
6. Output voltage slope not controlled for enable low!
6/13
L9333
FUNCTIONAL DESCRIPTION
The L9333 is a quad low side driver for lines, lamps or inductive loads in automotive and industrial applications. The logic input levels are 3.3V CMOS compatible. This allows the device to be driven directly by a microcontroller. For the noise immunity, all input thresholds have a hysteresis of typ. 100mV. Each input (IN, EN and PRG) is protected to withstand voltages from -14V to 45V. The device is activated with a 'high' signal on ENable. ENable 'low' switches the device into the sleep mode. In this mode the quiescent current is typically less than 2A. A high signal on PRoGramming input changes the signal transfer polarity from noninverting to the inverting mode. This pin can be connected either to VS or GND. If these pins are not connected, the forced status of the PRG and EN pin is low. For packaged applications it is still recommended to connect all input pins to ground respective VS to avoid EMC influence. The forced condition leads to a mode change if the PRG pin was high before the interruption. Independent of the PRoGramming input, the OUTput switches off, if the signal INput pin is not connected. This function is verified using a leakage current of 5A (sink for PRG=high; source for PRG=low) during circuit test. Each output driver has a current limitation of min 0.4A and an independent thermal shut-down. The thermal shut-down deactivates that output, which exceeds temperature switch off level. When the junction temperature decreases 20K below this temperature threshold the output will be activated again. This 20K is the hysteresis of the thermal shutdown function. The Gates, of the output DMOS transistors are charged and discharged with a current source. Therefore the output slope is limited. This reduces the electromagnetic radiation. For inductive loads an output voltage clamp of typically 52V is implemented. The DIAGnostic is an open drain output. The logic status depends on the PRoGramming pin. If the PRG pin is 'low' the DIAG output becomes low, if the device works correctly. At thermal shut-down of one channel or if the ground is disconnected the DIAGnostic output becomes high. If the PRG pin is 'high' this output is switched off at normal function and switched on at overtemperature. For the fault condition of interrupted ground, the potential of VS and Diagnostic should be equal.
DIAGNOSTIC TABLE
Pins Normal function EN H H H H L Overtemperature, disconnected ground or supply voltage Overtemperature H PRG L L H H X L IN L H L H X X OUT L (on) H (off) H (off) L (on) H (off) H (off) * DIAG L (on) L (on) H (off) H (off) H (off) H (off)
H
H
X
H(off) *
L(on)
X = not relevant * selective for each channel at overtemperature
7/13
L9333
Figure 2. Application for Inverting Transfer Polarity
BOARD VOLTAGE 14 V VCC = 5V or 3.3V 33F
VCC INT MICROCONTROLLER A 0:8 D0 D1 D2 D3 Adressdecoder PRG EN
VS DIAG
M
2W 12 mH 250 mA
VCC = 5V
8
L9333
IN 1 IN 2 IN 3 IN 4 OUT 1 OUT 2 OUT 3 OUT 4 GND
240 VCC IN 50 kHz 10H 50pF GND
GND
Figure 3. Application for non Inverting Transfer Polarity
BOARD VOLTAGE 14 V
33F
PRG
VS
DIAG
EN
M
2W 12 mH 250 mA
VCC = 5V
L9333
IN 1 IN 2 IN 3 IN 4 OUT 1 OUT 2 OUT 3 OUT 4 GND
240
VCC
IN 10H
50pF
GND
Note We recommend to use the device for driving inductive loads with flyback energy EFB 2mJ.
8/13
L9333
EMC SPECIFICATION EMS (electromagnetic susceptibility)
Measurement setup: DUT mounted on a specific application board is driven in a typical application circuit (see below). Two devices are stimulated by a generator to read and write bus signals. They will be monitored externally to ensure proper function.
Figure 4. PCB layout
TOPSIDE
BACKSIDE
Measurement method:
a) b) c) The two bus lines are transferred 2m under a terminated stripline. That's where they were exposed to the RF-field. Stripline setup and measurement method is described in DIN 40839-4 or ISO 11452-5. DUT mounted on the same application board is exposed to RF through the tophole of a TEM-cell. Measurement method according SAE J1752. The two bus lines are transferred into a BCI current injection probe. Setup and measurement method is described in ISO 11452-4.
Failure criteria:
Failure monitoring is done by envelope measurement of the logic signals with a LeCroy oscilloscope with acceptance levels of 20% in amplitude and 2% time.
Limits:
The device is measured within the described setup and limits without fail function. The Electromagnetic Susceptivity is not tested in production. a) Field strength under stripline of > 250V/m in the frequency range 1 - 400MHz modulation:AM 1kHz 80%. b) Field strength in TEM-cell of > 500V/m in the frequency range 1 - 400MHz modulation: c) RF-currents with BCI of > 100mA in the frequency range 1 - 400MHz modulation: AM 1kHz 80%. AM 1kHz 80%.
9/13
9
1
7 8 13
14
11
10/13
2m Flat cable Stripline SMBYW01-200 1 Jumper 11
L9333
Figure 5.
Measured Circuit
ANECHOIC CHAMBER
125Hz 16
f
2 33F 10k SM6T39A 10nF 4.7nF 4.7nF 10k 20k 4 100 optional
17
250Hz
f
2
4
500Hz
U(t)
f VS 4 10k IN1 IN2 IN3 IN4 GND 4 4.7n 4.7nF 4 1 nF optional EN PRG DIAG OUT1 Jumper 19 14 OUT2 OUT3 OUT4 13
2
The EMS of the device was verified in the below described setup.
5 16 17 4 5 9
1kHz 14V
+
-
L9333
8 7
L9333
DIM. MIN. A A1 B C D E e H h L K 10 0.25 0.4 2.35 0.1 0.33 0.23 12.6 7.4
mm TYP. MAX. 2.65 0.3 0.51 0.32 13 7.6 1.27 10.65 0.75 1.27 0.394 0.010 0.016 MIN. 0.093 0.004 0.013 0.009 0.496 0.291
inch TYP. MAX. 0.104 0.012 0.020 0.013 0.512 0.299 0.050 0.419 0.030 0.050
OUTLINE AND MECHANICAL DATA
SO20
0 (min.)8 (max.)
L
h x 45
A B e K H D A1 C
20
11 E
1
1 0
SO20MEC
11/13
L9333
PAD
L9333
12/13
L9333
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. N o license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (R) 2000 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http:/ /www.st.com
13/13


▲Up To Search▲   

 
Price & Availability of L9333

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X