Part Number Hot Search : 
IRS21 STM6968 2500V GR40N60 US1DL AC12V P6NB80FP HMC606L
Product Description
Full Text Search
 

To Download JSST201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 J/SST201 SERIES
Linear Integrated Systems
FEATURES DIRECT REPLACEMENT FOR SILICONIX J/SST201 SERIES LOW CUTOFF VOLTAGE HIGH GAIN ABSOLUTE MAXIMUM RATINGS @ 25 C (unless otherwise stated) Maximum Temperatures Storage Temperature Operating Junction Temperature Maximum Power Dissipation Continuous Power Dissipation Maximum Current Forward Gate Current Maximum Voltages Gate to Drain Voltage Gate to Source Voltage -40V -40V 50mA 350mW -65 to +150 C -55 to +135 C
1
HIGH GAIN N-CHANNEL JFET
VGS(off) 1.5V AV = 80 V/V J SERIES SST SERIES SOT-23 TOP VIEW
TO-92 BOTTOM VIEW DSG 123
S
D
1 3 2
G
ELECTRICAL CHARACTERISTICS @ 25 C (unless otherwise stated) SYMBOL BVGSS CHARACTERISTIC Gate to Source Breakdown Voltage Gate to Source Cutoff Voltage J/SST201, 202 J/SST204 J/SST201 J/SST202 J/SST204 J/SST201 J/SST202 J/SST204 MIN -40 -25 -0.3 -0.8 -0.3 0.2 0.9 0.2 -2 -2 2 J/SST201, 204 J/SST202 0.5 1 4.5 1.3 6 mS pF nV/Hz -1.5 -4 2 1 4.5 3 -100 pA VGS = -20V, VDS = 0V VDG = 10V, ID = 0.1mA VDS = 15V, VGS = -5V VDS = 15V, VGS = 0V, f = 1kHz VDS = 15V, VGS = 0V, f = 1MHz VDS = 10V, VGS = 0V, f = 1kHz mA VDS = 15V, VGS = 0V V VDS = 15V, ID = 10nA TYP MAX UNITS CONDITIONS IG = -1A, VDS = 0V
VGS(off)
IDSS IGSS IG ID(off) gfs Ciss Crss en
Drain to Source 2 Saturation Current Gate Reverse Current Gate Operating Current Drain Cutoff Current Forward Transconductance Input Capacitance
Reverse Transfer Capacitance Noise Voltage
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261
TO-92
0.175 0.195 0.130 0.155 0.045 0.060 0.170 0.195
0.89 1.03 1.78 2.05
SOT-23
1 3 2
1.20 1.40 2.10 2.64 0.085 0.180 0.37 0.51 2.80 3.04
LS XXX YYWW
0.89 1.12
0.016 0.022 0.500 0.610
0.014 0.020
0.013 0.100
0.55 DIMENSIONS IN MILLIMETERS
1
2
3
0.095 0.105
0.045 0.055
DIMENSIONS IN INCHES.
1. 2.
Absolute maximum ratings are limiting values above which serviceability may be impaired. Pulse Test: PW 300s, Duty Cycle 3%
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261


▲Up To Search▲   

 
Price & Availability of JSST201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X