Part Number Hot Search : 
82C881 PACAC97Q D09N03 MUR1560 FR24N100 S1002 82C881 PACAC97Q
Product Description
Full Text Search
 

To Download IXDH20N120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Voltage IGBT with optional Diode
Short Circuit SOA Capability Square RBSOA
IXDH 20N120 VCES = 1200 V = 38 A IXDH 20N120 D1 IC25 VCE(sat) typ = 2.4 V
C G G
C
TO-247 AD
G C
E IXDH 20N120
E IXDH 20N120 D1
E
C (TAB)
G = Gate, C = Collector ,
E = Emitter TAB = Collector
Symbol VCES VCGR VGES VGEM IC25 IC90 ICM RBSOA tSC (SCSOA) PC TJ Tstg
Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 20 kW Continuous Transient TC = 25C TC = 90C TC = 90C, tp = 1 ms VGE = 15 V, TJ = 125C, RG = 82 W Clamped inductive load, L = 30 H VGE = 15 V, VCE = VCES, TJ = 125C RG = 82 W, non repetitive TC = 25C IGBT Diode
Maximum Ratings 1200 1200 20 30 38 25 50 ICM = 35 VCEK < VCES 10 200 75 -55 ... +150 -55 ... +150 300 0.8 - 1.2 6 V V V V A A A A
Features
q q q q q q
q q q
NPT IGBT technology low saturation voltage low switching losses square RBSOA, no latch up high short circuit capability positive temperature coefficient for easy paralleling MOS input, voltage controlled optional ultra fast diode International standard package
Advantages s W W Typical Applications C
q q q
Space savings High power density
C C Nm g
q q q q
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s Md Weight Mounting torque
AC motor speed control DC servo and robot drives DC choppers Uninteruptible power supplies (UPS) Switch-mode and resonant-mode power supplies
Symbol
Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 1200 4.5 2 6.5 V V
V(BR)CES VGE(th) ICES IGES VCE(sat)
VGE = 0 V IC = 0.6 mA, VCE = VGE VCE = VCES TJ = 25C TJ = 125C
1 mA mA 500 nA
VCE = 0 V, VGE = 20 V IC = 20 A, VGE = 15 V 2.4
3
V
031
(c) 2000 IXYS All rights reserved
1-4
IXDH 20N120 IXDH 20N120 D1
Symbol Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 1000 VCE = 25 V, VGE = 0 V, f = 1 MHz IC = 20 A, VGE = 15 V, VCE = 0.5 VCES 150 70 70 100 Inductive load, TJ = 125C IC = 20 A, VGE = 15 V, VCE = 600 V, RG = 82 W 75 500 70 3.1 2.4 pF pF pF nC ns ns ns ns mJ mJ 0.63 K/W Package with heatsink compound 0.25 K/W
Dim. Millimeter Min. Max. A 4.7 5.3 A1 2.2 2.54 A2 2.2 2.6 b 1.0 1.4 1.65 2.13 b1 b2 2.87 3.12 C .4 .8 D 20.80 21.46 E 15.75 16.26 e 5.20 5.72 L 19.81 20.32 L1 4.50 AEP 3.55 3.65 Q 5.89 6.40 R 4.32 5.49 S 6.15 BSC Inches Min. Max. .185 .209 .087 .102 .059 .098 .040 .055 .065 .084 .113 .123 .016 .031 .819 .845 .610 .640 0.205 0.225 .780 .800 .177 .140 .144 0.232 0.252 .170 .216 242 BSC
TO-247 AD Outline
Cies Coes Cres Qg td(on) tr td(off) tf Eon Eoff RthJC RthCH
Reverse Diode (FRED) [D1 version only] Symbol VF IF IRM trr trr RthJC Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 2.6 2.1 2.8 V V A A A ns ns 1.6 K/W
IF = 20 A, VGE = 0 V IF = 20 A, VGE = 0 V, TJ = 125C TC = 25C TC = 90C IF = 20 A, -diF/dt = 400 A/s, VR = 600 V VGE = 0 V, TJ = 125C IF = 1 A, -diF/dt = 100 A/s, VR = 30 V, VGE = 0 V
33 20 15 200 40
(c) 2000 IXYS All rights reserved
2-4
IXDH 20N120 IXDH 20N120 D1
40 35 A
IC
TJ = 25C
VGE=17V 15V 13V 11V
40 A 35 IC 30 25 20 15
TJ = 125C
VGE=17V
15V 13V 11V
30 25 20 15 10 5 0 0.0 0.5 1.0 1.5 2.0 2.5
VCE
9V
9V
10 5
3.0 V
0 0.0
0.5
1.0
1.5
2.0
2.5 3.0 VCE
3.5 V
Fig. 1 Typ. output characteristics
Fig. 2 Typ. output characteristics
40 35 A
IC
VCE = 20V TJ = 25C
45 A 40 35 IF 30 25
30 25 20 15 10 5 0 5 6 7 8 9 10
VGE
20 15 10 5
TJ = 125C
TJ = 25C
11 V
0 0.0
0.5
1.0
1.5
2.0
VF
2.5
3.0 V
Fig. 3 Typ. transfer characteristics
Fig. 4 Typ. forward characteristics of free wheeling diode (D1 version only)
20
A IRM 15
trr
20 V VCE = 600V
IC = 20A
400
ns
VGE 15
300 trr
10
10
TJ= 125C VR= 600V IF = 20A
IXDH20N120D1
200
5
5
IRM
100
0 0 10 20 30 40 50 60 70
QG
0 80 nC 0 100 200 300 400 A/ms -di/dt
0
Fig. 5 Typ. turn on gate charge
Fig. 6 Typ. turn off characteristics of free wheeling diode (D1 version only)
(c) 2000 IXYS All rights reserved
3-4
IXDH 20N120 IXDH 20N120 D1
7 6 mJ
Eon 140 ns 120 100 td(on) tr Eon 80
VCE = 600V VGE = 15V 60 RG = 82W TJ = 125C 40
5
mJ Eoff
td(off) Eoff
500 ns 400 t 300
4 3 2 1
5 4 3 2 1 0 0 10 20
IC
t
VCE = 600V VGE = 15V
200 RG = 82W TJ = 125C 100 tf 0 40
20 A 0 40
0
0 10 20 IC 30 A
30
Fig. 7 Typ. turn on energy and switching times versus collector current
12
mJ Eon 240 td(on) tr Eon 160 ns t Eoff
Fig. 8 Typ. turn off energy and switching times versus collector current
4
mJ
VCE = 600V VGE = 15V IC = 20A TJ = 125C
8
VCE = 600V VGE = 15V IC = 20A TJ = 125C
Eoff td(off)
1600 ns 1200 t
3
2 4
80
800
1
tf
400
0 0 50 100 150 200 250
RG
300
W
0 350
0 0 50 100 150 200 250
RG
300
W 350
0
Fig. 9 Typ. turn on energy and switching times versus gate resistor
40
A 35 ICM 10 K/W 1 ZthJC
RG = 82W TJ = 125C VCEK < VCES
Fig.10 Typ. turn off energy and switching times versus gate resistor
30 25 20 15 10 5 0 0 200 400 600 800 1000 1200 V VCE
0.1 0.01 0.001
diode
IGBT
single pulse
IXDH20N120D1
0.0001 0.00001 0.0001
0.001
0.01 t
0.1
s
1
Fig. 11 Reverse biased safe operating area RBSOA
Fig. 12 Typ. transient thermal impedance
(c) 2000 IXYS All rights reserved
4-4


▲Up To Search▲   

 
Price & Availability of IXDH20N120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X