Part Number Hot Search : 
HCMXXX 50N03 IDT72142 BR4010 G12864 BY35F F7631 24R2Q
Product Description
Full Text Search
 

To Download IRF7809AV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-90010
IRF7809AV
* * * * * N-Channel Application-Specific MOSFETs Ideal for CPU Core DC-DC Converters Low Conduction Losses Low Switching Losses Minimizes Parallel MOSFETs for high current applications
S S S G
1
8 7
A A D D D D
2
Description This new device employs advanced HEXFET Power MOSFET technology to achieve an unprecedented balance of on-resistance and gate charge. The reduced conduction and switching losses make it ideal for high efficiency DC-DC converters that power the latest generation of microprocessors. The IRF7809AV has been optimized for all parameters that are critical in synchronous buck converters including RDS(on), gate charge and Cdv/dt-induced turn-on immunity. The IRF7809AV offers particulary low RDS(on) and high Cdv/dt immunity for synchronous FET applications. The package is designed for vapor phase, infra-red, convection, or wave soldering techniques. Power dissipation of greater than 2W is possible in a typical PCB mount application.
3
6
4
5
SO-8
T o p V ie w
DEVICE CHARACTERISTICS IRF7809AV RDS(on) QG Qsw Qoss 7.0m 41nC 14nC 30nC
Absolute Maximum Ratings Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain or Source Current (VGS 4.5V) Pulsed Drain Current Power Dissipation TA = 25C TL = 90C Junction & Storage Temperature Range Continuous Source Current (Body Diode) Pulsed Source Current Thermal Resistance Parameter Maximum Junction-to-Ambient Maximum Junction-to-Lead RJA RJL Max. 50 20 Units C/W C/W TJ, TSTG IS ISM TA = 25C TL = 90C IDM PD Symbol VDS VGS ID IRF7809A V 30 12 13.3 14.6 100 2.5 3.0 -55 to 150 2.5 50 C A W A Units V
10/26/00
IRF7809AV
Electrical Characteristics
Parameter Drain-to-Source Breakdown Voltage Static Drain-Source on Resistance Gate Threshold Voltage Drain-Source Leakage Current BVDSS RDS(on) VGS(th) IDSS 1.0 30 150 IGSS QG QG QGS1 QGS2 QGD Qsw Qoss RG td (on) tr td tf Ciss Coss - - -
(off)
Min 30
Typ - 7.0
Max - 9.0
Units V m V
Conditions VGS = 0V, ID = 250A VGS = 4.5V, ID = 15A VDS = VGS,ID = 250A VDS = 24V, VGS = 0 VDS = 24V, VGS = 0, Tj = 100C VGS = 12V VGS=5V, ID=15A, VDS=20V VGS = 5V, VDS< 100mV VDS = 20V, ID = 15A
Current*
A nA
Gate-Source Leakage Current* Total Gate Chg Cont FET Total Gate Chg Sync FET Pre-Vth Gate-Source Charge Post-Vth Gate-Source Charge Gate to Drain Charge Switch Chg(Qgs2 + Qgd) Output Charge* Gate Resistance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance
100 41 36 7.0 2.3 12 14 30 1.5 14 36 96 10 3780 1060 130 - - - 21 45 62 54
nC ID=15A, VDS=16V VDS = 16V, VGS = 0 VDD = 16V, ID = 15A ns VGS = 5V Clamped Inductive Load
pF
VDS = 16V, VGS = 0
Reverse Transfer Capacitance Crss
Source-Drain Rating & Characteristics
Parameter Diode Forward Voltage* Reverse Recovery Charge Reverse Recovery Charge (with Parallel Schottky) VSD Qrr Qrr(s) 120 Min Typ Max 1.3 Units V nC Conditions IS = 15A, VGS = 0V di/dt ~ 700A/s VDS = 16V, VGS = 0V, IS = 15A 150 nC di/dt = 700A/s (with 10BQ040) VDS = 16V, VGS = 0V, IS = 15A
Notes:

Repetitive rating; pulse width limited by max. junction temperature. Pulse width 400 s; duty cycle 2%. When mounted on 1 inch square copper board, t < 10 sec. Typ = measured - Qoss Typical values measured at VGS = 4.5V, IF = 15A.
2
www.irf.com
IRF7809AV
1000
VGS 10V 4.5V 3.7V 3.5V 3.3V 3.0V 2.7V BOTTOM 2.5V TOP
1000
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
VGS 10V 4.5V 3.7V 3.5V 3.3V 3.0V 2.7V BOTTOM 2.5V TOP
100
2.5V
20s PULSE WIDTH TJ = 150 C
1 10 100
2.5V
20s PULSE WIDTH TJ = 25 C
1 10 100
10 0.1
10 0.1
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.0
ID = 15A
R DS(on) , Drain-to-Source On Resistance (Normalized)
I D , Drain-to-Source Current (A)
1.5
100
1.0
TJ = 150 C
TJ = 25 C
V DS = 15V 20s PULSE WIDTH 2.6 2.8 3.0 3.2 3.4
0.5
10 2.4
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7809AV
6000
5000
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
10
ID = 15A VDS = 20V
8
C, Capacitance (pF)
4000
Ciss
3000
6
4
2000
Coss
1000
2
0 1
Crss
10 100 0 0 10 20 30 40 50 60 70
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
TJ = 150 C
I D , Drain Current (A)
100
100
10us
10
100us
TJ = 25 C
1
10
1ms
0.1 0.2
V GS = 0 V
0.6 1.0 1.4 1.8 2.2
1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10
10ms
100
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7809AV
16
VDS VGS
RD
D.U.T.
+
I D , Drain Current (A)
12
RG
- VDD
10V
8
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
4
VDS 90%
0 25 50 75 100 125 150
TC , Case Temperature
( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
100
D = 0.50
Thermal Response (Z thJA )
10
0.20 0.10 0.05
1
0.02 0.01 P DM t1
0.1
SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10
t2
0.01 0.00001
100
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7809AV
R DS (on) , Drain-to-Source On Resistance ( )
R DS(on) , Drain-to -Source On Resistance ( )
0.008
0.012
VGS = 4.5V 0.007
0.010
0.006
ID = 15A
0.008
VGS = 10V
0.005 0 20 40 60 80 100 120 ID , Drain Current (A)
0.006 2.5 3.0 3.5 4.0 4.5
VGS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
Fig 13. On-Resistance Vs. Gate Voltage
50K 12V .2F .3F
VGS
QGS
D.U.T. + V - DS
QG QGD
500
EAS , Single Pulse Avalanche Energy (mJ)
VG
VGS
3mA
TOP
400
Charge
IG ID
BOTTOM
ID 6.7A 9.5A 15A
Current Sampling Resistors
Fig 13a&b. Basic Gate Charge Test Circuit and Waveform
300
200
15V
V (B R )D S S tp VD S L DRIVER
100
RG 20 V IAS tp
D.U .T IA S 0.0 1
+ V - DD
0 25 50 75 100 125 150
A
Starting TJ , Junction Temperature ( C)
Fig 14a&b. Unclamped Inductive Test circuit and Waveforms
Fig 14c. Maximum Avalanche Energy Vs. Drain Current
6
www.irf.com
IRF7809AV
SO-8 Package Details
D -B -
D IM
5
IN C H E S M IN .0532 .0040 .014 .0 075 .1 89 .150 MAX .0688 .0098 .018 .0 098 .1 96 .157
M IL LIM E T E R S M IN 1 .35 0 .10 0 .36 0 .19 4 .80 3 .81 M AX 1 .75 0 .25 0 .46 0.25 4.98 3 .99
A
6 5 H 0.2 5 (.0 10 ) M AM
5
8 E -A -
7
A1 B C D E e e1 H K
0 .10 (.00 4) L 8X 6 C 8X
1
2
3
4
e 6X
e1 A
K x 45
.050 B A S IC .025 B A S IC .2 284 .011 0 .16 0 .2 440 .019 .050 8
1.2 7 B A S IC 0.6 35 B A S IC 5 .80 0 .28 0 .41 0 6.20 0 .48 1.27 8
-CB 8X 0 .25 (.01 0) A1 M CASBS
L
R E CO M M E ND E D F O O TP R IN T 0 .72 (.02 8 ) 8X
N O TE S : 1 . D IM EN SIO N IN G AN D TO L ER A NC IN G P ER AN S I Y1 4.5 M -198 2. 2 . C O N TRO L LIN G D IM EN SIO N : IN C H . 3 . D IM EN SIO N S A RE SH O W N IN M ILLIM E TE R S (IN C HE S). 4 . O U TLIN E CO N F O RM S TO JED E C O U TLINE M S -0 12 AA . 5 D IM E NS IO N D O ES N O T IN C LU D E M O LD PR O TR US IO N S M O LD P R O TR U SIO NS N O T TO EXCE ED 0 .2 5 (.00 6). 6 D IM E NS IO N S IS TH E LE N G TH O F L EA D FO R SO L DE R IN G TO A SU B STRA TE..
6 .46 ( .25 5 )
1 .78 (.07 0) 8X
1.27 ( .0 50 ) 3X
SO-8 Part Marking
www.irf.com
7
IRF7809AV
SO-8 Tape and Reel
T E R M IN A L N UM B E R 1
1 2 .3 ( .4 8 4 ) 1 1 .7 ( .4 6 1 )
8 .1 ( .31 8 ) 7 .9 ( .31 2 )
F E E D D IRE C T IO N
NOTES: 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . A L L D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
3 30 .00 ( 12 .9 9 2 ) M A X.
1 4.4 0 ( .5 6 6 ) 1 2.4 0 ( .4 8 8 ) N O TES : 1 . CO N T R O L L IN G DIM E N S IO N : M IL L IME T E R . 2 . O UT L IN E C O N F O R M S T O E IA -4 8 1 & E IA -54 1 .
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTER: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 10/00
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7809AV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X