Part Number Hot Search : 
SKY773 74458168 RB751 ADL5371 C1892CT C2704 SNC12168 08771
Product Description
Full Text Search
 

To Download IRF230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF230
TO-3 (TO-204AA) Package Outline.
Dimensions in mm (inches)
25.15 (0.99) 26.67 (1.05) 10.67 (0.42) 11.18 (0.44) 1.52 (0.06) 3.43 (0.135)
6.35 (0.25) 9.15 (0.36)
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFET
22.23 (0.875) max.
38.61 (1.52) 39.12 (1.54)
29.9 (1.177) 30.4 (1.197)
16.64 (0.655) 17.15 (0.675)
1
2
3 (case) 3.84 (0.151) 4.09 (0.161) 7.92 (0.312) 12.70 (0.50)
Pin 1 - Gate
Pin 2 - Source
0.97 (0.060) 1.10 (0.043)
Case - Drain
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VDS VDGR ID ID IDM VGS PD ILM EAS* TJ , TSTG TL Drain - Source Voltage1 Drain - Gate Voltage (RGS = 20KW)1 Continuous Drain Current@ Tcase = 25C Continuous Drain Current@ Tcase = 100C Pulsed Drain Current 3 Gate - Source Voltage Maximum Power Dissipation @ Tcase = 25C Derate Linearly Inductive Current Clamped Single Pulse Avalanche energy Rating
4
200 200 9.0 6.0 36 20 75 0.6 36 150 -55 to 150 300
V V A A A V W W/C A mj C C
Operating and Storage Junction Temperature Range Lead Temperature : 0.063" from Case for 10 Sec.
THERMAL CHARACTERISTICS
Characteristic RqJC RqCS RqJA NOTES 1 TJ = +25C to + 150C 2 Pulse Test PUlse Width # 300ms. Duty Cycle # 2% 3 Repetitive Ration Pulse Width Limited by Maximum Junction Temperature. 4 VDD = 20V starting TJ = +25C , L = 3.37mH, RGS = 50W, IPEAK = 9A Junction to Case Case to Sink (Mounting Surface flat, smooth and greased. Junction to Ambient (Free air operation) 0.1 30 Min. Typ. Max. Unit 1.67 C/W
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 6/00
IRF230
ELECTRICAL (Tcase = 25C unless otherwise stated)
Parameter
STATIC ELECTRICAL RATINGS BVDSS Drain-Source Breakdown Voltage VGS(TH) Gate Threshold Voltage IGSS IGSS IDSS Gate Source Leakage forward Gate Source Leakage Reverse Zero Gate Voltage Drain Current VGS = 0V , ID = 250mA VDS = VGS , ID = 250mA VGS = 20V VGS = -20V VDS = Max rating VGS=0V ID(ON)2 On-State Drain Current VGS = 10V IDS = 5.0A ID =5.0A 3.0 VGS=0V VDS = Max rating x0.8, TJ = +125C 9 0.25 4.8 600 250 80 ID = 9A 19 10 9.0 35 VDD*100V, RG = 7.5W ID = 5.0A, 80 60 40 ns 30 nC pF 0.4 VDS> ID(ON) xrDS(ON) Max. 200 2 4 100 -100 250 1000
mA
Test Conditions
Min.
Typ.
Max.
Unit
V V nA
A
W
rDS(ON)2 Static Drain-Source On State Resistance VGS = 10V , Forward Transconductance gts2 VDS> 50V DYNAMIC CHARACTERISTICS Ciss Coss Crss Qg Qgs Qgd td(ON) tr td(OFF) tf Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate - Source Charge Gate - Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-off Delay Time Fall Time SOURCE - DRAIN DIODE CHARACTERISTICS IS ISM VSD trr Qrr tON LD LS VGS = 0V, f = 1MHz VGS = 10V VDS = 0.8 VMax
S(W)
VDS = 25V
Continuous Source Current (Body Diode) Modified MOSFET symbol showing the integral Pulsed Source Current1 (Body Diode) Diode Forward Voltage2 Reverse Recovery Time Reverse Recovery Charge Forward Turn-on Time PACKAGE CHARACTERISTICS Internal Drain Inductance Internal Source Inductance
(from 6mm down source lead to source bond pad)
9.0 A 36 2.0 450 3.0 NEGLIGIBLE 5.0 12.5 V ns
mC
reverse P-N junc. rectifier. TJ = +25C , VGS = 0V TJ = +150C , TJ = +150C , IS = 9A IS = 9A VGS = 0V dlF/dt = 100A/ms VGS = 0V dlF/dt = 100A/ms IS = 9A
nH
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 6/00


▲Up To Search▲   

 
Price & Availability of IRF230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X