Part Number Hot Search : 
2SK303 SA24A 9767AST 11800 MT1259C 4741A KP6010 XN04130
Product Description
Full Text Search
 

To Download IDT74FCT2245CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT2245AT/CT FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
FEATURES:
* * * * * * * *
IDT74FCT2245AT/CT
A and C grades Low input and output leakage 1A (max.) CMOS power levels True TTL input and output compatibility: - VOH = 3.3V (typ.) - VOL = 0.3V (typ.) Meets or exceeds JEDEC standard 18 specifications Resistor outputs -15mA IOH, 12mA IOL Reduced system switching noise Available in SOIC, QSOP, and TSSOP packages
DESCRIPTION:
The IDT octal bidirectional transceivers are built using an advanced dual metal CMOS technology. The FCT2245T is designed for asynchronous two-way communication between data buses. The transmit/receive (T/R) input determines the direction of data flow through the bidirectional transceiver. Transmit (active high) enables data from A ports to B ports, and receive (active low) from B ports to A ports. The output enable (OE) input, when high, disables both A and B ports by placing them in high Z condition. The FCT2245T has balanced drive outputs with current limiting resistors. This offers low ground bounce, minimal undershoot and controlled output fall times- reducing the need for external series terminating resistors. The FCT2245T parts are plug-in replacements for FCT245T parts.
FUNCTIONAL BLOCK DIAGRAM
T/R OE A0 B0 A1 B1 A2 B2 A3 B3 A4 B4 A5 B5 A6 B6 A7 B7
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
JUNE 2002
DSC-5511/2
(c) 2002 Integrated Device Technology, Inc.
IDT74FCT2245AT/CT FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to +7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA
T/R A0 A1 A2 A3 A4 A5 A6 A7 GND
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
VCC OE B0 B1 B2 B3 B4 B5 B6 B7
VTERM(3) TSTG IOUT
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed Vcc by +0.5V unless otherwise noted. 2. Inputs and Vcc terminals only. 3. Output and I/O terminals only.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 6 8 Max. 10 12 Unit pF pF
NOTE: 1. This parameter is measured at characterization but not tested.
SOIC/ QSOP/ TSSOP TOP VIEW
PIN DESCRIPTION
Pin Names OE T/R A0 - A7 B0 - B7 Description Output Enable Input (Active LOW) Transmit/Receive Input Side A Inputs or 3-State Outputs Side BInputs or 3-State Outputs
FUNCTION TABLE(1)
Inputs OE L L H
NOTE: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level
T/R L H X
Outputs Bus B Data to Bus A Bus A Data to Bus B High Z State
2
IDT74FCT2245AT/CT FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 5%
Symbol VIH VIL IIH IIL IOZH IOZL II VIK VH ICC Parameter Input HIGH Level Input LOW Level Input HIGH Current(4) Input LOW Current(4) High Impedance Output Current (3-State Output Pins)(4) Input HIGH Current(4) Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC VCC = Max., VI = VCC (Max.) VCC = Min., IIN = -18mA -- Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VCC = Max. VCC = Max. VI = 2.7V VI = 0.5V VI = 2.7V VI = 0.5V Min. 2 -- -- -- -- -- -- -- -- -- Typ.(2) -- -- -- -- -- -- -- -0.7 200 0.01 Max. -- 0.8 1 1 1 1 1 -1.2 -- 1 A V mV mA Unit V V A A A
OUTPUT DRIVE CHARACTERISTICS
Symbol IODL IODH VOH VOL Parameter Output LOW Current Output HIGH Current Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = 5V, VIN = VIH or VIL, VOUT = VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3) VCC = Min IOH = -15mA VIN = VIH or VIL VCC = Min IOL = 12mA VIN = VIH or VIL 1.5V(3) Min. 16 -16 2.4 -- Typ.(2) 48 -48 3.3 0.3 Max. -- -- -- 0.5 Unit mA mA V V
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. The test limit for this parameter is 5A at TA = -55C.
3
IDT74FCT2245AT/CT FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open OE = T/R = GND One Input Toggling 50% Duty Cycle IC Total Power Supply Current(6) VCC = Max. Outputs Open fi = 10MHz 50% Duty Cycle OE = T/R = GND One BitToggling VCC = Max. Outputs Open fi = 2.5MHz 50% Duty Cycle OE = T/R = GND Eight Bits Toggling VIN = VCC VIN = GND VIN = 3.4V VIN = GND VIN = VCC VIN = GND VIN = 3.4V VIN = GND -- 0.6 2.2 mA VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 0.06 Max. 2 0.12 Unit mA mA/ MHz
--
0.9
3.2
--
1.2
3.4(5)
--
3.2
11.4(5)
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input; (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCP/2+ fiNi) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Output Frequency Ni = Number of Outputs at fi All currents are in milliamps and all frequencies are in megahertz.
4
IDT74FCT2245AT/CT FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(1)
74FCT2245AT Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ Parameter Propagation Delay A to B, B to A Output Enable Time OE to A or B Output Disable Time OE to A or B Output Enable Time T/R to A or B(3) Output Disable Time T/R to A or B(3) 1.5 5 1.5 4.8 ns 1.5 6.2 1.5 5.8 ns 1.5 5 1.5 4.8 ns Condition(1) CL = 50 pF RL = 500 1.5 6.2 1.5 5.8 ns Min.(2) 1.5 Max. 4.6 1.5 74FCT2245CT Min.(2) Max. 4.1 Unit ns
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. This parameter is guaranteed but not tested.
5
IDT74FCT2245AT/CT FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 500 VIN Pulse Generator RT D.U.T . VOUT 7.0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open
50pF CL
500
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Octal link
Test Circuits for All Outputs
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC.
tSU
tH
tREM
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
Octal link
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
Octal link
1.5V
1.5V
tSU
tH
Pulse Width
Set-Up, Hold, and Release Times
ENABLE SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V
Octal link
DISABLE 3V 1.5V
CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH SWITCH OPEN 3.5V 1.5V tPHZ 0.3V 1.5V 0V tPLZ
0V 3.5V 0.3V VOL VOH 0V
Octal link
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
6
IDT74FCT2245AT/CT FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
XXXX IDT XX FCT Device Type Temp. Range XX Package
SO Q PG
Small Outline IC Quarter-size Small Outline Package Thin Shrink Small Outline Package
2245AT Octal Bidirectional Transceiver 2245CT
74
- 40C to +85C
DATA SHEET DOCUMENT HISTORY 6/24/2002 Updated as per PDNs Logic-00-07 and Logic-01-04
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT2245CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X