Part Number Hot Search : 
1MK16 36C50 MT800 5R105 R5100815 4738A 230L50TP ADR365
Product Description
Full Text Search
 

To Download IDT74FCT2240CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT2240AT/CT FAST CMOS OCTAL BUFFER/LINE DRIVER
INDUSTRIAL TEMPERATURE RANGE
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT/CT
FEATURES:
* * * * * * * *
DESCRIPTION:
A and C grades Low input and output leakage 1A (max.) CMOS power levels True TTL input and output compatibility: - VOH = 3.3V (typ.) - VOL = 0.3V (typ.) Meets or exceeds JEDEC standard 18 specifications Resistor outputs (-15mA IOH, 12mA IOL) Reduced system switching noise Available in SOIC and QSOP packages
The IDT octal buffer/line driver is built using an advanced dual metal CMOS technology. The FCT2240T is designed to be employed as a memory and address driver, clock driver, and bus-oriented transmitter/ receiver which provides improved board density. The FCT2240T has balanced output drive with current limiting resistors. This offers low ground bounce, minimal undershoot, and controlled output fall times, reducing the need for external series terminating resistors. The FCT2240T is a plug-in replacement for the FCT240T.
FUNCTIONAL BLOCK DIAGRAM
OEA OEB DA0 OB0 DA1 OB1 DA2 OB2 DA3 OB3 OA0 DB0 OA1 DB1 OA2 DB2 OA3 DB3
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
JUNE 2002
DSC-5585/2
(c) 2002 Integrated Device Technology, Inc.
IDT74FCT2240AT/CT FAST CMOS OCTAL BUFFER/LINE DRIVER
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) VTERM(3) TSTG IOUT Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to +7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA
OEA DA0 OB0 DA1 OB1 DA2 OB2 DA3 OB3 GND
1 2 3 4 5 6 7 8 9 10
SOIC/ QSOP TOP VIEW
20 19 18 17 16 15 14 13 12 11
VCC OEB OA0 DB0 OA1 DB1 OA2 DB2 OA3 DB3
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed Vcc by +0.5V unless otherwise noted. 2. Inputs and Vcc terminals only. 3. Output and I/O terminals only.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 6 8 Max. 10 12 Unit pF pF
NOTE: 1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names OEA, OEB Dxx Oxx Inputs Outputs Description 3-State Output Enable Inputs (Active LOW)
FUNCTION TABLE(1)
OEA L L H Inputs OEB L L H D L H X Outputs H L Z
NOTE: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level Z = High Impedance
2
IDT74FCT2240AT/CT FAST CMOS OCTAL BUFFER/LINE DRIVER
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 5%
Symbol VIH VIL IIH IIL IOZH IOZL II VIK VH ICC Parameter Input HIGH Level Input LOW Level Input HIGH Current Input LOW Current High Impedance Output Current (3-State Output Pins) Input HIGH Current Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC VCC = Max., VI = VCC (Max.) VCC = Min., IIN = -18mA -- Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VCC = Max. VCC = Max. VI = 2.7V VI = 0.5V VI = 2.7V VI = 0.5V Min. 2 -- -- -- -- -- -- -- -- -- Typ.(2) -- -- -- -- -- -- -- -0.7 200 0.01 Max. -- 0.8 1 1 1 1 1 -1.2 -- 1 A V mV mA Unit V V A A A
OUTPUT DRIVE CHARACTERISTICS
Symbol IODL IODH VOH VOL Parameter Output LOW Current Output HIGH Current Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3) VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3) VCC = Min IOH = -15mA VIN = VIH or VIL VCC = Min IOL = 12mA VIN = VIH or VIL Min. 16 -16 2.4 -- Typ.(2) 48 -48 3.3 0.3 Max. -- -- -- 0.5 Unit mA mA V V
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
3
IDT74FCT2240AT/CT FAST CMOS OCTAL BUFFER/LINE DRIVER
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open OEA or OEB = GND One Input Toggling 50% Duty Cycle IC Total Power Supply Current(6) VCC = Max. Outputs Open fi = 10MHz 50% Duty Cycle OEA or OEB = GND One Bit Toggling VCC = Max. Outputs Open fi = 2.5MHz 50% Duty Cycle OEA or OEB = GND Four Bits Toggling VIN = VCC VIN = GND VIN = 3.4V VIN = GND VIN = VCC VIN = GND VIN = 3.4V VIN = GND -- 0.6 2.2 mA VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 0.06 Max. 2 0.12 Unit mA mA/ MHz
--
0.9
3.2
--
1.2
3.4(5)
--
3.2
11.4(5)
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCP/2+ fiNi) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Output Frequency Ni = Number of Outputs at fi All currents are in milliamps and all frequencies are in megahertz.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT2240AT Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ Parameter Propagation Delay Dx to Ox Output Enable Time Output Disable Time Condition(1) CL = 50pF RL = 500 Min.(2) 1.5 1.5 1.5 Max. 4.8 6.2 5.6 1.5 1.5 1.5 FCT2240CT Min.(2) Max. 4.3 5.8 5.2 Unit
ns ns ns
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays.
4
IDT74FCT2240AT/CT FAST CMOS OCTAL BUFFER/LINE DRIVER
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 500 VIN Pulse Generator RT D.U.T . VOUT 7.0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open
50pF CL
500
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Octal link
Test Circuits for All Outputs
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC.
tSU
tH
tREM
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
Octal link
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
Octal link
1.5V
1.5V
tSU
tH
Pulse Width
Set-Up, Hold, and Release Times
ENABLE SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V
Octal link
DISABLE 3V 1.5V
CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH SWITCH OPEN 3.5V 1.5V tPHZ 0.3V 1.5V 0V tPLZ
0V 3.5V 0.3V VOL VOH 0V
Octal link
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
5
IDT74FCT2240AT/CT FAST CMOS OCTAL BUFFER/LINE DRIVER
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX FCT X Device Type X Package Temperature Range
SO Q
Small Outline IC Quarter-size Small Outline Package
2240AT Fast CMOS Octal Buffer/Line Driver 2240CT
74
- 40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
6


▲Up To Search▲   

 
Price & Availability of IDT74FCT2240CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X