|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HT48RA3 8-Bit Remote Type MCU Features * Operating voltage: 2.2V~3.6V * 23 bidirectional I/O lines (max.) * 1 interrupt input shared with an I/O line * 8-bit programmable timer/event counter with overflow * PFD supported * HALT function and wake-up feature reduce power consumption * 8-level subroutine nesting * Up to 1ms instruction cycle with 4MHz system clock at interrupt and 8-stage prescaler (TMR0) * 16-bit programmable timer/event counter and VDD=3V * Bit manipulation instruction * 16-bit table read instruction * 63 powerful instructions * All instructions in one or two machine cycles * 28-pin SKDIP/SOP package overflow interrupts (TMR1) * On-chip crystal and RC oscillator * Watchdog Timer * 24K16 program memory EPROM (8K16 bits3 banks) * 2248 data memory RAM General Description The HT48RA3 is an 8-bit high performance, RISC architecture microcontroller device specifically designed for multiple I/O control product applications. The data ROM can be used to store remote control codes. This device is the OTP version which is fully pin and functionally compatible with mask version HT48CA3 device. The advantages of low power consumption, I/O flexibility, timer functions, oscillator options, watchdog timer, programmable frequency divider, HALT and wake-up functions, as well as low cost, enhance the versatility of this device to suit a wide range of application possibilities such as industrial control, consumer products, subsystem controllers, and particularly suitable for use in products such as universal remote controller (URC). Block Diagram TM R1C M U X IN T /P F 0 TM R1 fS YS /4 TM R1 In te rru p t C ir c u it P ro g ra m C o u n te r BP STACK IN T C TM R0C TM R0 M U X P r e s c a le r TM R0 fS YS P ro g ra m EPROM E N /D IS In s tr u c tio n R e g is te r MP M U X W DTS DATA M e m o ry W D T P r e s c a le r WDT M U X W DT OSC PA0~PA7 fS YS /4 PAC PA In s tr u c tio n D ecoder ALU T im in g G e n e ra to r S h ifte r PCC PC OSC2 OSC1 RES VDD VSS ACC MUX PBC STATUS PB PORT A PFD PORT B PB0~PB7 PORT C PC0~PC5 PFC PF PORT F PF0 Rev. 1.40 1 July 16, 2003 HT48RA3 Pin Assignment PB5 1 2 3 4 5 6 7 8 9 10 11 12 13 14 PB4 PA3 PA2 PA1 PA0 PB3 PB2 PB1 P B 0 /P F D VSS P F 0 /IN T P C 0 /T M R 0 PC1 28 27 26 25 24 23 22 21 20 19 18 17 16 15 PB6 PB7 PA4 PA5 PA6 PA7 OSC2 OSC1 VDD RES P C 5 /T M R 1 PC4 PC3 PC2 H T48R A 3 2 8 S K D IP -A /S O P -A Pin Description Pin Name RES I/O I ROM Code Option 3/4 Wake-up* Pull-high*** Description Schmitt trigger reset input, active low. Bidirectional 8-bit input/output port. Each bit can be configured as a wake-up input by a option. Software instructions determine the CMOS output or Schmitt trigger input with/without pull-high resistor. The pull-high resistor of each input/output line is also optional. Bidirectional 8-bit input/output port. Software instructions determine the CMOS output or Schmitt trigger input with/without pull-high resistor. The pull-high resistor of each input/output line is also optional. The output mode of PB0 can be used as an internal PFD signal output and it can be used as a various frequency carrier signal. Negative power supply, ground Bidirectional 6-bit input/output port. Software instructions determine the CMOS output or Schmitt trigger input with/without pull-high resistor. The pull-high resistor of each input/output line is also optional. PC0 and PC5 are pin shared with TMR0 and TMR1 function pins. Bidirectional 1-bit input/output port. Software instructions determine the CMOS output or Schmitt trigger input with/without pull-high resistor. The pull-high resistor of this input/output line is also optional. PF0 is pin shared with the INT function pin. Positive power supply OSC1, OSC2 are connected to an RC network or Crystal (determined by option) for the internal system clock. In the case of RC operation, OSC2 is the output terminal for 1/4 system clock. PA0~PA7 I/O PB0/PFD PB1~PB7 I/O Pull-high** PB0 or PFD VSS PC0/TMR0 PC1~PC4 PC5/TMR1 3/4 3/4 I/O Pull-high* PF0/INT I/O Pull-high* VDD OSC1 OSC2 Note: 3/4 I O * Bit option ** Nibble option *** Byte option 3/4 Crystal or RC Rev. 1.40 2 July 16, 2003 HT48RA3 Absolute Maximum Ratings Supply Voltage ...........................VSS-0.3V to VSS+4.0V Input Voltage..............................VSS-0.3V to VDD+0.3V Storage Temperature ............................-50C to 125C Operating Temperature...........................-40C to 85C Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability. D.C. Characteristics Test Conditions Symbol VDD IDD ISTB1 ISTB2 VIL1 VIH1 VIL2 VIH2 IOL IOH1 IOH2 RPH Parameter VDD Operating Voltage Operating Current Standby Current (WDT Enabled) Standby Current (WDT Disabled) Input Low Voltage for I/O Ports Input High Voltage for I/O Ports Input Low Voltage (RES Ports) Input High Voltage (RES Ports) I/O Port Sink Current I/O Port Source Current I/O Port Source Current Pull-high Resistance 3/4 3V 3V 3V 3/4 3/4 3/4 3/4 3V 3V 3V 3V Conditions 3/4 No load, fSYS=4MHz No load, system HALT No load, system HALT 3/4 3/4 3/4 3/4 VOL=0.1VDD VOH=0.9VDD VOH=0.8VDD 3/4 2.2 3/4 3/4 3/4 0 0.7VDD 0 0.9VDD 5 -2 -4 40 3/4 3 5 0.1 3/4 3/4 3/4 3/4 10 -5 -8 60 3.6 5 10 1 0.3VDD VDD 0.4VDD VDD 3/4 3/4 3/4 80 Min. Typ. Max. Ta=25C Unit V mA mA mA V V V V mA mA mA kW A.C. Characteristics Test Conditions Symbol fSYS fTIMER tWDTOSC tWDT1 tWDT2 tRES tSST tINT tACC Parameter VDD System Clock Timer I/P Frequency (TMR0/TMR1) Watchdog Oscillator Watchdog Time-out Period (WDT OSC) 3V 3V 3V 3V 50% duty 3/4 Without WDT prescaler Without WDT prescaler 3/4 Power-up, reset or wake-up from HALT 3/4 3/4 Conditions 3/4 400 0 45 11.5 3/4 1 3/4 1 1 3/4 3/4 90 23 1024 3/4 1024 3/4 3/4 4000 4000 180 46 3/4 3/4 3/4 3/4 3/4 Min. Typ. Max. Ta=25C Unit kHz kHz ms ms tSYS ms tSYS ms ms Watchdog Time-out Period (fSYS/4) 3V External Reset Low Pulse Width System Start-up Timer Period Interrupt Pulse Width Data ROM Access Time 3/4 3/4 3/4 3/4 Note: tSYS=1/(fSYS) Rev. 1.40 3 July 16, 2003 HT48RA3 Functional Description Execution Flow The system clock for the MCU is derived from either a crystal or an RC oscillator. The system clock is internally divided into four non-overlapping clocks. One instruction cycle consists of four system clock cycles. Instruction fetching and execution are pipelined in such a way that a fetch takes an instruction cycle while decoding and execution takes the next instruction cycle. However, the pipelining scheme causes each instruction to effectively execute in a cycle. If an instruction changes the program counter, two cycles are required to complete the instruction. Program Counter - PC The program counter (PC) controls the sequence in which the instructions stored in the program ROM are executed and its contents specify a full range of program memory. After accessing a program memory word to fetch an instruction code, the contents of the program counter are S y s te m C lo c k T1 T2 T3 T4 T1 T2 incremented by one. The program counter then points to the memory word containing the next instruction code. When executing a jump instruction, conditional skip execution, loading register, subroutine call or return from subroutine, initial reset, internal interrupt, external interrupt or return from interrupts, the PC manipulates the program transfer by loading the address corresponding to each instruction. The conditional skip is activated by instructions. Once the condition is met, the next instruction, fetched during the current instruction execution, is discarded and a dummy cycle replaces it to get the proper instruction. Otherwise proceed to the next instruction. The lower byte of the program counter (PCL) is a readable and writeable register (06H). Moving data into the PCL performs a short jump. The destination will be within the current program ROM page. When a control transfer takes place, an additional dummy cycle is required. T3 T4 T1 T2 T3 T4 O S C 2 ( R C o n ly ) PC PC PC+1 PC+2 F e tc h IN S T (P C ) E x e c u te IN S T (P C -1 ) F e tc h IN S T (P C + 1 ) E x e c u te IN S T (P C ) F e tc h IN S T (P C + 2 ) E x e c u te IN S T (P C + 1 ) Execution flow Program Counter Mode *14~*8 Initial Reset External Interrupt Timer/Event Counter 0 Overflow Timer/Event Counter 1 Overflow Skip Loading PCL Jump, Call Branch Return (RET, RETI) *14~*8 BP (5~6), #12~#8 S14~S8 0000000 0000000 0000000 0000000 *7 0 0 0 0 *6 0 0 0 0 *5 0 0 0 0 *4 0 0 0 0 *3 0 0 1 1 *2 0 1 0 1 *1 0 0 0 0 *0 0 0 0 0 *14~*13, (*12~*0+2): (within current bank) @7 #7 S7 @6 #6 S6 @5 #5 S5 @4 #4 S4 @3 #3 S3 @2 #2 S2 @1 #1 S1 @0 #0 S0 Program Counter Note: *14~*0: Program counter bits #14~#0: Instruction code bits 1 bank: 8K words S14~S0: Stack register bits @7~@0: PCL bits Rev. 1.40 4 July 16, 2003 HT48RA3 Program Memory - ROM The program memory is used to store the program instructions which are to be executed. It also contains data, table, and interrupt entries, and is organized into 819216 bits3 banks, addressed by the program counter and table pointer. Certain locations in the program memory are reserved for special usage: * Location 000H n00H nFFH 000H 004H 008H 00CH D e v ic e In itia liz a tio n P r o g r a m E x te r n a l In te r r u p t S u b r o u tin e T im e r /E v e n t C o u n te r 0 In te r r u p t S u b r o u tin e T im e r /E v e n t C o u n te r 1 In te r r u p t S u b r o u tin e P ro g ra m M e m o ry L o o k - u p T a b le ( 2 5 6 w o r d s ) This area is reserved for program initialization. After chip reset, the program always begins execution at location 000H. * Location 004H This area is reserved for the external interrupt service program. If the INT input pin is activated, the interrupt is enabled and the stack is not full, the program begins execution at location 004H. * Location 008H 5FFFH L o o k - u p T a b le ( 2 5 6 w o r d s ) 1 6 b its N o te : n ra n g e s fro m 0 to 5 F This area is reserved for the Timer/Event Counter 0 interrupt service program. If a timer interrupt results from a Timer/Event Counter 0 overflow, and if the interrupt is enabled and the stack is not full, the program begins execution at location 008H. * Location 00CH Program memory terrupt(s) is supposed to be disabled prior to the table read instruction. It (They) will not be enabled until the TBLH in the main routine has been backup. All table related instructions require 2 cycles to complete the operation. Stack Register - STACK This is a special part of the memory which is used to save the contents of the program counter (PC) only. The stack is organized into 8 levels and is neither part of the data nor part of the program space, and is neither readable nor writeable. The activated level is indexed by the stack pointer (SP) and is neither readable nor writeable. At a subroutine call or interrupt acknowledge signal, the contents of the program counter are pushed onto the stack. At the end of a subroutine or an interrupt routine, signaled by a return instruction (RET or RETI), the program counter is restored to its previous value from the stack. After a chip reset, the SP will point to the top of the stack. If the stack is full and a non-masked interrupt takes place, the interrupt request flag will be recorded but the acknowledge signal will be inhibited. When the stack pointer is decremented (by RET or RETI), the interrupt will be serviced. This feature prevents stack overflow allowing the programmer to use the structure more easily. In a similar case, if the stack is full and a CALL is subTable Location This location is reserved for the Timer/Event Counter 1 interrupt service program. If a timer interrupt results from a Timer/Event Counter 1 overflow, and the interrupt is enabled and the stack is not full, the program begins execution at location 00CH. * Table location Any location in the program memory can be used as look-up tables. The instructions TABRDC [m] (page specified by TBHP) and TABRDL [m] (the last page) transfer the contents of the lower-order byte to the specified data memory, and the higher-order byte to TBLH (08H). The higher-order byte table pointer TBHP (1FH) and lower-order byte table pointer TBLP (07H) are read/write registers, which indicate the table locations. Before accessing the table, the location has to be placed in TBHP and TBLP. The TBLH is read only and cannot be restored. If the main routine and the ISR (interrupt service routine) both employ the table read instruction, the contents of TBLH in the main routine are likely to be changed by the table read instruction used in the ISR. Errors are thus brought about. Given this, using the table read instruction in the main routine and the ISR simultaneously should be avoided. However, if the table read instruction has to be applied in both main routine and the ISR, the in- Instruction *14~*8 TABRDC [m] TABRDL [m] TBHP 1011111 *7 @7 @7 *6 @6 @6 *5 @5 @5 Table location Note: *14~*0: Table location bits @7~@0: Table pointer bits *4 @4 @4 *3 @3 @3 *2 @2 @2 *1 @1 @1 *0 @0 @0 Rev. 1.40 5 July 16, 2003 HT48RA3 sequently executed, stack overflow occurs and the first entry will be lost (only the most recent 8 return addresses are stored). Data Memory - RAM The data memory is designed with 2508 bits. The data memory is divided into two functional groups: special function registers and general purpose data memory (2248). Most are read/write, but some are read only. The special function registers include the indirect addressing registers (R0;00H, R1;02H) bank pointer (BP; 0 4 H ) , Ti m e r / E v e n t C o u n t e r 0 ( T M R 0 ; 0 D H ) , Timer/Event Counter 0 control register (TMR0C;0EH), Timer/Event Counter 1 higher order byte register (TMR1H;0FH), Timer/Event Counter 1 lower order byte register (TMR1L;10H), Timer/Event Counter 1 control register (TMR1C;11H), program counter lower-order byte register (PCL;06H), memory pointer registers (MP0;01H, MP1;03H), accumulator (ACC;05H), table pointer (TBLP;07H, TBHP;1FH), table higher-order byte register (TBLH;08H), status register (STATUS; 0AH), interrupt control register (INTC;0BH), Watchdog Timer option setting register (WDTS;09H), I/O registers (PA;12H, PB;14H, PC;16H, PF;1CH, and I/O control registers (PAC;13H, PBC;15H, PCC;17H, PFC;1DH). The remaining space before the 20H is reserved for future expanded usage and reading these locations will get 00H. The general purpose data memory, addressed from 20H to FFH, is used for data and control information under instruction commands. All of the data memory areas can handle arithmetic, logic, increment, decrement and rotate operations directly. Except for some dedicated bits, each bit in the data memory can be set and reset by SET [m].i and CLR [m].i. They are also indirectly accessible through memory pointer registers (MP0 or MP1). Indirect Addressing Register Location 00H and 02H are indirect addressing registers that are not physically implemented. Any read/write operation of [00H] ([02H]) will access data memory pointed to by MP0 (MP1). Reading location 00H (02H) itself indirectly will return the result 00H. Writing indirectly results in no operation. The memory pointer registers (MP0 and MP1) are 8-bit registers. Accumulator The accumulator is closely related to ALU operations. It is also mapped to location of the data memory and can carry out immediate data operations. The data movement between two data memory locations must pass through the accumulator. RAM mapping 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH 1BH 1CH 1DH 1EH 1FH 20H TBHP PF PFC :U nused R e a d a s "0 0 " TM R0 TM R0C TM R1H TM R1L TM R1C PA PAC PB PBC PC PCC In d ir e c t A d d r e s s in g R e g is te r 0 MP0 In d ir e c t A d d r e s s in g R e g is te r 1 MP1 BP ACC PCL TBLP TBLH W DTS STATUS IN T C S p e c ia l P u r p o s e DATA M EM ORY G e n e ra l P u rp o s e DATA M EM ORY (2 2 4 B y te s ) FFH Arithmetic and Logic Unit - ALU This circuit performs 8-bit arithmetic and logic operations. The ALU provides the following functions: * Arithmetic operations (ADD, ADC, SUB, SBC, DAA) * Logic operations (AND, OR, XOR, CPL) * Increment and decrement (INC, DEC) * Rotation (RL, RR, RLC, RRC) * Increment and Decrement (INC, DEC) * Branch decision (SZ, SNZ, SIZ, SDZ ....) The ALU not only saves the results of a data operation but also changes the status register. Rev. 1.40 6 July 16, 2003 HT48RA3 Status Register - STATUS This 8-bit register (0AH) contains the zero flag (Z), carry flag (C), auxiliary carry flag (AC), overflow flag (OV), power down flag (PD), and watchdog time-out flag (TO). It also records the status information and controls the operation sequence. With the exception of the TO and PD flags, bits in the status register can be altered by instructions like most other registers. Any data written into the status register will not change the TO or PD flag. In addition operations related to the status register may give different results from those intended. The TO flag can be affected only by system power-up, a WDT time-out or executing the CLR WDT or HALT instruction. The PD flag can be affected only by executing the HALT or CLR WDT instruction or during a system power-up. The Z, OV, AC and C flags generally reflect the status of the latest operations. In addition, on entering the interrupt sequence or executing the subroutine call, the status register will not be pushed onto the stack automatically. If the contents of the status are important and if the subroutine can corrupt the status register, precautions must be taken to save it properly. Interrupt The device provides an external interrupt and internal timer/event counter interrupts. The Interrupt Control Register (INTC;0BH) contains the interrupt control bits to set the enable/disable and the interrupt request flags. Once an interrupt subroutine is serviced, all the other interrupts will be blocked (by clearing the EMI bit). This scheme may prevent any further interrupt nesting. Other interrupt requests may occur during this interval but only the interrupt request flag is recorded. If a certain interrupt requires servicing within the service routine, the Labels C Bits 0 EMI bit and the corresponding bit of the INTC may be set to allow interrupt nesting. If the stack is full, the interrupt request will not be acknowledged, even if the related interrupt is enabled, until the SP is decremented. If immediate service is desired, the stack must be prevented from becoming full. All these kinds of interrupts have a wake-up capability. As an interrupt is serviced, a control transfer occurs by pushing the program counter onto the stack, followed by a branch to a subroutine at specified location in the program memory. Only the program counter is pushed onto the stack. If the contents of the register or status register (STATUS) are altered by the interrupt service program which corrupts the desired control sequence, the contents should be saved in advance. External interrupts are triggered by a high to low transition of the INT and the related interrupt request flag (EIF; bit 4 of INTC) will be set. When the interrupt is enabled, the stack is not full and the external interrupt is active, a subroutine call to location 04H will occur. The interrupt request flag (EIF) and EMI bits will be cleared to disable other interrupts. The internal Timer/Event Counter 0 interrupt is initialized by setting the Timer/Event Counter 0 interrupt request flag (T0F; bit 5 of INTC), caused by a timer 0 overflow. When the interrupt is enabled, the stack is not full and the T0F bit is set, a subroutine call to location 08H will occur. The related interrupt request flag (T0F) will be reset and the EMI bit cleared to disable further interrupts. The internal Timer/Even Counter 1 interrupt is initialized by setting the Timer/Event Counter 1 interrupt request flag (T1F;bit 6 of INTC), caused by a timer 1 overflow. When the interrupt is enabled, the stack is not full and the T1F is set, a subroutine call to location 0CH will occur. The related interrupt request flag (T1F) will be reset and the EMI bit cleared to disable further interrupts. Function C is set if the operation results in a carry during an addition operation or if a borrow does not take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate through carry instruction. AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from the high nibble into the low nibble in subtraction; otherwise AC is cleared. Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared. OV is set if the operation results in a carry into the highest-order bit but not a carry out of the highest-order bit, or vice versa; otherwise OV is cleared. PD is cleared by system power-up or executing the CLR WDT instruction. PD is set by executing the HALT instruction. TO is cleared by system power-up or executing the CLR WDT or HALT instruction. TO is set by a WDT time-out. Unused bit, read as 0 Status register Rev. 1.40 7 July 16, 2003 AC Z OV PD TO 3/4 1 2 3 4 5 6~7 HT48RA3 During the execution of an interrupt subroutine, other interrupt acknowledge signals are held until the RETI instruction is executed or the EMI bit and the related interrupt control bit are set to 1 (if the stack is not full). To return from the interrupt subroutine, RET or RETI may be invoked. RETI will set the EMI bit to enable an interrupt service, but RET will not. Interrupts, occurring in the interval between the rising edges of two consecutive T2 pulses, will be serviced on the latter of the two T2 pulses, if the corresponding interrupts are enabled. In the case of simultaneous requests the following table shows the priority that is applied. These can be masked by resetting the EMI bit. Interrupt Source External Interrupt Timer/Event Counter 0 Overflow Timer/Event Counter 1 Overflow Priority 1 2 3 Vector 04H 08H 0CH Oscillator Configuration There are 2 oscillator circuits implemented in the microcontroller. OSC1 OSC1 OSC2 C r y s ta l O s c illa to r fS Y S /4 N M O S O p e n D r a in OSC2 RC O s c illa to r System oscillator Both of them are designed for system clocks, namely the RC oscillator and the crystal oscillator, which are determined by options. No matter what oscillator type is selected, the signal provides the system clock. The HALT mode stops the system oscillator and resists the external signal to conserve power. If an RC oscillator is used, an external resistor between OSC1 and VSS is required and the resistance should range from 100kW to 820kW. The system clock, divided by 4, is available on OSC2, which can be used to synchronize external logic. The internal RC oscillator provides the most cost effective solution. However, the frequency of oscillation may vary with VDD, temperatures and the chip itself due to process variations. It is, therefore, not suitable for timing sensitive operations where an accurate oscillator frequency is desired. If the crystal oscillator is used, a crystal across OSC1 and OSC2 is needed to provide the feedback and phase shift required for the oscillator, and no other external components are demanded. Instead of a crystal, the resonator can also be connected between OSC1 and OSC2 to get a frequency reference, but two external capacitors in OSC1 and OSC2 are required. The WDT oscillator is a free running on-chip RC oscillator, and no external components are required. Even if the system enters the power down mode, the system clock is stopped, but the WDT oscillator still works with a period of approximately 90ms. The WDT oscillator can be disabled by ROM code option to conserve power. Function The Timer/Event Counter 0/1 interrupt request flag (T0F/T1F), external interrupt request flag (EIF), enable Timer/Event Counter 0/1 interrupt bit (ET0I/ET1I), enable external interrupt bit (EEI) and enable master interrupt bit (EMI) constitute an interrupt control register (INTC) which is located at 0BH in the data memory. EMI, EEI, ET0I and ET1I are used to control the enabling/disabling of interrupts. These bits prevent the requested interrupt from being serviced. Once the interrupt request flags (T0F, T1F, EIF) are set, they will remain in the INTC register until the interrupts are serviced or cleared by a software instruction. It is recommended that a program does not use the CALL subroutine within the interrupt subroutine. Interrupts often occur in an unpredictable manner or need to be serviced immediately in some applications. If only one stack is left and enabling the interrupt is not well controlled, the original control sequence will be damaged once the CALL operates in the interrupt subroutine. Register Bit No. 0 1 2 Label EMI EEI ET0I ET1I EIF T0F T1F 3/4 Controls the master (global) interrupt (1= enabled; 0= disabled) Controls the external interrupt (1= enabled; 0= disabled) Controls the Timer/Event Counter 0 interrupt (1= enabled; 0= disabled) Controls the Timer/Event Counter 1 interrupt (1= enabled; 0= disabled) External interrupt request flag (1= active; 0= inactive) Internal Timer/Event Counter 0 request flag (1= active; 0= inactive) Internal Timer/Event Counter 1 request flag (1= active; 0= inactive) Unused bit, read as 0 INTC register INTC (0BH) 3 4 5 6 7 Rev. 1.40 8 July 16, 2003 HT48RA3 Watchdog Timer - WDT The WDT clock source is implemented by a dedicated RC oscillator (WDT oscillator), instruction clock (system clock divided by 4), determines the ROM code option. This timer is designed to prevent a software malfunction or sequence from jumping to an unknown location with unpredictable results. The Watchdog Timer can be disabled by ROM code option. If the Watchdog Timer is disabled, all the executions related to the WDT result in no operation. Once the internal WDT oscillator (RC oscillator with a period of 90ms@3V normally) is selected, it is first divided by 256 (8-stage) to get the nominal time-out period of 23ms@3V. This time-out period may vary with temperatures, VDD and process variations. By invoking the WDT prescaler, longer time-out periods can be realized. Writing data to WS2, WS1, WS0 (bit 2,1,0 of the WDTS) can give different time-out periods. If WS2, WS1, and WS0 are all equal to 1, the division ratio is up to 1:128, and the maximum time-out period is 2.9s@3V seconds. If the WDT oscillator is disabled, the WDT clock may still come from the instruction clock and operates in the same manner except that in the HALT state the WDT may stop counting and lose its protecting purpose. In this situation the logic can only be restarted by external logic. The high nibble and bit 3 of the WDTS are reserved for users defined flags, which can be used to indicate some specified status. If the device operates in a noisy environment, using the on-chip RC oscillator (WDT OSC) is strongly recommended, since the HALT will stop the system clock. WS2 0 0 0 0 1 1 1 1 WS1 0 0 1 1 0 0 1 1 WS0 0 1 0 1 0 1 0 1 WDTS register The WDT overflow under normal operation will initialize chip reset and set the status bit TO. But in the HALT mode, the overflow will initialize a warm reset and only S y s te m C lo c k /4 ROM Code O p tio n S e le c t W D T P r e s c a le r 8 - b it C o u n te r 7 - b it C o u n te r the PC and SP are reset to zero. To clear the contents of WDT (including the WDT prescaler), three methods are adopted; external reset (a low level to RES), software instruction and a HALT instruction. The software instruction include CLR WDT and the other set - CLR WDT1 and CLR WDT2. Of these two types of instruction, only one can be active depending on the ROM code option - CLR WDT times selection option. If the CLR WDT is selected (i.e. CLR WDT times equal one), any execution of the CLR WDT instruction will clear the WDT. In the case that CLR WDT1 and CLR WDT2 are chosen (i.e. CLR WDT times equal two), these two instructions must be executed to clear the WDT; otherwise, the WDT may reset the chip as a result of time-out. Power Down Operation - HALT The HALT mode is initialized by the HALT instruction and results in the following... * The system oscillator will be turned off but the WDT oscillator remains running (if the WDT oscillator is selected). * The contents of the on chip RAM and registers remain unchanged. * WDT and WDT prescaler will be cleared and re- counted again (if the WDT clock is from the WDT oscillator). * All of the I/O ports maintain their original status. * The PD flag is set and the TO flag is cleared. Division Ratio 1:1 1:2 1:4 1:8 1:16 1:32 1:64 1:128 The system can leave the HALT mode by means of an external reset, an interrupt, an external falling edge signal on port A or a WDT overflow. An external reset causes a device initialization and the WDT overflow performs a warm reset. After the TO and PD flags are examined, the reason for chip reset can be determined. The PD flag is cleared by system power-up or executing the CLR WDT instruction and is set when executing the HALT instruction. The TO flag is set if the WDT time-out occurs, and causes a wake-up that only resets the PC and SP; the others remain in their original status. The port A wake-up and interrupt methods can be considered as a continuation of normal execution. Each bit in port A can be independently selected to wake up the device by mask option. Awakening from an I/O port stimulus, the program will resume execution of the next instruction. If it awakens from an interrupt, two sequence W DT OSC 8 -to -1 M U X W D T T im e - o u t W S0~W S2 Watchdog Timer Rev. 1.40 9 July 16, 2003 HT48RA3 may occur. If the related interrupt is disabled or the interrupt is enabled but the stack is full, the program will resume execution at the next instruction. If the interrupt is enabled and the stack is not full, the regular interrupt response takes place. If an interrupt request flag is set to 1 before entering the HALT mode, the wake-up function of the related interrupt will be disabled. Once a wake-up event occurs, it takes 1024 tSYS (system clock period) to resume normal operation. In other words, a dummy period will be inserted after a wake-up. If the wake-up results from an interrupt acknowledge signal, the actual interrupt subroutine execution will be delayed by one or more cycles. If the wake-up results in the next instruction execution, this will be executed immediately after the dummy period is finished. To minimize power consumption, all the I/O pins should be carefully managed before entering the HALT status. Reset There are three ways in which a reset can occur: * RES reset during normal operation * RES reset during HALT * WDT time-out reset during normal operation The functional unit chip reset status are shown below. PC Interrupt Prescaler WDT Timer/event Counter Input/output Ports SP 000H Disable Clear Clear. After master reset, WDT begins counting Off Input mode Points to the top of the stack VDD RES S S T T im e - o u t C h ip R eset tS ST Reset timing chart V DD The WDT time-out during HALT is different from other chip reset conditions, since it can perform a warm re set that resets only the PC and SP, leaving the other circuits in their original state. Some registers remain unchanged during other reset conditions. Most registers are reset to the initial condition when the reset conditions are met. By examining the PD and TO flags, the program can distinguish between different chip resets. TO 0 u 0 1 1 PD 0 u 1 u 1 RESET Conditions RES reset during power-up RES reset during normal operation RES wake-up HALT WDT time-out during normal operation WDT wake-up HALT RES RES Reset circuit HALT W DT W a rm R eset Note: u stands for unchanged To guarantee that the system oscillator is started and stabilized, the SST (System Start-up Timer) provides an extra-delay of 1024 system clock pulses when the system reset (power-up, WDT time-out or RES reset) or the system awakes from the HALT state. When a system reset occurs, the SST delay is added during the reset period. Any wake-up from HALT will enable the SST delay. OSC1 SST 1 0 - b it R ip p le C o u n te r S y s te m R eset C o ld R eset Reset configuration Rev. 1.40 10 July 16, 2003 HT48RA3 The states of the registers is summarized in the table. Register MP0 MP1 BP ACC Program Counter TBLP TBLH WDTS STATUS INTC TMR0 TMR0C TMR1H TMR1L TMR1C PA PAC PB PBC PC PCC PF PFC TBHP Note: Reset (Power On) xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx 0000H xxxx xxxx --xx xxxx 0000 0111 --00 xxxx --00 -000 xxxx xxxx 00-0 1000 xxxx xxxx xxxx xxxx 00-0 1--1111 1111 1111 1111 1111 1111 1111 1111 --11 1111 --11 1111 ---- ---1 ---- ---1 xxxx xxxx * stands for warm reset u stands for unchanged x stands for unknown WDT Time-out (Normal Operation) uuuu uuuu uuuu uuuu uuuu uuuu uuuu uuuu 0000H uuuu uuuu --uu uuuu 0000 0111 --1u uuuu --00 -000 xxxx xxxx 00-0 1000 xxxx xxxx xxxx xxxx 00-0 1--1111 1111 1111 1111 1111 1111 1111 1111 --11 1111 --11 1111 ---- ---1 ---- ---1 uuuu uuuu RES Reset (Normal Operation) uuuu uuuu uuuu uuuu uuuu uuuu uuuu uuuu 0000H uuuu uuuu --uu uuuu 0000 0111 --uu uuuu --00 -000 xxxx xxxx 00-0 1000 xxxx xxxx xxxx xxxx 00-0 1--1111 1111 1111 1111 1111 1111 1111 1111 --11 1111 --11 1111 ---- ---1 ---- ---1 uuuu uuuu RES Reset (HALT) uuuu uuuu uuuu uuuu uuuu uuuu uuuu uuuu 0000H uuuu uuuu --uu uuuu 0000 0111 --01 uuuu --00 -000 xxxx xxxx 00-0 1000 xxxx xxxx xxxx xxxx 00-0 1--1111 1111 1111 1111 1111 1111 1111 1111 --11 1111 --11 1111 ---- ---1 ---- ---1 uuuu uuuu WDT Time-out (HALT)* uuuu uuuu uuuu uuuu uuuu uuuu uuuu uuuu 0000H uuuu uuuu --uu uuuu uuuu uuuu --11 uuuu --uu -uuu uuuu uuuu uu-u uuuu uuuu uuuu uuuu uuuu uu-u u--uuuu uuuu uuuu uuuu uuuu uuuu uuuu uuuu --uu uuuu --uu uuuu ---- ---u ---- ---u uuuu uuuu Rev. 1.40 11 July 16, 2003 HT48RA3 Timer/Event Counter Two timer/event counters are implemented in the device. The Timer/Event Counter 0 contains an 8-bit programmable count-up counter and the clock may come from an external source or the system clock. The Timer/Event Counter 1 contains an 16-bit programmable count-up counter and the clock may come from an external source or the system clock divided by 4. Of the two timer/event counters, using external clock input allows the user to count external events, measure time internals or pulse widths, or generate an accurate time base. While using the internal clock allows the user to generate an accurate time base. Only the Timer/Event Counter 0 can generate PFD signal by using external or internal clock, and PFD frequency is determine by the equation fINT/[2(256-N)]. There are 2 registers related to Timer/Event Counter 0; TMR0(0DH), TMR0C(0EH). In Timer/Event Counter 0 counting mode (TON=1), writing TMR0 will only put the written data to preload register (8 bits). The Timer/Event Counter 0 preload register is changed by each writing TMR0 operations. Reading TMR0 will also latch the TMR0 to the destination. The TMR0C is the Timer/Event Counter 0 control register, which defines the operating mode, counting enable or disable and active edge. The TM0, TM1 bits define the operating mode. The event count mode is used to count external events, which means the clock source comes from an external (TMR0) pin. The timer mode functions as a normal timer with the clock source coming from the fINT clock. The pulse width measurement mode can be used to count the high or low level duration of the external signal (TMR0). The counting is based on the fINT clock. In the event count or timer mode, once the Timer/Event Counter 0 starts counting, it will count from the current contents in the Timer/Event Counter 0 to FFH. Once overflow occurs, the counter is reloaded from the Timer/Event Counter 0 preload register and generates the corresponding interrupt request flag (T0F; bit 5 of INTC) at the same time. In pulse width measurement mode with the TON and TE bits are equal to one, once the TMR0 has received a transition from low to high (or high to low if the TE bit is 0) it will start counting until the TMR0 returns to the original level and reset the TON. The measured result will remain in the Timer/Event Counter 0 even if the activated transition occurs again. In other words, only one cycle measurement can be done. Until setting the TON, the cycle measurement will function again as long as it receives further transition pulse. Note that, in this operating mode, the Timer/Event Counter 0 starts counting not according to the logic level but according to the transition edges. In the case of counter overflows, the counter 0 is reloaded from the Timer/Event Counter 0 preload register and issues the interrupt request just like the other two modes. To enable the counting operation, the timer ON bit (TON; bit 4 of TMR0C) should be set to 1. In the pulse width measurement mode, the TON will be cleared automatically after the measurement cycle is complete. But in the other two modes the TON can only be reset by instructions. The overflow of the Timer/Event Counter 0 is one of the wake-up sources. No matter what the operation mode is, writing a 0 to ET0I can disabled the corresponding interrupt service. In the case of Timer/Event Counter 0 OFF condition, writing data to the Timer/Event Counter 0 preload register will also load the data to Timer/Event Counter 0. But if the Timer/Event Counter 0 is turned on, data written to the Timer/Event Counter 0 will only be kept in the Timer/Event Counter 0 preload register. The Timer/Event Counter 0 will still operate until the overflow occurs (a Timer/Event Counter 0 reloading will occur at the same time). When the Timer/Event Counter 0 (reading TMR0) is read, the clock will be blocked to avoid errors. As this may results in a counting error, this must be taken into consideration by the programmer. The bit 0~2 of the TMR0C can be used to define the pre-scaling stages of the internal clock sources of Timer/Event Counter 0. The definitions are as shown. Label Bits (TMR0C) Function PSC0~ PSC2 To define the prescaler stages, PSC2, PSC1, PSC0= 000: fINT=fSYS/2 001: fINT=fSYS/4 010: fINT=fSYS/8 0~2 011: fINT=fSYS/16 100: fINT=fSYS/32 101: fINT=fSYS/64 110: fINT=fSYS/128 111: fINT=fSYS/256 To define the TMR0 active edge of Timer/Event Counter 0 (0=active on low to high; 1=active on high to low) To enable/disable timer 0 counting (0=disabled; 1=enabled) Unused bit, read as 0 To define the operating mode 01=Event count mode (external clock) 10=Timer mode (internal clock) 11=Pulse width measurement mode 00=Unused TMR0C register TE 3 TON 3/4 4 5 TM0 TM1 6 7 Rev. 1.40 12 July 16, 2003 HT48RA3 There are 3 registers related to Timer/Event Counter 1; TMR1H(0FH), TMR1L(10H), TMR1C(11H). Writing TMR1L will only put the written data to an internal lower-order byte buffer (8 bits) and writing TMR1H will transfer the specified data and the contents of the lower-order byte buffer to TMR1H and TMR1L preload registers, respectively. The Timer/Event Counter 1 preload register is changed by each writing TMR1H operations. Reading TMR1H will latch the contents of TMR1H and TMR1L counters to the destination and the lower-order byte buffer, respectively. Reading the TMR1L will read the contents of the lower-order byte buffer. The TMR1C is the Timer/Event Counter 1 control register, which defines the operating mode, counting enable or disable and active edge. The TM0, TM1 bits define the operating mode. The event count mode is used to count external events, which means the clock source comes from an external (TMR1) pin. The timer mode functions as a normal timer with the clock source coming from the instruction clock. The pulse width measurement mode can be used to count the high or low level duration of the external signal (TMR1). The counting is based on the instruction clock. In the event count or timer mode, once the Timer/Event Counter 1 starts counting, it will count from the current contents in the Timer/Event Counter 1 to FFFFH. Once overflow occurs, the counter is reloaded from the Timer/Event Counter 1 preload register and generates the corresponding interrupt request flag (T1F; bit 6 of INTC) at the same time. (1 /2 ~ 1 /2 5 6 ) fS YS In pulse width measurement mode with the TON and TE bits are equal to one, once the TMR1 has received a transition from low to high (or high to low if the TE bit is 0) it will start counting until the TMR1 returns to the original level and reset the TON. The measured result will remain in the Timer/Event Counter 1 even if the activated transition occurs again. In other words, only one cycle measurement can be done. Until setting the TON, the cycle measurement will function again as long as it receives further transition pulse. Note that, in this operating mode, the Timer/Event Counter 1 starts counting not according to the logic level but according to the transition edges. In the case of counter overflows, the counter 1 is reloaded from the Timer/Event Counter 1 preload register and issues the interrupt request just like the other two modes. To enable the counting operation, the timer ON bit(TON; bit 4 of TMR1C) should be set to 1. In the pulse width measurement mode, the TON will be cleared automatically after the measurement cycle is complete. But in the other two modes the TON can only be reset by instructions. The overflow of the Timer/Event Counter 1 is one of the wake-up sources. No matter what the operation mode is, writing a 0 to ET1I can disabled the corresponding interrupt service. In the case of Timer/Event Counter 1 OFF condition, writing data to the Timer/Event Counter 1 preload register will also load the data to Timer/Event Counter 1. But if the Timer/Event Counter 1 is turned on, data written to the Timer/Event Counter 1 will only be kept in the 8 - s ta g e P r e s c a le r 8 -1 M U X PSC2~PSC0 TM R0 TE TM 1 TM 0 TON P u ls e W id th M e a s u re m e n t M o d e C o n tro l f IN T D a ta B u s TM 1 TM 0 T im e r /E v e n t C o u n te r 0 P r e lo a d R e g is te r R e lo a d 8 - b it T im e r /E v e n t C o u n te r (T M R 0 ) 2 O v e r flo w to In te r r u p t PFD Timer/Event Counter 0 D a ta B u s TM 1 fS Y S /4 TM 0 TE TM 1 TM 0 TON P u ls e W id th M e a s u re m e n t M o d e C o n tro l 1 6 - b it T im e r /E v e n t C o u n te r (T M R 1 H /T M R 1 L ) 1 6 - b it T im e r /E v e n t C o u n te r P r e lo a d R e g is te r TM R1 L o w B y te B u ffe r R e lo a d O v e r flo w to In te rru p t Timer/Event Counter 1 Rev. 1.40 13 July 16, 2003 HT48RA3 Timer/Event Counter 1 preload register. The Timer/Event Counter 1 will still operate until the overflow occurs (a Timer/Event Counter 1 reloading will occur at the same time). When the Timer/Event Counter 1 (reading TMR1H) is read, the clock will be blocked to avoid errors. As this may results in a counting error, this must be taken into consideration by the programmer. The definitions of the TMR1C are as shown. Label Bits (TMR1C) 3/4 TE Function Input/Output Ports There are 23 bi-directional input/output lines in the micro-controller, labeled from PA to PC and PF, which are mapped to the data memory of [12H], [14H], [16H] and [1CH], respectively. All of these I/O ports can be used as input and output operations. For input operation, these ports are non-latching, that is, the inputs must be ready at the T2 rising edge of instruction MOV A,[m] (m=12H, 14H, 16H or 1CH). For output operation, all the data is latched and remains unchanged until the output latch is rewritten. Each I/O line has its own control register (PAC, PBC, PCC, PFC) to control the input/output configuration. With this control register, CMOS output or Schmitt trigger input with or without (depends on options) pull-high resistor structures can be reconfigured dynamically (i.e., on-the fly) under software control. To function as an input, the corresponding latch of the control register has to be set as 1. The pull-high resistor (if the pull-high resistor is enabled) will be exhibited automatically. The input sources also depends on the control register. If the control register bit is 1, the input will read the pad state (mov and read-modify-write instructions"). If the control register bit is 0, the contents of the latches will move to internal data bus (mov and read-modify-write instructions). The input paths (pad state or latches) of read-modify-write instructions are dependent on the control register bits. For output function, CMOS is the only configuration. These control registers are mapped to locations 13H, 15H, 17H and 1DH. V C o n tr o l B it D a ta B u s D CK W r ite C o n tr o l R e g is te r C h ip R e s e t R e a d C o n tr o l R e g is te r Q QB S PA0 PB0 PB1 PC0 PF0 ~P /P ~P ~P A7 FD B7 C5 PU DD 0~2 Unused bit, read as 0 3 To define the active edge of TMR1 pin input signal (0/1: active on low to high/high to low) To enable/disable timer 1 counting (0/1: disabled/enabled) Unused bit, read as 0 To define the operating mode 01=Event count mode (external clock) 10=Timer mode (internal clock) 11=Pulse width measurement mode 00=Unused TMR1C register TON 3/4 4 5 TM0 TM1 6 7 D a ta B it Q D CK QB S M U X PFDEN ( P B 0 O n ly ) X M U W r ite D a ta R e g is te r ( P B 0 O n ly ) PB0 EXT R e a d D a ta R e g is te r S y s te m W a k e -u p ( P A o n ly ) IN T fo r P F 0 O n ly PFD O P0~O P7 fo r P B 0 o n ly , c o n tr o l= P B 0 d a ta r e g is te r Input/output ports Rev. 1.40 14 July 16, 2003 HT48RA3 After a chip reset, these input/output lines stay at high levels (pull-high options) or floating state (non-pull-high options). Each bit of these input/output latches can be set or cleared by SET [m].i (m = 12H, 14H, 16H or 1CH) instructions. Some instructions first input data and then follow the output operations. For example, SET [m].i, CLR [m].i, CPLA [m] read the entire port states into the CPU, execute the defined operations (bit-operation), and then write the results back to the latches or the accumulator. Each line of port A has the capability of waking-up the device. The highest 2 bits of port C and 7 bits of port F are not physically implemented; on reading them a 0 is returned whereas writing then results in a no-operation. Pull-high resistors of each port are decided by a option bit. The PB0 is pin-shared with PFD signal, respectively. If the PFD option is selected, the output signal in output mode of PB0 will be the PFD signal. The input mode always remain its original functions. The PF0 and PC0 are pin-shared with INT and TMR0. The INT signal is directly connected to PF0. The PFD output signal (in output mode) are controlled by the PB0 data register only. The truth table of PB0/PFD is listed below. PBC (15H) Bit0 PB0/PFD Option PB0 (14H) Bit0 PB0 Pad Status Note: I x x I O PB0 D D O PFD 0 0 O PFD 1 PFD Bank Pointer There is a bank pointer used to control the program flow to go to any banks. A bank contains 8K16 address space. The contents of bank pointer are load into program counter when the JMP or CALL instruction is executed. The program counter is a 15-bit register whose contents are used to specify the executed instruction addresses. When calling a subroutine or an interrupt event occurring, the contents of the program counter are save into stack registers. If a returning from subroutine occurs, the contents of the program counter will restore from stack registers. Options The following table shows all kinds of code option in the MCU. All of the mask options must be defined to ensure proper system functioning. Function PA0~PA7 wake-up enable or disable options PC pull-high enable or disable PA pull-high enable or disable: Byte option PF pull-high enable or disable PB pull-high (PB0~PB3, PB4~PB7) enable or disable: Nibble option PB0 or PFD CLR WDT instructions System oscillators: RC or crystal WDT enable or disable WDT clock source: WDTOSC or system clock/4 I: Input; O: Output; D: Data Rev. 1.40 15 July 16, 2003 HT48RA3 Application Circuits RC Oscillator for Multiple I/O Applications Crystal or Ceramic Resonator for Multiple I/O Applications V VDD 100kW R 0 .1 m F 0 .1 m F NMOS o p e n d r a in OSC2 RES VSS IN T /P F 0 T M R 0 /P C 0 OSC DD V DD VDD PA0~PA7 PB1~PB7 PC 1~PC 4 P C 5 /T M R 1 P B 0 /P F D 0 .1 m F 0 .1 m F 100kW C* X 't a l (s e e N o te ) C* OSC2 R* PA0~PA7 OSC1 PB1~PB7 PC 1~PC 4 P C 5 /T M R 1 P B 0 /P F D OSC1 RES VSS IN T /P F 0 T M R 0 /P C 0 H T48R A 3 H T48R A 3 V DD =3V C* + 47mF X 't a l (s e e N o te ) C* OSC2 VSS RES 120W R* VDD OSC1 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 P B 0 /P F D P F 0 /IN T ( L e a r n in g In p u t) PC2 EEPROM PC3 PC4 P C 5 /T M R 1 PB2 PB3 PB4 PB5 PB6 PB7 P C 0 /T M R 0 PC1 R e c e iv e r 1W H T48R A 3 Note: The resistance and capacitance for reset circuit should be designed to ensure that the VDD is stable and remains in a valid range of the operating voltage before bringing RES to high. The following table shows the R* and C* value according different crystal values. Crystal or Resonator 4MHz Crystal 4MHz Resonator (3 pin) 4MHz Resonator (2 pin) 3.58MHz Crystal 3.58MHz Resonator (2 pin) 2MHz Crystal & Resonator (2 pin) 1MHz Crystal 429kHz Resonator 455kHz Resonator 480kHz Resonator C* 0pF 0pF 10pF 0pF 25pF 25pF 35pF 300pF 300pF 300pF R* 10kW 12kW 12kW 10kW 10kW 10kW 27kW 10kW 10kW 9.1kW Rev. 1.40 16 July 16, 2003 HT48RA3 Instruction Set Summary Mnemonic Arithmetic ADD A,[m] ADDM A,[m] ADD A,x ADC A,[m] ADCM A,[m] SUB A,x SUB A,[m] SUBM A,[m] SBC A,[m] SBCM A,[m] DAA [m] Add data memory to ACC Add ACC to data memory Add immediate data to ACC Add data memory to ACC with carry Add ACC to data memory with carry Subtract immediate data from ACC Subtract data memory from ACC Subtract data memory from ACC with result in data memory Subtract data memory from ACC with carry Subtract data memory from ACC with carry and result in data memory Decimal adjust ACC for addition with result in data memory 1 1(1) 1 1 1(1) 1 1 1(1) 1 1(1) 1(1) Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV C Description Instruction Cycle Flag Affected Logic Operation AND A,[m] OR A,[m] XOR A,[m] ANDM A,[m] ORM A,[m] XORM A,[m] AND A,x OR A,x XOR A,x CPL [m] CPLA [m] AND data memory to ACC OR data memory to ACC Exclusive-OR data memory to ACC AND ACC to data memory OR ACC to data memory Exclusive-OR ACC to data memory AND immediate data to ACC OR immediate data to ACC Exclusive-OR immediate data to ACC Complement data memory Complement data memory with result in ACC 1 1 1 1(1) 1(1) 1(1) 1 1 1 1(1) 1 Z Z Z Z Z Z Z Z Z Z Z Increment & Decrement INCA [m] INC [m] DECA [m] DEC [m] Rotate RRA [m] RR [m] RRCA [m] RRC [m] RLA [m] RL [m] RLCA [m] RLC [m] Data Move MOV A,[m] MOV [m],A MOV A,x Bit Operation CLR [m].i SET [m].i Clear bit of data memory Set bit of data memory 1(1) 1(1) None None Move data memory to ACC Move ACC to data memory Move immediate data to ACC 1 1(1) 1 None None None Rotate data memory right with result in ACC Rotate data memory right Rotate data memory right through carry with result in ACC Rotate data memory right through carry Rotate data memory left with result in ACC Rotate data memory left Rotate data memory left through carry with result in ACC Rotate data memory left through carry 1 1(1) 1 1(1) 1 1(1) 1 1(1) None None C C None None C C Increment data memory with result in ACC Increment data memory Decrement data memory with result in ACC Decrement data memory 1 1(1) 1 1(1) Z Z Z Z Rev. 1.40 17 July 16, 2003 HT48RA3 Mnemonic Branch JMP addr SZ [m] SZA [m] SZ [m].i SNZ [m].i SIZ [m] SDZ [m] SIZA [m] SDZA [m] CALL addr RET RET A,x RETI Table Read TABRDC [m] TABRDL [m] Miscellaneous NOP CLR [m] SET [m] CLR WDT CLR WDT1 CLR WDT2 SWAP [m] SWAPA [m] HALT Note: No operation Clear data memory Set data memory Clear Watchdog Timer Pre-clear Watchdog Timer Pre-clear Watchdog Timer Swap nibbles of data memory Swap nibbles of data memory with result in ACC Enter power down mode 1 1(1) 1(1) 1 1 1 1(1) 1 1 None None None TO,PD TO(4),PD(4) TO(4),PD(4) None None TO,PD Read ROM code (current page) to data memory and TBLH Read ROM code (last page) to data memory and TBLH 2(1) 2(1) None None Jump unconditionally Skip if data memory is zero Skip if data memory is zero with data movement to ACC Skip if bit i of data memory is zero Skip if bit i of data memory is not zero Skip if increment data memory is zero Skip if decrement data memory is zero Skip if increment data memory is zero with result in ACC Skip if decrement data memory is zero with result in ACC Subroutine call Return from subroutine Return from subroutine and load immediate data to ACC Return from interrupt 2 1(2) 1(2) 1(2) 1(2) 1(3) 1(3) 1(2) 1(2) 2 2 2 2 None None None None None None None None None None None None None Description Instruction Cycle Flag Affected x: Immediate data m: Data memory address A: Accumulator i: 0~7 number of bits addr: Program memory address O: Flag is affected -: Flag is not affected (1) : If a loading to the PCL register occurs, the execution cycle of instructions will be delayed for one more cycle (four system clocks). (2) : If a skipping to the next instruction occurs, the execution cycle of instructions will be delayed for one more cycle (four system clocks). Otherwise the original instruction cycle is unchanged. (3) (1) : and (2) (4) : The flags may be affected by the execution status. If the Watchdog Timer is cleared by executing the CLR WDT1 or CLR WDT2 instruction, the TO and PD are cleared. Otherwise the TO and PD flags remain unchanged. Rev. 1.40 18 July 16, 2003 HT48RA3 Instruction Definition ADC A,[m] Description Operation Affected flag(s) TC2 3/4 ADCM A,[m] Description Operation Affected flag(s) TC2 3/4 ADD A,[m] Description Operation Affected flag(s) TC2 3/4 ADD A,x Description Operation Affected flag(s) TC2 3/4 ADDM A,[m] Description Operation Affected flag(s) TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV O Z O AC O C O TC1 3/4 TO 3/4 PD 3/4 OV O Z O AC O C O TC1 3/4 TO 3/4 PD 3/4 OV O Z O AC O C O TC1 3/4 TO 3/4 PD 3/4 OV O Z O AC O C O TC1 3/4 TO 3/4 PD 3/4 OV O Z O AC O C O Add data memory and carry to the accumulator The contents of the specified data memory, accumulator and the carry flag are added simultaneously, leaving the result in the accumulator. ACC ACC+[m]+C Add the accumulator and carry to data memory The contents of the specified data memory, accumulator and the carry flag are added simultaneously, leaving the result in the specified data memory. [m] ACC+[m]+C Add data memory to the accumulator The contents of the specified data memory and the accumulator are added. The result is stored in the accumulator. ACC ACC+[m] Add immediate data to the accumulator The contents of the accumulator and the specified data are added, leaving the result in the accumulator. ACC ACC+x Add the accumulator to the data memory The contents of the specified data memory and the accumulator are added. The result is stored in the data memory. [m] ACC+[m] Rev. 1.40 19 July 16, 2003 HT48RA3 AND A,[m] Description Operation Affected flag(s) TC2 3/4 AND A,x Description Operation Affected flag(s) TC2 3/4 ANDM A,[m] Description Operation Affected flag(s) TC2 3/4 CALL addr Description TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 Logical AND accumulator with data memory Data in the accumulator and the specified data memory perform a bitwise logical_AND operation. The result is stored in the accumulator. ACC ACC AND [m] Logical AND immediate data to the accumulator Data in the accumulator and the specified data perform a bitwise logical_AND operation. The result is stored in the accumulator. ACC ACC AND x Logical AND data memory with the accumulator Data in the specified data memory and the accumulator perform a bitwise logical_AND operation. The result is stored in the data memory. [m] ACC AND [m] Subroutine call The instruction unconditionally calls a subroutine located at the indicated address. The program counter increments once to obtain the address of the next instruction, and pushes this onto the stack. The indicated address is then loaded. Program execution continues with the instruction at this address. Stack PC+1 PC addr TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Operation Affected flag(s) CLR [m] Description Operation Affected flag(s) Clear data memory The contents of the specified data memory are cleared to 0. [m] 00H TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Rev. 1.40 20 July 16, 2003 HT48RA3 CLR [m].i Description Operation Affected flag(s) TC2 3/4 CLR WDT Description Operation TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Clear bit of data memory The bit i of the specified data memory is cleared to 0. [m].i 0 Clear Watchdog Timer The WDT is cleared (clears the WDT). The power down bit (PD) and time-out bit (TO) are cleared. WDT 00H PD and TO 0 TC2 3/4 TC1 3/4 TO 0 PD 0 OV 3/4 Z 3/4 AC 3/4 C 3/4 Affected flag(s) CLR WDT1 Description Preclear Watchdog Timer Together with CLR WDT2, clears the WDT. PD and TO are also cleared. Only execution of this instruction without the other preclear instruction just sets the indicated flag which implies this instruction has been executed and the TO and PD flags remain unchanged. WDT 00H* PD and TO 0* TC2 3/4 TC1 3/4 TO 0* PD 0* OV 3/4 Z 3/4 AC 3/4 C 3/4 Operation Affected flag(s) CLR WDT2 Description Preclear Watchdog Timer Together with CLR WDT1, clears the WDT. PD and TO are also cleared. Only execution of this instruction without the other preclear instruction, sets the indicated flag which implies this instruction has been executed and the TO and PD flags remain unchanged. WDT 00H* PD and TO 0* TC2 3/4 TC1 3/4 TO 0* PD 0* OV 3/4 Z 3/4 AC 3/4 C 3/4 Operation Affected flag(s) CPL [m] Description Operation Affected flag(s) Complement data memory Each bit of the specified data memory is logically complemented (1s complement). Bits which previously contained a 1 are changed to 0 and vice-versa. [m] [m] TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 Rev. 1.40 21 July 16, 2003 HT48RA3 CPLA [m] Description Complement data memory and place result in the accumulator Each bit of the specified data memory is logically complemented (1s complement). Bits which previously contained a 1 are changed to 0 and vice-versa. The complemented result is stored in the accumulator and the contents of the data memory remain unchanged. ACC [m] TC2 3/4 DAA [m] Description TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 Operation Affected flag(s) Decimal-Adjust accumulator for addition The accumulator value is adjusted to the BCD (Binary Coded Decimal) code. The accumulator is divided into two nibbles. Each nibble is adjusted to the BCD code and an internal carry (AC1) will be done if the low nibble of the accumulator is greater than 9. The BCD adjustment is done by adding 6 to the original value if the original value is greater than 9 or a carry (AC or C) is set; otherwise the original value remains unchanged. The result is stored in the data memory and only the carry flag (C) may be affected. If ACC.3~ACC.0 >9 or AC=1 then [m].3~[m].0 (ACC.3~ACC.0)+6, AC1=AC else [m].3~[m].0 (ACC.3~ACC.0), AC1=0 and If ACC.7~ACC.4+AC1 >9 or C=1 then [m].7~[m].4 ACC.7~ACC.4+6+AC1,C=1 else [m].7~[m].4 ACC.7~ACC.4+AC1,C=C TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C O Operation Affected flag(s) DEC [m] Description Operation Affected flag(s) Decrement data memory Data in the specified data memory is decremented by 1. [m] [m]-1 TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 DECA [m] Description Operation Affected flag(s) Decrement data memory and place result in the accumulator Data in the specified data memory is decremented by 1, leaving the result in the accumulator. The contents of the data memory remain unchanged. ACC [m]-1 TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 Rev. 1.40 22 July 16, 2003 HT48RA3 HALT Description Enter power down mode This instruction stops program execution and turns off the system clock. The contents of the RAM and registers are retained. The WDT and prescaler are cleared. The power down bit (PD) is set and the WDT time-out bit (TO) is cleared. PC PC+1 PD 1 TO 0 TC2 3/4 INC [m] Description Operation Affected flag(s) TC2 3/4 INCA [m] Description Operation Affected flag(s) TC2 3/4 JMP addr Description Operation Affected flag(s) TC2 3/4 MOV A,[m] Description Operation Affected flag(s) TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 TC1 3/4 TO 0 PD 1 OV 3/4 Z 3/4 AC 3/4 C 3/4 Operation Affected flag(s) Increment data memory Data in the specified data memory is incremented by 1 [m] [m]+1 Increment data memory and place result in the accumulator Data in the specified data memory is incremented by 1, leaving the result in the accumulator. The contents of the data memory remain unchanged. ACC [m]+1 Directly jump The program counter are replaced with the directly-specified address unconditionally, and control is passed to this destination. PC addr Move data memory to the accumulator The contents of the specified data memory are copied to the accumulator. ACC [m] Rev. 1.40 23 July 16, 2003 HT48RA3 MOV A,x Description Operation Affected flag(s) TC2 3/4 MOV [m],A Description Operation Affected flag(s) TC2 3/4 NOP Description Operation Affected flag(s) TC2 3/4 OR A,[m] Description Operation Affected flag(s) TC2 3/4 OR A,x Description Operation Affected flag(s) TC2 3/4 ORM A,[m] Description Operation Affected flag(s) TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Move immediate data to the accumulator The 8-bit data specified by the code is loaded into the accumulator. ACC x Move the accumulator to data memory The contents of the accumulator are copied to the specified data memory (one of the data memories). [m] ACC No operation No operation is performed. Execution continues with the next instruction. PC PC+1 Logical OR accumulator with data memory Data in the accumulator and the specified data memory (one of the data memories) perform a bitwise logical_OR operation. The result is stored in the accumulator. ACC ACC OR [m] Logical OR immediate data to the accumulator Data in the accumulator and the specified data perform a bitwise logical_OR operation. The result is stored in the accumulator. ACC ACC OR x Logical OR data memory with the accumulator Data in the data memory (one of the data memories) and the accumulator perform a bitwise logical_OR operation. The result is stored in the data memory. [m] ACC OR [m] Rev. 1.40 24 July 16, 2003 HT48RA3 RET Description Operation Affected flag(s) TC2 3/4 RET A,x Description Operation TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Return from subroutine The program counter is restored from the stack. This is a 2-cycle instruction. PC Stack Return and place immediate data in the accumulator The program counter is restored from the stack and the accumulator loaded with the specified 8-bit immediate data. PC Stack ACC x TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Affected flag(s) RETI Description Operation Return from interrupt The program counter is restored from the stack, and interrupts are enabled by setting the EMI bit. EMI is the enable master (global) interrupt bit. PC Stack EMI 1 TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Affected flag(s) RL [m] Description Operation Rotate data memory left The contents of the specified data memory are rotated 1 bit left with bit 7 rotated into bit 0. [m].(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) [m].0 [m].7 TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Affected flag(s) RLA [m] Description Operation Rotate data memory left and place result in the accumulator Data in the specified data memory is rotated 1 bit left with bit 7 rotated into bit 0, leaving the rotated result in the accumulator. The contents of the data memory remain unchanged. ACC.(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) ACC.0 [m].7 TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Affected flag(s) Rev. 1.40 25 July 16, 2003 HT48RA3 RLC [m] Description Operation Rotate data memory left through carry The contents of the specified data memory and the carry flag are rotated 1 bit left. Bit 7 replaces the carry bit; the original carry flag is rotated into the bit 0 position. [m].(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) [m].0 C C [m].7 TC2 3/4 RLCA [m] Description TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C O Affected flag(s) Rotate left through carry and place result in the accumulator Data in the specified data memory and the carry flag are rotated 1 bit left. Bit 7 replaces the carry bit and the original carry flag is rotated into bit 0 position. The rotated result is stored in the accumulator but the contents of the data memory remain unchanged. ACC.(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) ACC.0 C C [m].7 TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C O Operation Affected flag(s) RR [m] Description Operation Rotate data memory right The contents of the specified data memory are rotated 1 bit right with bit 0 rotated to bit 7. [m].i [m].(i+1); [m].i:bit i of the data memory (i=0~6) [m].7 [m].0 TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Affected flag(s) RRA [m] Description Operation Rotate right and place result in the accumulator Data in the specified data memory is rotated 1 bit right with bit 0 rotated into bit 7, leaving the rotated result in the accumulator. The contents of the data memory remain unchanged. ACC.(i) [m].(i+1); [m].i:bit i of the data memory (i=0~6) ACC.7 [m].0 TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Affected flag(s) RRC [m] Description Operation Rotate data memory right through carry The contents of the specified data memory and the carry flag are together rotated 1 bit right. Bit 0 replaces the carry bit; the original carry flag is rotated into the bit 7 position. [m].i [m].(i+1); [m].i:bit i of the data memory (i=0~6) [m].7 C C [m].0 TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C O Affected flag(s) Rev. 1.40 26 July 16, 2003 HT48RA3 RRCA [m] Description Rotate right through carry and place result in the accumulator Data of the specified data memory and the carry flag are rotated 1 bit right. Bit 0 replaces the carry bit and the original carry flag is rotated into the bit 7 position. The rotated result is stored in the accumulator. The contents of the data memory remain unchanged. ACC.i [m].(i+1); [m].i:bit i of the data memory (i=0~6) ACC.7 C C [m].0 TC2 3/4 SBC A,[m] Description Operation Affected flag(s) TC2 3/4 SBCM A,[m] Description Operation Affected flag(s) TC2 3/4 SDZ [m] Description TC1 3/4 TO 3/4 PD 3/4 OV O Z O AC O C O TC1 3/4 TO 3/4 PD 3/4 OV O Z O AC O C O TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C O Operation Affected flag(s) Subtract data memory and carry from the accumulator The contents of the specified data memory and the complement of the carry flag are subtracted from the accumulator, leaving the result in the accumulator. ACC ACC+[m]+C Subtract data memory and carry from the accumulator The contents of the specified data memory and the complement of the carry flag are subtracted from the accumulator, leaving the result in the data memory. [m] ACC+[m]+C Skip if decrement data memory is 0 The contents of the specified data memory are decremented by 1. If the result is 0, the next instruction is skipped. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]-1)=0, [m] ([m]-1) TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Operation Affected flag(s) SDZA [m] Description Decrement data memory and place result in ACC, skip if 0 The contents of the specified data memory are decremented by 1. If the result is 0, the next instruction is skipped. The result is stored in the accumulator but the data memory remains unchanged. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]-1)=0, ACC ([m]-1) TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Operation Affected flag(s) Rev. 1.40 27 July 16, 2003 HT48RA3 SET [m] Description Operation Affected flag(s) TC2 3/4 SET [m]. i Description Operation Affected flag(s) TC2 3/4 SIZ [m] Description TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Set data memory Each bit of the specified data memory is set to 1. [m] FFH Set bit of data memory Bit i of the specified data memory is set to 1. [m].i 1 Skip if increment data memory is 0 The contents of the specified data memory are incremented by 1. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]+1)=0, [m] ([m]+1) TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Operation Affected flag(s) SIZA [m] Description Increment data memory and place result in ACC, skip if 0 The contents of the specified data memory are incremented by 1. If the result is 0, the next instruction is skipped and the result is stored in the accumulator. The data memory remains unchanged. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]+1)=0, ACC ([m]+1) TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Operation Affected flag(s) SNZ [m].i Description Skip if bit i of the data memory is not 0 If bit i of the specified data memory is not 0, the next instruction is skipped. If bit i of the data memory is not 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m].i0 Operation Affected flag(s) TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Rev. 1.40 28 July 16, 2003 HT48RA3 SUB A,[m] Description Operation Affected flag(s) TC2 3/4 SUBM A,[m] Description Operation Affected flag(s) TC2 3/4 SUB A,x Description Operation Affected flag(s) TC2 3/4 SWAP [m] Description Operation Affected flag(s) TC2 3/4 SWAPA [m] Description Operation TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV O Z O AC O C O TC1 3/4 TO 3/4 PD 3/4 OV O Z O AC O C O TC1 3/4 TO 3/4 PD 3/4 OV O Z O AC O C O Subtract data memory from the accumulator The specified data memory is subtracted from the contents of the accumulator, leaving the result in the accumulator. ACC ACC+[m]+1 Subtract data memory from the accumulator The specified data memory is subtracted from the contents of the accumulator, leaving the result in the data memory. [m] ACC+[m]+1 Subtract immediate data from the accumulator The immediate data specified by the code is subtracted from the contents of the accumulator, leaving the result in the accumulator. ACC ACC+x+1 Swap nibbles within the data memory The low-order and high-order nibbles of the specified data memory (1 of the data memories) are interchanged. [m].3~[m].0 [m].7~[m].4 Swap data memory and place result in the accumulator The low-order and high-order nibbles of the specified data memory are interchanged, writing the result to the accumulator. The contents of the data memory remain unchanged. ACC.3~ACC.0 [m].7~[m].4 ACC.7~ACC.4 [m].3~[m].0 TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Affected flag(s) Rev. 1.40 29 July 16, 2003 HT48RA3 SZ [m] Description Skip if data memory is 0 If the contents of the specified data memory are 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m]=0 Operation Affected flag(s) TC2 3/4 SZA [m] Description TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Move data memory to ACC, skip if 0 The contents of the specified data memory are copied to the accumulator. If the contents is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m]=0 Operation Affected flag(s) TC2 3/4 SZ [m].i Description TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Skip if bit i of the data memory is 0 If bit i of the specified data memory is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m].i=0 Operation Affected flag(s) TC2 3/4 TABRDC [m] Description Operation TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Move the ROM code (current page) to TBLH and data memory The low byte of ROM code (current page) addressed by the table pointer (TBLP) is moved to the specified data memory and the high byte transferred to TBLH directly. [m] ROM code (low byte) TBLH ROM code (high byte) TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Affected flag(s) TABRDL [m] Description Operation Move the ROM code (last page) to TBLH and data memory The low byte of ROM code (last page) addressed by the table pointer (TBLP) is moved to the data memory and the high byte transferred to TBLH directly. [m] ROM code (low byte) TBLH ROM code (high byte) TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Affected flag(s) Rev. 1.40 30 July 16, 2003 HT48RA3 XOR A,[m] Description Operation Affected flag(s) TC2 3/4 XORM A,[m] Description Operation Affected flag(s) TC2 3/4 XOR A,x Description Operation Affected flag(s) TC2 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 TC1 3/4 TO 3/4 PD 3/4 OV 3/4 Z O AC 3/4 C 3/4 Logical XOR accumulator with data memory Data in the accumulator and the indicated data memory perform a bitwise logical Exclusive_OR operation and the result is stored in the accumulator. ACC ACC XOR [m] Logical XOR data memory with the accumulator Data in the indicated data memory and the accumulator perform a bitwise logical Exclusive_OR operation. The result is stored in the data memory. The 0 flag is affected. [m] ACC XOR [m] Logical XOR immediate data to the accumulator Data in the accumulator and the specified data perform a bitwise logical Exclusive_OR operation. The result is stored in the accumulator. The 0 flag is affected. ACC ACC XOR x Rev. 1.40 31 July 16, 2003 HT48RA3 Package Information 28-pin SKDIP (300mil) Outline Dimensions A 28 B 1 15 14 H C D E F G a I Symbol A B C D E F G H I a Dimensions in mil Min. 1375 278 125 125 16 50 3/4 295 330 0 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 100 3/4 3/4 3/4 Max. 1395 298 135 145 20 70 3/4 315 375 15 Rev. 1.40 32 July 16, 2003 HT48RA3 28-pin SOP (300mil) Outline Dimensions 28 A 15 B 1 14 C C' G H D E F a Symbol A B C C D E F G H a Dimensions in mil Min. 394 290 14 697 92 3/4 4 32 4 0 Nom. 3/4 3/4 3/4 3/4 3/4 50 3/4 3/4 3/4 3/4 Max. 419 300 20 713 104 3/4 3/4 38 12 10 Rev. 1.40 33 July 16, 2003 HT48RA3 Product Tape and Reel Specifications Reel Dimensions T2 D A B C T1 SOP 28W (300mil) Symbol A B C D T1 T2 Description Reel Outer Diameter Reel Inner Diameter Spindle Hole Diameter Key Slit Width Space Between Flange Reel Thickness Dimensions in mm 3301.0 621.5 13.0+0.5 -0.2 2.00.5 24.8+0.3 -0.2 30.20.2 Rev. 1.40 34 July 16, 2003 HT48RA3 Carrier Tape Dimensions D E F P0 P1 t W C B0 D1 P K0 A0 SOP 28W (300mil) Symbol W P E F D D1 P0 P1 A0 B0 K0 t C Description Carrier Tape Width Cavity Pitch Perforation Position Cavity to Perforation (Width Direction) Perforation Diameter Cavity Hole Diameter Perforation Pitch Cavity to Perforation (Length Direction) Cavity Length Cavity Width Cavity Depth Carrier Tape Thickness Cover Tape Width Dimensions in mm 24.00.3 12.00.1 1.750.1 11.50.1 1.5+0.1 1.5+0.25 4.00.1 2.00.1 10.850.1 18.340.1 2.970.1 0.350.01 21.3 Rev. 1.40 35 July 16, 2003 HT48RA3 Holtek Semiconductor Inc. (Headquarters) No.3, Creation Rd. II, Science-based Industrial Park, Hsinchu, Taiwan Tel: 886-3-563-1999 Fax: 886-3-563-1189 http://www.holtek.com.tw Holtek Semiconductor Inc. (Sales Office) 11F, No.576, Sec.7 Chung Hsiao E. Rd., Taipei, Taiwan Tel: 886-2-2782-9635 Fax: 886-2-2782-9636 Fax: 886-2-2782-7128 (International sales hotline) Holtek Semiconductor (Shanghai) Inc. 7th Floor, Building 2, No.889, Yi Shan Rd., Shanghai, China Tel: 021-6485-5560 Fax: 021-6485-0313 http://www.holtek.com.cn Holtek Semiconductor (Hong Kong) Ltd. Block A, 3/F, Tin On Industrial Building, 777-779 Cheung Sha Wan Rd., Kowloon, Hong Kong Tel: 852-2-745-8288 Fax: 852-2-742-8657 Holmate Semiconductor, Inc. 46712 Fremont Blvd., Fremont, CA 94538 Tel: 510-252-9880 Fax: 510-252-9885 http://www.holmate.com Copyright O 2003 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holteks products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw. Rev. 1.40 36 July 16, 2003 |
Price & Availability of HT48RA3 |