Part Number Hot Search : 
EPSA1 WM8950 T3324551 GMA8875C NJU6680 LC74751 PS8601 A7260
Product Description
Full Text Search
 

To Download HD26LS32A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD26LS32A
Quadruple Differential Line Receivers With 3 State Outputs The HD26LS32A features quadruple line receivers designed to meet the specs of EIA standard RS422A and RS-423. This device operates from a single 5 V power supply. The enable function is common to all four receivers and offers a choice of active high or active low input. Fail safe design ensures that if the inputs are open, the outputs will always be high.
Pin Arrangement
1B 1A 1Y
1 2 3
16 VCC 15 4B 14 4A 13 4Y 12 Enable G 11 3Y 10 3A 9 3B
Enable 4 G 2Y 2A 5 6 7 8
Logic Diagram
1A 1B 2A 2B 3A 3B 4A 4B Enable G Enable G 1Y
2B GND
(Top View) 2Y
Function Table
3Y Differential Input A-B VID VTH 4Y VTL < VID < VTH Enable G H X H X VID VTL H X X H L X ? Z : : : : : L High level Low level Immaterial Irrelevant High impedance G X L X L X L H Output Y H H ? ? L L Z
HD26LS32A
Absolute Maximum Ratings
Item Supply Voltage Input Voltage A or B Differential Input Voltage Enable Input Voltage Output Sink Current Continuous Total Dissipation Operating Temperature Storage Temperature Symbol VCC VIN VID VIN Iout PT Topr Tstg
*2 *1
HD26LS32A
Ratings 7.0 25 25 7 50 1 0 to +70 - 65 to 150
Unit V V V V mA W C C
Notes: 1. All voltage values except for differential input voltage are with respect to network ground terminal. 2. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting input. 3. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply Voltage In Phase Input Voltage Output Current Operating Temperature Symbol VCC VIC IOH IOL Topr 0 Min 4.75 Typ 5.00 Max 5.25 7.0 - 440 8 70 Unit V V A mA C
2
HD26LS32A
Electrical Characteristics (Ta = 0 to +70C)
Item Differential Input High Threshold Voltage Differential Input Low Threshold Voltage Input Hysteresis
*2
HD26LS32A
Symbol VTH
Conditions VIC = -7 to +7 V
Min
Typ
*1
Max 0.2
Unit V
VOH = 2.7V, IOH = -440A VOL = 0.4 V, IOL = 4 mA VOL = 0.45 V, IOL = 8 mA
VTL
-0.2 -0.2 50 2.0 0.8 mV V
VTH-VTL VIH VIL
Enable Input Voltage
Enable Input Clamp Voltage Output Voltage
VIK
VCC = 4.75 V, IIN = -18 mA
-1.5
VOH VOL
VCC = 4.75V, VID = 1V, IOH = -440A 2.7 VIL (G) VID = -1 V, IOL = 4 mA = 0.8V VID = -1 V, IOL = 8 mA VCC = 5.25V VO = 2.4 V VO = 0.4 V VI = 15 V, Other Inputs-10 to +15 V VI = -15 V, Other Inputs-15 to +10 V VI = 5.5 V VI = 2.7 V VI = 0.4 V VIC = -15 to +15 V(Other Inputs AC GND) 6 VCC = 5.25 V -15 9.8
0.4 0.45 20 -20 2.3 -2.8 100 20 -0.36 mA K -85 mA A mA A
Off State(High Impedance) IOZ Output Current Line Input Current II II (EN) IIH IIL Input Resistance Short Circuit Output Current Supply Current ri IOS *3 ICC
Enable Input Current
VCC = 5.25V, VI = 0V(All
Outputs Disable)
52
70
Notes: 1. All typical values are at VCC=5V, Ta=25C,VIC=0. 2. Hysteresis is the differential between the positive going input threshold voltage and the negative going input threshold voltage. 3. Not more than one output should be shorted at a time.
3
HD26LS32A
Switching Characteristics (VCC = 5 V, Ta = 25C)
Item Propagation Delay Time Symbol tPLH tPHL Output Enable Time tZH tZL Output Disable Time tHZ tLZ CL = 5 pF CL = 15 pF Conditions CL = 15 pF Min Typ 20 22 17 20 21 30
HD26LS32A
Max 35 35 22 25 30 40
Unit ns
ns
ns
1. tPLH, tPHL Test circuit
VCC 2.5 V Input Pulse Generator CL Input B 5 K tPLH 2V Output 1.3 V tPHL VOH 1.3 V VOL Output 2 K 0V 0V -2.5 V Input A 0V 0V -2.5 V 2.5 V
Waveforms
4
HD26LS32A
2. tHZ, tZH Test circuit
VCC Output 2 K
HD26LS32A
Waveforms
3V S1 2.5 V CL Input Pulse Generator 2V Output tZH S1:Open S1:Closed 1.3 V tHZ Enable G 1.3 V 1.3 V 0V 5 K 3V Enable G 1.3 V 1.3 V 0V 0.5 V 1.4 V 0V
3. tLZ, tZL Test circuit
VCC Output 2 K Enable G -2.5 V CL Input Pulse Generator 2V 1.3 V 1.3 V 0V 5 K 3V Enable G 1.3 V 1.3 V 0V S2 1.4 V Output 1.3 V VOL 0.5 V tZL S2:Open Notes: 1. The pulse generator has the following characteristics : PRR=1 MHZ, 50 % duty cycle, tr 6ns, tf 6ns, Zout=50 . 2. CL includes probe and jig capacitance. 3. All diodes are 1S2074 H 4. To test G input,ground G input and apply an inverted input waveform. tLZ S2:Closed 3V
Waveforms
5


▲Up To Search▲   

 
Price & Availability of HD26LS32A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X