Part Number Hot Search : 
ML8204 MIW101X TDK5111 TVS002 C4104 74LCX0 BGY81 LBA110LS
Product Description
Full Text Search
 

To Download FH2164 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FH2164
SILICON N-CHANNEL RF POWER MOSFET
PACKAGE STYLE 400 BAL FLG (B)
MIN: (In/mm) .060/1.52 .055/1.40 .124/3.15 .234/6.17 .635/16.13 .665/16.89 .092/.234 .555/14.10 .565/14.35 .739/18.77 .749/19.02 .315/8.00 .002/0.05 .055/1.40 .075/1.91 .245/6.22 MAX: (In/mm) .060/1.52 .065/1.65 .124/3.15 .253/6.34
DESCRIPTION:
The ASI FH2164 is Designed for Common Source Push Pull RF Power Applications up to 400 MHz.
A B C D E F G H 1 = SOURCE = FLANGE, 2 = CHAMFERED 45 LEADS = DRAIN
O
.092/.234
MAXIMUM RATINGS
ID VDS PDISS 4.0 A 50 V 100 W @ TC = 25 C
O
3 = GATE
I J K L M N
.327/8.31 .006/0.15 .065/1.65 .095/2.41 .190/4.83 .257/6.53
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1
FH2164
CHARACTERISTICS (TC=25 C UNLESS OTHERWISE NOTED) SYMBOL TEST CONDITIONS MINIMUM
TYPICAL
MAXIMUM
UNITS
NONE
CHARACTERISTICS
SYMBOL
BV DSS IDSS IGSS VGS gM Rdson Idsat Ciss Crss Coss Gps VSWR IDS = 50 mA
TC = 25 OC
TEST CONDITIONS
VGS = 0 V VDS = 12.5 V VGS = 0 V VDS = 0 V VGS = 30 V
MINIMUM
40
TYPICAL
MAXIMUM
1.0 1.0
UNITS
V mA A V mho Ohms A pF
IDS = 100 mA VGS = VDS VDS = 10 V IDS = 8.0 A VDS = 10 V VDS = 28 V VGS = 5.0 V VGS = 20 V VGS = 20 V VGS = 0 V f = 1.0 MHz
1.0 0.8 0.7 7.50 40 6.0 30 10 60
7.0
IDQ = 800 mA VDS = 12.5 V
f = 400 MHz
20:1
dB % RELATIVE
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202
* FAX (818) 765-3004
Specifications are subject to change without


▲Up To Search▲   

 
Price & Availability of FH2164

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X