Part Number Hot Search : 
SS26T3G 12CN10 2SC2681 MP45010 WP793YD PQ160 LT121 EKB12
Product Description
Full Text Search
 

To Download FA5311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FA531X series FA531X series
Bipolar IC For Switching Power Supply Control
s Dimensions, mm SOP-8
8 5
FA5310BP(S), FA5314P(S), FA5316P(S) FA5311BP(S), FA5315P(S), FA5317P(S)
s Description
The FA531X series are bipolar ICs for switching power supply control that can drive a power MOSFET. These ICs contain many functions in a small 8-pin package. With these ICs, a high-performance and compact power supply can be created because not many external discrete components are needed.
1 6.05
4
+0.1 -0.05
* Drive circuit for connecting a power MOSFET * Wide operating frequency range (5 to 600kHz) * Pulse-by-pulse overcurrent limiting function * Overload cutoff function (Latch or non-protection mode selectable) * Output ON/OFF control function by external signal * Overvoltage cutoff function in latch mode * Undervoltage malfunction prevention function * Low standby current (90A typical) * Exclusive choices by circuits (See selection guide on page 25) * 8-pin package (DIP/SOP)
0~10
0.40.1
1.270.2
0.6
DIP-8
8 5
s Applications
* Switching power supply for general equipment
1
9.3 1.5
4
6.5
3.0min 4.5max
3.4
0.3
7.6
s Block diagram FA5310BP(S)/FA5311BP(S)/FA5316P(S)/FA5317P(S)
2.540.25
0.50.1
0~15
0~1
5
Pin No. 1 2 3 4 5 6 7 8
Pin symbol
Description Oscillator timing resistor Feedback Overcurrent (+) detection Ground Output Power supply Oscillator timing capacitor Soft-start and ON/OFF control
RT FB IS (+) GND OUT VCC CT CS
FA5314P(S)/FA5315P(S)
Pin No. 1 2 3 4 5 6 7 8 Pin symbol Description Oscillator timing resistor Feedback Overcurrent (-) detection Ground Output Power supply Oscillator timing capacitor Soft-start and ON/OFF control
RT FB IS (-) GND OUT VCC CT CS
1
2.0max
+0.1 5 -0.0
0.20
s Features
8.20.3
5.3
FA531X series
s Selection guide
Type FA5310BP(S) FA5311BP(S) FA5314P(S) FA5315P(S) FA5316P(S) FA5317P(S) Max. duty cycle (typ.) 46% 70% 46% 70% 46% 70% UVLO (typ.) Polarity of overcurrent detection ON threshold OFF threshold + + - - + + 16.0V 16.0V 15.5V 15.5V 15.5V 15.5V 8.70V 8.70V 8.40V 8.40V 8.40V 8.40V Max. output current 1.5A 1.5A 1.5A 1.5A 1.0A 1.0A Application Forward type Flyback type Forward type Flyback type Forward type Flyback type
s Absolute maximum ratings
Item Supply voltage Output current FA5310/11/14/15 FA5316/17 Feedback terminal input voltage Overcurrent detection terminal input voltage CS terminal input current Total power dissipation (Ta=25C) Operating temperature Junction temperature Storage temperature Symbol Rating 31 1.5 1.0 4 -0.3 to +4 2 800 (DIP-8) -30 to +85 125 -40 to +150 *1 550 (SOP-8) *2 Unit V A V V mA mW C C C
s Recommended operating conditions
Item Supply voltage Oscillator timing resistance FA5310/11 FA5314/15/16/17 Soft-start capacitor Oscillation frequency Symbol Min. 10 3.3 1 0.1 5 Max. 30 10 10 1 600 Unit V k
VCC IO VFB VIS ICS Pd Topr Tj Tstg
VCC RT CS fOSC
F
kHz
Notes: * 1 Derating factor Ta > 25C : 8.0mW/C (on PC board ) * 2 Derating factor Ta > 25C : 5.5mW/C (on PC board )
s Electrical characteristics (Ta=25C, Vcc=18V, fOSC=135kHz) Oscillator section
Item Oscillation frequency Frequency variation 1 (due to supply voltage change) Frequency variation 1 (due to temperature change) Symbol Test condition Min. 125 Typ. 135 1 1.5 Max. 145 Unit kHz % %
fOSC fdV fdr
RT=5.1k, CT=360pF VCC=10 to 30V
Ta=-30 to +85C
Pulse width modulation circuit section
Item Feedback terminal source current Input threshold voltage (Pin 2) Symbol Test condition FA5310/14/16 Min. Typ. 0.75 1.80 43 46 49 66 FA5311/15/17 Max. Min. Typ. 0.75 2.30 70 74 Max. V V % Unit
IFB VTH FBO VTH FBM DMAX
VFB=0
Duty cycle =0% Duty cycle =DMAX
-660 -800 -960 -660 -800 -960 A
Maximum duty cycle
Soft-start circuit section
Item Charge current (Pin 8) Input threshold voltage (Pin 8) Symbol Test condition Pin 8=0V Duty cycle =0% Duty cycle =DMAX FA5310/14/16 Min. Typ. -10 0.90 1.90 -15 -5 FA5311/15/17 Max. Min. -15 Typ. -10 0.90 2.30 Max. -5 A V V Unit
ICHG VTH CSO VTH CSM
2
FA531X series
Overcurrent limiting circuit section
Item Input threshold voltage (Pin 3) Overcurrent detection terminal source current Delay time Symbol Test condition FA5310/11/16/17 Min. Typ. 0.24 0.21 Pin 3=0V 0.27 FA5314/15 Typ. Max. A ns Unit Max. Min.
VTH IS IIS TPD IS
-0.21 -0.17 -0.14 V
-300 -200 -100 -240 -160 -80 150 200
Latch-mode cutoff circuit section
Item CS terminal sink current Cutoff threshold voltage (Pin 8) Symbol Test condition Pin 8=6V, Pin 2=1V Min. 25 6.5 Typ. 45 7.0 Max. 65 7.5 Unit A V
ISINK CS VTH CS
Overload cutoff circuit section
Item Cutoff-start voltage (Pin 2) Symbol Test condition Min. 2.6 Typ. 2.8 Max. 3.1 Unit V
VTH FB
Undervoltage lockout circuit section
Item OFF-to-ON threshold voltage ON-to-OFF threshold voltage Symbol Test condition FA5310/11 Min. Typ. 16.0 8.70 15.5 8.20 16.5 9.20 FA5314/15/16/17 Max. Min. 14.8 7.70 Typ. 15.5 8.40 Max. 16.2 9.10 V V Unit
VCC ON VCC OFF
Output section
Item Symbol Test condition FA5310/11/14/15 L-level output Voltage H-level output Voltage Rise time Fall time FA5316/17 Min. Typ. Max. Unit
VOL VOH
tr tf
IO=100mA IO=-100mA VCC=18V
No load No load
IO=50mA IO=-50mA VCC=18V
No load No load
1.30 16.0 16.5 50 50
1.80
V V ns ns
Output ON/OFF circuit section
Item CS terminal source current OFF-to-ON threshold Voltage (Pin 8) ON-to-OFF threshold Voltage (Pin 8) Symbol Test condition Min. -15 Typ. -10 0.56 0.42 Max. -5 Unit A V V
Isource cs Pin 8=0V VTH ON CS terminal voltage OFFON VTH OFF CS terminal voltage ONOFF
Overall device
Item Standby current Operating-state supply current OFF-state supply current Cutoff-state supply current Symbol Test condition Min. Typ. 90 9 1.1 1.1 Max. 150 15 1.8 1.8 Unit A mA mA mA
ICC ST ICC OP ICC OFF ICCL
VCC=14V
3
FA531X series
s Description of each circuit
1. Oscillator (See block diagram) The oscillator generates a triangular waveform by charging and discharging a capacitor. CT pin voltage oscillates between an upper limit of approx. 3.0V and a lower limit of approx. 1.0V. The oscillation frequency is determined by a external resistance and capacitance shown in figure 1, and approximately given by the following equation: 106 .........(1) 4RT (k) * CT (pF) The recommended oscillation range is between 5k and 600kHz. The oscillator output is connected to a PWM comparator. f (kHZ) = 2. Feedback pin circuit Figure 2 gives an example of connection in which an optocoupler is used to couple the feedback signal to the FB pin. It is designed to be strong against noise and will not create parasitic oscillation so much, because the output impedance at the FB pin is as low as 4k to 5k. If this circuit causes power supply instability, the frequency gain can be decreased by connecting R4 and C4 as shown in figure 2. R4 should be between several tens of ohms to several kiloohms and C4 should be between several thousand picofarads to one microfarads. 3. PWM comparator The PWM comparator has four inputs as shown in Figure 3. Oscillator output x is compared with CS pin voltage , FB pin voltage , and DT voltage {. The lowest of three inputs , , and { is compared with output x. If it is lower than the oscillator output, the PWM comparator output is high, and if it is higher than the oscillator output, the PWM comparator output is low (see Fig. 4). The IC output voltage is high during when the comparator output is low, and the IC output voltage is low during when the comparator output is high. When the IC is powered up, CS pin voltage controls soft start operation. The output pulse then begins to widen gradually. During normal operation, the output pulse width is determined within the maximum duty cycle set by DT voltage { under the condition set by feedback signal , to stabilize the output voltage.
Fig. 1 Oscillator
Fig. 2 Configuration with optocoupler (FB pin input)
Fig. 3 PWM comparator
Fig. 4 PWM comparator timing chart
4
FA531X series
4. CS pin circuit As shown in Figure 5 capacitor CS is connected to the CS pin. When power is turned on, the constant current source (10A) begins to charge capacitor CS. Accordingly, the CS pin voltage rises as shown in Figure 6. The CS pin is connected to an input of the PWM comparator. The device is in soft-start mode while the CS pin voltage is between 0.9V and 1.9V (FA5310/14/16) and between 0.9V and 2.3V(FA5311/15/17). During normal operation, the CS pin is clamped at 3.6V by internal zener diode Zn. If the output voltage drops due to an overload, etc., the clamp voltage shifts from 3.6V to 8.0V. As a result, the CS pin voltage rises to 8.0V. The CS pin is also connected to latch comparator C2. If the pin voltage rises above 7.0V, the output of comparator C2 goes high to turn off the bias circuit, thereby shutting the output down. Comparator C2 can be used not only for shutdown in response to an overload, but also for shutdown in response to an overvoltage. Comparator C1 is also connected to the CS pin, and the bias circuit is turned off and the output is shut down if the CS pin voltage drops below 0.42V. In this way, comparator C1 can also be used for output on/off control. As explained above, the CS pin can be used for soft-start operation, overload and overvoltage output shutdown and output on/off control. Further details on the four functions of the CS pin are given below. 4.1 Soft start function Figure 7 shows the soft start circuit. Figure 8 is the soft-start operation timing chart. The CS pin is connected to capacitor CS. When power is turned on, a 10A constant-current source begins to charge the capacitor. As shown in the timing chart, the CS pin voltage rises slowly in response to the charging current. The CS pin is connected internally to the PWM comparator. The comparator output pulse slowly widens as shown in the timing chart. The soft start period can be approximately evaluated by the period ts from the time the IC is activated to the time the output pulse width widens to 30%. Period ts is given by the following equation: tS(mS)=160CS(F)...................................(2)
Fig. 5 CS pin circuit
Fig. 6 CS pin waveform
Fig. 7 Soft-start circuit
Fig. 8 Soft-start timing chart
5
FA531X series
4.2 Overload shutdown Figure 9 shows the overload shutdown circuit, and Figure 10 is a timing chart which illustrates overload shutdown operation. If the output voltage drops due to an overload or short-circuit, the output voltage of the FB pin rises. If FB pin voltage exceeds the reference voltage (2.8V) of comparator C3, the output of comparator C3 switches low to turn transistor Q off. In normal operation, transistor Q is on and the CS pin is clamped at 3.6V by zener diode Zn. With Q off, the clamp is released and the 10A constant-current source begins to charge capacitor CS again and the CS pin voltage rises. When the CS pin voltage exceeds the reference voltage (7.0V) of comparator C2, the output of comparator C2 switches high to turn the bias circuit off. The IC then enters the latched mode and shuts the output down. Shutdown current consumption is 400A(VCC=9V). This current must be supplied through the startup resistor. The IC then discharges the MOSFET gates. Shutdown operation initiated by an overload can be reset by lowering supply voltage VCC below VCC OFF or forcing the CS pin voltage below 7.0V. The period tOL from the time that the output is short-circuited to the time that the bias circuit turns off is given by the following equation: tOL(mS)=340Cs(F)................................ ........... (3) 4.3 Overvoltage shutdown Figure 11 shows the overvoltage shutdown circuit, and Figure 12 is a timing chart which illustrates overvoltage shutdown operation. The optocoupler PC1 is connected between the CS and VCC pins. If the output voltage rises too high, the PC1 turns on to raise the voltage at the CS pin via resistor R6. When the CS pin voltage exceeds the reference voltage (7.0V) of comparator C2, comparator C2 switches high to turn the bias circuit off. The IC then enters the latched mode and shuts the output down. The shutdown current consumption of the IC is 400A(VCC=9V). This current must be applied via startup resistor R5. The IC then discharges the MOSFET gates. The shutdown operation initiated by an overvoltage condition can be reset by lowering supply voltage VCC below VCC OFF or forcing the CS pin voltage below 7.0V. During normal operation, the CS pin is clamped by a 3.6V zener diode with a sink current of 65A max. Therefore, a current of 65A or more must be supplied by the optocoupler in order to raise the CS pin voltage above 7.0V.
Fig. 9 Overload shutdown circuit
Fig. 10 Overload shutdown timing chart
Fig. 11 Overvoltage shutdown circuit
Fig. 12 Overvoltage shutdown timing chart
6
FA531X series
4.4 Output ON/OFF control The IC can be turned on and off by an external signal applied to the CS pin. Figure 13 shows the external output on/off control circuit, and Figure 14 is the timing chart. The IC is turned off if the CS pin voltage falls below 0.42V. The output of comparator C1 switches high to turn the bias circuit off. This shuts the output down. The IC then discharges the MOSFET gates. The IC turns on if the CS pin is opened for automatic soft start. The power supply then restarts operation. 5. Overcurrent limiting circuit The overcurrent limiting circuit detects the peak value of every drain current pulse of the main switching MOSFET to limit the overcurrent. The detection threshold is + 0.24V for FA5310B/11B/16/17 with respect to ground as shown in Figure 15. The drain current of the MOSFET is converted to voltage by resistor R7 and fed to the IS pin of the IC. If the voltage exceeds the reference voltage (0.24V) of comparator C4, the output of comparator C4 goes high to set flip-flop output Q high. The output is immediately turned off to shut off the current. Flip-flop output Q is reset on the next cycle by the output of the oscillator to turn the output on again. This operation is repeated to limit the overcurrent. If the overcurrent limiting circuit malfunctions due to noise, place an RC filter between the IS pin and the MOSFET. Figure 16 is a timing chart which illustrates current-limiting operations.
Fig. 13 External output on/off control circuit
Fig. 14 Timing chart for external output on/off control
Fig. 15 Overcurrent limiting circuit for FA5310/11/16/17
Fig. 16 Overcurrent timing chart for FA5310/11/16/17
7
FA531X series
The detection threshold is -0.17V for FA5314/15 with respect to ground as shown in Figure 17. The operation is similar to that of FA5310B/11B/16/17 except the threshold is minus voltage compared to that which is plus voltage for FA5310B/11B/16/17. Figure 18 is a timing chart which illustrates current limiting operations. 6. Undervoltage lockout circuit The IC incorporates a circuit which prevents the IC from malfunctioning when the supply voltage drops. When the supply voltage is raised from 0V, the IC starts operation with VCC=VCC ON. If the supply voltage drops, the IC shuts its output down when VCC=VCC OFF. When the undervoltage lockout circuit operates, the CS pin goes low to reset the IC. 7. Output circuit As shown in Figure 19, the IC's totem-pole output can directly drive the MOSFET. The OUT pin can source and sink currents of up to 1.5A or 1.0A. If IC operation stops when the undervoltage lockout circuit operates, the gate voltage of the MOSFET goes low and the MOSFET is shut down.
Fig. 17 Overcurrent limiting circuit for FA5314/15
CS pin voltage (3.6V) DT voltage Oscillator output OUT pin output H L IS ( - ) pin voltage Minus detection Comparator C4 Reference voltage (- 0.17V) Bias voltage OFF Overcurrent limiting FB pin voltage
Fig. 18 Overcurrent timing chart for FA5314/15
Fig. 19 Output circuit
8
FA531X series
s Design advice
1. Startup circuit It is necessary to start-up IC that the voltage inclination of VCC terminal "dVcc/dt" satisfies the following equation(4). dVcc/dt(V/s)>1.8/Cs(F)...............................(4)
Cs : Capacitor connected between CS terminal and GND
Note that equation (4) must be satisfied in any condition. Also, it is necessary to keep "latch mode" for overload protection or overvoltage protection that the current supplied to VCC terminal through startup resistor satisfies the following equation(5). Icc(Lat)> 0.4mA for Vcc 9.2V ..................(5)
Icc(Lat) : Cutoff-state( = Latch mode ) supply current
The detail is explained as follows. (1) Startup circuit connected to AC line directly Fig. 20 shows a typical startup circuit that a startup resistor Rc is connected to AC line directly. The period from power-on to startup is determined by Rc, RD and CA. Rc, RD and CA must be designed to satisfy the following equations. dVcc/dt(V/s)= (1/CA) * {(VAVE-Vccon )/RC-Vccon/RD-Iccst} > 1.8/(Cs(F))................................................(6) Rc(k)< (VAVE-9.2(V))/{0.4 (mA) + (9.2(V)/RD(k) } ...........(7) VAVE = Vac * 2/ : Average voltage applied to AC line side of Rc
Vac: AC input effective voltage Vccon: ON threshold of UVLO, 16.5V(max.) or 16.2V(max.) Iccst: Standby current, 0.15 mA(max.)
Fig. 20 Startup circuit example(1)
In this method, Vcc voltage includes ripple voltage influenced by AC voltage. Therefore, enough dVcc/dt required by equation (6) tend to be achieved easily when Vcc reaches to Vccon even if Vcc goes up very slowly. After power-off, Vcc does not rise up because a voltage applied from bias winding to VCC terminal decreases and the current flowing RC becomes zero, therefore, re-startup does not occur after Vcc falls down below OFF threshold of UVLO until next power-on.
9
FA531X series
(2) Startup circuit connected to rectified line This method is not suitable for FA531X, especially concerned with re-startup operation just after power-off or startup which AC input voltage goes up slowly. Fig. 21 shows a startup circuit that a startup resistor RA is connected to rectified line directly. The period from power-on to startup is determined by RA, RB and CA. RA, RB and CA must be designed to satisfy the following equations. dVcc/dt(V/s)= (1/CA)*{( VIN -Vccon )/RA- Vccon/RB-Iccst } > 1.8/(Cs(F))..........................................(8) RA(k) < ( VIN- 9.2(V) )/{ 0.4(mA) + ( 9.2(V)/RB(k) ) }....(9) VIN : 2 * (AC input effective voltage)
Fig. 21 Startup circuit example(2)
After power-off, once VCC falls down below OFF threshold voltage, VCC rises up again and re-startup occurs while the capacitor C1 is discharged until approximately zero because VCC voltage rises up by the current flowing RA. This operation is repeated several times. After the repeated operation, IC stops in the condition that VCC voltage is equal to Vccon (=ON threshold) because capacitor C1 is discharged gradually and the decreased VCC inclination is out of the condition required by equation (4). After that, restartup by power-on can not be guaranteed even when equation (8) is satisfied. The image of that the startup is impossible is shown in Fig. 22. It is necessary to startup IC that supply current Icc(startup) to VCC is over 4mA in the condition of Tj < 100C during Vcc is kept at Vccon( 16V, balance state at Vccon after the repeated operation. Icc(start-up) > 4mA
at Vcc=Vccon, Tj<100C, after power-off
Startup is impossible (dVcc/dt <1.8/Cs just before Vcc reaches Vccon). Icc>4mA is necessary for startup at Tj <100C and dVcc/dt=0.
Power OFF Power ON Vccon Startup is impossible Vccoff
This balance state that startup is impossible tends to occur at higher temperature. If power-on is done when Vcc is not kept at Vccon (for example:power-off is done and after enough time that C1 is discharged until Vcc can not be pulled up to Vccon), the IC can startup in the condition given by equation(8). In some cases, such as when the load current of power supply is changed rapidly, you may want to prolong the hold time of the power supply output by means of maintaining Vcc over the off threshold. For this purpose, connect diode D4 and electrolytic capacitor C4 as shown in Fig. 23. This prolongs the hold time of the power supply voltage Vcc regardless of the period from poweron to startup.
Fig. 22 A image of waveform when re-startup is impossible
Fig. 23 Startup circuit example(3)
10
FA531X series
2. Disabling overload shutdown function As shown in Figure 24, connect a 11k resistor between the FB pin and ground. Then, the CS pin voltage does not rise high enough to reach the reference voltage (7.0V) of the latch comparator, and the IC does not enter the OFF latch mode. With this connection, the overvoltage shutdown function is available. 3. Setting soft start period and OFF latch delay independently Figure 25 shows a circuit for setting the soft start period and OFF latch delay independently. In this circuit, capacitance CS determines the soft start period, and capacitance CL determines the OFF latch delay. If the overload shutdown and overvoltage shutdown functions raise the CS pin voltage to around 5V, zener diode Zn becomes conductive to charge CL. The OFF latch delay can be thus prolonged by CL. 4. Laying out VCC and ground lines Figure 26 and 27 show the recommended layouts of VCC and ground lines. The bold lines represent paths carrying large currents. The lines must have an adequate thickness. 5.Sink current setting for CS terminal A sink current to CS terminal must be satisfied the following condition to prevent from the malfunction which uncontrolled pulse output generates at OUT terminal when latch-mode protection should be operated for overvoltage. 65A < Ics(sink) < 500A at Vcs= 6.5(V)
Ics(sink) : Sink current to CS terminal
Fig. 25 Independent setting of soft-start period and OFF latch delay
Example (for the circuit shown in Fig. 28 ) Ics(sink) = (28(V)-18(V)- 6.5(V) )/7.5(k) 467 (A) < 500 (A)
Fig. 26 Vcc line and ground line (1) for FA5310B/11B/16/17
Fig. 27 Vcc line and ground line (2) for FA5314/15
7.5k CS
18V Zener diode
Fig. 24 Disabling overload shutdown function
Under 500A VCC
Fig. 28 Setting sink current for CS terminal
11
FA531X series
s Characteristic curves (Ta=25C)
Oscillation frequency (fOSC) vs. timing capacitor capacitance (CT) Oscillation frequency (fOSC) vs. ambient temperature (Ta)
Output duty cycle vs. FB terminal voltage (VFB)
Output duty cycle vs. FB terminal source current (ISOURCE)
Output duty cycle vs. CS terminal voltage (VCS)
CS terminal sink current (ISINK CS) vs. CS terminal voltage (VCS)
12
FA531X series
H-level output voltage (VOH) vs. output source current (ISOURCE) FA5310/11/14/15 FA5316/17
5 VCC=18V 4
VCC-VOH [V]
3
2
1
0 -2 10
2
5
10-1
2
5
100
2
ISOURCE [A]
L-level output voltage(VOL) vs. output sink current (ISINK) FA5310/11/14/15
FA5316/17
5 VCC=18V 4
3
VOL [V]
2 1 0 -2 10
2
5
10-1
2
5
100
2
ISINK [A]
IS (+) terminal threshold voltage (VTH IS(+)) vs. ambient temperature (Ta) FA5310/11/16/17
IS (-) terminal threshold voltage (VTH IS(-)) vs. ambient temperature (Ta) FA5314/15
-190
-180
VTHIS(-) [mV]
-170
-160
-150
-140
-25
0
25
50
75
100
Ta [C]
13
FA531X series
IS (+) terminal current (IIS(+)) vs. IS (+) terminal voltage (VIS(+)) FA5310/11/16/17
600 500 400 300
IS (-) terminal current (IIS(-)) vs. IS (-) terminal voltage (IIS(-)) FA5314/15
-200 -180 -160 -140
IIS(+) [A]
200 100 0
IIS(-) [A]
0 0.1 0.2 0.3 0.4 0.5 0.6
-120 -100 -80 -60
-100 -200 -300
-40 -20 0 -0.1 -0.2 -0.3 -0.4 -0.5
VIS(+) [V]
VIS(-) [V]
Supply current (ICC) vs. supply voltage (VCC) Ordinary operation FA5310/11
11 fosc=600kHz 10 9 8 7 fosc=135kHz
FA5314/15/16/17
11 fosc=600kHz 10 9 8 7 fosc=135kHz
ICC [mA]
6 5
ICC [mA]
6 5
0.2
0.2
0.1
0.1
0
5
10
15
20
25
30
0
5
10
15
20
25
30
VCC [V]
VCC [V]
Supply current (ICC) vs. supply voltage (VCC) OFF or OFF latch mode FA5310/11
2.0 1.8 1.6 1.4
FA5314/15/16/17
2.0 1.8 1.6 1.4
ICC [mA]
ICC [mA]
1.2 1.0 0.8 0.6 0.4 0.2 0 5 10 15 20 25 30
1.2 1.0 0.8 0.6 0.4 0.2 0 5 10 15 20 25 30
VCC [V]
VCC [V]
14
FA531X series
s Application circuit
Example of FA5310B application circuit
Example of FA5311B application circuit
15
FA531X series
Example of FA5314 application circuit
Example of FA5315 application circuit
16
FA531X series
Example of FA5316 application circuit
Example of FA5317 application circuit
Parts tolerances characteristics are not defined in the circuit design sample shown above. When designing an actual circuit for a product, you must determine parts tolerances and characteristics for safe and economical operation.
17


▲Up To Search▲   

 
Price & Availability of FA5311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X