Part Number Hot Search : 
OCMS2X6 W48S87 P6KE33A SR390 1N6631 EPA3010 AN1576 BUH1215
Product Description
Full Text Search
 

To Download EM516 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY127, BY133, EM513, EM516
GENERAL PURPOSE PLASTIC RECTIFIER Reverse Voltage - 1250 to 1800 Volts Forward Current - 1.0 Ampere
Features
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Construction utilizes void-free molded plastic technique Low reverse leakage Low forward voltage drop High current capability High reliability High surge current capability
Mechanical Data
Case: Molded plastic, DO-41 Lead: Axial leads, solderable per MIL-STD-202, method 208 guaranteed Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.33 gram
DIM ENSIONS DIM A B C D inches Min. 0.165 0.079 0.028 1.000 Max. 0.205 0.106 0.034 Min. 4.2 2.0 0.71 25.40 mm Max. 5.2 2.7 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Symbols
BY127
BY133
EM513
EM516
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=75 Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum forward voltage at 1.0A DC and 25 Maximum full load reverse current at rated DC blocking voltage Typical junction capacitance (Note 1) Typical thermal resistance (Note 2) Operating and storage temperature range TA=25 TA=100
VRRM VRMS VDC I(AV) IFSM VF IR CJ R R
JA JL
1250 875 1250
1300 910 1300 1.0 30.0 1.1 5.0 200.0 15.0 50.0 25.0
1600 1120 1600
1800 1270 1800
Volts Volts Volts Amp Amps Volts A F /W
TJ, TSTG
-55 to +150
Notes: (1) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC (2) Thermal resistance junction to ambient and from junction to lead at 0.375 (9.5mm) lead length, P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of EM516

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X