Part Number Hot Search : 
N12D1 TDA8102B GSS4565 ADP31 8GBU06 R1224 2503F HDM16216
Product Description
Full Text Search
 

To Download CYG2320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYG23XX
CYBERGATETM
Features * Low distortion transformer signal coupling * Complete ring detector circuit * Low power hookswitch * Electronic inductor/gyrator circuit * Surge protection * V.32 bis /V.34 compatible * PC board mountable * 16kHz metering filter
Description Clare's CybergateTM 23XX DAA modules provide a complete telephone line interface circuit in a small 1.07" x 1.07" x 0.4" package. This module provides a fast and cost effective solution for designs that require an interface to the telephone line. The CYG23XX0 is designed to meet PTT and safety regulations in Germany.
Applications * Home medical devices * Plant monitoring equipment * Security/alarm systems * Utility meters * Modems * Voicemail systems * Vending machines * Elevator control boxes * Network routers * PBX Systems * PC mother boards * Telephony applications * Digital telephone answering machines
Approvals * BSI Approved to EN60950 Certification #: 8123
Ordering Information Part # CYG2300 CYG2320 Description DAA Module Germany DAA Module Australia
Block Diagram
FROM C 6 Rm 560 TX1 LINE 1 4.3V 4.3V LINE 2 1
GYRATOR
MUTE 7 VCC 10
SURGE PROTECTOR
VCC
RING
HYBRID CIRCUIT
TX2
2
HOOKSWITCH
VCC
RING DETECT NETWORK
TO TELEPHONE LINE
RX OH RELAY GND RING OH RING 5 3 470 56k VCC
11 4 GND
TIP
Handling and Assembly Recommendations The CYG23XX products are not hermetically sealed and should not be exposed to any liquid-based rinsing processes. Clare recommends two (2) approaches. The modem should either use a no clean soldering flux that would mostly evaporate during the normal wave soldering processes, or be soldered in by hand after the rest of the card is wave soldered. DS-CPC2300-R1
www.clare.com
1
CYG23XX
Absolute Maximum Ratings (@ 25 C)
Parameter Min Isolation Voltage Operational Temperature 0 Storage Temperature 0 Relative Humidity 10 (Non-Condensing) Soldering Temperature Tip/Ring Load Current (continuous) Hookswitch LED Drive Current Hookswitch LED Reverse VoltageRing Detect Phototransistor Voltage VCC Typ Max Units - 1500 VRMS 70 C 100 C 85 % 260 120 50 5 20 C mA mA V V
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Electrical Characteristics
Parameter DC Electrical Characteristics On-Hook Impedance On-Hook Line Leakage Current Off-Hook Relay Supply Current Hookswitch Power Source DC Loop Current Mute Relay Supply Current AC Signal Path Electrical Characteristics Return Loss Insertion Loss Transmit Receive Frequency Response Longitudinal Balance On-Hook Off-Hook Total Harmonic Distortion Secondary Load Impedance Primary Source Impedance Ring Detection Circuit Characteristics Ringing Voltage Detection Range Ringing Frequency Detection Range Ringer Impedance RING Output Voltage (Pulsed) Logic `0', Ring present Logic `1', Ring not present Surge, Transient, and Isolation Characteristics Surge Protection Voltage Tip and Ring Isolation Voltage (Pins 1-7 to 10-11) Conditions VTip-Ring=100VDC VTip-Ring=100VDC VCC=5V VCC=5V Min 10 7 4.75 5 7 Typ 8 5.0 8 Max 10 9 20 120 9 Unit M A mA V mA mA
f=300-3500Hz Test Circuit 1 Test Circuit 2 f=300-3500Hz f=350Hz, P=-10dBm Line 1 and Line 2 Tip and Ring
14 -0.25 60 40 -
25 -80 100 600
7 7 +0.25 -
dB dB dB dB dB dB dB
50-70Hz f=25Hz VCC =+5V
29 15 -
18 -
70 0.8 Vcc
VRMS Hz K V V
60 Seconds
-
-
300 1500
V VRMS
2
www.clare.com
Rev. 1
CYG23XX
Test Circuits
1. CYG23XX Transmit Insertion Loss 2. CYG23XX Receive Insertion Loss
VT
Rm 560 LINE1 LINE2 RING GND OH MUTE VCC +VBATT ILOOP 10H
VR Rm 560
+5V
TIP VLT RING 600
+5V
LINE1 LINE2 RING GND OH MUTE VCC
+VBATT ILOOP 10H
TIP VLR RING
600
AC Source
Transmit Insertion Loss = GTR = 20 Log
VLT VT
10H Receive Insertion Loss = G RC = 20 Log -VBATT
VR V LR
10H
-VBATT
Package Pinouts
CYG23XX Pinouts & Definitions
CYG23XX
LINE 1 LINE 2 RING GND OH MUTE VCC 1 2 3 4 5 6 7 11 10 Top View TIP RING
PIN# I/O
Name
Function
1 2 3
I/O LINE1 I/O LINE2 O RING
Transformer isolated audio signal coupling path for the telephone line. Transformer isolated audio signal coupling path for the telephone line. Active LOW indicates an incoming ring signal. This is pulsed LOW by the AC ring signal at the ring frequency. Connected to host system ground. Driving this pin LOW asserts the off-hook condition. The hookswitch LED is current limited by an internal 470W resistor. Driving this pin LOW activates the mute relay for pulse dialing. See Figure 1. The mute relay LED is current limited by an internal 470W resistor or Provides power to the hookswitch LED. Typically +5V for 8mA LED current. LED is current limited by an internal 470W resistor. VCC should not exceed 20V. Connection to telephone line Ring conductor. Connection to telephone line Tip conductor.
4 5
I I
GND OH
6
I
MUTE
7
I
VCC
11 10
I/O RING I/O TIP
Rev. 1
www.clare.com
3
CYG23XX
Off-Hook Transient Requirement In order to meet Section 4.6.1 of the CTR-21 requirement, it is necessary to assert the MUTE pin of the CYG23XX) for a duration of 80mS after the OH pin is driven low as shown in Figure 1. This can be accomplished via the host firmware or external hardware as shown in Figures 2 and 3 respectively.
OH
MUTE 80mS
MUTE and OH Timing Figure 1
Output Port
OH CYG23XX MUTE
C
Output Port
Figure 2
Output Port
One-shot* 80ms
OH
C
Output Port (Pulse Dial) Shunt
CYG23XX MUTE
* Micrel MIC1555 or Equivalent
Figure 3
Asserting the MUTE pin causes the internal gyrator circuit in the CYG23XX to be bypassed, allowing low impedance pulse dialing to be performed by pulsing the OH pin. In Figure 2, the microcontroller output port going to the MUTE pin is used as a shunt for low impedance dialing and is asserted for 80mS when the OH signal is asserted. This method is preferred when the user has control of the host firmware and can easily write a subroutine to accomplish this function. For users that do not have easy access to the modem firmware, some external hardware can be added to accomplish the same function. Figure 3 shows a monostable (one-shot) such as a 555 timer which is designed to generate an 80mS low going pulse upon the assertion of the OH signal. This 80mS pulse is ANDed with the low impedance pulse dial shunt signal which overrides the 80mS signal when pulse dialing is enabled. The pulse dial shunt signal is included as a standard output pin in most modem chipsets. This pin is activated when an ATDP command is issued to the modem. 4 www.clare.com
Rev. 1
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-CYG23XX-R1 (c)Copyright 2000, Clare, Inc. All rights reserved. Printed in USA. 1/12/01


▲Up To Search▲   

 
Price & Availability of CYG2320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X