Part Number Hot Search : 
D6432 0603K SMBG70A U30D15 60N06 FST31 5520M C01130
Product Description
Full Text Search
 

To Download CNY65EXI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CNY65EXI
Vishay Telefunken
Optocoupler with Phototransistor Output
Description
The CNY65EXI consists of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in a 4-lead plastic package. The single components are mounted in opposite oneanother, providing a distance between input and output for highest safety requirements of > 3 mm.
Applications
Galvanically separated circuits, suitable for intrinsic safety circuits Electrical apparatus used in a potentially explosive atmosphere: EN 50014-1977/VDE 0171 Part 1/5.78 General instructions EN 50020-1977/VDE 0171 Part 7/5.78 Intrinsic safety `i' section: 5.5, 5.5.4, 5.7
95 10536
Features
D Suitable for intrinsic safety circuits according to
test certificate No. Ex-81/2158 of PTB
A (+) C
D Isolation material according to D Low temperature coefficient of CTR D Creepage current resistance of isolation material
according to VDE 0303/DIN 53480: KC 475
95 10850
UL94 - VO - flammability class
C (-)
E
D Isolation test voltage 11.6 kV D Test class 25/100/21 DIN 40045 D Very low coupling capacity of typical 0.3 pF therefore high noise voltage resistant
D Current Transfer Ratio (CTR) = 50 to 300% D Coupling System J
Order Instruction
Ordering Code CNY65EXI CTR Ranking 50 to 300% Remarks Exi = Intrinsic safety
126
Rev. A3, 11-Jan-99
CNY65EXI
Vishay Telefunken Absolute Maximum Ratings
Input (Emitter)
Parameter Reverse voltage Forward Current Forward surge current Power dissipation Junction temperature Test Conditions Symbol VR IF IFSM PV Tj Value 5 75 1.5 120 100 Unit V mA A mW C
tp 10 ms Tamb 25C
Output (Detector)
Parameter Collector emitter voltage Emitter collector voltage Collector current Collector peak current Power dissipation Junction temperature Test Conditions Symbol VCEO VECO IC ICM PV Tj Value 32 7 50 100 130 100 Unit V V mA mA mW C
tp/T = 0.5, tp 10 ms Tamb 25C
Coupler
Parameter DC isolation test voltage Total power dissipation Ambient temperature range Storage temperature range Soldering temperature Test Conditions t = 1 min Tamb 25C Symbol VIO Ptot Tamb Tstg Tsd Value 11.6 250 -55 to +85 -55 to +100 260 Unit kV mW C C C
2 mm from case, t 10 s
Rev. A3, 11-Jan-99
127
CNY65EXI
Vishay Telefunken Electrical Characteristics (Tamb = 25C)
Input (Emitter)
Parameter Forward voltage Test Conditions IF = 50 mA Symbol VF Min. Typ. 1.25 Max. 1.6 Unit V
Output (Detector)
Parameter Collector emitter voltage Emitter collector voltage Collector dark current Test Conditions IC = 1 mA IE = 100 mA VCE = 20 V, If = 0, E = 0 Symbol VCEO VECO ICEO Min. 32 7 Typ. Max. Unit V V nA
200
Coupler
Parameter DC isolation test voltage Isolation resistance Collector saturation voltage Cut-off frequency Test Conditions t = 1 min VIO = 1 kV, 40% relative humidity IF = 10 mA, IC = 1 mA Symbol VIO1) RIO1) VCEsat fc Ck 110 0.3 Min. 11.6 Typ. 1012 0.3 Max. Unit kV
W
V
VCE = 5 V, IF = 10 mA, RL = 100 W Coupling capacitance f = 1 MHz 1) Related to standard climate 23/50 DIN 50014
kHz pF
Current Transfer Ratio (CTR)
Parameter IC/IF Test Conditions VCE = 5 V, IF = 10 mA Type CNY65EXI Symbol CTR Min. 0.5 Typ. 1 Max. 3 Unit
128
Rev. A3, 11-Jan-99
CNY65EXI
Vishay Telefunken Switching Characteristics
Parameter Delay time Rise time Fall time Storage time Turn-on time Turn-off time Turn-on time Turn-off time Test Conditions VS = 5 V, IC = 5 mA, RL = 100 W (see figure 1) Symbol td tr tf ts ton toff ton toff Typ. 2.6 2.4 2.4 0.3 5.0 3.0 25.0 42.5 Unit
VS = 5 V, IF = 10 mA, RL = 1 kW (see figure 2)
ms ms ms ms ms ms ms ms
0
IF RG = 50 W tp 0.01 T
IF
+5V IC = 5 mA; Adjusted trough input amplitude IF 0 Channel I Oscilloscope RL 1 MW CL 20 pF IC 100% 90% tp
96 11698
+
tp = 50 ms
t
50 W
95 10900
100 W
Channel II
Figure 1. Test circuit, non-saturated operation
10% 0 0 IF RG = 50 W tp 0.01 T tp = 50 ms IF = 10 mA +5V IC td ton tp tion td tr ton (= td + tr) pulse duradelay time rise time turn-on time tr ts toff ts tf toff (= ts + tf) tf
t
+
storage time fall time turn-off time
Channel I 50 W
95 10843
Oscilloscope RL 1 MW CL 20 pF
Channel II 1 kW
Figure 2. Test circuit, saturated operation
Figure 3. Switching times
Rev. A3, 11-Jan-99
129
CNY65EXI
Vishay Telefunken Typical Characteristics (Tamb = 25_C, unless otherwise specified)
200 P tot - Total Power Dissipation ( mW ) 160 1000 VCE=20V IF=0 100
120 Coupled Device 80 Phototransistor IR-Diode
ICEO- Collector Dark Current, with open Base ( nA ) 100
10
40 0 0
1 25 50 75 0
96 12000
10 20 30 40 50 60 70 80 90 100 Tamb - Ambient Temperature ( C )
95 11003
Tamb - Ambient Temperature ( C )
Figure 4. Total Power Dissipation vs. Ambient Temperature
1000.0 IC - Collector Current ( mA )
Figure 7. Collector Dark Current vs. Ambient Temperature
100 VCE=5V 10
I F - Forward Current ( mA )
100.0
10.0
1
1.0
0.1
0.1 0
96 11862
0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VF - Forward Voltage ( V )
95 11012
0.1
1
10
100
IF - Forward Current ( mA )
Figure 5. Forward Current vs. Forward Voltage
CTR rel - Relative Current Transfer Ratio 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 -30 -20 -10 0 10 20 30 40 50 60 70 80
Figure 8. Collector Current vs. Forward Current
100 IC - Collector Current ( mA )
VCE=5V IF=10mA
IF=50mA 10mA 10 5mA
2mA 1 1mA
0.1 0.1
95 11013
1
10
100
96 11911
Figure 6. Relative Current Transfer Ratio vs. Ambient Temperature
Tamb - Ambient Temperature ( C )
VCE - Collector Emitter Voltage ( V )
Figure 9. Collector Current vs. Collector Emitter Voltage
130
Rev. A3, 11-Jan-99
CNY65EXI
Vishay Telefunken
V CEsat - Collector Emitter Saturation Voltage ( V ) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 1 10 IC - Collector Current ( mA ) 10% 100
95 11017
t on / t off - Turn on / Turn off Time ( m s )
50 toff 40
CTR=50 %
30 ton Saturated Operation VS=5V RL=1kW 20
20 10 0 0 5 10
20%
15
96 11912
IF - Forward Current ( mA )
Figure 10. Collector Emitter Saturation Voltage vs. Collector Current
1000 CTR - Current Transfer Ratio ( % ) VCE=5V 100
Figure 12. Turn on / off Time vs. Forward Current
t on / t off - Turn on / Turn off Time ( m s )
20 ton 15 Non Saturated Operation VS=5V RL=100W
10
toff
10
5
1 0.1
95 11015
0 1 10 100
95 11016
0
2
4
6
8
10
IF - Forward Current ( mA )
IC - Collector Current ( mA )
Figure 11. Current Transfer Ratio vs. Forward Current
Type
Figure 13. Turn on / off Time vs. Collector Current
CNY65 EXI
Date Code (YM)
918 J TK19 EEx EX - 81 / 2158U
Coupling System Indicator Company Logo Production Location
15088
Intrinsic Safety Logo
PTB Certificate Number
Figure 14. Marking example
Rev. A3, 11-Jan-99
131
CNY65EXI
Vishay Telefunken Dimensions of CNY65EXI in mm
weight: ca. 1.40 g creepage distance: air path:y 14 mm
y 14 mm
after mounting on PC board
14763
132
Rev. A3, 11-Jan-99


▲Up To Search▲   

 
Price & Availability of CNY65EXI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X