Part Number Hot Search : 
PR12S48 00MD6 2N7002 103M1 PW035XS4 42010 GP2021 MA723F
Product Description
Full Text Search
 

To Download BY500-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY500-100 THRU BY500-800
SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
Reverse Voltage - 100 to 800 Volts
DO-201AD
Forward Current - 5.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High surge current capability Fast switching for high efficiency High forward current operation at TL=45C Construction utilizes void-free molded plastic technique Especially designed for applications such as switch mode power supplies, inverters, converters, TV scanning, Ultrasonic-systems, speed controlled DC motors, low RF interference and free wheeling diode circuits High temperature soldering guaranteed: 250C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
1.0 (25.4) MIN. 0.210 (5.3) 0.190 (4.8) DIA.
0.375 (9.5) 0.285 (7.2)
0.052 (1.32) 0.048 (1.22) DIA. 1.0 (25.4) MIN.
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.04 ounce, 1.1 grams
Dimension are in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified
SYMBOLS
BY500-100
BY500-200
BY500-400
BY500-600
BY500-800
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at T L=45C Peak forward surge current 10ms single half sine-wave superimposed on rated load at TA=25C Maximum repetitive peak forward surge Maximum instantaneous forward voltage at 5.0A Maximum DC reverse current TA=25C at rated DC blocking voltage TA=100C Maximum reverse recovery time (NOTE 1) Maximum reverse recovery current (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction temperature range Storage temperature range
VRRM VRMS VDC I(AV)
100 70 100
200 140 200
400 280 400 5.0
600 420 600
800 560 800
Volts Volts Volts Amps
IFSM IFRM VF IR trr IRM(REC) CJ RJA TJ TSTG
200.0 10.0 1.35 10.0 1.0 200.0 2.0 28.0 22.0 -50 to +125 -50 to +150
Amps Amps Volts A mA ns Amps pF C/W C C
NOTES: (1) Reverse recovery test conditions: IF=1.0A, VR=30V, di/dt=50A/s, Irr=10%IRM (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length with both leads to heat sink
4/98
RATINGS AND CHARACTERISTIC CURVES BY500-100 THRU BY500-800
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 2 - MAXIMUM PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
6.0 5.0 4.0
TL=LEAD TEMPERATURE
RESISTIVE or INDUCTIVE LOAD L=0.375" (9.5mm) 0.8 x 0.8 x 0.40" (20 x 20 x 1mm) COPPER HEATSINKS
200
NON-REPETITIVE
TA=25C 10ms SINGLE HALF SINE-WAVE at RATED LOAD
100
TA=AMBIENT TEMPERATURE
3.0 2.0 1.0 0
P.C.B. MOUNTED on 0.2 x 0.2" (5 x 5mm) COPPER PADS 0.375" (9.5mm) LEAD LENGTH
REPETITIVE
10
0
20
40
60
80
100
120
140
1
10
NUMBER OF CYCLES AT 50 HZ
100
TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
TJ=100C
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
1
TJ=50C
1
0.1
TJ=25C
0.1
0.01 0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
10
5
1
10
REVERSE VOLTAGE, VOLTS
100


▲Up To Search▲   

 
Price & Availability of BY500-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X