Part Number Hot Search : 
TLGU1102 MJE1800 74HC4050 SC1005 ZSM560N8 0N30T HMC499 M61519FP
Product Description
Full Text Search
 

To Download BLF861A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLF861A
UHF POWER LDMOS TRANSISTOR
DESCRIPTION:
The ASI BLF861A ia a Silicon Nchannel enhancement mode lateral DMOS push-pull transistor.
PACKAGE STYLE .385X.850 4LFG
FEATURES:
* Internal input-output matching * OmnigoldTM Metalization System
MAXIMUM RATINGS
ID VDS VGS PDISS TJ TSTG JC 18 A 65 V 15 V 318 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 0.55 C/W
1 & 2 = DRAIN 3 & 4 = GATE 5 = SOURCE
CHARACTERISTICS
SYMBOL
BVDSS IDSS IDSX IGSS VGS(th) RDS(on) gfs Ciss Coss Crss Gp D VDS = 32 V VDS = 10 V VDS = 0 V ID = 1.5 mA
TC = 25 C
TEST CONDITIONS
VGS = 0 V VGS = VGSth + 9 V VGS = 15 V VDS = 10 V VGS = VGSth + 9 V VDS = 10 V VGS = 0 V Pout = 150 W f = 1.0 MHz f = 860 MHz
MINIMUM
65
TYPICAL
MAXIMUM
2.2
UNITS
V A A nA V m S pF dB %
18 25 4.0 160 4.0 82 40 6.0 13.5 50 14.5 5.5
ID = 150 mA ID = 4.0 A ID = 4.0 A VDS = 32 V VDS = 32 V
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of BLF861A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X