Part Number Hot Search : 
AN3010 S1501 AD766 CL7621AC FPA18 MAX68 M5106 S29GL256
Product Description
Full Text Search
 

To Download BCX55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCX54...BCX56
NPN Silicon AF Transistors
For AF driver and output stages High collector current Low collector-emitter saturation voltage Complementary types: BCX51...BCX53 (PNP)

1 2 3
2
VPS05162
Type BCX54 BCX54-10 BCX54-16 BCX55 BCX55-10 BCX55-16 BCX56 BCX56-10 BCX56-16
Marking BA BC BD BE BG BM BH BK BL 1=B 1=B 1=B 1=B 1=B 1=B 1=B 1=B 1=B
Pin Configuration 2=C 2=C 2=C 2=C 2=C 2=C 2=C 2=C 2=C 3=E 3=E 3=E 3=E 3=E 3=E 3=E 3=E 3=E
Package SOT89 SOT89 SOT89 SOT89 SOT89 SOT89 SOT89 SOT89 SOT89
1
Jul-10-2001
BCX54...BCX56
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Symbol VCEO VCBO VEBO BCX54 45 45 5 BCX55 60 60 5 BCX56 80 100 5 Unit V
DC collector current Peak collector current Base current Peak base current Total power dissipation, TS = 130 C Junction temperature Storage temperature
IC ICM IB IBM Ptot Tj Tstg
1 1.5 100 200 1 150 -65 ... 150
A mA W C
Thermal Resistance Junction - soldering point 1) RthJS
20
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
2
Jul-10-2001
BCX54...BCX56
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 10 mA, IB = 0 BCX54 BCX55 BCX56 Collector-base breakdown voltage IC = 100 A, IB = 0 BCX54 BCX55 BCX56 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 30 V, IE = 0 Collector cutoff current VCB = 30 V, IE = 0 , TA = 150 C DC current gain 1) IC = 5 mA, VCE = 2 V DC current gain 1) IC = 150 mA, VCE = 2 V BCX54...56 hFE-grp.10 hFE-grp.16 DC current gain 1) IC = 500 mA, VCE = 2 V Collector-emitter saturation voltage1) IC = 500 mA, IB = 50 mA Base-emitter voltage 1) IC = 500 mA, VCE = 2 V VBE(ON) 1 VCEsat 0.5 hFE hFE 40 63 100 25 100 160 250 160 250 hFE 25 ICBO 20 ICBO 100 V(BR)EBO V(BR)CBO 45 60 100 5 V(BR)CEO 45 60 80 typ. max.
Unit
V
nA A -
V
AC Characteristics Transition frequency IC = 50 mA, VCE = 10 V, f = 20 MHz
1) Pulse test: t =300s, D = 2%
fT
-
100
-
MHz
3
Jul-10-2001
BCX54...BCX56
Total power dissipation Ptot = f(TS)
Transition frequency fT = f (IC) VCE = 10V
10 3 MHz
BCX 54...56 EHP00445
1.2
W
fT
5
P tot
0.8
0.6
10 2
0.4
5
0.2
0 0
15
30
45
60
75
90 105 120 C
150
10 1 10 0
5 10 1
5
10 2
mA
10 3
TS
C
Permissible pulse load Ptotmax / PtotDC = f (tp )
10 3 Ptot max 5 Ptot DC
BCX 54...56 EHP00446
Collector cutoff current ICBO = f (T A) VCB = 30V
10 4 nA
BCX 54...56 EHP00447
D=
tp T
tp T
CB0
10 3 5
max
10 5
2
10 1 5
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 2 5 10 1 5 10 5
0
typ
10 0 10 -6
10
-5
10
-4
10
-3
10
-2
s tp
10
0
10 -1
0
50
100
C TA
150
4
Jul-10-2001
BCX54...BCX56
Collector current IC = f (VBE) VCE = 2V
10 4 mA
BCX 54...56 EHP00448
Collector-emitter saturation voltage IC = f (VCEsat), h FE = 10
4 BCX 54...56 EHP00449
10 mA
C
10 5
3
C
10
3
100 C 25 C -50 C
5 100 C 25 C -50 C
10 2 5
10 5
2
10 5
1
10 5
1
10 0
0
0.2
0.4
0.6
0.8
1.0 V 1.2 VBE
10
0
0
0.2
0.4
0.6
V
0.8
VCE sat
Base-emitter saturation voltage IC = f (VBEsat ), hFE = 10
10 4 mA
BCX 54...56 EHP00450
DC current gain hFE = f (I C) VCE = 2V
BCX 54...56 EHP00451
10 3 5
C
10 5
3
h FE
100 C
100 C 25 C -50 C
2
10 2 5
25 C -50 C
10 5
10 1
10
1
5
5
10 0
0
0.2
0.4
0.6
0.8
1.0 V 1.2 VBE sat
10 0 10 -1
5 10 0
5 10 1
5 10 2
mA 10 3
C
5
Jul-10-2001


▲Up To Search▲   

 
Price & Availability of BCX55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X