Part Number Hot Search : 
A1203 MS3126 23A10 E427405 RC4156N TLP124BV SK102 DF2S10FS
Product Description
Full Text Search
 

To Download BCX55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCX54 BCX55 BCX56 SURFACE MOUNT NPN SILICON TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR BCX54, BCX55, and BCX56 types are NPN Silicon Transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for high current general purpose amplifier applications.
SOT-89 CASE MAXIMUM RATINGS (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Collector Current Base Current Peak Base Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance VCBO VCEO VEBO IC ICM IB IBM PD TJ,Tstg JA BCX54 45 45 BCX55 60 60 5.0 1.0 1.5 100 200 1.2 -65 to +150 104 BCX56 100 80 UNITS V V V A A mA mA W C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN TYP ICBO VCB=30V ICBO VCB=30V, TA=125C IEBO VEB=5.0V BVCBO IC=100A (BCX54) 45 BVCBO IC=100A (BCX55) 60 BVCBO IC=100A (BCX56) 100 BVCEO IC=10mA (BCX54) 45 BVCEO IC=10mA (BCX55) 60 BVCEO IC=10mA (BCX56) 80 VCE(SAT) IC=500mA, IB=50mA VBE(ON) VCE=2.0V, IB=500mA hFE VCE=2.0V, IC=5.0mA 63 hFE VCE=2.0V, IC=150mA 63 hFE VCE=2.0V, IC=150mA (BCX54-10, BCX55-10, BCX56-10) 63 hFE VCE=2.0V, IC=150mA (BCX54-16, BCX55-16, BCX56-16) 100 hFE VCE=2.0V, IC=500mA 40 fT VCE=5.0V, IC=10mA, f=100MHz 130
MAX 100 10 100
0.5 1.0 250 160 250
UNITS nA A nA V V V V V V V V
MHz R1 ( 18-December 2001)
Central
TM
Semiconductor Corp.
BCX54 BCX55 BCX56 SURFACE MOUNT NPN SILICON TRANSISTOR
SOT-89 CASE - MECHANICAL OUTLINE
A B
E
F
G
H 1 C J L M 2 K R3 3
BOTTOM VIEW
LEAD CODE: 1) EMITTER 2) COLLECTOR 3) BASE MARKING CODE: BCX54 BA BCX54-10 BC BCX54-16 BD BCX55 BE BCX55-10 BG BCX55-16 BM BCX56 BH BCX56-10 BK BCX56-16 BL R1 ( 18-December 2001)


▲Up To Search▲   

 
Price & Availability of BCX55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X