Part Number Hot Search : 
20R224 3SK180 SMAJ140A 2SA1428Y RE46C143 MBR3035W 2N2325A DG413FDJ
Product Description
Full Text Search
 

To Download B1001EWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 10 Bar Graph Displays
ELB-1001EWA
Features :

Industrial standard size. Low power consumption. Categorized for luminous intensity. Pb free
Descriptions : The ELB-1001 series are ten-element bar graph displays. designed for viewing distances up to 7 meters. There are separate anodes and cathodes for each light segment and choice of five colors is offered. These devices are made with white segments and gray surface. Applications :

Audio equipment Instrument panels Digital read out display
PART NO. ELB-1001EWA
Chip Material GaAsP/GaP Emitted Color Orange
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDB-100-033
http : //www.everlight.com Prepared date:2004/07/14
Rev. : 1
Page: 1 of 5
Prepared by: Yanfang Gao
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 10 Bar Graph Displays
ELB-1001EWA
Package Dimensions
Notes: 1.All dimensions are in millimeters , tolerance is 0.25mm unless otherwise noted. 2.Above specification may be changed without notice. Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDB-100-033
http : //www.everlight.com Prepared date:2004/07/14
Rev. : 1 Prepared by: Yanfang Gao
Page: 2 of 5
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 10 Bar Graph Displays
ELB-1001EWA
Absolute maximum ratings at Ta = 25 Parameter Reverse Voltage Forward Current Operating Temperature Storage Temperature Soldering Temperature Power Dissipation Symbol VR IF Topr Tstg Tsol Pd Rating 5 30 -40 to +85 -40 to +100 260 5 100 160 Unit V mA mW mA
Peak Forward Current(Duty 1/10 IF(Peak) @ 1KHZ) Electronic optical characteristics : Parameter Luminous Intensity Per segment Symbol Iv p d VF IR
Min. 1.05 ---------1.7 ----
Typ. 2.3 635 625 45 2.0 ----
Max. ------------2.4 10
Unit mcd nm nm nm V A
Condition IF=10mA IF=20mA IF=20mA IF=20mA IF=20mA VR=5V
Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDB-100-033
http : //www.everlight.com Prepared date:2004/07/14
Rev. : 1
Page: 3 of 5
Prepared by: Yanfang Gao
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 10 Bar Graph Displays
ELB-1001EWA
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDB-100-033
http : //www.everlight.com Prepared date:2004/07/14
Rev. : 1
Page: 4 of 5
Prepared by: Yanfang Gao
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 10 Bar Graph Displays
ELB-1001EWA
Reliability test items and conditions: NO 1 Item Solder Heat Test Conditions TEMP : 260 5 H : +85 30min 5 min L : -55 30min H : +100 5min 10 sec L : -10 5min TEMP : 100 TEMP : -55 IF = 10 mA 85/85% RH Test Hours/Cycle 5 SEC Sample Size 76 PCS Ac/Re 0/1
2
Temperature Cycle
50 CYCLE
76 PCS
0/1
3
Thermal Shock
50 CYCLE
76 PCS
0/1
4 5 6 7
High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
1000 HRS 1000 HRS 1000 HRS 1000 HRS
76 PCS 76 PCS 76 PCS 76 PCS
0/1 0/1 0/1 0/1
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDB-100-033
http : //www.everlight.com Prepared date:2004/07/14
Rev. : 1
Page: 5 of 5
Prepared by: Yanfang Gao


▲Up To Search▲   

 
Price & Availability of B1001EWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X