Part Number Hot Search : 
LM393 WFW18N50 F005S SCC2692 3055L MAX9713 T91SAM7 A1011
Product Description
Full Text Search
 

To Download ATA7602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10GB/s Offset Control TIA
Advanced Product Information - Rev 0
ATA7602
FEATURES
* * * * * *
Differential Output Topology DC Output Offset Control (external loop) Low Group Delay DC Coupled Outputs -5.2V Power Supply InGaP HBT Technology
APPLICATIONS
* * *
SONET OC-192/STM-64 10Gb/s DWDM 10Gb/s Datacom D1 Package
PRODUCT DESCRIPTION The ANADIGICS ATA7602 is a -5.2V high speed transimpedance amplifier (TIA) for 10Gb/s applications available in bare die form and manufactured using an InGaP HBT process. The device is used in conjunction with a photodetector to convert an optical signal into a differential voltage
that can be AC or DC coupled to a post amplifier. The DC offset between the two outputs can be adjusted in order to maintain low dury cycle distortion for large signal operation or to provide an adjustable decision threshold for the post amplifier.
Figure 1: Block Diagram
ATA7602 Absolute Maximum Ratings
PAR AMETER D C Power supply (VEE) Storage Temperature D C Input C urrent MIN -7.0 -65 TYP MAX 1.0 125 3.0 U N IT V
o
C
mA
Operating Conditions
PAR AMETER Operati ng Voltage Range Operati ng Temperature Range Photodi ode C apaci tance (PIN + stray) Seri es Resi stance (Bondwi re + anode) Bondwi re Inductance MIN -5.50 -40 TYP -5.2 MAX -4.90 85 0.3 15 1.0 U N IT V
o
C
pF
W
nH
DC Characteristics
PAR AMETER Supply C urrent (D C C oupled) Input D C Voltage Output D C Voltage
MIN
TYP 115 -3.9 -0.4
MAX 155
U N IT mA V V
2
Advanced Product Information - Revision 0 03/01
ATA7602 AC Electrical Characteristics (VEE=-5.2V+/-0.3V, CDIODE+CSTRAY=0.3PF, LBOND=0.7nH)
PAR AMETER
Small Si gnal D i fferenti al Transi mpedance (RL = 100 W ) Maxi mum Output Voltage Swi ng (RL = 50 W ) Input C urrent @ 80% Output Saturati on Bandwi dth (-3dB; Iinput <= 1.65mApk-pk) Low Frequency C utoff (1)(4) Group D elay D evi ati on (30kHz to 8.0GHz) Group D elay D evi ati on (30kHz to Fc)
(1) (1)
MIN
2000 600 550 8.5
TYP
2200 700
MAX
U N IT
W
800 mVpp
m A pp
9.5 30 GHz kHz +15 +25 -19 ps ps dB m dB m -15 -12 -5 dB dB
-15 -25
Opti cal Sensi ti vi ty (wi th a PIN Photodi ode) (2)(3)(4)(5) Opti cal Overload (wi th a PIN Photodi ode) (2)(3)(4) Output Return Loss (10MHz to Fc) Output Return Loss (FC to 20GHz) 0
(1) (2) (3) (4) (5)
Optical input power = -19 to 0dBm, Fc = 9.5GHz Responsivity of the photodiode = 0.95A/W typical, laser extinction ratio=10dB -10 BER: 10 ; 9.95328Gbps NRZ pattern; PRBS 231-1, l=1.55mm External 1nF Capacitor Required (Cext: see figure 3) Measurements made in reference fixture with open cavity fiber alignment. Improvements in coupling will result in better performance.
Advanced Product Information - Revision 0 03/01
3
ATA7602 Pad Description
PAD V E E 1, V E E RFIN D C OUT D C OUTB VCTRL C EXT OUT OUTB
D escription Negati ve Supply Voltage TIA Input Non-i nverted D C Output Voltage Inverted D C Output Voltage Offset C ontrol -5.2V
C omment
C onnect to detector anode Feeds i nto External Op-amp for Offset control Feeds i nto External Op-amp for Offset control Use to set relati ve D C offset between the output ports
Pad for bondi ng external capaci tor to ground i n C hoose C apaci tor usi ng the order to set low freq. C utoff) attached chart TIA Output Voltage (Non-i nverted) TIA Output Voltage (Inverted) Logi cal '1' wi th opti cal i nput Logi cal '0' wi th opti cal i nput
Figure 2: Die Size and layout
Die Size: 1075m m x 950 m m
4
Advanced Product Information - Revision 0 03/01
ATA7602 Figure 3: Calculated External Capacitor Size vs. Low Frequency Cutoff
10000
Required Cext (pF)
1000
100
10 0 50 100 150 200 250 300 350 400 Low Cutoff Frequency (kHz)
Figure 4: Simulated Bandwidth
70
60
dB(Z(2,1))
50
40
30 0 2 4 6 8 10 12 14 16 18 20
freq, GHz
Advanced Product Information - Revision 0 03/01
5
ATA7602 Figure 5: Simulated Group Delay
1.6E-10 1.4E-10
Z.delay(2,1)
1.2E-10
m2
1.0E-10
m1 freq=3.748GHz Z. delay(2,1)=7.859E-11 m2 freq=2.985E9 Z.delay(2,1)=2.981E-11 delta mode ON
m1
8.0E-11 6.0E-11 0 2 4 6 8 10 12 14 16 18
20
freq, GHz
Figure 6: Simulated Bandwidth and Group Delay vs. Input Inductance
19.0 18.5 Group Delay (+/- psec) 18.0 17.5 17.0 16.5 16.0 15.5 15.0 14.5 14.0 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 Input Inductance (nH) 10.2 10.4 10.6 10.8 11.0 Bandwidth (GHz) 11.2
6
Advanced Product Information - Revision 0 03/01
ATA7602 Figure 7: Simulated Output Return Loss
0 -10 -20
dB
-30 -40 -50 -60 0 2 4 6 8 10 12 14 16 18 20
freq, GHz
Ordering Information
Part N umber ATA7602D 1 D1 Package Option Die Package D escription
Advanced Product Information - Revision 0 03/01
7
ATA7602
ANADIGICS, Inc. 141 Mount Bethel Road Warren, New Jersey 07059, U.S.A Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 http://www.anadigics.com Mktg@anadigics.com
IMPORTANT NOTICE ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any time without notice. The Advanced Product data sheets and product specifications contained in this data sheet are subject to change prior to a products formal introduction. The information in this data sheet has been carefully checked and is assumed to be reliable. However, ANADIGICS assumes no responsibility for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders. WARNING ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
Preliminary Data Sheet - Revision 1 03/01
8


▲Up To Search▲   

 
Price & Availability of ATA7602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X