Part Number Hot Search : 
FDP5690 2SK260 0603C TLP62 D7808 128Y1 FNA41560 MB90423G
Product Description
Full Text Search
 

To Download AD7484 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY TECHNICAL DATA
=
Preliminary Technical Data
FEATURES Fast Throughput Rate: 3Msps Wide Input Bandwidth: 50MHz No Pipeline Delays with SAR ADC Excellent DC Accuracy Performance Two Parallel Interface Modes Low Power: 90mW (Full-Power) and 5mW (NAP Mode) Standby Mode: 1A max Single +5V Supply Operation Internal +2.5V Reference Full-Scale Overrange Mode (using 15th bit) System Offset Removal via User Access Offset Register Nominal 0 to +2.5V Input with Shifted Range Capability Pin Compatible Upgrade of 12-Bit AD7482 GENERAL DESCRIPTION
VREF3 BUF
3MSPS, 14-Bit SAR ADC AD7484
FUNCTIONAL BLOCK DIAGRAM
AVDD AGND CBIAS DVDD DGND VREF1 VREF2 2.5 V REFERENCE
VIN
T/H
14-Bit Error Correcting SAR
AD7484
MODE1 MODE2 D14 D13 D12 D11 D10 D9 D8 D7
CLIP NAP STBY RESET CONVST VDRIVE
CONTROL LOGIC AND I/O REGISTERS
The AD7484 is a 14-bit, high speed, low power, successive-approximation ADC. The part features a parallel interface with throughput rates up to 3Msps. The part contains a low-noise, wide bandwidth track/hold amplifier which can handle input frequencies in excess of 50MHz. The conversion process is a proprietary algorithmic successive-approximation technique which results in no pipeline delays. The input signal is sampled and a conversion is initiated on the falling edge of the CONVST signal. The conversion process is controlled via an internally trimmed oscillator. Interfacing is via standard parallel signal lines making the part directly compatible with microcontrollers and DSPs. The AD7484 provides excellent ac and dc performance specifications. Factory trimming ensures high dc accuracy resulting in very low INL, offset and gain errors. The part uses advanced design techniques to achieve very low power dissipation at high throughput rates. Power consumption in normal mode of operation is 90mW. There are two power-saving modes: a NAP mode, which keeps the reference circuitry alive for a quick power up while consuming 5mW and a STANDBY mode which reduces power consumption to a mere 5W.
WRITE
BUSY
RD
D0
D1
D2
D3
D4
D5
The AD7484 features an on-board +2.5V reference but the part can also accomodate an externally-provided +2.5V reference source. The nominal analog input range is 0 to +2.5V but an offset shift capability allows this nominal range to be offset by +/-200mV. This allows the user considerable flexibility in setting the bottom end reference point of the signal range, a useful feature when using single-supply op-amps. The AD7484 also provides the user with an 8% overrange capability via a 15th bit. Thus, if the analog input range strays outside the nominal by up to 8%, the user can still accurately resolve the signal by using the 15th bit. The AD7484 is powered from a +4.75V to +5.25V supply. The part also provides a VDRIVE pin which allows the user to set the voltage levels for the digital interface lines. The range for this VDRIVE pin is from +2.7V to +5.25V. The part is housed in a 48-pin LQFP package and is specified over a -40C to +85C temperature range.
REV. PrC 7/13/01
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2001
CS
D6
PRELIMINARY TECHNICAL DATA
AD7484-SPECIFICATIONS
Parameter DYNAMIC PERFORMANCE Signal to Noise + Distortion (SINAD)2 Signal to Noise Ratio (SNR)2 Total Harmonic Distortion (THD)2 Peak Harmonic or Spurious Noise (SFDR)2 Intermodulation Distortion (IMD)2 Second Order Terms Third Order Terms Aperture Delay Aperture Jitter Full Power Bandwidth DC ACCURACY Resolution Integral Nonlinearity 2 Differential Nonlinearity 2 Offset Error2 Gain Error 2 ANALOG INPUT Input Voltage DC Leakage Current Input Capacitance REFERENCE INPUT/OUTPUT VREF Input Voltage VREF Input DC Leakage Current VREF Input Capacitance VREF Output Voltage VREF Error @ 25C VREF Error TMIN to TMAX VREF Output Impedance LOGIC INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current, IIN Input Capacitance, CIN2 LOGIC OUTPUTS Output High Voltage, VOH Output Low Voltage, VOL Floating-State Leakage Current Floating-State Output Capacitance 2,3 Output Coding CONVERSION RATE Conversion Time Track/Hold Acquisition Time Throughput Rate POWER REQUIREMENTS VDD VDRIVE IDD Normal Mode (Static) Normal Mode (Operational) NAP Mode Standby Mode 7/13/01 Specification 78 78 -90 TBD TBD TBD 10 10 50 TBD 14 TBD 1 TBD 1 1.5 1.5 -200 +2.7 TBD 10 +2.5 1 TBD +2.5 TBD TBD TBD TBD 0.4 TBD TBD
(TA = 25 C, VDD = 4.75 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, fSAMPLE = 3MSPS)
Units dB dB dB dB min min max max Test Conditions/Comments FIN = 100kHz Sine Wave
dB typ dB typ ns typ ps typ MHz typ MHz typ Bits LSB LSB LSB LSB LSB LSB
@ 3 dB @0.1 dB
max typ max typ max max
Guaranteed No Missed Codes to 14 bits
mV min Volts max A max pF typ Volts A max pF max V nom mV max mV max k typ V min V max A max pF max 1% for specified performance
VDRIVE - 0.2 V min 0.4 V max TBD A max TBD pF max Straight (Natural) Binary TBD TBD TBD 3 +5 +2.7 +5.25 TBD 18 1 1 -2- ns max ns max Sine Wave Input ns max Full-Scale Step Input MSPS max Volts V min V max mA typ mA typ mA typ A max 5%
REV. PrC
PRELIMINARY TECHNICAL DATA AD7484
Parameter POWER REQUIREMENTS (continued) Power Dissipation Normal Mode (Operational) NAP Mode Standby Mode
NOTES 1 Temperature ranges as follows: -40C to +85C. 2 See Terminology 3 Sample tested @ +25C to ensure compliance Specifications subject to change without notice.
Specification
Units
Test Conditions/Comments
90 5 5
mW max mW max W max
TIMING CHARACTERISTICS 1,2 All specifications T
Parameter Data Read Acquisition Time Conversion Time Quiet Time before Conversion start Quiet Time during Conversion CONVST Pulse Width CONVST falling edge to BUSY falling edge CS falling edge to RD falling edge Bus Access Time CONVST falling edge to new Data valid BUSY rising edge to new Data valid Bus Relinquish Time RD rising edge to CS rising edge Data Write WRITE Pulse Width Data Setup time Data Hold time CS falling edge to WRITE rising edge WRITE falling edge to CS rising edge Symbol tACQ tCONV tQUIET tQUIET 2 t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t11 t12 t13
(VDD = 5 V 5%, AGND = DGND = 0 V, VREF = Internal; MIN to TMAX and valid for VDRIVE = 2.7 V to 5.25 V unless otherwise noted)
Min TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD Typ Max Units ns ns ns ns ns ns ns ns ns ns ns ns
TBD
TBD TBD TBD TBD TBD
ns ns ns ns ns
REV. PrC
7/13/01
-3-
PRELIMINARY TECHNICAL DATA AD7484
ABSOLUTE MAXIMUM RATINGS 1
(TA = +25C unless otherwise noted)
PIN CONFIGURATION
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V VDRIVE to GND . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V Analog Input Voltage to GND . . -0.3 V to AVDD + 0.3 V Digital Input Voltage to GND . . -0.3 V to DVDD + 0.3 V REF IN to GND . . . . . . . . . . . . . -0.3 V to AVDD + 0.3 V Input Current to Any Pin Except Supplies . . . . . . . 10mA Operating Temperature Range Commercial . . . . . . . . . . . . . . . . . . . . . . -40C to +85C Storage Temperature Range . . . . . . . -65C to +150C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . +150C 48-Pin LQFP Package, Power Dissipation . . . . . . . . T B D JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 50C/W 10C/W JC Thermal Impedance . . . . . . . . . . . . . . . . . . . Lead Temperature, Soldering Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . +215C Infared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . +220C ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TBD
NOTES 1 Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
41 CONVST
44 MODE1
43 MODE2
42 RESET
48 AGND
47 AGND
46 AVDD
45 CLIP
40 D14 39 D13
PIN 1 IDENTIFIER AVDD CBIAS AGND AGND AVDD AGND VIN VREF2 VREF1 1 2 3 4 5 6 7 8 9 36 D10 35 D9 34 D8 33 D7 32 VDRIVE 31 DGND 30 DGND 29 DVDD 28 D6 27 D5 26 D4 25 D3
AD7484
TOP VIEW (Not to Scale)
VREF3 10 AGND 11 AGND 12
AVDD 13
AGND 14
AGND 15
STBY 16
NAP 17
CS 18
RD 19
WRITE 20
BUSY 21
D0 22
D1 23
ORDERING GUIDE
Model AD7484BST EVAL-AD7484CB 1 EVAL-CONTROL BRD2 2
Temperature Range -40C to +85C
Package Description Low-profile Quad Flat Pack Evaluation Board Controller Board
Option ST-48
NOTES 1 This can be used as a stand-alone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes. 2 This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7484 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
-4-
REV. PrC 7/13/01
D2 24
38 D12 37 D11
PRELIMINARY TECHNICAL DATA AD7484
PIN FUNCTION DESCRIPTION
Pin Mnemonic AVDD CBIAS AGND VIN VREF1 VREF2 VREF3 STBY NAP DVDD DGND VDRIVE CONVST RESET MODE2 MODE1 CLIP
Description Positive power supply for analog circuitry. Decoupling pin for internal bias voltage. A 100nF capacitor should be placed between this pin and AGND. Power supply ground for analog circuitry. Analog input. Single-ended analog input channel. Reference Output. VREF1 connects to the output of the internal 2.5V reference. A 1F capacitor must be placed between this pin and AGND. Reference Input. A 1F capacitor must be placed between this pin and AGND. When using an external voltage reference source, the reference voltage should be applied to this pin. Reference decoupling pin. When using the internal reference, a 100nF must be connected from this pin to AGND. When using an external reference source, this pin should be connected directly to AGND. Standby logic input. When this pin is logic high, the device will be placed in Standby mode. See Power Saving Section for further details. Nap logic input. When this pin is logic high, the device will be placed in a very low power mode. See Power Saving Section for further details. Positive power supply for digital circuitry. Ground reference for digital circuitry. Logic Power Supply Input. The voltage supplied at this pin will determine at what voltage the interface logic of the AD7484 will operate. Convert Start Logic Input. A conversion is initiated on the falling edge of CONVST signal. The input track/hold amplifier goes from track mode to hold mode and the conversion process commences. Reset Logic Input. A logic 0 on this pin resets the internal state machine and terminates a conversion that may be in progress. Holding this pin low keeps the part in a reset state. Operating Mode Logic Input. See Table 3 for details. Operating Mode Logic Input. See Table 3 for details. Logic input. A logic high on this pin enables output clipping. In this mode, any input voltage that is greater than positive full scale or less than negative full scale will be clipped to all 1's or all 0's respectively. Further details are given in the Offset / Overrange setion. Chip Select Logic Input. This pin is used in conjunction with RD to access the conversion result. The data bus is brought out of tri-state and the current contents of the output register driven onto the data lines following the falling edge of both CS and RD. CS is also used in conjunction with WRITE to perform a write to the Offset Register. CS can be hardwired permanently low. Read Logic Input. Used in conjunction with CS to access the conversion result. Write Logic Input. Used in conjunction with CS to write data to the Offset Register. When the desired offset word has been placed on the data bus, the WRITE line should be pulsed high. It is the falling edge of this pulse which latches in the word into the Offset Register. Busy Logic Output. This pin indicates the status of the conversion process. The BUSY signal goes low after the falling edge of CONVST and stays low for the duration of the conversion. In Parallel Mode 2, the BUSY signal returns high when the conversion result has been clocked into the output register. In Parallel Mode 1, the BUSY signal returns high as soon as the conversion has been completed but the conversion result does not get clocked into the output register until the falling edge of the next CONVST pulse. Data I/O Bits (D13 is MSB). These are tri-state pins that are controlled by CS, RD and WRITE. The operating voltage level for these pins is determined by the VDRIVE input. Data Output Bit for overranging. If the over range feature is not used, this pin should be pulled to DGND via a 100k resistor.
CS
RD WRITE
BUSY
D0 - D13 D14
REV. PrC
7/13/01
-5-
PRELIMINARY TECHNICAL DATA AD7484
TERMINOLOGY Integral Nonlinearity Total Harmonic Distortion
This is the maximum deviation from a straight line passing through the endpoints of the ADC transfer function. The endpoints of the transfer function are zero scale, a point 1/2 LSB below the first code transition, and full scale, a point 1/2 LSB above the last code transition.
Differential Nonlinearity
Total harmonic distortion (THD) is the ratio of the rms sum of harmonics to the fundamental. For the AD7484 it is defined as:
THD (dB ) = 20 log V2 + V3 + V 4 + V5 + V 6 V1
2 2 2 2 2
This is the difference between the measured and the ideal 1 LSB change between any two adjacent codes in the ADC.
Offset Error
where V1 is the rms amplitude of the fundamental and V2, V3, V4, V5 and V6 are the rms amplitudes of the second through the sixth harmonics.
Peak Harmonic or Spurious Noise
This is the deviation of the first code transition (00 . . . 000) to (00 . . . 001) from the ideal, i.e AGND + 0.5 LSB Gain Error This is the deviation of the last code transition (111 . . . 110) to (111 . . . 111) from the ideal (i.e., VREF - 1.5 LSB) after the offset error has been adjusted out.
Track/Hold Acquisition Time
Peak harmonic or spurious noise is defined as the ratio of the rms value of the next largest component in the ADC output spectrum (up to fS/2 and excluding dc) to the rms value of the fundamental. Normally, the value of this specification is determined by the largest harmonic in the spectrum, but for ADCs where the harmonics are buried in the noise floor, it will be a noise peak.
Intermodulation Distortion
Track/Hold acquisition time is the time required for the output of the track/hold amplifier to reach its final value, within 1/2 LSB, after the end of conversion (the point at which the track/hold returns to track mode).
Signal to (Noise + Distortion) Ratio
This is the measured ratio of signal to (noise + distortion) at the output of the A/D converter. The signal is the rms amplitude of the fundamental. Noise is the sum of all nonfundamental signals up to half the sampling frequency (fS/2), excluding dc. The ratio is dependent on the number of quantization levels in the digitization process; the more levels, the smaller the quantization noise. The theoretical signal to (noise + distortion) ratio for an ideal N-bit converter with a sine wave input is given by: Signal to (Noise + Distortion) = (6.02 N + 1.76) dB Thus for a 14-bit converter, this is 86.04 dB.
With inputs consisting of sine waves at two frequencies, fa and fb, any active device with nonlinearities will create distortion products at sum and difference frequencies of mfa nfb where m, n = 0, 1, 2, 3, etc. Intermodulation distortion terms are those for which neither m nor n are equal to zero. For example, the second order terms include (fa + fb) and (fa - fb), while the third order terms include (2fa + fb), (2fa - fb), (fa + 2fb) and (fa - 2fb). The AD7484 is tested using the CCIF standard where two input frequencies near the top end of the input bandwidth are used. In this case, the second order terms are usually distanced in frequency from the original sine waves while the third order terms are usually at a frequency close to the input frequencies. As a result, the second and third order terms are specified separately. The calculation of the intermodulation distortion is as per the THD specification where it is the ratio of the rms sum of the individual distortion products to the rms amplitude of the sum of the fundamentals expressed in dBs.
-6-
REV. PrC
7/13/01
PRELIMINARY TECHNICAL DATA AD7484
CIRCUIT DESCRIPTION CONVERTER OPERATION
The AD7484 is a 14-bit error correcting successive approximation analog-to-digital converter based around a capacitive DAC. It provides the user with track/hold, reference, A/D converter and versatile interface logic functions on a single chip. The normal analog input signal range that the AD7484 can convert is 0 to 2.5 Volts. By using the offset and overrange features on the ADC, the AD7484 can convert analog input signals from -200mV to +2.7V while operating from a single +5V supply. The part requires a +2.5V reference which can be provided from the part's own internal reference or an external reference source. Figure 1 shows a very simplified schematic of the ADC. The Control Logic, SAR and the Capacitive DAC are used to add and subtract fixed amounts of charge from the sampling capacitor to bring the comparator back to a balanced condition.
COMPARATOR
At the end of conversion, the track/hold returns to tracking mode and the acquisition time begins. The track/hold acquisition time is TBD nS. Figure 3 shows the ADC during its acquistition phase. SW2 is closed and SW1 is in position A. The comparator is held in a balanced condition and the sampling capacitor acquires the signal on VIN.
CAPACITIVE DAC
VIN
A
+
SW1
B SW2
CONTROL LOGIC
-
COMPARATOR AGND
Figure 3. ADC Acquisition Phase
CAPACITIVE DAC
ADC TRANSFER FUNCTION
VIN VREF
SWITCHES
SAR
CONTROL INPUTS
The output coding of the AD7484 is straight binary. The designed code transitions occur midway between successive integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, etc.). The LSB size is VREF / 16384. The nominal transfer characteristic for the AD7484 in shown in figure 4 below. This transfer characteristic may be shifted as detailed in the Offset/Overrange section.
OUTPUT DATA 14-BIT PARALLEL
111...111 111...110
CONTROL LOGIC
Figure 1. Simplified Block Diagram of AD7484
Conversion is initiated on the AD7484 by pulsing the CONVST input. On the falling edge of CONVST, the track/hold goes from track to hold mode and the conversion sequence is started. Conversion time for the part is TBD nS. Figure 2 shows the ADC during conversion. When conversion starts, SW2 will open and SW1 will move to position B causing the comparator to become unbalanced. The ADC then runs through its successive approximation routine and brings the comparator back into a balanced condition. When the comparator is rebalanced, the conversion result is available in the SAR register.
ADC CODE
111...000
1LSB = VREF/16384
011...111
000...010 000...001 000...000 0V
0.5LSB +VREF-1.5LSB
ANALOG INPUT
Figure 4. AD7484 Transfer Characteristic
CAPACITIVE DAC
VIN
A
+
SW1
B SW2
CONTROL LOGIC
-
COMPARATOR
AGND
Figure 2. ADC Conversion Phase
REV. PrC
7/13/01
-7-
PRELIMINARY TECHNICAL DATA AD7484
POWER SAVING
400nS 600nS
The AD7484 uses advanced design techniques to achieve very low power dissipation at high throughput rates. In addition to this the AD7484 features two power saving modes, Nap Mode and Standby Mode. These modes are selected by bringing either the NAP or STBY pin to a logic high respectively. When operating the AD7484 in normal, fully powered mode, the current consumption is 18mA during conversion and the quiescent current is 5mA. Operating at a throughput rate of 1MSPS, the conversion time of 300nS contributes 27mW to the overall power dissipation.
(300nS / 1S) x (5V x 18mA) = 27mW
100nS
1 S
Figure 6. NAP Mode Power Dissipation
For the remaining 700nS of the cycle, the AD7484 dissipates 17.5mW of power.
(700nS / 1S) x (5V x 5mA) = 17.5mW
Figures 7 and 8 show a typical graphical representation of Power vs. Throughput for the AD7484 when in Normal and Nap modes respectively.
60 55 50 POWER - mW 45 40 35 30 25 20 0 500 1000 1500 2000 2500 3000
Thus the power dissipated during each cycle is:
27mW + 17.5mW = 44.5mW
Figure 5 below shows the AD7484 conversion sequence operating in normal mode.
1 S
300 nS
700 nS
THROUGHPUT - KSPS
Figure 5. Normal Mode Power Dissipation
Figure 7. Normal Mode - Power vs. Throughput
50 45 40 35 POWER - mW 30 25 20 15 10 5 0 0 250 500 750 1000 1250 1500 1750 2000 THROUGHPUT - KSPS
In NAP mode, all the internal circuitry except for the internal reference is powered down. In this mode, the power dissipation of the AD7484 is reduced to 5mW. When exiting NAP mode a minimum of 100nS must be waited before initiating a conversion. This is necessary to allow the internal circuitry to settle after power-up and for the track/hold to properly acquire the analog input signal. If the AD7484 is put into NAP mode after each conversion, the average power dissipation will be reduced but the throughput rate will be limited by the power-up time. Using the AD7484 with a throughput rate of 1MSPS while placing the part in NAP mode after each conversion would result in average power dissipation as follows: The power-up and conversion phase will contribute 36mW to the overall power dissipation.
(400nS / 1S) x (5V x 18mA) = 36mW
Figure 8. Nap Mode - Power vs. Throughput
While in NAP mode for the rest of the cycle, the AD7484 dissipates only 3mW of power.
(600nS / 1S) x (5V x 1mA) = 3mW
Thus the power dissipated during each cycle is:
36mW + 3mW = 39mW
Figure 6 shows the AD7484 conversion sequence if putting the part into NAP mode after each conversion.
In STANDBY mode, all the internal circuitry is powered down and the power consumption of the AD7484 is reduced to 5W. The power-up time necessary before a conversion can be initiated is longer because the internal reference has been powered down. If using the internal reference of the AD7484, the ADC must be brought out of STANDBY mode 200S before a conversion is initiated. Initiating a conversion before the required power-up time has elapsed will result in incorrect conversion data. If an external reference source is used and kept powered up while the AD7484 is in STANDBY mode, the powerup time required will be reduced. -8- REV. PrC 7/13/01
PRELIMINARY TECHNICAL DATA AD7484
OFFSET / OVERRANGE
The AD7484 provides a 8% overrange capability as well as a programmable Offset Register. The overrange capability is achieved by the use of a 15th bit (D14) and the CLIP input. If the CLIP input is at logic high and the contents of the offset register are zero, then the AD7484 operates as a normal 14-bit ADC. If the input voltage is greater than the full-scale voltage, the data output from the ADC will be all 1's. Similarly, if the input voltage is lower than the zeroscale voltage, the data output from the ADC will be all 0's. In this case D14 acts as an overrange indicator. It is set to a 1 if the analog input voltage is outside the nominal 0 to +2.5V range. If the Offset Register contains any value other than zero, the contents of the register are added to the SAR result at the end of conversion. This has the effect of shifting the transfer function of the ADC as shown in Figure 9 and Figure 10. However, it should be noted that with the CLIP input set to logic high, the maximum and minimum codes that the AD7484 will ouput will be 0x3FFF and 0x0000 respectively. Further details are given in Table 1 and Table 2. Figure 9 shows the effect of writing a positive value to the Offset Register. If, for example, the contents of the Offset Register contained the value 1024, then the value of the analog input voltage for which the ADC would transition from reading all 0's to 000...001 (the bottom reference point) would be:
0.5LSB - (1024 LSBs) = -156.326mV
111...111 111...110
ADC CODE
111...000 011...111
1LSB = VREF/16384
000...010 000...001 000...000 0V
0.5LSB -OFFSET +VREF-1.5LSB -OFFSET
ANALOG INPUT
Figure 10. Transfer Characteristic With NegativeOffset
Table 1 below shows the expected ADC result for a given analog input voltage with different offset values and with CLIP tied to logic high. The combined advantages of the offset and overrange features of the AD7484 are shown clearly in Table 2. It shows the same range of analog input and offset values as Table 1 but with the clipping feature disabled.
The analog input voltage for which the ADC would read full-scale (0x3FFF) in this example would be:
2.5V -1.5LSBs - (1024 LSBs) = 2.34352V
OFFSET VIN -200mV -156.3mV 0V +78.2mV +2.3435V +2.5V +2.5779V +2.7V
-512 0 +1024 ADC DATA, D[0:13] 0 0 0 0 0 0 0 0 1024 0 512 1536 14847 15359 16383 15871 16383 16383 16383 16383 16383 16383 16383 16383
D14 1 1 0 0 0 0 1 1
Table 1. Clipping Enabled (CLIP = 1)
0.5LSB - OFFSET
111...111 111...110
111...000 011...111
1LSB = VREF/16384
000...010 000...001 000...000 0V
+VREF-1.5LSB -OFFSET
ANALOG INPUT
Figure 9. Transfer Characteristic With Positive Offset
OFFSET VIN -200m V -156.3m V 0V +78.2m V +2.3435V +2.5V +2.5779V +2.7V
-512 0 +1024 ADC DATA, D[0:14] -1822 -1310 -286 -1536 -1024 0 -512 0 1024 0 512 1536 14847 15359 16383 15871 16383 17407 16383 16895 17919 17182 17694 18718
The effect of writing a negative value to the Offset Register is shown in Figure 10. If a value of -512 was written to the Offset Register, the bottom end reference point would now occur at:
0.5LSB - (-512 LSBs)= +78.20mV
ADC CODE
Table 2. Clipping Disabled (CLIP = 0)
Following from this, the analog input voltage needed to produce a full-scale (0x3FFF) result from the ADC would now be:
2.5V - 1.5LSBs - (-512 LSBs) = 2.5779V
Values from -1310 to +1310 may be written to the Offset Register. These values correspond to an offset of 200mV. A write to the Offset Register is performed by writing a 15-bit word to the part as detailed in the Interfacing sections. The 12 LSBs of the 15-bit word contain the offset value, the 3 MSBs must be set to zero. Failure to write zeros to the 3 MSBs may result in the incorrect operation of the device.
REV. PrC
7/13/01
-9-
7/13/01 5 PM
PRELIMINARY TECHNICAL DATA
To write to the offset register a 15-bit word is written to the AD7484 with the 12 LSBs containing the offset value in 2's complement format. The 3 MSBs must be set to zero. The offset value must be within the range -1310 to +1310, corresponding to an offset from -200mV to +200mV. The value written to the offset register is stored and used until power is removed from the device. The value stored may be updated at any time between conversions by another write to the device. Table 4 shows some examples of offset register values and their effective offset voltage. Figure 14 shows a timing diagram for writing to the AD7484.
Code (De c) D14-D12 D11-D0 (2's Comp) Offset (mV) -1310 000 101011100010 -200 -512 000 111000000000 -78.12 +256 000 000100000000 +39.06 +1310 000 010100011110 +200
Table 4. Offset Register Examples
AD7484
PARALLEL INTERFACE
The AD7484 features two parallel interfacing modes. These modes are selected by the Mode pins as detailed in Table 3.
Mode 2 Not Used Parallel Mode 1 Parallel Mode 2 Not Used 0 0 1 1 Mode 1 0 1 0 1
Table 3. AD7484 Operating Modes
In Parallel Mode 1, the data in the output register is updated and available for reading when BUSY returns high at the end of a conversion. This mode should be used if the conversion data is required immediately after the conversion has completed. An example where this may be of use is if the AD7484 were operating at much lower throughput rates in conjunction with Nap Mode (for power-saving reasons) and the input signal being compared with set limits. If the limits were exceeded, the ADC would then be woken up and commence sampling at full speed. Figure 12 shows a timing diagram for the AD7484 operating in Parallel Mode 1. In Parallel Mode 2, the data in the output register is not updated until the next falling edge of CONVST. This mode could be used where a single sample delay is not vital to the system operation. This may occur, for example, in a system where a large amount of samples are taken at high speed before a Fast Fourier Transform is performed for frequency analysis of the input signal. Figure 13 shows a timing diagram for the AD7484 operating in Parallel Mode 2. Reading Data from the AD7484 Data is read from the part via a 15-bit parallel data bus with the standard CS and RD signals. The CS and RD signals are internally gated to enable the conversion result onto the data bus. The data lines D0 to D14 leave their high impedance state when both CS and RD are logic low. Therefore, CS may be permanently tied logic low if required and the RD signal used to access the conversion result. Figures 12 and 13 show timing specifications called tQUIET and tQUIET2. The quiet time, tQUIET, is the amount of time that should be left after any data bus activity before the next conversion is initiated. The second quiet time, tQUIET2, is the period during a conversion where activity on the data bus should be avoided. Reading a result from the AD7484 while the latter half of the conversion is in progress will result in the degradation of performance by about TBD dB. Writing to the AD7484 The AD7484 features a user accessible offset register. This allows the bottom of the transfer function to be shifted by 200mV. This feature is explained in more detail in the Offset / Overrange section.
Typical Connection Figure 11 shows a typical connection diagram for the AD7484 operating in Parallel Mode 1. Conversion is initiated by a falling edge on CONVST. Once CONVST goes low, the BUSY signal goes low and at the end of conversion, the rising edge of BUSY is used to activate an Interrupt Service Routine. The CS and RD lines are then activated to read the 14 data bits (15 bits if using the overrange feature). In Figure 11 the VDRIVE pin is tied to DVDD, which results in logic output levels being either 0 V or DVDD. The voltage applied to VDRIVE controls the voltage value of the output logic signals. For example, if DVDD is supplied by a 5 V supply and VDRIVE by a 3 V supply, the logic output levels would be either 0 V or 3 V. This feature allows the AD7484 to interface to 3 V devices while still enabling the ADC to process signals at 5 V supply.
1nF 10 F
0.1 F
47 F
ANALOG SUPPLY 4.75V - 5.25V
DVDD VDRIVE AVDD RESET MODE1 MODE2 WRITE CLIP NAP STBY VBIAS REF3 REF2 REF1 0.1 F 0.1 F 0.47 F 0.47 F
C/ P
AD7484
PARALLEL INTERFACE
D0-D14 CS CONVST RD BUSY VIN 0V to +2.5V
Figure 11. AD7484 Typical Connection Diagram
-10-
REV. PrC
7/13/01
PRELIMINARY TECHNICAL DATA AD7484
tCONV t1 tQUIET 2 tQUIET
t2
tACQ
t3
t8
t4
t6
t7
Figure 12. Parallel Mode 1 Read Cycle
tCONV t1 tQUIET 2 tQUIET
t2
tACQ
t3
t4 Data N
t5 Data N+1
Figure 13. Parallel Mode 2 Read Cycle
t12
t13
t9
t10
t11
Figure 14. Parallel Mode Write Cycle
REV. PrC
7/13/01
-11-
PRELIMINARY TECHNICAL DATA AD7484
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
48-Pin LQFP Package (ST-48)
0.063 (1.60) MAX 0.030 (0.75) 0.018 (0.45)
0.354 (9.00) BSC SQ
48 1 37 36
TOP VIEW
(PINS DOWN)
0.276 (7.00) BSC SQ
25
COPL ANARITY 0.003 (0.08) 0.008 (0.2) 0.004 (0.09)
0 MIN
12 13 24
0.019 (0.5) BSC 7 0
0.011 (0.27) 0.006 (0.17) 0.057 ( 1.45) 0.053 ( 1.35)
0.006 (0.15) SEATING 0.002 (0.05) PL ANE
-12-
REV. PrC
7/13/01


▲Up To Search▲   

 
Price & Availability of AD7484

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X