Part Number Hot Search : 
UPB8282C MMJT9435 AP430206 AD578KN 87C51F ISL611 LB1922 FCH47N6
Product Description
Full Text Search
 

To Download 60EPF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2130 rev. B 01/01
QUIETIR Series 60EPF.. 60CPF.. HV
FAST SOFT RECOVERY RECTIFIER DIODE VF trr < 1.2V @ 30A = 95 ns
VRRM 1000 to 1200V
Description/Features
The 60EPF.. & 60CPF.. fast soft recovery QUIETIR rectifier series has been optimized for combined short reverse recovery time and low forward voltage drop. The glass passivation ensures stable reliable operation in the most severe temperature and power cycling conditions. Typical applications are both: output rectification and freewheeling in inverters, choppers and converters and input rectifications where severe restrictions on conducted EMI should be met.
Major Ratings and Characteristics Characteristics
IF(AV) Sinusoidal waveform VRRM range IFSM VF t
rr
Package Outline Units
A V A V ns C
60EPF.. 60CPF..
60 1000 to 1200 700
60EPF.. 60CPF.. TO-247AC (Modified)
@ 30 A, TJ = 25C @ 1A, - 100A/s range
1.2 95 - 40 to 150
TJ
1
60EPF.. 60CPF.. HV QUIETIR Series
Bulletin I2130 rev. B 01/01
Voltage Ratings
Part Number
60EPF10, 60CPF10 60EPF12, 60CPF12
VRRM , maximum peak reverse voltage V
1000 1200
VRSM , maximum non repetitive peak reverse voltage V
1100 1300
IRRM 150C mA
8
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM I 2t I2t Max. Peak One Cycle Non-Repetitive Surge Current Max. I2t for fusing Max. I2t for fusing
60.PF..
60 700 830 2450 3460 34600
Units
A A A2 s A2s
Conditions
@ TC = 103 C, 180 conduction half sine wave 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied t = 0.1 to 10ms, no voltage reapplied
Electrical Specifications
Parameters
VFM rt IRM Max. Forward Voltage Drop Forward slope resistance Max. Reverse Leakage Current
60.PF..
1.4 4.6 0.9 0.1 8
Units
V m V mA
Conditions
@ 60A, TJ = 25C TJ = 125C TJ = 25 C TJ = 150 C VR = rated VRRM
VF(TO) Threshold voltage
Recovery Characteristics
Parameters
trr Irr Qrr S Reverse Recovery Time Reverse Recovery Current Reverse Recovery Charge Snap Factor
60.PF..
480 8 2.7 0.6
Units
ns A C
Conditions
IF @ 60Apk @ 25A/ s @ 25C
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range to Case Max. Thermal Resistance Junction to Ambient RthCS Typical Thermal Resistance, Case to wt T Heatsink Approximate Weight Mounting Torque Case Style Min. Max. 0.2 6 (0.21) 6 (5) 12 (10) C/W g (oz.) Kg-cm (Ibf-in) JEDEC (Modified) Mounting surface , smooth and greased
60.PF..
- 40 to 150 - 40 to 150 0.4 40
Units
C C C/W C/W
Conditions
RthJC Max. Thermal Resistance Junction RthJA
DC operation
TO-247AC
2
www.irf.com
60EPF.. 60CPF.. HV QUIETIR Series
Bulletin I2130 rev. B 01/01
M axim um Allow a ble C ase Tem perature ( C ) M axim um Allow able C ase Tem pe rature ( C ) 1 50 1 40 1 30
C o nd uctio n A ngle
15 0 14 0 13 0
C o nd u ctio n P e rio d
60.PF.. Series R thJC (D C ) = 0.4 C /W
60.PF.. Series R thJ C (D C ) = 0.4 C /W
1 20 1 10 1 00 30 90 0 10 20 30 40 50 60 70 Average Forw ard C urren t (A) 90 60
12 0 11 0 10 0 30 90 0 20 40 60 80 100 Averag e Forw ard C urrent (A) 90 60 120 180 DC
120 180
Fig. 1 - Current Rating Characteristics
M axim um Average Forw a rd Pow er Loss (W )
M axim um Average Forw a rd Po w er Loss (W ) 1 00 90 80 70 60 50 40
C o nd uc tio n Angle
Fig. 2 - Current Rating Characteristics
140 120 100 80 60 40 20 0 0 20 40 60 80 100 A vera ge Forw a rd C urren t (A) 60.PF.. Series T J = 150 C RM S Lim it
C o nd uc tio n P e riod
180 120 90 60 30 R M S Lim it
DC 180 120 90 60 30
30 20 10 0 0 10 20 30 40 50 60 70 A ve ra g e Forw a rd C urre nt (A ) 60.P F.. Se ries T J = 15 0 C
Fig. 3 - Forward Power Loss Characteristics
P ea k Ha lf Sine W ave Forw ard C urrent (A ) Pea k Half Sin e W ave Forw ard C urrent (A) 800
At A ny Rated Lo ad Con dition And W ith R ated VR RM Ap p lie d Follow in g Surg e.
Fig. 4 - Forward Power Loss Characteristics
900 800 700 600 500 400 6 0 .PF.. Se rie s 300 0 .0 1 0.1 Pu lse Tra in D ura tion (s) 1
Maxim um No n Repetitive Surge Curre nt V ersus Pulse Train D uration .
700
In itia l T J = 150 C @ 60 H z 0.0083 s @ 50 H z 0.0100 s
In itia l T J = 150 C N o V olta g e Rea p p lied Ra ted V RRM Rea p p lied
600
500
400 60.PF.. Series 300 1 10 1 00
N um ber O f Equal A mplitude Half Cycle C urrent Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
www.irf.com
3
60EPF.. 60CPF.. HV QUIETIR Series
Bulletin I2130 rev. B 01/01
1000 Instan tan eous Forw ard C urrent (A) 60.PF.. Series
1 00
T J = 25 C 10 T J = 150 C
1 0 0.5 1 1 .5 2 2 .5 3 In sta n tan eous Forw ard V o ltag e (V )
Fig. 7 - Forward Voltage Drop Characteristics
M axim um Re verse Reco very Tim e - Trr ( n s) M a xim um Reverse Rec overy Tim e - Trr ( n s) 6 00 5 00 4 00 3 00
10 A
12 0 0 10 0 0 8 00 6 00 4 00 2 00 0 0 40 80 120 16 0 200 Rate O f Fall O f Forw a rd C urren t - di/dt (A/ s)
I FM = 60 A 30 A 10 A 5A 1A
60.PF.. Series T J = 25 C
I FM = 60 A 30 A
60.PF.. Series T J = 150 C
2 00 1 00 0 0 40 80 1 20 1 60
5A 1A
20 0
Ra te O f Fa ll O f Forw a rd C urrent - d i/d t (A / s)
Fig. 8 - Recovery Time Characteristics, TJ = 25C
M a xim u m Reverse Recover y C ha rge - Q rr ( C) 60.PF.. Series T J = 25 C
I FM = 60 A
Fig. 9 - Recovery Time Characteristics, TJ = 150C
M axim um Reve rse Re cove ry C h arg e - Q rr ( C ) 25 0 00 60.PF.. Series T J = 150 C 20 0 00
I FM = 60 A
1 2 00 0 1 0 00 0 80 0 0 60 0 0 40 0 0 20 0 0 0 0 40 80 1 20 1 60 2 00 Rate O f Fall O f Forw a rd C urren t - di/dt (A/ s)
5A 1A 30 A 10 A
15 0 00
30 A
10 0 00
10 A
5 0 00
5A 1A
0 0 40 80 12 0 1 60 20 0 Rate O f Fall O f Forw a rd C urren t - di/dt (A/ s)
Fig. 10 - Recovery Charge Characteristics, TJ = 25C
Fig. 11 - Recovery Charge Characteristics, TJ = 150C
4
www.irf.com
60EPF.. 60CPF.. HV QUIETIR Series
Bulletin I2130 rev. B 01/01
M axim um Reverse Recovery C urrent - Irr (A)
M a xim um Reverse Recovery C urrent - Irr (A)
45 40 35 30 25 20 15 10 5 0 0 40 80 1 20 16 0 200 Rate O f Fall O f Forw a rd C urren t - di/d t (A / s)
10 A 5A 30 A
60 50 40
10 A
60.P F.. Se ries T J = 25 C
I FM = 60 A
60.P F.. Se ries T J = 150 C
I FM = 60 A 30 A
30
5A
20
1A
1A
10 0 0 40 80 120 16 0 20 0 Ra te O f Fa ll O f F orw ard C urren t - d i/dt (A / s)
Fig. 12 - Recovery Current Characteristics, TJ = 25C
T ra n sie n t T h e rm a l Im p e da nc e Z thJC ( C /W ) 1
Fig. 13 - Recovery Current Characteristics, TJ = 150C
0 .1
D D D D D
= = = = =
0.5 0 0.3 3 0.2 5 0.1 7 0.0 8
Stea d y Sta te V a lu e (D C O p era tio n )
0 .0 1 Sing le Pulse 6 0.P F.. Se ries
0.001 0 .0 0 0 1
0 .0 01
0 .0 1
0 .1
1
10
Sq ua re W av e Pulse D ura tio n (s)
Fig. 14 - Thermal Impedance ZthJC Characteristics
www.irf.com
5
60EPF.. 60CPF.. HV QUIETIR Series
Bulletin I2130 rev. B 01/01
Outline Table
3. 65 (0 .14 4) 3. 55 (0 .13 9) 5. 30 (0 .20 9) 4.70 ( 0.185) 2.5 ( 0.098)
1.5 ( 0.059)
15 .90 (0 .626 ) 15 .30 (0 .602 )
DIA.
5. 70 (0 .22 5) 5.30 ( 0.208) 20 .30 (0 .800 ) 19 .70 (0 .775 ) 5.50 ( 0.217) 4. 50 (0 .17 7) 1 3 (2 PLCS.)
14. 80 ( 0.583)
14 .20 (0 .559 )
4. 30 (0 .17 0) 3. 70 (0 .14 5) 2. 20 (0 .08 7)
1. 40 (0 .05 6)
2. 40 (0 .09 5) M AX. 0.80 ( 0.032) 0. 40 (0 .21 3)
M AX.
1. 00 (0 .03 9) 10. 94 ( 0.430) 10 .86 (0 .427 )
Dimensions in millimeters and inches
Ordering Information Table
Device Code
60
1 1 2 3 4 5 6 -
E
2
P
3
F
4
12
5
BASE CATHODE
2
Current Rating Circuit Configuration: E = Single Diode Package: P = TO-247AC (Modified) Type of Silicon: F = Fast Recovery Voltage code: Code x 100 = VRRM 10 = 1000V 12 = 1200V
1
CATHODE
3
ANODE
6
www.irf.com
60EPF.. 60CPF.. HV QUIETIR Series
Bulletin I2130 rev. B 01/01
Outline Table
15 .90 (0 .626 ) 15 .30 (0 .602 ) 5. 70 ( 0 .22 5) 5.30 ( 0.208) 20 .30 (0 .800 ) 19 .70 (0 .775 ) 5.50 ( 0.217) 4. 50 (0 .17 7) 1 2 3 (2 PLCS.) 3. 65 (0 .14 4) 3. 55 (0 .13 9)
DIA.
5. 30 (0 .20 9) 4.70 ( 0.185) 2.5 ( 0.098)
1.5 ( 0.059)
14. 80 ( 0.583)
14 .20 (0 .559 )
4. 30 (0 .17 0) 3. 70 (0 .14 5) 2. 20 (0 .08 7)
1. 40 (0 .05 6)
2. 40 (0 .09 5) M AX . 0.80 ( 0.032) 0. 40 (0 .21 3)
M AX .
1. 00 (0 .03 9) 10. 94 ( 0.430) 10 .86 ( 0 .427 )
Dimensions in millimeters and inches
Ordering Information Table
Device Code
60
1 1 2 3 4 5 6 -
C
2
P
3
F
4
12
5
Base Cathode BA SE 2 C ATHO D E
Current Rating Circuit Configuration: C = Single Diode, 3 pins Package: P = TO-247AC (Modified) Type of Silicon: F = Fast Recovery Voltage code: Code x 100 = VRRM 10 = 1000V 12 = 1200V
C ATHO D E 1
Anode
AN O D E 3
Anode
www.irf.com
7
60EPF.. 60CPF.. HV QUIETIR Series
Bulletin I2130 rev. B 01/01
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 01/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 60EPF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X