Part Number Hot Search : 
492LL XEZ01 SB604G KBU25 DMN100 FQT1N80 50PI2 PM73124
Product Description
Full Text Search
 

To Download 3141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3141 THRU 3144
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
These Hall-effect switches are monolithic integrated circuits with tighter magnetic specifications, designed to operate continuously over extended temperatures to +150C, and are more stable with both temperature and supply voltage changes. The unipolar switching characteristic makes these devices ideal for use with a simple bar or rod magnet. The four basic devices (3141, 3142, 3143, and 3144) are identical except for magnetic switch points. Each device includes a voltage regulator for operation with supply voltages of 4.5 to 24 volts, reverse battery protection diode, quadratic Hall-voltage generator, temperature compensation circuitry, smallsignal amplifier, Schmitt trigger, and an open-collector output to sink up to 25 mA. With suitable output pull up, they can be used with bipolar or CMOS logic circuits. The A3141- and A3142- are improved replacements for the UGN/UGS3140-; the A3144- is the improved replacement for the UGN/UGS3120-. The first character of the part number suffix determines the device operating temperature range. Suffix `E-' is for the automotive and industrial temperature range of -40C to +85C. Suffix `L-' is for the automotive and military temperature range of -40C to +150C. Three package styles provide a magnetically optimized package for most applications. Suffix `-LT' is a miniature SOT89/TO-243AA transistor package for surface-mount applications; suffix `-UA' is a three-lead ultra-mini-SIP.
Data Sheet 27621.6B*
V
X
CC
1
2
3
GROUND
Dwg. PH-003A
Pinning is shown viewed from branded side.
OUTPUT
SUPPLY
FEATURES and BENEFITS
ABSOLUTE MAXIMUM RATINGS at TA = +25C
Supply Voltage, VCC ............................ 28 V Reverse Battery Voltage, VRCC ........... -35 V Magnetic Flux Density, B .......... Unlimited Output OFF Voltage, VOUT .................. 28 V Reverse Output Voltage, VOUT ........... -0.5 V Continuous Output Current, IOUT ...... 25 mA Operating Temperature Range, TA Suffix `E-' .................. -40C to +85C Suffix `L-' ................ -40C to +150C Storage Temperature Range, TS .............................. -65C to +170C
s s s s s s s s
Superior Temp. Stability for Automotive or Industrial Applications 4.5 V to 24 V Operation ... Needs Only An Unregulated Supply Open-Collector 25 mA Output ... Compatible with Digital Logic Reverse Battery Protection Activate with Small, Commercially Available Permanent Magnets Solid-State Reliability Small Size Resistant to Physical Stress
Always order by complete part number, e.g., A3141ELT .
3141 THRU 3144 SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMP. OPERATION
FUNCTIONAL BLOCK DIAGRAM
1
VCC
REG.
X
3
OUTPUT GROUND
2
Dwg. FH-005-2
ELECTRICAL CHARACTERISTICS at VCC = 8 V over operating temperature range.
Limits Characteristic Supply Voltage Output Saturation Voltage Output Leakage Current Supply Current Output Rise Time Output Fall Time Symbol VCC VOUT(SAT) IOFF ICC tr tf Test Conditions Operating IOUT = 20 mA, B > BOP VOUT = 24 V, B < BRP B < BRP (Output OFF) RL = 820 , CL = 20 pF RL = 820 , CL = 20 pF Min. 4.5 -- -- -- -- -- Typ. -- 175 <1.0 4.4 0.04 0.18 Max. 24 400 10 9.0 2.0 2.0 Units V mV A mA s s
MAGNETIC CHARACTERISTICS in gauss over operating supply voltage range.
Part Numbers* A3141- Characteristic BOP at TA = 25C over operating temp. range BRP at TA = 25C over operating temp. range Bhys at TA = 25C over operating temp. range Min. 50 30 10 10 20 20 Typ. 100 100 45 45 55 55 Max. 160 175 130 145 80 80 A3142- Min. Typ. 130 115 75 60 30 30 180 180 125 125 55 55 Max. 230 245 175 190 80 80 Min. 220 205 165 150 30 30 A3143- Typ. 280 280 225 225 55 55 Max. 340 355 285 300 80 80 Min. 70 35 50 25 20 20 A3144- Typ. -- -- -- -- 55 55 Max. 350 450 330 430 -- --
NOTES: Typical values are at TA = +25C and VCC = 8 V. BOP = operate point (output turns ON); BRP = release point (output turns OFF); Bhys = hysteresis (BOP - BRP). 1 gauss (G) is exactly equal to 0.1 millitesla (mT). *Complete part number includes a suffix to identify operating temperature range (E- or L-) and package type ( -LT or -UA).
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 2002 Allegro MicroSystems, Inc.
3141 THRU 3144 SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMP. OPERATION
TYPICAL OPERATING CHARACTERISTICS
A3142- SWITCH POINTS
400
300
OUTPUT SATURATION VOLTAGE
I OUT = 20 mA
V 300
CC
=8V
V CC = 4.5-24 V
SATURATION VOLTAGE IN mV
SWITCH POINT IN GAUSS
200
200
OPERATE POINT
100
RELEASE POINT 100
0 -50 -25 0 25 50 75 100 125 150
0 -50
-25
0
25
50
75
100
125
150
AMBIENT TEMPERATURE IN C
Dwg. GH-044
AMBIENT TEMPERATURE IN C
Dwg. GH-040-1
SUPPLY CURRENT
10
7.0
SUPPLY CURRENT
8.0
B B OP
VCC = 8 V
SUPPLY CURRENT IN mA
SUPPLY CURRENT IN mA
B B OP 6.0
6.0
4.0
B B RP
5.0
2.0
T A = +25C
4.0
B B RP
0 0 5 10 15 20 25
-50 -25 0 25 50 75 100 125 150
SUPPLY VOLTAGE IN VOLTS
Dwg. GH-041-1
AMBIENT TEMPERATURE IN C
Dwg. GH-039-1
* Complete part number includes a suffix denoting operating temperature range (E- or L-) and package type ( -LT, -U, or -UA).
www.allegromicro.com
3141 THRU 3144 SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMP. OPERATION
SENSOR LOCATIONS
(0.005" [0.13 mm] die placement)
TYPICAL OPERATING CHARACTERISTICS (cont.)
CHANGE IN OPERATE POINT
20
Suffix "LT"
ACTIVE AREA DEPTH 0.0305" 0.775 mm NOM 0.089" 2.26 mm
CHANGE IN OPERATE POINT IN GAUSS
0.043" 1.09 mm
15 T A = +25C 10
A
1 2 3
5.0
Dwg. MH-008-2D
0
Suffix "UA"
ACTIVE AREA DEPTH 0.0195" 0.50 mm NOM 0.082" 2.07 mm
-5.0 0 5 10 15 20 25
SUPPLY VOLTAGE IN VOLTS
Dwg. GH-042-1
Allegro
A
BRANDED SURFACE 1 2 3 0.055" 1.39 mm
OPERATION
The output of these devices (pin 3) switches low when the magnetic field at the Hall sensor exceeds the operate point threshold (BOP). At this point, the output voltage is VOUT(SAT). When the magnetic field is reduced to below the release point threshold (BRP), the device output goes high. The difference in the magnetic operate and release points is called the hysteresis (Bhys) of the device. This built-in hysteresis allows clean switching of the output even in the presence of external mechanical vibration and electrical noise.
Dwg. MH-011-10A
Extensive applications information for Hall-effect sensors is available in: * Hall-Effect IC Applications Guide, Application Note 27701; * Hall-Effect Devices: Soldering, Gluing, Potting, Encapsulating, and Lead Forming, Application Note 27703.1; * Soldering of Through-Hole Hall-Sensor Dervices, Application Note 27703; and * Soldering of Surface-Mount Hall-Sensor Devices, Application Note 27703.2. All are provided in Allegro Electronic Data Book, AMS-702. or at
www.allegromicro.com
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
3141 THRU 3144 SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMP. OPERATION
PACKAGE DESIGNATOR `LT'
(SOT89/TO-243AA) Dimensions in Inches (for reference only) Dimensions in Millimeters (controlling dimensions)
0.181 0.173 0.072 0.064 0.167 0.155 0.102 0.090
0.063 0.055
0.0173 0.0138
4.60 4.40 1.83 1.62 4.25 3.94 2.60 2.29
1.60 1.40
0.44 0.35
1
2
3
0.090 0.084
1
2
3
2.29 2.13
0.047 0.035 0.059
BSC
0.0189 0.0142 0.0221 0.0173 0.118
BSC
Dwg. MA-009-3A in
1.20 0.89 1.50
BSC
0.48 0.36 0.56 0.44 3.00
BSC
Dwg. MA-009-3A mm
0.098 0.079 B A 0.031 0.102 0.181 3 0.047 0.031
TYP
2.5 2.0 B A 0.8 2.6 4.6 1.2 0.8
TYP
1 0.028
TYP
2
1 0.7
TYP
2
3
Pads 1, 2, 3, and A -- Standard SOT89 Layout Pads 1, 2, 3, and B -- Low-Stress Version Pads 1, 2, and 3 only -- Lowest Stress, But Not Self Aligning
Dwg. MA-012-3 in
Pads 1, 2, 3, and A -- Standard SOT89 Layout Pads 1, 2, 3, and B -- Low-Stress Version Pads 1, 2, and 3 only -- Lowest Stress, But Not Self Aligning
Dwg. MA-012-3 mm
NOTES: 1. Exact body and lead configuration at vendor's option within limits shown. 2. Supplied in bulk pack (500 pieces per bag) or add "TR" to part number for tape and reel. 3. Only low-temperature (240C) reflow-soldering techniques are recommended for SOT89 devices.
www.allegromicro.com
3141 THRU 3144 SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMP. OPERATION
PACKAGE DESIGNATOR `UA'
Dimensions in Inches (controlling dimensions)
0.164 0.159
Dimensions in Millimeters (for reference only)
4.17 4.04
45
0.062 0.058
45
1.57 1.47
0.122 0.117 45 0.031
3.10 2.97 45 0.79
0.085
MAX
1
2
3
2.16
MAX
1
2
3
0.640 0.600
0.0173 0.0138
16.26 15.24
0.44 0.35
SEE NOTE
0.0189 0.0142
SEE NOTE
0.48 0.36
0.050
BSC
Dwg. MH-014E in
1.27
BSC
Dwg. MH-014E mm
Radial Lead Form (order A314xxUA-LC)
NOTES: 1. Tolerances on package height and width represent allowable mold offsets. Dimensions given are measured at the widest point (parting line). 2. Exact body and lead configuration at vendor's option within limits shown. 3. Height does not include mold gate flash. 4. Recommended minimum PWB hole diameter to clear transition area is 0.035" (0.89 mm). 5. Where no tolerance is specified, dimension is nominal. 6. Supplied in bulk pack (500 pieces per bag).
1
2
3
0.620" 0.500" (15.7 mm 12.7 mm)
0.108" (2.74 mm)
0.100" (2.5 mm)
Dwg. MH-026
NOTE: Lead-form dimensions are the nominals produced on the forming equipment. No dimensional tolerance is implied or guaranteed for bulk packaging (500 pieces per bag).
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
3141 THRU 3144 SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMP. OPERATION
HALL-EFFECT SENSORS
UNIPOLAR HALL-EFFECT DIGITAL SWITCHES Partial Part Number A3121x A3122x A3123x A3141x A3142x A3143x A3144x A3161E A3163E A3240x A3250x A3251x A3361E A3362E Operate Release Hysteresis Point (G) Point (G) (G) Over Oper. Voltage & Temp. Range 220 to 500 80 to 410 260 to 430 120 to 360 230 to 470 160 to 330 30 to 175 10 to 145 115 to 245 60 to 190 205 to 355 150 to 300 35 to 450 25 to 430 <160 (Typ 130) >30 (Typ 110) <160 (Typ 98) >30 (Typ 79) <50 (Typ 35) >5 (Typ 25) <50 to >350 _ <50 to >350 _ <125 <125 >40 >40 60 to 150 70 to 140 70 to 140 20 to 80 30 to 80 30 to 80 >20 5 to 80 5 to 40 Typ 10 5 to 35 5 to 35 5 to 30 5 to 30 Oper. Temp. E, L E, L E, L E, L E, L E, L E, L E E E, L J, L J, L E E Replaces and Comments 3019, 3113, 3119
Packages LT, UA LT, UA LT, UA LT, UA LT, UA LT, UA LT, UA LT, UA LT, UA LH, LT, UA UA UA LH, LT, UA LH, LT, UA
3040, 3140
3020, 3120 2-wire operation 2-wire chopper stabilized programmable, chopper stabilized programmable, chopper stabilized 2-wire, chopper stabilized, output normally high 2-wire, chopper stabilized, output normally low
MICROPOWER OMNIPOLAR HALL-EFFECT DIGITAL SWITCHES Partial Part Number A3209E A3210E A3212E Operate Release Hysteresis Points (G) Points (G) (G) Over Oper. Voltage & Temp. Range >-60, <60 >-60, <60 >-55, <55 <-5, >5 <-5, >5 <-10, >10 Typ 7.7 Typ 7.7 Typ. 8 Oper. Temp. E E E Average Supply Current (A) <425 (Typ 145) <60 (Typ 8.8) <10 (Typ 4.2)
Packages LH, UA LH, UA LH, UA
BIPOLAR HALL-EFFECT DIGITAL SWITCHES Partial Part Number UGx3132 UGx3133 UGx3134 A3260x Operate Release Hysteresis Point (G) Point (G) (G) Over Oper. Voltage & Temp. Range <95 (Typ 32) <75 (Typ 32) -40 to 50 <30 (Typ 10) >-95 (Typ -20) >30 (Typ 52) >-75 (Typ -20) >30 (Typ 52) -50 to 40 5 to 55 >-30 (Typ -10) Typ 20 Oper. Temp. K, L, S K, L, S E, L E, L Replaces and Comments 3030, 3130, 3131
Packages LT, UA LT, UA LT, UA LH, LT, UA
2 wire, chopper stabilized
Notes: 1) Typical data is at TA = +25C and nominal operating voltage. 2) "x" = Operating Temperature Range [suffix letter or (prefix)]: S (UGN) = -20C to +85C, E = -40C to +85C, J = -40C to +115C, K (UGS) = -40C to +125C, L (UGL) = -40C to +150C.
www.allegromicro.com
3141 THRU 3144 SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMP. OPERATION
The products described herein are manufactured under one or more of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283; 5,389,889; 5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719; 5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support appliances, devices, or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringements of patents or other rights of third parties that may result from its use.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000


▲Up To Search▲   

 
Price & Availability of 3141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X