Part Number Hot Search : 
115A28 2N4403 50020 NTE108 MAX232 58005 RN47A3JE 48S03
Product Description
Full Text Search
 

To Download 2SC4934 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4934
Silicon NPN Epitaxial
Application
High voltage amplifier
Outline
Ordering Information
hFE 2SC4934D 2SC4934E 250 to 500 400 to 800
2SC4934
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Symbol VCBO VCEO VEBO IC PC PC * Junction temperature Storage temperature Note: 1. Value at TC = 25C. Tj Tstg
1
Ratings 120 120 5 0.2 1.5 8 150 -55 to +150
Unit V V V A W
C C
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Symbol V(BR)CBO Min 120 120 5 -- 250 400 -- -- -- -- Typ -- -- -- -- -- -- -- -- 350 3.5 Max -- -- -- 10 500 800 1.0 1.0 -- -- V V MHz pF VCE = 10 V, IC = 10 mA I C = 200 mA, IB = 20 mA VCE = 10 V, IE = 50 mA VCB = 30 V, IE = 0, f = 1 MHz Unit V V V A Test Conditions I C = 10 A, IE = 0 I C = 1 mA, RBE = I E = 10 A, IC = 0 VCB = 80 V, IE = 0 VCE = 10 V, IC = 10 mA
Collector to emitter breakdown V(BR)CEO voltage Emitter to base breakdown voltage Collector cutoff current DC current transfer ratio 2SC4934D 2SC4934E V(BR)EBO I CBO hFE hFE VBE VCE (sat) fT Cob
Base to emitter voltage Collector to emitter saturation voltage Gain bandwidth product Collector output capacitance
See characteristic curves of 2SC4046.
2
2SC4934
3
2SC4934
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
4


▲Up To Search▲   

 
Price & Availability of 2SC4934

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X