Part Number Hot Search : 
D8251AC FL7734 2106A P6KE36 FTR50T SST44 VS9ASH 1212D
Product Description
Full Text Search
 

To Download 2SB1317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1317
Silicon PNP triple diffusion planar type
For high power amplification Complementary to 2SD1975
20.00.5
Unit: mm
3.30.2 5.00.3 3.0
6.0
s Features
q q q q
Satisfactory foward current transfer ratio hFE vs. collector current IC characteristics Wide area of safe operation (ASO) High transition frequency fT Optimum for the output stage of a HiFi audio amplifier (TC=25C)
Ratings -180 -180 -5 -25 -15 150 3.5 150 -55 to +150 Unit V V V A
26.00.5
10.0
1.5
2.0
4.0
1.5
Solder Dip
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
20.00.5 2.5
2.00.3 3.00.3 1.00.2
2.70.3
0.60.2 5.450.3 10.90.5
1
2
3
A W C C
1:Base 2:Collector 3:Emitter TOP-3L Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current
(TC=25C)
Symbol ICBO IEBO hFE1 hFE2* hFE3 VBE VCE(sat) fT Cob Conditions VCB = -180V, IE = 0 VEB = -3V, IC = 0 VCE = -5V, IC = -20mA VCE = -5V, IC = -1A VCE = -5V, IC = -8A VCE = -5V, IC = -8A IC = -10A, IB = -1A VCE = -5V, IC = - 0.5A, f = 1MHz VCB = -10V, IE = 0, f = 1MHz 20 450 20 60 20 -1.8 -2.5 V V MHz pF 200 min typ max -50 -50 Unit A A
Forward current transfer ratio
Base to emitter voltage Collector to emitter saturation voltage Transition frequency Collector output capacitance
*h
FE2
Rank classification
Q 60 to 120 S 80 to 160 P 100 to 200
Rank hFE2
2.0
1.5
3.0
1
Power Transistors
PC -- Ta
200
2SB1317
IC -- VCE
-24 TC=25C -20 IB=-1000mA -800mA -700mA -600mA -500mA -400mA -300mA -200mA -8 -150mA -100mA -4 -50mA -24 VCE=-5V
IC -- VBE
Collector power dissipation PC (W)
Collector current IC (A)
150
Collector current IC (A)
(1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (PC=3.5W) (1)
-18 25C TC=-25C -12 100C
-16
100
-12
50
-6
(2) 0 0 20 40
(3) 0 60 80 100 120 140 160 0 -2 -4 -6 -8 -10 -12 0 0 -1 -2 -3 -4
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-10 IC/IB=10 25C TC=100C -1 -25C 1000
hFE -- IC
VCE=-5V 1000
fT -- IC
VCE=-10V f=1MHz TC=25C
Forward current transfer ratio hFE
-3
300 TC=100C 100 -25C 30 25C
Transition frequency fT (MHz)
-10 -30 -100
300
100
- 0.3
30
- 0.1
10
10
- 0.03
3
3
- 0.01 - 0.1 - 0.3
-1
-3
-10
-30
-100
1 - 0.1 - 0.3
-1
-3
1 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
10000
Area of safe operation (ASO)
-100 IE=0 f=1MHz TC=25C -30 ICP IC 100ms -3 DC -1 Non repetitive pulse TC=25C t=10ms
Collector output capacitance Cob (pF)
3000
Collector current IC (A)
-3 -10 -30 -100
-10
1000
300
100
- 0.3 - 0.1 - 0.03
30
10 -1
- 0.01 -1
-3
-10
-30
-100 -300 -1000
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
10000 Note: Rth was measured at Ta=25C and under natural convection. (1) PT=10V x 0.2A (2W) and without heat sink (2) PT=10V x 1.0A (10W) and with a 100 x 100 x 2mm Al heat sink
2SB1317
Thermal resistance Rth(t) (C/W)
1000
100 (1) 10
(2)
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SB1317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X