Part Number Hot Search : 
B2566 B2566 UNRL114 RST125 SM100 E005722 MDD95 TEW6018
Product Description
Full Text Search
 

To Download 2N4033CSM4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N4033CSM4
HIGH SPEED PNP MEDIUM VOLTAGE TRANSISTOR IN A CERAMIC SURFACE MOUNT PACKAGE
MECHANICAL DATA Dimensions in mm (inches)
5.59 0.13 (0.22 0.005) 0.25 0.03 (0.01 0.001) 1.40 0.15 (0.055 0.006)
FEATURES
* CERAMIC SURFACE MOUNT HERMETIC PACKAGE * LOW WEIGHT
0.23 min. (0.009)
0.64 0.08 (0.025 0.003)
0.23 rad. (0.009) 3 2 1.27 0.05 (0.05 0.002)
3.81 0.13 (0.15 0.005)
4
1
* SMALL FOOTPRINT * SCREENING OPTIONS AVAILABLE
1.02 0.20 (0.04 0.008)
2.03 0.20 (0.08 0.008)
LCC3 PACKAGE Underside View
PAD 1 - Collector PAD 2 - N/C PAD 3 - Emitter PAD 4 - Base
ABSOLUTE MAXIMUM RATINGS Tcase = 25c unless otherwise stated
VCEO VCBO VEBO IC PD Tstg Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Continuous Collector Current Total Device Dissipation at TA = 25C Derate above 25C Operating and Storage Temperature Range -80V -80V -5V -1A 400mW 2.28 mW/C -55 to +200C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 02/00
2N4033CSM4
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated) Parameter Test Conditions Min.
ICBO IEBO VCE(sat) VBE(sat) VBE(on) V(BR)CEO V(BR)CBO V(BR)EBO Collector Cut Off Current Emitter Cut Off Current Collector Emitter Saturation Voltage1 Base Emitter Saturation Voltage1 Base Emitter on Voltage Collector Emitter Breakdown Voltage Collector Base Breakdown Voltage Emitter Base Breakdown Voltage VCB = -60V VEB = -5V IC = -150mA IC = -500mA IC = -150mA IC = -500mA IC = -10mA IC = -10mA IE = -10mA IC = -100mA IC = -100mA IC = -100mA IC = -500mA IC = -1.0A VCE = -5.0V @-55C1 hFE DC Current Gain VCE = -5.0V VCE = VCE = -5.0V1 -5.0V1 VCE = -5.0V1 IB = -15mA IB = -50mA IB = -15mA VCE = -0.5V1 -80 -80 -5.0 40 75 100 70 25 TA = 150C
Typ.
Max.
-50 -50 -10 -0.15 0.50 -0.9 -1.1
Unit
nA
mA mA
V V V V V V
300
--
SMALL SIGNAL CHARACTERISTICS
Cobo Cibo hfe Output Capacitance Input Capacitance Small Signal Gain VCE = -10V VEB = -0.5V IC = -50mA f = 100MHz f = 1MHz f = 1MHz VCE = -10V 1.5 20 110 5.0 pF --
SWITCHING CHARACTERISTICS
ton tf ts
1Pulse
Turn On Time Fall Time Storage Time test tp = 300ms , d = 1% IC = -500mA IB1=-IB2 = -50mA
100 50 350 ns
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 02/00


▲Up To Search▲   

 
Price & Availability of 2N4033CSM4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X