Part Number Hot Search : 
M1026 120FC NTE947D 3N206 CPC1R5C 1001A C4468 SKY77316
Product Description
Full Text Search
 

To Download 1N5817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5817 THRU 1N5819
1 AMPERE SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere
FEATURES
! Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound ! ! 1.0 ampere operation at TL=90 C with no thermal runaway Exceeds environmental standards of MIL-S-19500/228 For use in low voltage, high frequency inverters free wheeling, and polarlity protection applications
o
DO-41
!
MECHANICAL DATA
Case: Molded plastic, JECEC DO-41 Terminals: Axial leads, solderable per MIL-STD-202, Method 208 Polarity: Color Band denotes cathode Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. 1N5817 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 3/8" Lead o Length TL=90 C Peak Forward Surge Current, 8.3ms single half sine wave superimposed on rated load (JECEC method) TL=70 C Maximum Forward Voltage at 1.0A DC Maximum Forward Voltage at 3.0A DC Maximum Average DC Reverse Current TA=25 C at Rated Reverse Voltage Typical Junction capacitance (Note 1) Typical Thermal Resistance(Note 2) Operating and Storage Temperature Range TA=100 C
o o o o
1N5818 30 21 30 1.0 25
1N5819 40 28 40
UNITS V V V A A
20 14 20
.45 .75
.55 .875 0.5 10 110 80 -50 to +125
.60 .90
V V mA mA
PF o
C/W
o
C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 2. Thermal Resistance Junction to Ambient
RATING AND CHARACTERISTIC CURVES 1N5817 THRU 1N5819
20
AVERAGE FORWARD CURRENT
1.0 0.75
INSTANTANEOUS FORWARD
10
1N5817
1N5819 1N5818 1.0 TJ = 25 PULSE WIDTH = 300s 1% DUTY CYCLE 0.1 .2 .4 .6 .8 1.0 1.2 1.4 1.8 2.0
0.50
SINELE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375" 9.5mm LEAD LENGTHS
0.25
0 0 20 40 60 80 100 120
LEAD TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 1-FORWARD CURRENT DERATING CURVEE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
30
PEAK FORWARD SURGE
CURRENT, AMPERES
25 20 15 10 5
8.3ms SINGLE HALF SINE WAVE JEDEC METHOD
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE SURGE CURRENT
400
CAPACTANCE, pF
200 TJ = 25 100 80 60 40 20 10 0.1 0.4 1.0 4 10 40 60 100
REVERSE VOLTAGE ,VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE


▲Up To Search▲   

 
Price & Availability of 1N5817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X