Part Number Hot Search : 
M85049 A0270164 GS9035C R2020 24C16 SFH203 A0270164 TP1104
Product Description
Full Text Search
 

To Download STG719 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STG719
LOW VOLTAGE 4 SPDT SWITCH
s
s
s
s
HIGH SPEED: tPD = 0.3 ns (TYP.) at VCC = 5V tPD = 0.4 ns (TYP.) at VCC = 3.0V LOW POWER DISSIPATION: ICC = 1 A (MAX.) at TA = 85 oC LOW "ON" RESISTANCE: RON = 4 (MAX. Ta=25oC) AT VCC = 5V RON = 6 (TYP.) AT VCC = 3.0V WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 1.8V to 5.5V SINGLE SUPPLY
SOT23-6L
ORDER CODES PACKAGE SOT23-6L T UBE T&R STG719FTR
DESCRIPTION The STG719 is an high speed SPDT CMOS SWITCH frabricated in silicon gate C2MOS technology. It is designed to operate from 1.8V to 5.5V, making this device ideal for portable applications. It offers 4 ON-Resistance Max at
5V 25oC. Additional key features are fast switching speed (t ON=7ns, tOFF=4.5ns) and Low Power Consumption (<0.01W Typ.). ESD immunity is higher than 1000V per Method 3015.7 of MIL-STD-883B. It's avalable in the commercial temperature range.
PIN CONNECTION AND IEC LOGIC SYMBOLS
June 2000
1/7
STG719
LOGIC DIAGRAM PIN DESCRIPTION
PIN No 1 4, 6 5 3 2 SYMBOL IN S1, S2 D GND VCC NAME AND FUNCT ION Control Independent Channel Common Channel Ground (0V) Positive Supply Voltage
TRUTH TABLE
IN L H SWIT CH S1 ON OFF SW ITCH S2 OFF ON
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI V IC VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage Control Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 50 50 -65 to +150 300 Unit V V V V mA mA mA mA
o o
ICC or IGND DC VCC or Ground Current
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI V IC VO Top dt/dv Input Voltage Control Input Voltage Output Voltage Operating Temperature: Input Rise and Fall Time (note 2) Parameter Supply Voltage (note 1) Valu e 1.8 to 5.5 0 to VCC 0 to VCC 0 to VCC -40 to +85 0 to 10 Unit V V V V
o
C
ns/V
1) Truth Table guaranteed: 1.2V to 6V 2) VIN from 30% to70%VCC
2/7
STG719
DC SPECIFICATIONS
Symb ol Parameter V CC (V) VIHC VILC R ON RON High Level Control Input Voltage Low Level Control Input Voltage ON Resistance ON Resistance Match Between Channels 3.0 (*) 5.0 5.0
(**) (*)
Test Co nditions Min. 2.0 2.4 T yp.
Valu e T A = 25 oC Max. -40 to 85 o C Min. 2.0 2.4 0.4 0.8 0.4 0.8 10 5 0.4 0.4 Max.
Un it
V V 0.35 0.35 0.35 0.35 0.1 0.1 1 1 A nA
3.0
(**)
3.0 (*) 5.0
(**)
VS = 0 to V CC I S = 10 mA VS = 0 to V CC I S = 10 mA VS = 0 to V CC I S = 10 mA V S = 1V or V CC V D = V CC or 1V V IN = V CC or G ND V S =V D =1V to VCC -2.5V VI N = VI HC V I = VIH or VI L V I = VCC or GND
6 0.1 0.1 2.5 0.75
7 4
3.0 (*) 5.0(**) 3.0 (*) 5.0(**) 3.0 (*) 5.0
(**)
RFLATON ON Resistance Flatness ISOFF Source OFF Leakage
0.01 0.25 0.01 0.25 0.01 0.25 0.01 0.25 0.005 0.005 0.001 0.001
ISON IIN ICC
Channel ON Leakage Current Control Input Leakage Current Quiescent Supply Current
3.0 5.0
(*)
(**)
nA A
3.0 (*) 5.0(**) 3.0 (*) 5.0(**)
(*) Voltage range is 3.0V 0.3V (**) Voltage range is 5V 0.5V
AC ELECTRICAL CHARACTERISTICS (CL = 35 pF, RL = 300)
Symb ol Parameter V CC (V) tPD Delay Time 3.0 5.0(**) 3.0(*) 5.0(**) 3.0(*) 5.0(**) 3.0(*) 5.0
(**) (*)
Test Co ndition
Value T A = 25 o C Min. Typ . Max. 0.4 0.3 10 7 5.5 4.5 4 4 19 33 0.8 0.6
Un it -40 to 85 o C Min . Max. 1.2 1.0 16 11 7 6 ns
V S =3V square wave f=1MHz t r =t f =6ns VS VS VS VS VS = = = = = 2V 3V 2V 3V 2V
tON tOFF tD C SOFF C SON
ON Channel Time OFF Channel Time Break Before Make Time Delay OFF Channel Capacitance ON Channel Capacitance
ns ns ns pF pF
1 1
VS = 3V
(*) Voltage range is 3.0V 0.3V (**) Voltage range is 5V 0.5V
3/7
STG719
ANALOG SWITCH CHARACTERISTICS (CL = 5 pF, RL = 50, GND = 0 V, TA = 25oC)
Symb ol Parameter V CC (V) 3.0(*) 5.0(**) 3.0(*) 3.0(*) 5.0 5.0(**) Crosstalk (Between Channels) 3.0(*) 3.0(*) 5.0(**) 5.0(**)
(**)
Test Co nditi on
Value
Un it
fMAX OIRR
Frequency Response (Switch ON) OFF Isolation (Switch OFF)
Bandwidth at -3dB fIN = 10MHz sine wave fIN = 1MHz sine wave fIN = 10MHz sine wave fIN = 1MHz sine wave fIN = 10MHz sine wave fIN = 1MHz sine wave fIN = 10MHz sine wave fIN = 1MHz sine wave
200 200 -40 -74 -40 -74 -39 -52 -39 -52
MHz
dB
dB
(*) Voltage range is 3.0V 0.3V (**) Voltage range is 5V 0.5V
TEST CIRCUITS ON RESISTANCE OFF LEAKAGE
ON LEAKAGE
OFF ISOLATION
4/7
STG719
BANDWIDTH CHANNEL TO CHANNEL CROSSTALK
SWITCHING TIMES
BREAK BEFORE MAKE TIME DELAY
5/7
STG719
SOT23-6L MECHANICAL DATA
mm MIN. A A1 A2 b C D E E1 L e e1 0.90 0.00 0.90 0.35 0.09 2.80 2.60 1.50 0.35 0.95 1.9 TYP. MAX. 1.45 0.15 1.30 0.50 0.20 3.00 3.00 1.75 0.55 MIN. 35.4 0.0 35.4 13.7 3.5 110.2 102.3 59.0 13.7 37.4 74.8 mils TYP. MAX. 57.1 5.9 51.2 19.7 7.8 118.1 118.1 68.8 21.6
DIM.
6/7
STG719
Information furnished is believed to be accurate and reliable. However, STMicroelectronic s assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems withoutexpress written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
7/7


▲Up To Search▲   

 
Price & Availability of STG719

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X