Part Number Hot Search : 
PG2018 WS57C128 2SJ643 TL004 SP0610 STSR220 7P1002 30011
Product Description
Full Text Search
 

To Download ST13007D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ST13007D
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
s
s s s s
s s s
IMPROVED SPECIFICATION: - LOWER LEAKAGE CURRENT - TIGHTER GAIN RANGE - DC CURRENT GAIN PRESELECTION - TIGHTER STORAGE TIME RANGE HIGH VOLTAGE CAPABILITY INTEGRATED FREE-WHEELING DIODE LOW SPREAD OF DYNAMIC PARAMETERS MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION VERY HIGH SWITCHING SPEED FULLY CHARACTERIZED AT 125 oC LARGE RBSOA
3 1 2
TO-220
APPLICATIONS UP TO 120W ELECTRONIC TRANSFORMERS FOR HALOGEN LAMPS s SWITCH MODE POWER SUPPLIES
s
DESCRIPTION The device is manufactured using high voltage Multi Epitaxial Planar technology for high switching speeds and high voltage capability. It uses a Cellular Emitter structure to enhance switching speeds.
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CEV V CEO V EBO IC I CM IB I BM P tot T stg Tj Parameter Collector-Emitter Voltage (V BE = -1.5V) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Base Current Base Peak Current Total Dissipation at T c 25 o C Storage Temperature Max. Operating Junction Temperature Value 700 400 9 8 16 4 8 80 -65 to 150 150 Unit V V V A A A A W
o o
C C
April 2003
1/7
ST13007D
THERMAL DATA
R thj-case R thj-amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max 1.56 62.5
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CES I CEO I EBO Parameter Collector Cut-off Current (V BE = 0) Collector Cut-off Current (I B = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CE = 700 V V CE = 700 V V CE = 400 V V EB = 9 V I C = 10 mA 400 T c = 100 o C Min. Typ. Max. 10 0.5 100 100 Unit A mA A A V
V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V CE(sat) Collector-Emitter Saturation Voltage
IC IC IC IC
= = = =
2 5 8 5
A A A A
IB IB IB IB
= = = =
0.4 A 1A 2A 1A T c = 100 o C
0.8 1.5 2 3 1.2 1.6 1.5 18 8 40 25 2.5
V V V V V V V
V BE(sat)
Base-Emitter Saturation Voltage DC Current Gain Diode Forward Voltage INDUCTIVE LOAD Storage Time Fall Time INDUCTIVE LOAD Storage Time Fall Time
IC = 2 A IC = 5 A IC = 5 A IC = 2 A IC = 5 A IC = 3 A
I B = 0.4 A IB = 1 A IB = 1 A V CE = 5 V V CE = 5 V
T c = 100 o C
h FE Vf
V
ts tf ts tf
IC = 5 A V CL = 250 V R BB = 0 I B1 = 1 A V BE(off) = -5 V L = 200 H (see figure 1) IC = 5 A V CL = 250 V R BB = 0 VBE(off) = -5 V B1 = 1 A o L = 200 H T C = 125 C (see figure 1)
1.7 90 2.2 150
2.3 150
s ns s ns
* Pulsed: Pulse duration = 300 s, duty cycle 2 %.
2/7
ST13007D
Safe Operating Area Derating Curve
DC Current Gain
DC Current Gain
Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
3/7
ST13007D
Diode Forward Voltage Switching Time Resistive Load
Switching Time Inductive Load
Reverse Biased SOA
4/7
ST13007D
Figure 1: Inductive Load Switching Test Circuit.
1) Fast electronic switch 2) Non-inductive Resistor 3) Fast recovery rectifier
Figure 2: Resistive Load Switching Test Circuit.
1) Fast electronic switch 2) Non-inductive Resistor
5/7
ST13007D
TO-220 MECHANICAL DATA
DIM. A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M DIA. 3.75 13.00 2.65 15.25 6.20 3.50 2.60 3.85 0.147 mm MIN. 4.40 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.40 10.00 16.40 14.00 2.95 15.75 6.60 3.93 0.511 0.104 0.600 0.244 0.137 0.102 0.151 TYP. MAX. 4.60 1.32 2.72 0.70 0.88 1.70 1.70 5.15 2.70 10.40 MIN. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.394 0.645 0.551 0.116 0.620 0.260 0.154 inch TYP. MAX. 0.181 0.052 0.107 0.027 0.034 0.067 0.067 0.202 0.106 0.409
P011CI
6/7
ST13007D
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of ST13007D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X