Part Number Hot Search : 
0509S 8435A 223ML HD44102D 00010 CEP7030L SSOB035V 0KXXX
Product Description
Full Text Search
 

To Download SLA4041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLA4041
Absolute maximum ratings
Symbol VCBO VCEO VEBO IC ICP IB IF IFSM VR PT Tj Tstg Specification 200 200 6 3 6 (PW10ms, Du50%) 0.2 3 (PW0.5ms, Du25%) 6 (PW10ms, single) 200 5 (Ta=25C) 25 (Tc=25C) 150 -40 to +150
NPN Darlington With built-in flywheel diode
(Ta=25C)
External dimensions A
***
SLA
Electrical characteristics
Symbol ICBO IEBO VCEO hFE VCE(sat) VBE(sat) VFEC Specification min typ max 10 10 200 1000 6000 15000 1.1 1.5 1.7 2.0 1.5 Specification min typ max 200 1.6 10 100 Unit
(Ta=25C)
Unit V V V A A A A A V W C C
Conditions VCB=200V VEB=6V IC=10mA VCE=4V, IC=1.5A IC=1.5A, IB=3mA IFEC=2.0A
(Ta=25C)
A mA V
V V V
qDiode for flyback voltage absorption
Symbol VR VF IR trr Unit V V A ns
Conditions IR=10A IF=1A VR=200V IF=100mA
sEquivalent circuit diagram
2 3 4 9 10 11
1
R1 R2
5
8
12
6
R1: 2k typ R2: 200 typ
7
Characteristic curves
IC-VCE Characteristics (Typical)
6
mA 100
A
hFE-IC Characteristics (Typical)
5000
hFE-IC Temperature Characteristics (Typical)
5000
(VCE=4V)
(VCE=4V)
5
IB=2 0
0mA
30m
Ta =1
IC (A)
hFE
hFE
500
500
75
25
C
C 0 C -3
A 10m
3
3mA
1mA
2
100
100 50
1
50
0 0
1
2
3
4
5
6
30 0.03 0.05 0.1
0.5
1
56
30 0.03 0.05
25
C
4
1000
1000
0.1
0.5
56
VCE (V)
IC (A)
IC (A)
VCE(sat)-IC Temperature Characteristics (Typical)
3
VCE(sat)-IB Characteristics (Typical)
3
IC-VBE Temperature Characteristics (Typical)
6
(IC / IB=100)
(VCE=4V)
5
Ta=125 C 75C 25C -30C
VCE (sat) (V)
VCE (sat) (V)
2
2
4
IC (A)
3
IC=3A
1
1
IC=1A
IC=1.5A
2
75 C =12 5 25 C C -30 C
0 0.2
0.5
1
56
0 0.5
1
5
10
50
100 200
0 0
1
Ta
1
2
3
IC (A)
IB (mA)
VBE (V)
j-a-PW Characteristics
20
25
PT-Ta Characteristics
10
With Silicone Grease Natural Cooling Heatsink: Aluminum in mm
Safe Operating Area (SOA)
5
1m
10
10 0
10
20
ith W Inf
S
S
m S
j-a (C / W)
PT (W)
5
init
15
10 0x 10
1
IC (A)
eH ea tsin k
0x
0.5
10
50
2
1
5
Without Heatsink
x50 x2
0.1 0.05
Single Pulse Without Heatsink
0.5 1
5
10
50 100
500 1000
0 -40
0
50
100
150
0.03 Ta=25C 5 10
50
100
200
PW (mS)
Ta (C)
VCE (V)
21


▲Up To Search▲   

 
Price & Availability of SLA4041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X