Part Number Hot Search : 
IS2063 CTP4406 IDT70P24 HB834 HB834 DTC123 73120 MCB9112
Product Description
Full Text Search
 

To Download SA615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
SA615 High performance low power mixer FM IF system
Product specification Replaces data of 1992 Nov 03 IC17 Data Handbook 1997 Nov 07
Philips Semiconductors
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
DESCRIPTION
The SA615 is a high performance monolithic low-power FM IF system incorporating a mixer/oscillator, two limiting intermediate frequency amplifiers, quadrature detector, muting, logarithmic received signal strength indicator (RSSI), and voltage regulator. The SA615 combines the functions of Signetics' SA602 and SA604A, but features a higher mixer input intercept point, higher IF bandwidth (25MHz) and temperature compensated RSSI and limiters permitting higher performance application. The SA615 is available in 20-lead dual-in-line plastic, 20-lead SOL (surface-mounted miniature package) and 20-lead SSOP (shrink small outline package). The SA605 and SA615 are functionally the same device types. The difference between the two devices lies in the guaranteed specifications. The SA615 has a higher ICC, lower input third order intercept point, lower conversion mixer gain, lower limiter gain, lower AM rejection, lower SINAD, higher THD, and higher RSSI error than the SA615. Both the SA605 and SA615 devices will meet the EIA specifications for AMPS and TACS cellular radio applications. For additional technical information please refer to application notes AN1994, 1995 and 1996, which include example application diagrams, a complete overview of the product, and artwork for reference.
PIN CONFIGURATION
N, D and DK Packages
RFIN RF BYPASS XTAL OSC XTAL OSC MUTEIN VCC RSSIOUT MUTED AUDIO OUT UNMUTED AUDIO OUT QUADRATURE IN 1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
MIXER OUT IF AMP DECOUPLING IF AMP IN IF AMP DECOUPLING IF AMP OUT GND LIMITER IN LIMITER DECOUPLING LIMITER DECOUPLING LIMITER OUT
NOTE: See back page for package dimensions
SR00341
Figure 1. Pin Configuration
FEATURES
* Low power consumption: 5.7mA typical at 6V * Mixer input to >500MHz * Mixer conversion power gain of 13dB at 45MHz * Mixer noise figure of 4.6dB at 45MHz * XTAL oscillator effective to 150MHz (L.C. oscillator to 1GHz local
oscillator can be injected)
APPLICATIONS
* 102dB of IF Amp/Limiter gain * 25MHz limiter small signal bandwidth * Temperature compensated logarithmic Received Signal Strength
Indicator (RSSI) with a dynamic range in excess of 90dB
* Two audio outputs - muted and unmuted * Low external component count; suitable for crystal/ceramic/LC
filters
* Cellular radio FM IF * High performance communications receivers * Single conversion VHF/UHF receivers * SCA receivers * RF level meter * Spectrum analyzer * Instrumentation * FSK and ASK data receivers * Log amps * Wideband low current amplification
* Excellent sensitivity:
0.22V into 50 matching network for 12dB SINAD (Signal to Noise and Distortion ratio) for 1kHz tone with RF at 45MHz and IF at 455kHz
* SA615 meets cellular radio specifications * ESD hardened
ORDERING INFORMATION
DESCRIPTION 20-Pin Plastic Dual In-Line Package (DIP) 20-Pin Plastic Small Outline Large (SOL) package 20-Pin Plastic Shrink Small Outline Package (SSOP) TEMPERATURE RANGE -40 to +85C -40 to +85C -40 to +85C ORDER CODE SA615N SA615D SA615DK DWG # SOT146-1 SOT108-1 SOT266-1
1997 Nov 07
2
853-1402 18665
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
BLOCK DIAGRAM
20 19 18 17 16 15 14 13 12 11
IF AMP
LIMITER
RSSI OSCILLATOR
E
B
1
2
3
4
5
6
7
8
9
10
SR00342
Figure 2. Block Diagram
ABSOLUTE MAXIMUM RATINGS
SYMBOL VCC TSTG TA JA Single supply voltage Storage temperature range Operating ambient temperature range SA615 Thermal impedance D package N package SSOP package PARAMETER RATING 9 -65 to +150 -40 to +85 90 75 117 UNITS V C C C/W
DC ELECTRICAL CHARACTERISTICS
VCC = +6V, TA = 25C; unless otherwise stated. LIMITS SYMBOL PARAMETER TEST CONDITIONS MIN VCC ICC Power supply voltage range DC current drain Mute switch input threshold (ON) (OFF) 1.7 1.0 4.5 5.7 SA615 TYP MAX 8.0 7.4 V mA V V UNITS
1997 Nov 07
3
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
AC ELECTRICAL CHARACTERISTICS
TA = 25C; VCC = +6V, unless otherwise stated. RF frequency = 45MHz + 14.5dBV RF input step-up; IF frequency = 455kHz; R17 = 5.1k; RF level = -45dBm; FM modulation = 1kHz with +8kHz peak deviation. Audio output with C-message weighted filter and de-emphasis capacitor. Test circuit Figure 3. The parameters listed below are tested using automatic test equipment to assure consistent electrical characterristics. The limits do not represent the ultimate performance limits of the device. Use of an optimized RF layout will improve many of the listed parameters. LIMITS SYMBOL PARAMETER TEST CONDITIONS MIN Mixer/Osc section (ext LO = 300mV) fIN fOSC Input signal frequency Crystal oscillator frequency Noise figure at 45MHz Third-order input intercept point Conversion power gain RF input resistance RF input capacitance Mixer output resistance IF section IF amp gain Limiter gain Input limiting -3dB, R17 = 5.1k AM rejection Audio level, R10 = 100k Unmuted audio level, R11 = 100k SINAD sensitivity THD S/N Total harmonic distortion Signal-to-noise ratio IF RSSI output, R9 = 100k1 No modulation for noise IF level = -118dBm IF level = -68dBm IF level = -18dBm RSSI range RSSI accuracy IF input impedance IF output impedance Limiter intput impedance Unmuted audio output resistance Muted audio output resistance RF/IF section (int LO) Unmuted audio level System RSSI output 4.5V = VCC, RF level = -27dBm 4.5V = VCC, RF level = -27dBm 450 4.3 mVRM
S
SA615 TYP 500 150 5.0 MAX
UNITS
MHz MHz dB dBm dB dB k 4.0 pF k dB dB dBm 43 260 dB mVRM
S
f1 = 45.00; f2 = 45.06MHz Matched 14.5dBV step-up 50 source Single-ended input (Pin 20) 50 source 50 source Test at Pin 18 80% AM 1kHz 15nF de-emphasis 150pF de-emphasis RF level -118dB -30 0 1.7 3.6 25 60 3.0 1.25 8.0
-12 13 -1.7 4.7 3.5 1.50 39.7 62.5 -109 33 150 530 12 -42 68 160 2.5 4.8 80 +2 1.40 0.85 1.40 1.6 1.0 1.6 58 58 800 3.3 5.8
mV dB dB dB mV V V dB dB k k k k k
R9 = 100k Pin 16 R9 = 100k Pin 16
V
NOTE: 1. The generator source impedance is 50, but the SA615 input impedance at Pin 18 is 1500. As a result, IF level refers to the actual signal that enters the SA615 input (Pin 8) which is about 21dB less than the "available power" at the generator.
1997 Nov 07
4
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
CIRCUIT DESCRIPTION
The SA615 is an IF signal processing system suitable for second IF or single conversion systems with input frequency as high as 1GHz. The bandwidth of the IF amplifier is about 40MHz, with 39.7dB(v) of gain from a 50 source. The bandwidth of the limiter is about 28MHz with about 62.5dB(v) of gain from a 50 source. However, the gain/bandwidth distribution is optimized for 455kHz, 1.5k source applications. The overall system is well-suited to battery operation as well as high performance and high quality products of all types. The input stage is a Gilbert cell mixer with oscillator. Typical mixer characteristics include a noise figure of 5dB, conversion gain of 13dB, and input third-order intercept of -10dBm. The oscillator will operate in excess of 1GHz in L/C tank configurations. Hartley or Colpitts circuits can be used up to 100MHz for xtal configurations. Butler oscillators are recommended for xtal configurations up to 150MHz. The output of the mixer is internally loaded with a 1.5k resistor permitting direct connection to a 455kHz ceramic filter. The input resistance of the limiting IF amplifiers is also 1.5k. With most 455kHz ceramic filters and many crystal filters, no impedance matching network is necessary. To achieve optimum linearity of the log signal strength indicator, there must be a 12dB(v) insertion loss between the first and second IF stages. If the IF filter or interstage
network does not cause 12dB(v) insertion loss, a fixed or variable resistor can be added between the first IF output (Pin 16) and the interstage network. The signal from the second limiting amplifier goes to a Gilbert cell quadrature detector. One port of the Gilbert cell is internally driven by the IF. The other output of the IF is AC-coupled to a tuned quadrature network. This signal, which now has a 90 phase relationship to the internal signal, drives the other port of the multiplier cell. Overall, the IF section has a gain of 90dB. For operation at intermediate frequencies greater than 455kHz, special care must be given to layout, termination, and interstage loss to avoid instability. The demodulated output of the quadrature detector is available at two pins, one continuous and one with a mute switch. Signal attenuation with the mute activated is greater than 60dB. The mute input is very high impedance and is compatible with CMOS or TTL levels. A log signal strength completes the circuitry. The output range is greater than 90dB and is temperature compensated. This log signal strength indicator exceeds the criteria for AMPs or TACs cellular telephone. NOTE: dB(v) = 20log VOUT/VIN
1997 Nov 07
5
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
-25dB,
-10dB,
-29dB,
-10.6dB,
-36dB,
1500/50 PAD 50/50 PAD
929/50 PAD
50/50 PAD
156k/50 PAD
50.5 3880 2430 C24 SW9
96.5 71.5
51.5
96.5 32.8 71.5 C19 SW6 C18 C17
51.7
32.6
1.3k C16 SW5 C15
C20 C22 FLT1 C23 SW8 C21 SW7
R17 5.1k
FLT2
20
19
18
17
16
15
14
13
12
11
IF AMP 700 LIMITER MIXER OSCILLATOR RSSI EMITTER BASE MUTE SWITCH QUAD DETECTOR
1
2
3
4
5
6
7
8
9
10
C1
SW1
SW3 C8
SW4
C9
R9
R10
R11
C2
L1 C7 C10 SW2 R4 51.1 C5 L2 C6 C4 EXT. LOC OSC 44.545 45.06 MHZ MINI-CIRCUIT ZSC2-1B X1 R7 30.5 R6 178 R8 39.2 MUTE VCC "C" WEIGHTED AUDIO MEASUREMENT CIRCUIT C26 C11 C12 C13 IFT1
R1 C3 R3 R2
C14
45MHZ
RSSI AUDIO UNMUTED AUDIO OUTPUT
Automatic Test Circuit Component List C1 C2 C5 C6 C7 C8 C9 C10 C11 C12 C13 C14 C15 C17 C18 47pF NPO Ceramic 180pF NPO Ceramic 100nF +10% Monolithic Ceramic 22pF NPO Ceramic 1nF Ceramic 10.0pF NPO Ceramic 100nF +10% Monolithic Ceramic 6.8F Tantalum (minimum) * 100nF +10% Monolithic Ceramic 15nF +10% Ceramic 150pF +2% N1500 Ceramic 100nF +10% Monolithic Ceramic 10pF NPO Ceramic 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic C21 C23 C25 C26 Flt 1 Flt 2 IFT 1 L1 L2 X1 R9 R17 R10 R11 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic 390pF +10% Monolithic Ceramic Ceramic Filter Murata SFG455A3 or equiv Ceramic Filter Murata SFG455A3 or equiv 455kHz 270H TOKO #303LN-1129 300nH TOKO #5CB-1055Z 0.8H TOKO 292CNS-T1038Z 44.545MHz Crystal ICM4712701 100k +1% 1/4W Metal Film 5.1k +5% 1/4W Carbon Composition 100k +1% 1/4W Metal Film (optional) 100k +1% 1/4W Metal Film (optional)
*NOTE: This value can be reduced when a battery is the power source.
SR00343
Figure 3. SA615 45MHz Test Circuit (Relays as shown) 1997 Nov 07 6
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
R17 5.1k FLT1 C23 C21 FLT2 C18 C17
C15
20
19
18
17
16
15
14
13
12
11
IF AMP 700 LIMITER MIXER OSCILLATOR RSSI MUTE SWITCH QUAD DETECTOR
1
2
3
4
5
6
7
8
9
10
C1 C8 C2 L1 R5 C5 L2 45MHz INPUT C6 X1 C7
C9
R9
R10
R11
C10
C11
C12
C13 IFT1 C26
C25 C14
MUTE
VCC
RSSI AUDIO UNMUTED AUDIO OUTPUT
NE/SA615N Application Component List C1 C2 C5 C6 C7 C8 C9 C10 C11 C12 C13 C14 C15 C17 C18 47pF NPO Ceramic 180pF NPO Ceramic 100nF +10% Monolithic Ceramic 22pF NPO Ceramic 1nF Ceramic 10.0pF NPO Ceramic 100nF +10% Monolithic Ceramic 6.8F Tantalum (minimum) * 100nF +10% Monolithic Ceramic 15nF +10% Ceramic 150pF +2% N1500 Ceramic 100nF +10% Monolithic Ceramic 10pF NPO Ceramic 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic C21 C23 C25 C26 Flt 1 Flt 2 IFT 1 L1 L2 X1 R9 R17 R10 R11 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic 390pF +10% Monolithic Ceramic Ceramic Filter Murata SFG455A3 or equiv Ceramic Filter Murata SFG455A3 or equiv 455kHz 270H TOKO #303LN-1129 300nH TOKO #5CB-1055Z 0.8H TOKO 292CNS-T1038Z 44.545MHz Crystal ICM4712701 100k +1% 1/4W Metal Film 5.1k +5% 1/4W Carbon Composition 100k +1% 1/4W Metal Film (optional) 100k +1% 1/4W Metal Film (optional)
*NOTE: This value can be reduced when a battery is the power source.
SR00344
Figure 4. SA615 45MHz Application Circuit
1997 Nov 07
7
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
RF GENERATOR 45MHz
SA615 DEM0-BOARD
VCC (+6)
RSSI
AUDIO
DATA
DC VOLTMETER
C-MESSAGE
SCOPE
HP339A DISTORTION ANALYZER
SR00345
Figure 5. SA615 Application Circuit Test Set Up NOTES: 1. C-message: The C-message filter has a peak gain of 100 for accurate measurements. Without the gain, the measurements may be affected by the noise of the scope and HP339 analyzer. 2. Ceramic filters: The ceramic filters can be 30kHz SFG455A3s made by Murata which have 30kHz IF bandwidth (they come in blue), or 16kHz CFU455Ds, also made by Murata (they come in black). All of our specifications and testing are done with the more wideband filter. 3. RF generator: Set your RF generator at 45.000MHz, use a 1kHz modulation frequency and a 6kHz deviation if you use 16kHz filters, or 8kHz if you use 30kHz filters. 4. Sensitivity: The measured typical sensitivity for 12dB SINAD should be 0.22V or -120dBm at the RF input. 5. Layout: The layout is very critical in the performance of the receiver. We highly recommend our demo board layout. 6. RSSI: The smallest RSSI voltage (i.e., when no RF input is present and the input is terminated) is a measure of the quality of the layout and design. If the lowest RSSI voltage is 250mV or higher, it means the receiver is in regenerative mode. In that case, the receiver sensitivity will be worse than expected. 7. Supply bypass and shielding: All of the inductors, the quad tank, and their shield must be grounded. A 10-15F or higher value tantalum capacitor on the supply line is essential. A low frequency ESR screening test on this capacitor will ensure consistent good sensitivity in production. A 0.1F bypass capacitor on the supply pin, and grounded near the 44.545MHz oscillator improves sensitivity by 2-3dB. 8. R5 can be used to bias the oscillator transistor at a higher current for operation above 45MHz. Recommended value is 22k, but should not be below 10k.
1997 Nov 07
8
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
20 RF = 45MHz IF = 455kHz VCC = 6V AUDIO REF = 174mVRMS 0 5 RSSI (Volts)
RELATIVE TO AUDIO OUTPUT (dB)
-20
4
THD NOISE -40 AM (80%) 3
-60
2
-80
RSSI (Volts)
NOISE
1
-100 -130
0 -110 -90 -70 -50 -30 -10 10 RF INPUT LEVEL (dBm)
SR00346
Figure 6. SA615 Application Board at 25C
1997 Nov 07
9
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
DIP20: plastic dual in-line package; 20 leads (300 mil)
SOT146-1
1997 Nov 07
10
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
1997 Nov 07
11
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
SSOP20: plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
1997 Nov 07
12
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
NOTES
1997 Nov 07
13
Philips Semiconductors
Product specification
High performance low power mixer FM IF system
SA615
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. Date of release: 05-98 Document order number: 9397 750 03916
Philips Semiconductors
1997 Nov 07 14


▲Up To Search▲   

 
Price & Availability of SA615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X