Part Number Hot Search : 
BP5074 F4105 HT771810 822ML 2060CT 73MTC 1C101MDD WJ101
Product Description
Full Text Search
 

To Download PHP45NQ15T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
Rev. 01 -- 8 November 2004 Product data sheet
1. Product profile
1.1 General description
Standard level N-channel enhancement mode field effect transistor in a plastic package using TrenchMOSTM technology.
1.2 Features
s Low on-state resistance s Low thermal resistance s Fast switching s Low gate charge.
1.3 Applications
s DC-to-DC primary side switching s AC-to-DC secondary side rectification.
1.4 Quick reference data
s VDS 150 V s RDSon 42 m s ID 45.1 A s Qgd = 10.3 nC (typ).
2. Pinning information
Table 1: 1 2 3 mb gate drain source mounting base; connected to drain
[1]
Discrete pinning Simplified outline
mb mb
Pin Description
Symbol
D
G
mbb076
S
2 1 123 3
SOT78 (TO-220AB)
[1] It is not possible to make a connection to pin 2 of the SOT404 package.
SOT404 (D2-PAK)
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
3. Ordering information
Table 2: Ordering information Package Name PHP45NQ15T PHB45NQ15T TO-220AB D2-PAK Description Plastic single-ended package; heatsink mounted; 1 mounting hole; 3 lead TO-220AB Version SOT78 Type number
Plastic single-ended surface mounted package (D2-PAK); 3 leads (one lead SOT404 cropped)
4. Limiting values
Table 3: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VDS VDGR VGS ID IDM Ptot Tstg Tj IS ISM drain-source voltage (DC) drain-gate voltage (DC) gate-source voltage (DC) drain current (DC) peak drain current total power dissipation storage temperature junction temperature source (diode forward) current (DC) Tmb = 25 C peak source (diode forward) current Tmb = 25 C; pulsed; tp 10 s unclamped inductive load; ID = 19.1 A; tp = 0.1 ms; VDD 150 V; RGS = 50 ; VGS = 10 V; starting at Tj = 25 C Tmb = 25 C; VGS = 10 V; Figure 2 and 3 Tmb = 100 C; VGS = 10 V; Figure 2 Tmb = 25 C; pulsed; tp 10 s; Figure 3 Tmb = 25 C; Figure 1 Conditions 25 C Tj 175 C 25 C Tj 175 C; RGS = 20 k Min -55 -55 Max 150 150 20 45.1 31.9 90.2 230 +175 +175 45.1 90.2 180 Unit V V V A A A W C C A A mJ
Source-drain diode
Avalanche ruggedness EDS(AL)S non-repetitive drain-source avalanche energy
9397 750 14012
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 8 November 2004
2 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
120 Pder (%) 80
03aa16
120 Ider (%) 80
03aa24
40
40
0 0 50 100 150 Tmb (C) 200
0
0
50
100
150
200 Tmb (C)
P tot P der = ---------------------- x 100% P
tot ( 25 C )
ID I der = ------------------- x 100% I
D ( 25 C )
Fig 1. Normalized total power dissipation as a function of mounting base temperature.
102
Fig 2. Normalized continuous drain current as a function of mounting base temperature.
03ao18
tp = 10 s
ID (A) Limit RDSon = VDS / ID 100 s
10 DC 1 ms
10 ms 1 1 10
102
VDS (V)
103
Tmb = 25 C; IDM is single pulse; VGS = 10 V
Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
9397 750 14012
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 8 November 2004
3 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
5. Thermal characteristics
Table 4: Rth(j-mb) Rth(j-a) Thermal characteristics Conditions Min Typ 60 50 Max 0.65 Unit K/W K/W K/W thermal resistance from junction to mounting base Figure 4 thermal resistance from junction to ambient SOT78 SOT404 vertical in free air mounted on a printed-circuit board; minimum footprint; vertical in still air Symbol Parameter
5.1 Transient thermal impedance
03ao17
10 Zth(j-mb) (K/W) 1 = 0.5 10-1 0.2 0.1 0.05 0.02 10-2 single pulse
tp T P
=
tp T
t
10-3 10-5
10-4
10-3
10-2
10-1 tp (s)
1
Fig 4. Transient thermal impedance from junction to mounting base as a function of pulse duration.
9397 750 14012
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 8 November 2004
4 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
6. Characteristics
Table 5: Characteristics Tj = 25 C unless otherwise specified. Symbol Parameter Static characteristics V(BR)DSS drain-source breakdown voltage ID = 250 A; VGS = 0 V Tj = 25 C Tj = -55 C VGS(th) gate-source threshold voltage ID = 1 mA; VDS = VGS; Figure 9 and 10 Tj = 25 C Tj = 175 C Tj = -55 C IDSS drain-source leakage current VDS = 120 V; VGS = 0 V Tj = 25 C Tj = 175 C IGSS RDSon gate-source leakage current drain-source on-state resistance VGS = 20 V; VDS = 0 V VGS = 10 V; ID = 20 A; Figure 6 and 8 Tj = 25 C Tj = 175 C Dynamic characteristics Qg(tot) Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf VSD trr Qr total gate charge gate-source charge gate-drain (Miller) charge input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain (diode forward) voltage IS = 25 A; VGS = 0 V; Figure 12 reverse recovery time recovered charge IS = 20 A; dIS/dt = -100 A/s; VGS = 0 V VDS = 75 V; RL = 3 ; VGS = 10 V; RG = 5.6 VGS = 0 V; VDS = 25 V; f = 1 MHz; Figure 13 ID = 25 A; VDS = 75 V; VGS = 10 V; Figure 11 32 5.6 10.3 1770 290 90 11.5 22 42 31 0.88 115 360 1.2 nC nC nC pF pF pF ns ns ns ns V ns nC 34 91.8 42 m 113.4 m 10 1 100 100 A A nA 2 1 3 4 4.4 V V V 150 135 V V Conditions Min Typ Max Unit
Source-drain diode
9397 750 14012
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 8 November 2004
5 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
50 ID (A) 40
03ao19
Tj = 25 C
10 V 5 V
80 RDSon (m) 60 Tj = 25 C VGS = 4.4 V 4.6 V
03ao20
4.8 V
4.8 V
4.6 V
30
4.4 V 40
5V 10 V
20
4.2 V
4V 10 3.8 V VGS = 3.6 V 0 0 1 2 3 VDS (V) 4
20
0 0 10 20 30 40 ID (A) 50
Tj = 25 C
Tj = 25 C
Fig 5. Output characteristics: drain current as a function of drain-source voltage; typical values.
50 ID (A) 40
03ao21
Fig 6. Drain-source on-state resistance as a function of drain current; typical values.
3 a 2.5
03al51
VDS > ID x RDSon
2
30
1.5
20
1
10 175 C 0 0 2 4 VGS (V) 6 Tj = 25 C
0.5
0 -75
-25
25
75
125 175 Tj (C)
Tj = 25 C and 175 C; VDS > ID x RDSon
R DSon a = ---------------------------R DSon ( 25 C ) Fig 8. Normalized drain-source on-state resistance factor as a function of junction temperature.
Fig 7. Transfer characteristics: drain current as a function of gate-source voltage; typical values.
9397 750 14012
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 8 November 2004
6 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
5 VGS(th) (V) 4 max
03aa32
10-1 ID (A) 10-2
03aa35
3
typ
10-3
min
typ
max
2
min
10-4
1
10-5
0 -60
10-6 0 60 120 Tj (C) 180 0 2 4 VGS (V) 6
ID = 1 mA; VDS = VGS
Tj = 25 C; VDS = 5 V
Fig 9. Gate-source threshold voltage as a function of junction temperature.
10 VGS (V) 8 VDS = 30 V 6
Fig 10. Sub-threshold drain current as a function of gate-source voltage.
03ao24
ID = 25 A Tj = 25 C 75 V 120 V
4
2
0 0 10 20 30 QG (nC) 40
ID = 25 A; VDS = 30 V, 75 V and 120 V
Fig 11. Gate-source voltage as a function of gate charge; typical values.
9397 750 14012
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 8 November 2004
7 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
50 IS (A) 40 VGS = 0 V
03ao22
104 C (pF)
03ao23
Ciss 10 30 Coss 20 102 10 175 C 0 0 0.3 0.6 0.9 VSD (V) 1.2 Crss
3
Tj = 25 C 10 10-1
1
10
VDS (V)
102
Tj = 25 C and 175 C; VGS = 0 V
VGS = 0 V; f = 1 MHz
Fig 12. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values.
Fig 13. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values.
9397 750 14012
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 8 November 2004
8 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
7. Package outline
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB SOT78
E p
A A1 q
D1
mounting base
D
L1(1)
L2 Q
L
b1
1
2
3
b c
e
e
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.39 1.27 b 0.9 0.6 b1 1.3 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.4 5.9 E 10.3 9.7 e 2.54 L 15.0 13.5 L1(1) 3.30 2.79 L2 max. 3.0 p 3.8 3.6 q 3.0 2.7 Q 2.6 2.2
Note 1. Terminals in this zone are not tinned. OUTLINE VERSION SOT78 REFERENCES IEC JEDEC 3-lead TO-220AB JEITA SC-46 EUROPEAN PROJECTION ISSUE DATE 01-02-16 03-01-22
Fig 14. SOT78 (TO-220AB) package outline.
9397 750 14012 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 8 November 2004
9 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
Plastic single-ended surface mounted package (D2-PAK); 3 leads (one lead cropped)
SOT404
A E A1 mounting base
D1
D
HD
2
Lp
1
3
b c Q
e
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.50 4.10 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D max. 11 D1 1.60 1.20 E 10.30 9.70 e 2.54 Lp 2.90 2.10 HD 15.80 14.80 Q 2.60 2.20
OUTLINE VERSION SOT404
REFERENCES IEC JEDEC JEITA
EUROPEAN PROJECTION
ISSUE DATE 01-02-12 04-10-13
Fig 15. SOT404 (D2-PAK) package outline.
9397 750 14012 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 8 November 2004
10 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
8. Revision history
Table 6: Revision history Release date Data sheet Change status notice Doc. number 9397 750 14012 Supersedes Document ID PHP_PHB45NQ15T_1
20041108 Product data sheet
9397 750 14012
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 8 November 2004
11 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
9. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
10. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
12. Trademarks
TrenchMOS -- is a trademark of Koninklijke Philips Electronics N.V.
11. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
13. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14012
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 8 November 2004
12 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOSTM standard level FET
14. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 5.1 6 7 8 9 10 11 12 13 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Transient thermal impedance . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Contact information . . . . . . . . . . . . . . . . . . . . 12
(c) Koninklijke Philips Electronics N.V. 2004
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 8 November 2004 Document number: 9397 750 14012
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of PHP45NQ15T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X