Part Number Hot Search : 
A986A KI5902DC 53100 PL4V3Z NR301E VRE111CA 05D15 X5328S8
Product Description
Full Text Search
 

To Download NM2004UA10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Printheads
High speed thermal printhead (8 dots / mm)
NM2004-UA10A
The NM2004-UA10A is a flat thin-film thermal printhead with a built-in heat history control function, suited for general purpose compact printers as well as label printers with printing speeds up to 10 inch / second.
FApplications Bar code label printers Ticket printers General purpose compact printers
FFeatures 1) Special glazed components for high speed, high quality printing. 2) Our heat history control circuit reduces the load on the printer to control heat history. 3) Using a hard conductive film as a protective film on the heating element offers excellent resistance to electrostatic damage.
FExternal dimensions (Units: mm)
1
Printheads
FCharacteristics
NM2004-UA10A
2
Printheads
FLevel map
NM2004-UA10A
3
Printheads
FPin assignments
NM2004-UA10A
Added functions SET :Sets all data to "HIGH". (Usable for preheating, etc.) OR-ON :Set at "HIGH" when considering the adjoining of the previous columns; otherwise set at "LOW". E-OUT :Outputs "HIGH" when a data transmission error occurs inside the head. INC :Supports the increment function from level 1 to level 6. One level is incremented for one pulse. (See Fig. 2) RESET :Sets all data at "LOW". Clears data when printing is resumed after a pause. (See Fig. 2)
Note:Signals of SET, INC, START, and RESET detect the falling edge; the START signal transmits data to the driver IC at the falling edge and latches at the rising edge. For two-part split printing, enter INC after 34 seconds of START7. (See Fig. 2)
FTiming chart
4
Printheads
FTiming chart
NM2004-UA10A
5
Printheads
FEquivalent circuit
NM2004-UA10A
FSupported speeds chart
6
Printheads
FElectrical characteristic curves
NM2004-UA10A
7


▲Up To Search▲   

 
Price & Availability of NM2004UA10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X