Part Number Hot Search : 
HCPL0611 00500 UPS115U M3P2184 L9348 TSOP373 16310 8P2602
Product Description
Full Text Search
 

To Download NJU7112A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJU7112A/14A
C-MOS COMPARATOR WITH OPEN DRAIN OUTPUT
GENERAL DESCRIPTION The NJU7112A and 14A dual and quad C-MOS Comparators performing wide operating voltage from 3 to 16V,low operating current and low offset voltage. The NJU7112A and 14A operated on a single-power-supply can interface with most of TTL and C-MOS type standard logic ICs. FEATURES Single-Power-Supply Wide Operating Voltage Low Operating Current Wide Common Mode Input Voltage High Input Impedance Low Bias Current Low Offset Voltage Open Drain Output Package Outline C-MOS Technology PIN CONFIGURATION PACKAGE OUTLINE
NJU7112AD
NJU7112AM
( VDD=3~16V ) ( 11A/circuit typ. ) ( 0~3.8V @ VDD=5V ) ( IIB=1pA )
NJU7114AD NJU7114AM
DIP/DMP8 ( NJU7112A ) DIP/DMP14 ( NJU7114A )
NJU7112AD/AM NJU7114AD/AM
EQUIVALENT CIRCUIT
Ver.2003-03-18
-1-
NJU7112A/14A
ABSOLUTE MAXIMUM RATINGS ( Ta=25C )
PARAMETER Supply Voltage Differential Input Voltage Input Voltage Output Voltage Output Current Power Dissipation Operating Temperature Range Storage Temperature Range SYMBOL VDD VID VI VO IO PD Topr Tstg RATINGS 18 18 ( note1 ) 18 18 20 ( DIP8 ) 500 ( DIP14 ) 700 ( DMP8 ) 300 ( DMP14 ) 300 0~+70 -40~+125 UNIT V V V V mA mW C C
( note1 ) If the supply voltage ( VDD ) is less than 18V, the input voltage must not over the VDD level though 18V is limit specified.
ELECTRICAL CHARACTERISTICS ( Ta=25C,VDD=5V )
PARAMETER Operating Voltage Input Offset Voltage Input Offset Current Input Bias Current Input Common Mode Voltage Range High Level Output Current Low Level Output Voltage Common Mode Rejection Ratio Supply Voltage Rejection Ratio Operating Current SYMBOL VDD VIO IIO IIB VICM IOH VOL CMR SVR IDD TEST CONDITION VIC=VICMin ( note2 ) NJU7112A MIN. TYP. MAX. 3 16 1.4 12 1 1 0 3.8 2 40 0.35 0.40 71 80 22 40 NJU7114A MIN. TYP. MAX. 3 16 1.4 12 1 1 0 3.8 2 40 0.35 0.40 75 85 44 80 UNIT V mV pA pA V nA V dB dB A
VID=+1V,VOH=+5V VID=+1V,IOL=+6mA VIC=VICMin VDD=5~10V No Load,VO=0V
( note2 ) This condition is available for operating voltage VDD=5~10V and driving voltage is over 4.5V or under 0.3V.
SWITCHING CHARACTERISTICS ( Ta=25C,VDD=5V,f=10kHz,CL=15pF )
PARAMETER Propagation Delay High to Low Propagation Delay Low to High Output Signal Falling Time SYMBOL tPHL tPLH tTHL VIC=0V VIC=0V CONDITIONS Over Drive=5mV TTL level step Over Drive=5mV TTL level step NJU7112A MIN. TYP. MAX. 2.7 0.16 1.5 0.7 20 MIN. NJU7114A TYP. MAX. 2.9 0.16 1.5 0.8 20 UNIT s s ns
Over Drive=50mV
-2-
Ver.2003-03-18
NJU7112A/14A
MEASUREMENT CIRCUIT
TIMING WAVEFORM
Over Drive Input Input Output ( LH ) Over Drive
Output ( HL )
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
Ver.2003-03-18
-3-


▲Up To Search▲   

 
Price & Availability of NJU7112A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X