Part Number Hot Search : 
C85FDAAA EGF10A C3306 MCR100 TMP90 IRF9640 T8251AH 25DF161
Product Description
Full Text Search
 

To Download NCP1511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCP1511 Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter in Chip Scale Package
The NCP1511 step-down PWM DC-DC converter is optimized for portable applications powered from 1-cell Li-ion or 3-cell Alkaline/NiCd/NiMH batteries. This DC-DC converter utilizes a current-mode control architecture for easy compensation and better line regulation. It also uses synchronous rectification to increase efficiency and reduce external part count. The NCP1511 optimizes efficiency in light load conditions when switched from a normal PWM mode to a "pulsed switching" mode. The device also has a built-in oscillator for the PWM circuitry, or it can be synchronized to an external 500 kHz to 1000 kHz clock signal. Finally, it includes an integrated soft-start, cycle-by-cycle current limiting, and thermal shutdown protection. The NCP1511 is available in a chip scale package.
Features http://onsemi.com
9 PIN MICRO BUMP FC SUFFIX CASE 499AC = Device Code = Assembly Location = Year = Work Week
MARKING DIAGRAM
DAL AYWW A1
A1 XX A Y WW
PIN CONNECTIONS
A1 A2 A3 B1 B2 B3 C1 C2 C3 Pin: A1. - GNDP A2. - LX A3. - VCC B1. - SYNC B2. - GNDA B3. - FB C1. - SHD C2. - CB1 C3. - CB0
* High Efficiency: * * * * * * * * * * * * *
93% for 1.89 V Output at 3.6 V Input and 150 mA Load Current 92% for 1.89 V Output at 3.6 V Input and 300 mA Load Current Digital Programmable Output Voltages: 1.0, 1.3, 1.5 or 1.89 V Output Current up to 500 mA at Vin = 3.6 V Low Quiescent Current of 14 mA in Pulsed Switching Mode Low 0.1 mA Shutdown Current -30C to 85C Operation Temperature Ceramic Input/Output Capacitor 9 Pin Chip Scale Package Pb-Free Package is Available Cellular Phones, Smart Phones and PDAs Digital Still Cameras MP3 Players and Portable Audio Systems Wireless and DSL Modems Portable Equipment
EFFICIENCY (%)
A3 Cin 10 mF C1 A2 B3 6.8 mH Vout Cout 22 mF
(Bottom View)
ORDERING INFORMATION
Device NCP1511FCT1 NCP1511FCT1G Package Micro Bump Micro Bump (Pb-Free) Shipping 3000 Tape & Reel 3000 Tape & Reel
Applications
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. 100 90 80 Pulsed Mode PWM Mode
Vin 2.5 V - 5.2 V
70 60 50 40 30 20 10 0 0.1 1 10 Iout (mA)
VCC
LX FB
SHD
B1
SYNC
C2 CB1 CB0 and CB1 C3 Control Input CB0
GNDA GNDP B2 A1
Vin = 3.6 V Vout = 1.5 V TA= 25C 100 1000
Figure 1. Typical Application Circuit
(c) Semiconductor Components Industries, LLC, 2005
Figure 2. Efficiency vs. Output Current
1 Publication Order Number: NCP1511/D
January, 2005 - Rev. 5
NCP1511
ISENS COMPENSATION RAMP - CMP +
SENFET ISENS
VCC
FB
- OA +
ILIM
+ CMP -
DVR Q1 LX DAMPING SWITCHING CONTROL FB ZCL - CMP + Q2 DVR
PWM - CMP + GNDA - CMP + OVP PM
CB0 CB1
CONTROL BLOCK (PWM,PM)
SELECT LOGIC
BANDGAP REFERENCE AND SOFT START
THERMAL SHUTDOWN
GNDP
SHD
ENABLE DETECT
MODE SELECTION
SYNC DETECT AND TIMING BLOCK
SYNC
Figure 3. Simplified Block Diagram
PIN FUNCTION DESCRIPTION
Pin No. A1 A2 A3 B1 Symbol GNDP LX VCC SYNC Type Power Ground Analog Output Analog Input Analog Input Description Ground Connection for the NFET Power Stage. Connection from Power Pass Elements to the Inductor. Power Supply Input for Power and Analog VCC. Synchronization input for the PWM converter. If a clock signal is present, the converter uses the rising edge for the turn on. If this pin is low, the converter is in the Pulsed mode. If this pin is high, the converter uses the internal oscillator for the PWM mode. This pin contains an internal pull down resistor. Ground connection for the Analog Section of the IC. This is the GND for the FB, Ref, Sync, CB, and SHD pins. Feedback Voltage from the Output of the Power Supply. Enable for Switching Regulator. This Pin is Active High to enable the NCP1511. The SHD Pin has an internal pull down resistor to force the converter off if this pin is not connected to the external circuit. Selects Vout. This pin contains an internal pull up resistor. Selects Vout. This pin contains an internal pull down resistor.
B2 B3 C1
GNDA FB SHD
Analog Ground Analog Input Analog Input
C2 C3
CB1 CB0
Analog Input Analog Input
http://onsemi.com
2
NCP1511
MAXIMUM RATINGS
Rating Maximum Voltage All Pins Maximum Operating Voltage All Pins Thermal Resistance, Junction-to-Air (Note 1) Operating Ambient Temperature Range ESD Withstand Voltage Moisture Sensitivity Storage Temperature Range Junction Operating Temperature Human Body Model (Note 2) Machine Model (Note 2) Symbol Vmax Vmax RqJA TA VESD MSL Tstg TJ Value 5.5 5.2 159 -30 to 85 > 2500 > 150 Level 1 -55 to 150 -30 to 125 C C Unit V V C/W C V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. For the 9-Pin Micro Bump package, the RqJA is highly dependent of the PCB heatsink area. RqJA = 159C/W with 50 mm2 PCB heatsink area. 2. This device series contains ESD protection and exceeds the following tests: Human Body Model, 100 pF discharge through a 1.5 kW following specification JESD22/A114. Machine Model, 200 pF discharged through all pins following specification JESD22/A115. Latchup as per JESD78 Class II: > 100 mA.
http://onsemi.com
3
NCP1511
ELECTRICAL CHARACTERISTICS (Vin = 3.6 V, Vo = 1.5 V, TA = 25C, Fsyn = 600 kHz 50% Duty Cycle square wave for PWM mode; TA = -30 to 85C for Min/Max values, unless otherwise noted.
Characteristic VCC Pin Quiescent Current of Sync Mode, Iout = 0 mA Quiescent Current of PWM Mode, Iout = 0 mA Quiescent Current of Pulsed Mode, Iout = 0 mA Quiescent Current, SHD Low Input Voltage Range (Note 3) Sync Pin Input Voltage Frequency Operational Range Minimum Synchronization Pulse Width Maximum Synchronization Pulse Width SYNC "H" Voltage Threshold SYNC "L" Voltage Threshold SYNC "H" Input Current, Vsync = 3.6 V SYNC "L" Input Current, Vsync = 0 V Output Level Selection Pins Input Voltage CB0, CB1 "H" Voltage Threshold CB0, CB1 "L" Voltage Threshold CB0 "H" Input Current, CB = 3.6 V CB0 "L" Input Current, CB = 0 V CB1 "H" Input Current, CB = 3.6 V CB1 "L" Input Current, CB = 0 V Shutdown Pin Input Voltage SHD "H" Voltage Threshold SHD "L" Voltage Threshold SHD "H" Input Current, SHD = 3.6 V SHD "L" Input Current, SHD = 0 V Feedback Pin Input Voltage Input Current, Vfb = 1.5 V Sync PWM Mode Characteristics Switching P-FET Current Limit Minimum On Time Rdson Switching P-FET and N_FET Switching P-FET and N-FET Leakage Current Output Overvoltage Threshold I lim Ton min Rdson Ileak Vo - - - - - 800 75 0.23 0 5.0 - - - 1.0 - mA nsec W mA % Vfb Ifb -0.3 - - 5.0 Vcc + 0.3 7.5 V mA Vshd Vshd h Vshd l Ishd h Ishd l -0.3 - 400 - -0.5 - 920 830 2.2 - Vcc + 0.3 1200 - - - V mV mV mA mA Vcb Vcb h Vcb l Icb0 h Icb0 l Icb1 h Icb1 l -0.3 - 400 - -0.5 - - - 920 830 2.2 - 0.3 -2.2 Vcc + 0.3 1200 - - - 1.0 - V mV mV mA mA mA mA Vsync Fsync Dcsync Min Dcsync Max Vsynch Vsyncl Isynch Isyncl -0.3 500 - - - 400 - -0.5 - 600 30 70 920 830 2.2 - Vcc + 0.3 1000 - - 1200 - - - V kHz % % mV mV mA mA Iq PWM Iq PWM Iq Pulsed Iq Off Vin - - - - 2.5 175 185 14 0.1 - - - - 0.5 5.2 mA mA mA mA V Symbol Min Typ Max Unit
3. Recommended maximum input voltage is 5 V when the device frequency is synchronized with an external clock signal.
http://onsemi.com
4
NCP1511
ELECTRICAL CHARACTERISTICS (continued) (Vin = 3.6 V, Vo = 1.5 V, TA = 25C, Fsyn = 600 kHz 50% Duty Cycle square wave
for PWM mode; TA = -30 to 85C for Min/Max values, unless otherwise noted. Characteristic Sync PWM Mode Characteristics (continued) Feedback Voltage Accuracy, Vout Set = 1.0 V CB0 = L, CB1 = L Feedback Voltage Accuracy, Vout Set = 1.3 V CB0 = L, CB1 = H Feedback Voltage Accuracy, Vout Set = 1.5 V CB0 = H, CB1 = H Feedback Voltage Accuracy, Vout Set = 1.89 V CB0 = H CB1 = L Load Transient Response 10 to 100 mA Load Step Line Transient Response, Iout = 100 mA 3.0 to 3.6 Vin Line Step PWM Mode with Internal Oscillator Characteristics Switching P-FET Current Limit Minimum On Time Internal Oscillator Frequency Rdson Switching P-FET and N_FET Switching P-FET and N-FET Leakage Current Output Overvoltage Threshold Feedback Voltage Accuracy, Vout Set = 1.0 V CB0 = L, CB1 = L Feedback Voltage Accuracy, Vout Set = 1.3 V CB0 = L, CB1 = H Feedback Voltage Accuracy, Vout Set = 1.5 V CB0 = H, CB1 = H Feedback Voltage Accuracy, Vout Set = 1.89 V CB0 = H CB1 = L Load Transient Response 10 to 100 mA Load Step Line Transient Response, Iout = 100 mA 3.0 to 3.6 Vin Line Step Pulsed Mode Characteristics On Time Output Ripple Voltage, Iout = 100 mA Feedback Voltage Accuracy, Vout Set = 1.0 V CB0 = L, CB1 = L Feedback Voltage Accuracy, Vout Set = 1.3 V CB0 = L, CB1 = H Feedback Voltage Accuracy, Vout Set = 1.5 V CB0 = H, CB1 = H Feedback Voltage Accuracy, Vout Set = 1.89 V CB0 = H CB1 = L Ton Vout Vout Vout Vout Vout - - 0.930 1.241 1.430 1.813 660 22 1.000 1.300 1.500 1.890 - - 1.070 1.359 1.570 1.967 nsec mV V V V V I lim Ton min Fosc Rdson Ileak Vo Vout Vout Vout Vout Vout Vout - - 700 - - - 0.950 1.261 1.450 1.833 - - 800 75 900 0.23 0 5.0 1.000 1.300 1.500 1.890 35 "10 - - 1200 - 1.0 - 1.050 1.339 1.550 1.947 - - mA nsec kHz W mA % V V V V mV mVpp Vout Vout Vout Vout Vout Vout 0.950 1.261 1.450 1.833 - - 1.000 1.300 1.500 1.890 35 "10 1.050 1.339 1.550 1.947 - - V V V V mV mVpp Symbol Min Typ Max Unit
http://onsemi.com
5
NCP1511
100 90 80 95 1.89 Vout 1.5 Vout 1.3 Vout 1.0 Vout 100
EFFICIENCY (%)
70 60 50 40 30 20 10 0 0
EFFICIENCY (%)
90 85 80 75 70 2.5 1.89 Vout 1.5 Vout 1.3 Vout 1.0 Vout Iout = 150 mA Freq = 1.0 MHz TA= 25C 3.0 3.5 4.0 4.5 5.0 5.5
Vin = 3.6 V PWM TA= 25C 100 200 Iout (mA) 300 400 500
INPUT VOLTAGE (V)
Figure 4. Efficiency vs. Output Current in PWM Mode
Figure 5. Efficiency vs. Input Voltage in PWM Mode
100 90 80
100
EFFICIENCY (%)
70 60 50 40 30 20 10 0 0 100 2.7 Vin
EFFICIENCY (%)
5.2 Vin 3.6 Vin
95
1.5 Vout 1.89 Vout
90 1.0 Vout 1.3 Vout
Vout = 1.5 V PWM TA= 25C 200 Iout (mA) 300 400 500
85
Vin = 3.6 V Iout = 150 mA TA = 25C PWM
80 500 600 700
800 900 1000 1100 1200 1300 1400 1500 FREQUENCY (kHz)
Figure 6. Efficiency vs. Output Current at Different Input Voltage
Figure 7. Efficiency vs. Frequency at Iout = 150 mA
100
100 90 1.89 Vout
EFFICIENCY (%)
1.5 Vout
EFFICIENCY (%)
95
80 1.89 Vout 70 60 50 40 30 20 10 800 900 1000 1100 1200 1300 1400 1500 FREQUENCY (kHz) 0 0.01 0.1 1 Iout (mA) 10 1.0 Vout Vin = 3.6 V PM TA= 25C 100 1000 1.5 Vout 1.3 Vout
90
85
80 500 600 700
Vin = 3.6 V Iout = 300 mA TA = 25C PWM
1.0 Vout
1.3 Vout
Figure 8. Efficiency vs. Frequency at Iout = 300 mA
Figure 9. Efficiency vs. Output Current in Pulsed Mode
http://onsemi.com
6
NCP1511
20 Vin = 3.6 V Vout = 1.5 V TA = 25C PWM Mode Vout (V) Iin (mA) 10 Pulsed Mode 2 1.8 1.6 1.4 1.2 1 0.8 0 0.6 0 5 10 15 Iout (mA) 20 25 30 0 100 200 300 Iout (mA) 400 500 Vin = 3.6 V TA = 25C PWM 1.0 Vout 1.5 Vout 1.3 Vout 1.89 Vout
15
5
Figure 10. Input Current Comparison
Figure 11. Output Voltage vs. Output Current
15
2 1.8 1.89 Vout
10 DVout (mV)
1.0 Vout
1.3 Vout 1.6 Vout (V) 1.5 Vout 1.3 Vout
5
1.4 1.2 1
0 1.5 Vout -5 -10 10 100 Iout (mA) 1000 Vin = 3.6 V TA = 25C 1.89 Vout
1.0 Vout 0.8 0.6 -40 -20 0 20 40 60
Vin = 3.6 V Iout = 150 mA PWM 80 100
TEMPERATURE (C)
Figure 12. Load Regulation in PWM Mode
Figure 13. Output Voltage vs. Temperature
950
950
930 FREQUENCY (kHz) FREQUENCY (kHz)
930
910
910
890 Vin = 3.6 V Vout = 1.5 V Iout = 150 mA -20 0 20 40 60 80 100
890 Vout = 1.5 V Iout = 150 mA TA = 25C PWM 3.0 3.5 4.0 Vin (V) 4.5 5.0 5.5
870 850 -40
870
850 2.5
TEMPERATURE (C)
Figure 14. Oscillator Frequency vs. Temperature
Figure 15. Oscillator Frequency vs. Input Voltage
http://onsemi.com
7
NCP1511
2.0 Vin = 3.6 V Vout = 1.5 V TA= 25C PWM Mode Vout (V) 2.0 Vin = 3.6 V Vout = 1.5 V TA= 25C PWM Mode
1.5 Vout (V)
1.5
1.0
1.0
0.5
0.5
0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VSHD (V)
0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VCB (V)
Figure 16. Output Voltage vs. Shutdown Pin Voltage
Figure 17. Transition Level of CB Pins
VLX 1 V/div
VLX 1 V/div
Vout AC Coupled 10 mV/div 1 ms/div 1 ms/div
Vout AC Coupled 10 mV/div
Figure 18. Light Load PWM Switching Waveform (Vin = 3.6 V, Vout = 1.5 V, Iout = 30 mA)
Figure 19. Heavy Load PWM Switching Waveform (Vin = 3.6 V, Vout = 1.5 V, Iout = 300 mA)
2V Vshdn 1 V/div 0 VLX 1 V/div 1.5 V Vout 0.5 V/div
Vout AC Coupled 10 mV/div 1 ms/div
0
500 ms/div
Figure 20. Pulsed Mode Switching Waveform (Vin = 3.6 V, Vout = 1.5 V, Iout = 30 mA)
Figure 21. Soft-Start (Vin = 3.6 V, Vout = 1.5 V, Iout = 150 mA)
http://onsemi.com
8
NCP1511
3.6 V 3.0 V
3.6 V
Vin 1 V/div
3.0 V
Vin 1 V/div
Vout = 1.89 V Iout = 300 mA PWM 200 ms/div
Vout AC Coupled 10 mV/div
Vout = 1.89 V Iout = 30 mA PM 200 ms/div
Vout AC Coupled 10 mV/div
Figure 22. Line Transient Response for PWM
Figure 23. Line Transient Response for PM
2.0 V 300 mA 0 10 mA Vin 1 V/div 1.89 V CB1 2 V/div
Vout 100 mV/div
Vin = 3.6 V Vout = 1.89 V PWM 50 ms/div
Vout AC Coupled 20 mV/div
1.5 V
CB0=1 Vin = 3.6 V Iout = 300 mA PWM 200 ms/div
Figure 24. Load Transient Response
Figure 25. Output Voltage Transition from 1.5 V to 1.89 V
PWM PM PM SYNC
Vin = 3.6 V Vout = 1.5 V Iout = 30 mA 200 ms/div
Vout AC Coupled 10 mV/div
Figure 26. Transition between PWM and PM http://onsemi.com
9
NCP1511
DETAILED OPERATING DESCRIPTION
Overview
The NCP1511 is a monolithic micro-power high frequency PWM step-down DC-DC converter specifically optimized for applications requiring high efficiency and a small PCB footprint such as portable battery powered products. It integrates synchronous rectification to improve efficiency as well as eliminate the external Schottky diode. High switching frequency allows for a low profile inductor and capacitors to be used. Four digital selectable output voltages (1.0, 1.3, 1.5 and 1.89 V) can be generated from the input supply that can range from 2.7-5.2 V. All loop compensation is integrated as well further reducing the external component count as well. The DC-DC converter has two operating modes (normal PWM, pulsed switching), which are intended to allow for optimum efficiency under either light (up to 30 mA) or heavy loads. The user determines the operating mode by controlling the SYNC input. In addition the SYNC input can be used to synchronize the PWM to an external system clock signal in the range of 500-1000 kHz.
PWM Operating Mode
value, the OVP comparator is activated and switch Q1 is turned OFF. Switching will continue when the output voltage falls below the threshold of OVP comparator.
Pulsed Mode (PM)
Under light load conditions (< 30 mA), the NCP1511 can be configured to enter a low current pulsed mode operation to reduce power consumption. This is accomplished by applying a logic LOW to the SYNC pin. The output regulation is implemented by pulse frequency modulation. If the output voltage drops below the threshold of PM comparator (typically Vnom-2%), a new cycle will be initiated by the PM comparator to turn on the switch Q1. Q1 remains ON until the peak inductor current reaches 200 mA (nom). Then ILIM comparator goes high to switch off Q1. After a short dead time delay, switch rectifier Q2 is turn ON. The zero crossing comparator will detect when the inductor current drops to zero and send the signal to turn off Q2. The output voltage continues to decrease through discharging the output capacitor. When the output voltage falls below the threshold of the PM comparator again, a new cycle starts immediately.
Cycle-by-Cycle Current Limit
The NCP1511 can be set to current mode PWM operation by connecting SYNC pin to VCC. In this mode, the output voltage is regulated by modulating the on-time pulse width of the main switch Q1 at a fixed frequency of 1.0 MHz. The switching of the PMOS Q1 is controlled by a flip-flop driven by the internal oscillator and a comparator that compares the error signal from an error amplifier with the sum of the sensed current signal and compensation ramp. At the beginning of each cycle, the main switch Q1 is turned ON by the rising edge of the internal oscillator clock. The inductor current ramps up until the sum of the current sense signal and compensation ramp becomes higher than the error voltage amplifier. Once this has occurred, the PWM comparator resets the flip-flop, Q1 is turned OFF and the synchronous switch Q2 is turned ON. Q2 replaces the external Schottky diode to reduce the conduction loss and improve the efficiency. To avoid overall power loss, a certain amount of dead time is introduced to ensure Q1 is completely turned OFF before Q2 is being turned ON. In continuous conduction mode (CCM), Q1 is turned ON after Q2 is completely turned OFF to start a new clock cycle. In discontinuous conduction mode (DCM), the zero crossing comparator (ZLC) will turn off Q2 when the inductor current drops to zero.
Overvoltage Protection
From the block diagram, an ILIM comparator is used to realize cycle-by-cycle current limit protection. The comparator compares the LX pin voltage with the reference voltage from the SENFET, which is biased by a constant current. If the inductor current reaches the limit, the ILIM comparator detects the LX voltage falling below the reference voltage from the SENFET and releases the signal to turn off the switch Q1. The cycle-by-cycle current limit is set at 800 mA (nom) in PWM and 200 mA in PM.
Frequency Synchronization and Operating Mode Selection
The overvoltage protection circuit is present in PWM mode to prevent the output voltage from going too high under light load or fast load transient conditions. The output overvoltage threshold is 5% above nominal set value. If the output voltage rises above 5% of the nominal
The SYNC pin can also be used for frequency synchronization by connecting it with an external clock signal. It operates in PWM mode when synchronized to an external clock. The switching cycle initiates by the rising edge of the clock. The 500 kHz to 1000 kHz synchronization clock signal should be between 0.4 V and 1.2 V. Gating on and off the clock, the SYNC pin can also be used to select between PM and PWM modes. It allows efficient dynamical power management by adjusting the converter operation to the specific system requirement. Set SYNC pin low to select PM mode at light load conditions (up to 30 mA) and set SYNC pin high or connect with external clock to select PWM mode at heavy load condition to achieve optimum efficiency. Table 1 shows the mode selection with three different SYNC pin states.
http://onsemi.com
10
NCP1511
Table 1. Operating Mode Selection
SYNC Pin State LOW HIGH CLOCK Operating Mode Pulsed Mode (PM) PWM, 1 MHz Switch Frequency PWM, Frequency Synchronization
Soft-Start
Output Voltage Selection
The output voltage is digitally programmed to one of four voltage levels depending on the logic state of CB0 and CB1. Therefore if the NCP1511's load, such as a digital cellular phone's baseband processor, supports dynamic power management, the device can lower or raise its core voltage under software control. When combined with the pulsed current mode function in low load situations, this active voltage management further stretches the useful operating life of the handset battery between charges. The output voltage levels are listed in Table 2. The CB0 has a pull down resistor and the CB1 has a pullup resistor. The default output voltage is 1.3 V when CB0 and CB1 are floating.
Table 2. Truth Table for CB0 and CB1 with the Corresponding Output Voltage
CB0 0 0 1 1 CB1 0 1 1 0 Vout(V) 1.0 1.3 1.5 1.89
The NCP1511 uses soft-start to limit the inrush current when the device is initially powered up or enabled. Soft-start is implemented by gradually increasing the reference voltage until it reaches the full reference voltage. During startup, a pulsed current source charges the internal soft-start capacitor to provide gradually increasing reference voltage for the PWM loop. When the voltage across the capacitor ramps up to the nominal reference voltage, the pulsed current source will be switched off and the reference voltage will switch to the regular reference voltage.
Shutdown Mode
When the SHD pin has a voltage applied of less than 0.4 V, the NCP1511 will be disabled. In shutdown mode, the internal reference, oscillator and most of the control circuitries are turned off. Therefore, the typical current consumption will be 0.1 mA (typical value). Applying a voltage above 1.2 V to SHD pin will enable the device for normal operation. The device will go through soft-start to normal operation.
Thermal Shutdown
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event that the maximum junction temperature is exceeded. If the junction temperature exceeds 160C, the device shuts down. In this mode switch Q1 and Q2 and the control circuits are all turned off. The device restarts in soft-start after the temperature drops below 135_C. This feature is provided to prevent catastrophic failures from accidental device overheating and it is not intended as a substitute for proper heatsinking.
http://onsemi.com
11
NCP1511
APPLICATIONS INFORMATION Component Selection
Input Capacitor Selection
In PWM operating mode, the input current is pulsating with large switching noise. Using an input bypass capacitor reduces the peak current transients drawn from the input supply source, thereby reducing switching noise significantly. The capacitance needed for the input bypass capacitor depends on the source impedance of the input supply. The RMS capacitor current is calculated as:
IRMS [ IO D @ D
(eq. 1)
Where fs is the switching frequency and ESR is the effective series resistance of the output capacitor. A low ESR, 22 mF ceramic capacitor is recommended for NCP1511 in most of applications. For example, with TDK C2012X5R0J226 output capacitor, the output ripple is less than 10 mV at 300 mA.
Design Example
where: D = duty cycle, which equals Vout/Vin, and D' = 1 - D. The maximum RMS current occurs at 50% duty cycle with maximum output current, which is IO,max/2. A low profile ceramic capacitor of 10 mF should be used for most of the cases. For effective bypass results, the input capacitor should be placed as close as possible to the VCC pin.
Inductor Value Selection
As a design example, assume that the NCP1511 is used in a single lithium-ion battery application. The input voltage, Vin, is 3.0 V to 4.2 V. Output condition is Vout at 1.5 V with a typical load current of 120 mA and a maximum of 300 mA. For NCP1511, the inductor has a predetermined value, 6.8 mH. The inductor ESR will factor into the overall efficiency of the converter. The inductor needs to be selected by the required peak current. Equation 5 is the basic equation for an inductor and describes the voltage across the inductor. The inductance value determines the slope of the current of the inductor.
di VL +L L dt
(eq. 5)
Selecting the proper inductor value is based on the desired ripple current. The relationship between the inductance and the inductor ripple current is given by the equation below.
V V DiL + out 1 * out Lfs Vin
(eq. 2)
Equation 5 is rearranged to solve for the change in current for the on-time of the converter in Continuous Conduction Mode.
iL, pk-pk + + (Vin * Vout) @ DTs L (Vin * Vout) Vin 1 @ @ Vout fs L DiL, pk-pk 2
The DC current of the inductor should be at least equal to the maximum load current plus half the ripple current to prevent core saturation. For NCP1511, the compensation is internally fixed and a fixed 6.8 mH inductor is needed for most of the applications. For better efficiency, choose a low DC resistance inductor.
Output Capacitor Selection
(eq. 6)
iL, max + IO, max )
Utilizing Equations 6, the peak-to-peak inductor current is calculated using the following worst-case conditions.
Vin, max + 4.2 V, Vout + 1.5 V, fs + 1 MHz-20%, L + 6.8 mH-10%, iL, pk-pk + 197 mA, iL, max + 399 mA
Selecting the proper output capacitor is based on the desired output ripple voltage. Ceramic capacitors with low ESR values will have the lowest output ripple voltage and are strongly recommended. The output ripple voltage is given by:
1 DVc + DiL @ ESR ) 4fsCout
(eq. 3)
The RMS output capacitor current is given by:
IRMS(Cout) + VO @ (1 * D) 2 3 @ L @ fs
(eq. 4)
Therefore, the inductor must have a maximum current exceeding 405 mA. Since the compensation is fixed internally in the IC, the input and output capacitors as well as the inductor have a predetermined value too: Cin = 10 mF and Cout = 22 mF. Low ESR capacitors are needed for best performance. Therefore, ceramic capacitors are recommended.
http://onsemi.com
12
NCP1511
PCB Layout Recommendations
Good PCB layout plays an important role in switching mode power conversion. Careful PCB layout can help to minimize ground bounce, EMI noise and unwanted feedback that can affect the performance of the converter. Hints suggested below can be used as a guideline in most situations. 1. Use star-ground connection to connect the IC ground nodes and capacitor GND nodes together at one point. Keep them as close as possible. And then connect this to the ground plane through several vias. This will reduce noise in the ground plane by preventing the switching currents from flowing through the ground plane. 2. Place the power components (i.e., input capacitor, inductor and output capacitor) as close together as possible
for best performance. All connecting traces must be short, direct, and wide to reduce voltage errors caused by resistive losses through the traces. 3. Separate the feedback path of the output voltage from the power path. Keep this path close to the NCP1511 circuit. And also route it away from noisy components. This will prevent noise from coupling into the voltage feedback trace. 4. Place the DC-DC converter away from noise sensitive circuitry, such as RF circuits. The following shows the NCP1511 demo board layout and bill of materials:
Figure 27. Top and Silkscreen Layer
Figure 28. Soldermask Top and Silkscreen Layer http://onsemi.com
13
NCP1511
Figure 29. Bottom Layer
Table 3. Bill of Materials
Component Cin Cout L Value 10 mF, X5R, 6.3 V 22 mF, X5R, 6.3 V 6.8 mH Manufacturer TDK Murata TDK Murata TDK Coilcraft Coilcraft Sumida Part Number C2012X5R0J106 GRM21BR60J106 C2012X5R0J226 GRM21BR60J226 VLCF4020-6R8 0805PS-682 LPO4812 CLS4D11 Size (mm) 2.0 x 1.25 x 1.25 2.0 x 1.25 x 1.25 4.0 x 4.0 x 2.0 3.4 x 3.0 x 1.8 4.8 x 4.8 x 1.2 4.9 x 4.9 x 1.2 Iout (mA) - - 500** 210* 340* 500** ESR (mW) - - 146 1260 225 220
*Output current calculated from VCC = 4.2 Vmax, 1.5 Vout and Freq = 700 kHz (1.0 MHz - 20 %). **Calculated output current from VCC = 4.2 Vmax and Freq = 700 kHz exceeds 640 mA (Ilim - 20%). Therefore maximum output for these conditions shown as 500 mA.
http://onsemi.com
14
NCP1511
PACKAGE DIMENSIONS
9 PIN MICRO BUMP FC SUFFIX CASE 499AC-01 ISSUE B
4X
-A- D -B- E D1 e TOP VIEW
C
0.10 C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. COPLANARITY APPLIES TO SPHERICAL CROWNS OF SOLDER BALLS. DIM A A1 A2 D E b e D1 E1 MILLIMETERS MIN MAX 0.540 0.660 0.210 0.270 0.330 0.390 1.550 BSC 1.550 BSC 0.290 0.340 0.500 BSC 1.000 BSC 1.000 BSC
0.10 C 0.05 C
A b
B
e
A 9X 1 2 3
E1
-C-
SEATING PLANE
A2 A1 SIDE VIEW
0.05 C A B 0.03 C BOTTOM VIEW
SOLDERING FOOTPRINT*
0.50 0.0197
0.50 0.0197
0.265 0.01
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
15
NCP1511
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
16
NCP1511/D


▲Up To Search▲   

 
Price & Availability of NCP1511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X