Part Number Hot Search : 
D5028UK LHO44 AP432AV 9F020 APR50B10 78S06 DBL157G LUWCN7N
Product Description
Full Text Search
 

To Download MX10F201FC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX10F201FC
FEATURES OF MX10F201FC (80C51 with MTP memory and LCD)
- 80C51 CPU core - 4.5 ~ 5.5V voltage range - 2 to 16MHz clock frequency - 16K bytes MTP memory for code memory - 512 bytes internal data RAM - Low power consumption - Up to 16 digits LCD driver/controller - Four 8 bit general purpose I/O ports - Two standard 16-bit Timers - On-chip Watch Dog Timer - Two channel PWM outputs - UART - 8 interrupt sources - 100 pin PQFP package - Single clock or dual clock - EMI compatibility
Features list
- 80C51 CPU core - 4.5 ~ 5.5V operation voltage range - 2 to 16MHz clock frequency - 16K bytes MTP memory for code memory - More than 100 times program/erase cycles - More than 10 years data retention - 512 bytes internal data RAM - Low operation current - Power saving modes - User friendly power control for active mode current - Idle mode - Sleep mode - Power down mode, can be wake up by external interrupts or RESET - LCD driver/controller - Max. 16-digits display at 1/4 duty LCD - 1:1(static), 1:2, 1:3 or 1:4 selectable LCD multiplexing rate - 4 backplane driver, 32 segment driver - LCD directly drive capability with display memory - VLCD to control LCD driving voltage, (VLCD-VSS) - 4x8 general purpose I/O ports - Provide software I2C capability - Two standard 16-bit Timers (Timer 0,1) - On-chip Watch Dog Timer (WDT) - Two channel PWM outputs - UART - Up to 8 interrupt sources and 8 interrupt vectors - 4 external sources - 4 internal sources(Timer0,Timer1,watch Timer and UART) - 100 pin PQFP package - Single clock or dual clock - single clock mode : 2~16MHz system clock for CPU,Timer0/1,WDT,UART and LCD - dual clock mode : 2~16MHz system clock for CPU,Timer0/1,WDT,UART; while 32.768KHz sub-system clock for LCD and watch timer. - system clock is either crystal or RC activated - EMC(Electro-Magnetic Compatibility) improved
P/N:PM0730
REV. 0.1, FEB. 14, 2003
1
MX10F201FC
PINNING
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
NC S4 S3 S2 S1 S0 BP3 BP2 BP1 BP0 NC VDD NC VSS XTAL3 XTAL4 NC P17 P16 P15/PWM1 P14/PWM0 P13 P12 P11 P10 NC VPP NC NC P27
NC NC S5 S6 S7 S8 S9 S10 S11 S12 S13 S14 S15 S16 S17 S18 S19 S20 S21 S22
81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
MX10F201FC
50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31
NC NC P26 P25 P24 P23 P22 P21 P20 NC NC NC P37/INT3 P36/INT2 P35/T1 P34/T0 P33/INT1 P32/INT0 P31/TxD P30/RxD
P/N:PM0730
NC S23 S24 S25 S26 S27 S28 S29 S30 S31 VLCD NC VSS NC RESET XTAL1 XTAL2 VDD NC VSS RCP P00 P01 P02 P03 P04 P05 P06 P07 NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Fig.1 Pinning
REV. 0.1, FEB. 14, 2003
2
MX10F201FC
Table. 1 Pin Description I/O SYMBOL O BP0-BP3 O S00-S31 I/O P00-P07 I/O P20-P27 I/O P10-P17 P14 P15 I/O P30-P37 P30 P31 P32-P33, P36-P37 P34 P35 I I I I O I O I I RESET VDD VSS XTAL1 XTAL2 XTAL3 XTAL4 RCP TEST/VPP PIN \QFP 100 71~74 75-79,83-100, 2-10 22-29 42-48,51 56-63 DESCRIPTION Backplane drive output line 0 to 3. Segment drive output line 0 to 31. Port:8-bit open drain bidirectional I/O Port Port: 8-bit quasi-bidirectional I/O Port with internal pull-up Quasi-bidirectional I/O lines also for PWM channel 0 also for PWM channel 1 Quasi-bidirectional I/O lines also for UART Receive also for UART Transmit also for external interrupt 0-3 also for Timer0 external input also for Timer1 external input 15 18,69 13,20,67 16 17 66 65 21 54 reset input Positive power supply Ground XTAL connection input XTAL connection output 32.768KHz, XTAL input 32.768KHz, XTAL output RC oscillator resistor connection input Supply 12V power for programming / erasing
31-38 31 32
I VLCD 11 LCD driver power supply Note: 1. To avoid a 'Latch-up' effect at power-on , the voltage on any pin (at any time )must not be higher than VDD +0.5 V or lower Vss-0.5V respectively 2. The generation or use of a Port 3 pin as an alternative function is carried out automatically by the associated Special Function Register (SFR) bit is properly written .
P/N:PM0730
REV. 0.1, FEB. 14, 2003
3
MX10F201FC
3 3
T0
T1
3333 INT0/1/2/3
VPP
VDD
VLCD
VSS PWM0 PWM1 3
TD
3
RD
XTAL1 XTAL2 RESET
T0/T1 Two 16-bit Counter
CPU
Program Memory 16KB
Data Memory 512x8 RAM
Watch Dog Timer
PWM
Serial Port
8-bit internal Bus
Parallel I/O Ports
LCD Unit
8
8
8
8
S00-S31 P0 P1 P2 P3
BP3
BP2
BP1
BP0
3
Alternative Function of Port3
Fig.2 Block Diagram
Internal Bus 8
LCON
LCD Freq LCD Duty
BIAS
ENLCD
LCD Segment Display Register
Ext.CLK Div ider
LCD_CL K
BP0_SEG[31:0]
BP3_SEG[31:0]
Timing/Duty Control, Voltage Selector
Backplane Gen.
Segment Gen.
4 BP_Output [1:0]
32 Seg_Output [1:0]
VLCD
VSS
LCD BIAS Gen.
BP Driver
Seg. Driver
4
32
SEG31 SEG30....SEG0 BP0 BP1 BP2 BP3
LCD Panel
Fig.3 LCD Driver Block Diagram
P/N:PM0730 REV. 0.1, FEB. 14, 2003
4
MX10F201FC
FUNCTIONAL DESCTIPTION
General The MX10F201FC is a stand-alone high-performance and low power microcontroller designed for use in many applications which need code programmability. The Flash EPROM offers customers to program the device themselves. This feature increases the flexibility in many applications, not only in development stage, but also in mass production stage. In addition to the 80C51 standard functions, the MX10F201FC provides a number of dedicated hardware functions. MX10F201FC is a control-oriented CPU with on-chip program and data memory. It can execute program with internal memory up to 16k bytes. MX10F201FC has four software selectable modes of reduced activity for power reduction : active power control, idle, sleep, and Power-down. The idle mode freezes the CPU while allowing the RAM, Timers, serial ports, interrupt system and other peripherals to continue functioning. The Power-down mode saves the RAM contents but freezes the oscillator causing all other chip functions to be inoperative. Power-down mode can be terminated by an external reset ,and in addition , by either of the four external interrupts. The sleep mode behaves like power down mode, but with LCD and oscillator still turning on. And sleep mode can be terminated as the power down mode does. Instruction Set Execution The MX10F201FC uses the powerful instruction set of the 80C51. Additional SFRs are incorporated to control the on-chip peripherals. The instruction set consists of 49 single-byte, 46 two-bytes, and 16 three-bytes instructions. When using a 16MHz oscillator, 64 instructions execute in 750 ns and 45 instructions execute in 1.5 us. Multiply and divide instructions execute in 3 us.
MEMORY ORGANIZATION
The Central Processing Unit (CPU) manipulates operands in three memory spaces; these are the 256 bytes internal data memory (RAM), 256 byte auxiliary data memory (AUX-RAM) and 16k byte internal MTP program memory (FEPROM). Program Memory The program memory address space of the MX10F201FC comprises an internal and an external memory space. The MX10F201FC has 16k byte of program memory on-chip. Program Protection If the user choose to set security lock in MTP memory, the program content is protected from reading out of chip. Internal Data Memory The internal data memory is divided into three physically separated parts: 256 byte of RAM, 256 bytes of AUXRAM, and 128 bytes special function register area (SFR). These parts can be addressed as follows (see Fig.4 and Table. 2) - RAM 0 to 127 can be addressed directly and indirectly as in the 80C51. Address pointers are R0 and R1 of the selected register bank. - RAM 128 to 255 can only be addressed indirectly . Address pointers are R0 and R1 of the selected register bank. - AUX-RAM 0 to 255 is indirectly addressable as the external data memory locations 0 to 255 with the MOVX instructions. Address pointers are R0 and R1 of the selected register bank and DPTR. When executing from internal program memory, an access to AUX_RAM 0 to 255 will not affect the ports P0,P2,P3.6 and P3.7. SFRs can only be addressed directly in the address range from 128 to 255.
P/N:PM0730
REV. 0.1, FEB. 14, 2003
5
MX10F201FC
Table. 2 Internal data memory access LOCATION RAM 0 to 127 RAM 128 to 255 AUX-RAM 0 to 255 Special Function Register (SFR) 128 to 255 ADDRESSED DIRECT and INDIRECT INDIRECT only INDIRECT only with MOVX DIRECT only
Fig. 4 shows the internal memory address space. Table 3 shows the Special Function Register (SFR) memory map. Location 0 to 31 at the lower RAM area can be devided into four 8-bit register banks. Only one of these banks may be enabled at a time. The next 16 bytes, locations 32 through 47, contain 128 directly addressable bit locations. The stack can be located anywhere in the internal 256 byte RAM. The stack depth is only limited by the available internal RAM space of 256 bytes. All registers except the Program Counter and the four 8-byte register banks reside in the SFR address space. - Register - Direct - Register-Indirect - Immediate - Base-Register plus Index-Register-Indirect. The first three methods can be used for addressing destination operands. Most instructions have a 'destination / source' field that specifies the data type, addressing methods and operands involved. For operations other than MOVs, the destination operand is also a source operand. Access to memory addresses is as follows: - Register in one of the four 8-byte register banks through Direct or Register-Indirect addressing. - 256 bytes of internal RAM through Direct or Register-Indirect addressing. Bytes 0-127 of internal RAM may be only be addressed indirectly as data RAM. - SFR through direct addressing at address location 128-255.
OVERLAPPED SPACE with different access schemes
INTERNAL DATA MEMORY 16K
internal program memory
255 INDIRECT ONLY 127 --------------------DIRECT AND INDIRECT MAIN RAM SFRs AUX-RAM SFRs Direct only AUXILIARY RAM through MOVX access
0 0
PROGRAM MEMORY
Fig. 4 Internal program and data memory address space
P/N:PM0730
REV. 0.1, FEB. 14, 2003
6
MX10F201FC
Table. 3 SFR Registers Map Symbol P0 SP DPL DPH PCON TCON TMOD TL0 TL1 TH0 TH1 P1 SCON SBUF P2 IE P3 IP LCON LCD0 LCD1 LCD2 LCD3 LCD4 INTCON LCD5 LCD6 LCD7 LCD8 LCD9 LCDA LCDB PSW LCDC LCDD LCDE LCDF ACC WTL WTH IEN1 EBTCON B PCON1 IP1 PWM0 PWM1 PWMP T3 (WDT)
P/N:PM0730
Direct Address(ex) 80H 81 82 83 87 88 89 8A 8B 8C 8D 90 98 99 A0 A8 B0 B8 BA BB BC BD BE BF C0 C1 C2 C3 C4 C5 C6 C7 D0 D1 D2 D3 D4 E0 E3 E4 E8 EB F0 F1 F8 FC FD FE FF
Reset Value 1111,1111 0000,0111 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 1111,1111 0000,0000 xxxx,xxxx 1111,1111 0000,0000 1111,1111 x000,0000 x001,1100 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 0000,0000 xx00,0000 xxxx,xx00 xxxx,001x 0000,0000 x000,0100 xxxx,xx00 0000,0000 0000,0000 0000,0000 1111,1111
REV. 0.1, FEB. 14, 2003
7
MX10F201FC
I/O facilities
MX10F201FC has one 8 bits port, port 0, which is open drain, and three 8 bits ports, port 1/2/3, which are quasi bidirectional ports. These four ports are fully compatible to standard 80C51's port 0/1/2/3. - Port1: pins can be configured individually to provide 2 PWM outputs. - Port3: pins can be configured individually to provide: external interrupt inputs (external interrupt 0/1/2/3); external inputs for Timer/ counter 0 and Timer /counter1, and UART receive / transmit. Port pins which are not used for alternate functions may be used as normal bidirectional I/O pins. The generation or use of a Port 1 or Port 3 pin as an alternate function is carried out automatically by writing the associated SFR bit with proper value.
+5V 2 oscillator penods strong pull-up P1
P2 P3 I/O PORT 1,2,3
O from port latch
n
input data read port pin INPUT BUFFER
Fig. 5 I/O buffers in the MX10F201FC (Ports 1,2,3)
P/N:PM0730
REV. 0.1, FEB. 14, 2003
8
MX10F201FC
Timer/Counter
MX10F201FC's Timer/Counter 0 and 1 are fully compatible to standard 80C51's. The MX10F201FC's contains two 16-bit Timer/counters, Timer 0 and Timer 1. Timer 0 and Timer 1 may be programmed to carry out the following functions: - measure time intervals and pulse durations - count events - generate interrupt requests. Timer 0 and Timer 1 Timers 0 and 1 each have a control bit in TMOD SFR that selects the Timer or counter function of the corresponding Timer. In the Timer function, the register is incremented every machine cycle. Thus, one can think of it as counting machine cycles. Since a machine cycle consists of 12 oscillator periods, the count rate is 1/12 of the oscillator frequency. In the counter function, the register is incremented in response to a HIGH-to-LOW transition at the corresponding samples, when the transition shows a HIGH in one cycle and a LOW in the next cycle, the counter is incremented. Thus, it takes two machine cycles (24 oscillator periods) to recognize a HIGH-to-LOW transition. There are no restrictions on the duty cycle of the external input signal, but to ensure that a given level is sampled at least once before it changes, it should be held for at least one full machine cycle. Timer 0 and Timer 1 can be programmed independently to operate in one of four modes (refer to table 5) : - Mode 0 : 8-bit Timer/counter with devided-by-32 prescaler - Mode 1 : 16-bit Timer/counter - Mode 2 : 8-bit Timer/counter with automatic reload - Mode 3 : Timer 0 :one 8-bit Timer/counter and one 8-bits Timer. Timer 1 :stopped. When Timer 0 is in Mode 3, Timer 1 can be programmed to operate in Modes 0, 1 or 2 but cannot set an interrupt request flag and generate an interrupt. However, the overflow from Timer 1 can be used to pulse the Serial Port transmission-rgate generator. With a 16 MHz crystal, the counting frequency of these Timer/counters is as follows: - in the Timer function, the Timer is incremented at a frequency of 1.33 MHz (oscillator frequency divided by 12). - in the counter function, the frequency handling range for external inputs is 0 Hz to 0.66 MHz (oscillator frequency divided by 24). Both internal and external inputs can be gated to the Timer by a second external source for directly measuring pulse duration. The Timers are started and stopped under software control. Each one sets its interrupt request flag when it overflows from all logic 1's to all logic 0's (respectively, the automatic reload value), with the exception of Mode 3 as previously described. TMOD : TIMER/COUNTER MODE CONTROL REGISTER This register is located at address 89H. Table. 4 TMOD SFR (89H) 7 6 GATE C/ T (MSB) TIMER 1
5 M1
4 M0
3 GATE TIMER 0
2 C/ T
1 M1
0 M0 (LSB)
keep the above table with the following table
P/N:PM0730
REV. 0.1, FEB. 14, 2003
9
MX10F201FC
Table. 5 Description of TMOD bits MNEMONIC TIMER 1 GATE POSITION TMOD.7 FUNCTION Timer 1 gating control : when set, Timer/counter '1' is enabled only while 'Int1' pin is high and 'tr1' control bit is set. when cleared, Timer/counter '1' is enabled whenever 'tr1' control bit is set. Timer or counter selector: cleared for Timer operation (input from internal system clock). set for counter operation (input from 'T1' input pin). Operation mode: see table 6. Operation mode: see table 6. Timer 0 gating control: when set, Timer/Counter '0' is enabled only while 'Int0' pin is high and 'tr0' control bit is set. when cleared, Timer/counter '0' is enabled whenever 'tr0' control bit is set. Timer or counter selector: cleared for Timer operation (input from internal system clock). set for counter operation (input from 'T0' input pin). Operation mode: see table 6. Operation mode: see table 6.
C/T M1 M0 TIMER 0 GATE
TMOD.6 TMOD.5 TMOD.4 TMOD.3
C/T M1 M0
TMOD.2 TMOD.1 TMOD.0
Table. 6 TMOD M1 and M0 operating modes M1 M0 FUNCTION 0 0 8-bit Timer/counter : 'THx' with 5-bit prescaler. 0 1 16-bit Timer/counter : 'THx' and 'TLx' are cascaded, there is no prescaler. 1 0 8-bit autoload Timer/counter : 'THx' holds a value which is to be reloaded into 'TLx' each time it overflows. 1 1 Timer 0: TL0 is an 8-bit Timer/counter controlled by the standard Timer 0 control bits. TH0 is an 8bit Timer controlled by Timer 1 control bits. 1 1 Timer 1 : Timer/counter 1 stopped.
TCON : TIMER/COUNTER CONTROL REGISTER This register is located at address 88H. Table. 7 TCON SFR (88H) 7 6 TF1 TR1 (MSB)
5 TF0
4 TR0
3 IE1
2 IT1
1 IE0
0 IT0 (LSB)
keep the above table with the following table
P/N:PM0730
REV. 0.1, FEB. 14, 2003
10
MX10F201FC
Table. 8 Description of TCON bits MNEMONIC POSITION FUNCTION TF1 TCON.7 Timer 1 overflow flag : set by hardware on Timer/Counter overflow. Cleared when interrupt is processed. TR1 TCON.6 Timer 0 overflow flag : set by hardware on Timer/Counter overflow. Cleared when interrupt is processed. TF0 TCON.5 Timer 0 overflow flag: set by hardware on Timer/Counter overflow. Cleared when interrupt is processed. TR0 TCON.4 Timer 0 control bit : set/cleared by software to turn Timer/counter ON/OFF. IE1 TCON.3 Interrupt 1 edge flag: set by hardware when external interrupt is detected. Cleared when interrupt is processed. IT1 TCON.2 Interrupt 1 type control bit : set/cleared by software to specify falling edge/LOW level triggered external interrupt. IE0 TOCN.1 Interrupt 0 edge flag: set by hardware when external interrupt is detected. Cleared when interrupt is processed. IT0 TOCN.0 Interrupt 0 type control bit: set/cleared by software tospecify falling edge/LOW level triggered external interrupt.
P/N:PM0730
REV. 0.1, FEB. 14, 2003
11
MX10F201FC
Interrupt system
The MX10F201FC contains a 8-source 4 external interrupts, Timer 0, Timer1, watch timer and UART structures with two priority levels. Each External interrupts INT0, INT1, INT2, and INT3 can be either level-activated or transition-activated depending on bits IT0 and IT1 in TCON SFR and IT2, IT3 in INTCON SFR. The flags that actually generate these interrupts are bits IE0, IE1 in TCON and IE2,IE3 in INTCON. When an external interrupt is generated, the corresponding request flag is cleared by the hardware when the service routine is vectored to, if the interrupt is transitionactivated. If the interrupt is level-activated the external source has to hold the request active until the requested interrupt is actually generated. Then it has to deactive the request before the interrupt service routine is completed, otherwise another interrupt will be generated. The Timer 0 and Timer 1 Interrupts are generated by TF0 and TF1, which are set by a rollover in their respective Timer/counter register (except for Timer 0 in Mode 3 of the serial interface). When a Timer interrupt is generated, the flag that generated it is cleared by the on-chip hardware when the service routine is vectored to. IE : INTERRUPT ENABLE REGISTER This register is located at address A8H. Table. 9 IE SFR (A8H) 7 6 5 4 3 EA EX3 EX2 ES ET1 (MSB) keep the above table with the following table
2 EX1
1 ET0
0 EX0 (LSB)
Table. 10 Description of IE bits MNEMONIC POSITION FUNCTION EA IE.7 Disable all interrupt - Low, all disabled. - High, each interrupt source is individually enabled or disabled by setting or clearing its enable bit. EX3 IE.6 Enable / Disable External interrupt 3. - Low, disabled - High, enabled EX2 IE.5 Enable / Disable External Interrupt 2. - Low, disabled - High, enabled ES IE.4 Enable / Disable UART interrupt. - Low, disabled - High, enabled ET1 IE.3 Enable / Disable Timer1 overflow interrupt. EX1 IE.2 Enable / Disable External interrupt 1. - Low, disabled - High, enabled ET0 IE.1 Enable / disable Timer0 overflow interrupt. EX0 IE.0 Enable / Disable External interrupt 0. - Low, disabled - High, enabled
P/N:PM0730 REV. 0.1, FEB. 14, 2003
12
MX10F201FC
IEN1 : INTERRUPT ENABLE REGISTER 2 Table. 11 IEN1 SFR (E8H) 7 6 5 4 3 EWT : Enable / Disable Watch Timer interrupt.
2 -
1 EWT
0 0
IP : INTERRUPT PRIORITY REGISTER This register is located at address B8H. Table. 12 IP SFR (B8H) 7 6 5 PX3 PX2
4 PS
3 PT1
2 PX1
1 PT0
0 PX0 (LSB)
keep the above table with the following table Table. 13 Description of IP bits MNEMONIC POSITION FUNCTION IP.7 RESERVED PX3 IP.6 Define External interrupt 3 interrupt priority level. - High, assign a high priority level. PX2 IP.5 Define External interrupt 2 interrupt priority level. - High, assign a high priority level. PS1 IP.4 Define interrupt priority level of UART. PT1 IP.3 Define Timer1 overflow interrupt priority level. PX1 IP.2 Define External interrupt 1 interrupt priority level. - High, assign a high priority level. PT0 IP.1 Define Timer0 overflow interrupt priority level. PX0 IP.0 Define External interrupt 0 interrupt priority level. - High, assign a high priority level.
IP1 : INTERRUPT PRIORITY REGISTER 2 Table. 14 IP1 SFR (F8H) 7 6 5 4 3 PWT : Define Watch Timer interrupt priority level.
2 -
1 PWT
0 0
P/N:PM0730
REV. 0.1, FEB. 14, 2003
13
MX10F201FC
Table. 15 INTCON SFR (C0H) 7 6 5 4 0 0 WTF WTR
3 IE3
2 IT3
1 IE2
0 IT2
Table. 16 Description of INTCON bits IE3/2 : External interrupt 3/2 edge flag. Set by H/W when exteranl interrupt is detected, and cleared when interrupt is processed. IT3/2 : External interrupt 3/2 type control bit. Set/cleared by S/W to specify falling edge/low level triggered external interrupt. WTF : Watch timer overflow interrupt flog. Set by H/W when watch timer overflow occurred, and cleared by S/W or warm/cold reset. WTR : Watch timer enable bit. Set/ cleared by S/W Table. 17 INTERRUPT VECTORS & PRIORITY WITHIN LEVELS source name Priority Within Level Ext. interrupt0 IE0 1(Highest) Timer0 overflow TF0 2 Ext. interrupt1 IE1 3 Timer1 overflow TF1 4 UART interrupt IS 5 Ext. interrupt2 IE2 6 Ext. interrupt3 IE3 7 Watch timer overflow WTF 8
Vector Address 0003H 000BH 0013H 001BH 0023H 002BH 0033H 003BH
P/N:PM0730
REV. 0.1, FEB. 14, 2003
14
MX10F201FC
Watch Timer
The watch timer module (see Fig. 6) is clocked by 32.768KHz external crystal, and generates interrupt request every 0.5 second. This value is derived from ftimer = fosc / (256x64). The watch timer consists of an 8-bit timer register WTL and a 6-bit timer registers WTH. The WTL register is triggered by the 32.768KHz external crystal, and the WTH register increases its value while WTL overflow occurs. When the overflow of WTH occurs, the WTF bit in SFR INTCON is set High automatically and an interrupt request is sent to the microcontroller. Both of the timer registers WTL and WTH can be loaded values by software. Therefore the time interval of the watch timer interrupt request can be adjusted. This allows the watch timer to send interrupt request more frequently for some special application. The WTF can be set both by hardware and software, but it can only be cleared by software. The 32.768KHz external oscillator is gated by the WTR bit in SFR INTCON. If WTR is cleared, the watch timer registers will hold their values. In the idle and sleep states the watch timer remains active, and it wakes up the microcontroller while the watch timer overflow (i.e. WTF is set HIGH) occurs. Since this module is clocked by the 32.768KHz external crystal, this module is disabled and consumes no power if there is no such crystal connected to the chip.
Internal Bus
OSC 32.768K
WTL (8-bit) Load
WTH (6-bit) Load
WTF (1-bit) Load
Interrupt Request
WTR Write WTF, WTL, WTH
Fig. 6 Watch Timer
P/N:PM0730
REV. 0.1, FEB. 14, 2003
15
MX10F201FC
LCD drivers
The LCD module includes 4 by 32 pixel memory and can drive directly 4 backplanes and 32 segments outputs. Thus, for common digit-typed LCD, MX10F201FC can have maximum 16 digits display. LCD Control Register (LCON) Since MX10F201FC has several possible clocking alternatives : 2 to 16MHz system clock with possible second 32.768KHz sub-system clock, programmers need to set up this register to get proper LCD frame scan rate. Table. 18 LCON SFR (BAH) 7 6 5 4 3 LCDF2 LCDF1 LCDF0 MD1
2 MD0
1 Bias
0 ENLCD
. LCDF2,LCDF1,LCDF0: Selection of LCD frame scan frequency Table. 19 Frame scan freq (Hz) Fclk (ext. clk) - 000 : 16Mhz - 001 : 12Mhz - 010 : 8Mhz - 011 : 4Mhz - 100 : 2Mhz - 101 : 1Mhz - 110 :0.5Mhz * - 111 : 32Khz Divider Select Fclk/2^18 Fclk/(2^16*3) Fclk/2^17 Fclk/2^16 Fclk/2^15 Fclk/2^14 Fclk/2^13 Fclk/2^9 1/4 Duty 61 61 61 61 61 61 61 64 1/3 Duty 81 81 81 81 81 81 81 85 1/2 Duty 61 61 61 61 61 61 61 64 Static 61 61 61 61 61 61 61 64
* Note : Dual clock mode is set by writing as "111". . MD1,MD0: Mode bits, determine the LCD multiplex rate. Table. 20 - 00 : static - 01 : 1:2 - 10 : 1:3 - 11 : 1:4 No of Backplanes 1 (BP0) 2 (BP0,1) 3 (BP0,1,2) 4 (BP0,1,2,3) Pixel 32 64 96 128 Digits 4 8 12 16
. Bias: set LCD voltage bias generator. - High, bias is 1/2(VLCD-VSS) - Low, bias is 1/3(VLCD-VSS)
P/N:PM0730
REV. 0.1, FEB. 14, 2003
16
MX10F201FC
Table. 21 LCD Drive Mode static 1:2 1:2 1:3 1:4 No of BPs 1 2 2 3 4 LCD Bias static 1/2 1/3 1/3 1/3 Voff(rms) 0 0.354 0.333 0.333 0.333 Von(rms) 1 0.791 0.745 0.638 0.577 Contrast infinity 2.236 2.236 1.915 1.732
. ENLCD: Enable/Disable LCD - Low, all segment and backplanes drivers are set to the Vss level. - High, the LCD is enable and digits display is possible.
LCD segment display register : contain the on/off information of 4 by 32 segments of LCD Table. 22 Register Address Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 LCD0 BBH SEG1 SEG0 LCD1 BCH SEG3 SEG2 LCD2 BDH SEG5 SEG4 LCD3 BEH SEG7 SEG6 LCD4 BFH SEG9 SEG8 LCD5 C1H SEG11 SEG10 LCD6 C2H SEG13 SEG12 LCD7 C3H SEG15 SEG14 LCD8 C4H SEG17 SEG16 LCD9 C5H SEG19 SEG18 LCDA C6H SEG21 SEG20 LCDB C7H SEG23 SEG22 LCDC D1H SEG25 SEG24 LCDD D2H SEG27 SEG26 LCDE D3H SEG29 SEG28 LCDF D4H SEG31 SEG30 BP3 BP2 BP1 BP0 BP3 BP2 BP1
Bit0
BP0
LCD drive mode waveform : used to control the voltage level of backplane and segment outputs . Static drive mode . 1:2 multiplex drive mode with 1/2 bias . 1:2 multiplex drive mode with 1/3 bias . 1:3 multiplex drive mode with 1/3 bias . 1:4 multiplex drive mode with 1/3 bias
P/N:PM0730
REV. 0.1, FEB. 14, 2003
17
MX10F201FC
SEG0 SEG5 SEG1 SEG6 SEG4 SEG2 SEG7 SEG3 COM0
ENLCD
-- VLCD
display data area address BBH BCH BDH BEH ***0 ***1 ***1 ***1 ***1 ***0 ***0 ***1
SEG0
-- VSS -- VLCD
SEG4
-- VSS -- VLCD
SEG7 (Note) *: don't care
-- VSS -- VLCD
COM0
-- VSS
-- VLCD
COM0-SEG0 (Selected)
-- -VLCD
-- VLCD
COM0-SEG4 (Non-Selected)
0 -- -VLCD
Fig. 7 Static Drive
P/N:PM0730
REV. 0.1, FEB. 14, 2003
18
MX10F201FC
COM0 SEG3 SEG0
SEG2 SEG1 COM1
ENLCD
-- VLCD
display data area address BBH BCH **01 **01 **11 **10
SEG0
-- VSS -- VLCD
SEG1
-- VSS
(Note) *: don't care SEG2
-- VLCD -- VSS -- VLCD
SEG3
-- VSS
-- VLCD
COM0
-- VSS
-- VLCD
COM1
-- VSS
-- VLCD
COM0-SEG1 (Selected)
0 -- VSS -- VLCD
COM0-SEG2 (Non-Selected)
0 -- VSS
Fig. 8 1/2 Duty (1/2 Bias) Drive
P/N:PM0730
REV. 0.1, FEB. 14, 2003
19
MX10F201FC
COM0 SEG3 SEG0
SEG2 SEG1 COM1
ENLCD
-- VLCD
SEG0
-
-- VSS -- VLCD
SEG1
-
-- VSS -- VLCD
SEG2 display data area address BBH BCH **01 **01 **11 **10 SEG3
-
-- VSS -- VLCD
-
-- VSS
-- VLCD
COM0
-
-- VSS -- VLCD
COM1
-
-- VSS -- VLCD - VSS
COM0-SEG1 (Selected)
0 -
-- -(VLCD - VSS) -- VLCD - VSS
COM0-SEG2 (Non-Selected)
0 -
-- -(VLCD - VSS)
Fig. 9 1/2 Duty (1/3 Bias) Drive
P/N:PM0730
REV. 0.1, FEB. 14, 2003
20
MX10F201FC
SEG1 SEG2 SEG0 COM0
COM1 COM2
ENLCD
SEG0
-- VLCD -- VSS -- VLCD
SEG1
-- VSS -- VLCD
display data area address BBH BCH *111 *010 **** **01
SEG2
-- VSS
-- VLCD
COM0
-- VSS -- VLCD
(Note) *: don't care COM1
-
-- VSS -- VLCD
COM2
-
-- VSS -- VLCD
COM0-SEG1 (Selected)
0 -
-- -VLCD -- VLCD
COM0-SEG2 (Non-Selected)
0 -
-- -VLCD
Fig. 10 1/3 Duty (1/2 Bias) Drive
P/N:PM0730
REV. 0.1, FEB. 14, 2003
21
MX10F201FC
SEG1 SEG2 SEG0 COM0
COM1 COM2
ENLCD
SEG0
-- VLCD
-
-- VSS -- VLCD
display data area address BBH BCH *111 *010
SEG1
-- VSS -- VLCD
SEG2 **** **01
-
-- VSS -- VLCD
(Note) *: don't care COM0
-- VSS -- VLCD
COM1
-- VSS -- VLCD
COM2
-
-- VSS -- VLCD
COM0-SEG1 (Selected)
0 -
-- -VLCD -- VLCD
COM0-SEG2 (Non-Selected)
0 -
-- -VLCD
Fig. 11 1/3 Duty (1/3 Bias) Drive
P/N:PM0730
REV. 0.1, FEB. 14, 2003
22
MX10F201FC
COM0 SEG1 COM1
COM2 SEG0 COM3
ENLCD
SEG0
-- VLCD
-
-- VSS
SEG1
-- VLCD
-
-- VSS -- VLCD
COM0
-
-- VSS -- VLCD
display data area address BBH 10110101
COM1
-- VSS -- VLCD
COM2
-
-- VSS -- VLCD
COM3
-
-- VSS
COM0-SEG0 (Selected)
-- VLCD
0 -
-- -VLCD
-- VLCD
COM0-SEG1 (Non-Selected)
0 -
-- -VLCD
Fig .12 1/4 Duty (1/3 Bias) Drive
P/N:PM0730
REV. 0.1, FEB. 14, 2003
23
MX10F201FC
Power saving modes : active power control, idle, sleep and power down modes
In order to enable lowest power consumption in system application, MX10F201FC has user friendly power control mechanism as follows : 1) Active power control : used to turn off un-used peripherals in specific applications. For instance, UART might not be used in audio CD application, then programmer can disable it to save power. 2) Idle mode : used to turn off 80C51 during certain conditions. 3) Sleep mode : used to turn off the whole system except LCD and possibly watch Timer. 4) Power down mode : turn off the whole system. PCON : Power Control Register (PCON) PCON SFR (87H) 7 6 SMOD 5 4 SCEER WLE 3 CF1 2 1 CF0 PD 0 IDC
SMOD : Doubl band rate bit for UART. SLEEP : Sleep mode bit. Setting it activates sleep mode, and could be terminated as the way to terminate the pull down mode. WLE : Watch dog load enable. This flag must be set prior to loading WDT and is cleaned when WDT is loaded. CF1/CF0 : general-prepose flag bit. PD : Power - down bit. Setting it activates power - down mode. IDL : idle mode bit. Setting it activates idle mode. Active power control mode PCON1 : POWER CONTROL REGISTER 2 Table. 23 PCON1 SFR (F1H) 7 6 5 4 3 TD UARTD WDTD PWMD
2 1
1 WTD
0 LCDD
Table. 24 Description of PCON1 bits . TD : Timer0/1 Disable bit. Setting it to shut-down Timer0/1. . UARTD: UART Disable bit. Setting it to shut-down UART. . WDTD : WatchDog Timer Disable bit. Setting it to shut-down WDT. . PWMD : Pulse Width Modulation Disable bit. Setting it to shut-down PWM. . WTD : Watch Timer Disable bit, Setting it to shu-down W T. . BIT 2 must write "1" . LCDD : LCD Disable bit. Setting it to shut-down all LCD relative modules.
P/N:PM0730
REV. 0.1, FEB. 14, 2003
24
MX10F201FC
RC oscillator function
MX10F201FC provides a RC oscillator function for the application that does not need very accurate system clock frequency and has to save the cost of crystal oscillator. As shown in Fig. 13, to use the RC oscillator function as the system clock source, a suggested 50K~200K can be connected between the RCP pin and ground. The XTAL1 pin has to be connected to ground or the internal clock system may be failed. When the system clock source comes from the crystal oscillator, the RCP pin is suggested to connect to VDD. The following table shows approximately the relationship between the RC oscillator clock frequency and the resistor value. Table. 25 RC oscillator reference table Resistor Value (K ohm) RC oscillator clock frequency (MHz) 5V 3V 50 12~14 9~11 75 10~12 7.5~9 100 9~10 6.5~8 125 8~9 6~7.5 150 ~7.5 5.5~6.5 175 ~6.5 5.2~5.8 200 ~6 4.7~5.3
XTAL1
XTAL1
XTAL2 Resistor RCP
XTAL2 VDD RCP
(a)
(b)
Fig. 13 System clock connection way : (a) Use RC oscillator as system clock source, (b) Use crystal oscillator as system clock source.
P/N:PM0730
REV. 0.1, FEB. 14, 2003
25
MX10F201FC
Clock system
MX10F201FC has two possible clocking schemes with four combinations as follows : System clock External 2 ~ 16MHz crystal (XTAL1,XTAL2) RC oscillator with external resister (RCP) and XTAC1 is connected to GND External 2 ~ 16MHz crystal (XTAL1,XTAL2) RC oscillator with external resister (RCP) and XTAC1 is connected to GND Sub-system clock XTAL3 is connected to GND XTAL3 is connected to GND 32.768KHzcrystal (XTAL3,XTAL4) 32.768KHz crystal (XTAL3,XTAL4)
Single clock mode
Dual clock mode
The interaction between power saving modes and clock system is listed as follows : Single clock System clock System clock System clock All are active except watch Timer Individual peripheral is disabled by corresponding active power control bit 1) 80C51 is stopped 2) can be wake up by any interrupt 1) All are stopped except LCD, system oscillator. 2) can be wake up by external interrupts, 1)All are stopped 2) can be wake up by external interrupts or RESET Dual clock System clock System clock Sub-system clock All are active Individual peripheral is disabled by corresponding active power control bit 1) 80C51 is stopped 2) can be wake up by any interrupt 1) All are stopped except watch Timer, LCD, sub-system oscillator. 2) can be wake up by external interrupts,watch Timer or RESET 1) All are stopped 2) can be wake up by external interrupts or RESET
80C51 Timer0/1, WDT, UART LCD Active mode Power control active mode Idle mode Sleep mode
Power down mode
P/N:PM0730
REV. 0.1, FEB. 14, 2003
26
MX10F201FC
Watchdog Timer
The Watchdog Timer (WDT) see Fig.14 , consists of an 11-bit prescaler and an 8-bit Timer formed by SFR T3. The Timer is incremented every 1.5 ms, derived from the system clock frequency of 16 MHz by the following formula : fTimer = fclk / (12 x (2048)). The 8-bit Timer increments every 12 x 2048 cycles of the on-chip oscillator. When a Timer overflow occurs, the microcontroller is reset. The internal RESET signal is not inhibited when the external RST pin is kept 0 into high impedance, no matter if the XTAL-clock is running or not. To prevent a system reset the Timer must be reloaded in time by the application software. If the processor suffers a hardware / software malfunction, the software will fail to reload the Timer. This failure will result in an overflow thus prevent the processor from running out of control. This time interval is determined by the 8-bit reload value that is written into register T3. Watchdog time interval = [T3] x 12 x 2048 / oscillator frequency The watch-dog Timer can only be reloaded if the condition flag WLE (SFR PCON bit 4) has been previously set high by software. At the moment the counter is loaded WLE is automatically cleared. In the idle state the watchdog Timer and reset circuitry remain active. The watchdog Timer is controlled by the watchdog enable signal EW (SFR EBTCON bit 1). A LOW level enables the watchdog Timer. A HIGH level disable the watchdog Timer.
Internal Bus
fCLK/12
Prescaler (11-bit) Clear
Timer T3 (8-bit) LOAD LOADEN
to reset circuitry
Write T3
Clear WLE PCON. 4 EW
PD LOADEN PCON. 1
Internal Bus
Fig. 14 Watchdog Timer T3
P/N:PM0730
REV. 0.1, FEB. 14, 2003
27
MX10F201FC
Pulse Width Modulated Outputs
The MX10F201FC contains two pulse width modulated output channels (see Figure. 15). These channels generate pulses of programmable length and interval. The repetition frequency is defined by an 8-bit prescaler PWMP, which supplies the clock for the counter. The prescaler and counter are common to both PWM channels. The 8-bit counter counts modulo 255, i.e., from 0 to 254 inclusive. The value of the 8-bit counter is compared to the contents of two registers: PWM0 and PWM1. Provided the contents of either of these registers is greater than the counter value, the corresponding PWM0 or PWM1 output is set LOW. If the contents of these registers are equal to, or less than the counter value, the output will be HIGH. The pulse-width-ratio is therefore defined by the contents of the registers PWM0 and PWM1. The pulse-width-ratio is in the range of 0 to 1 and may be programmed in increments of 1/255. Buffered PWM outputs may be used to drive DC motors. The rotation speed of the motor would be proportional to the contents of PWMn. The PWM outputs may also be configured as a dual DAC. In this application, the PWM outputs must be integrated using conventional operational amplifier circuitry. If the resulting output voltages have to be accurate, external buffers with their own analog supply should be used to buffer the PWM outputs before they are integrated. The repetition frequency fPWM, at the PWMn outputs is give by :
fPWM =
fOSC 2 x (1 + PWMP) x 255
This gives a repetition frequency range of 123Hz to 31.4KHz (fOSC = 16MHz). At fOSC = 24MHz, the frequency range is 184Hz to 47.1KHz. By loading the PWM registers with either 00H or FFH, the PWM channels will output a constant HIGH or LOW level, respectively. Since the 8-bit counter counts modulo 255, it can never actually reach the value of the PWM registers when they are loaded with FFH. When a compare register (PWM0 or PWM1) is loaded with a new value, the associated output is updated immediately. It does not have to wait until the end of the current counter period. Both PWMn output pins are driven by push-pull drivers. These pins are not used for any other purpose. The PWM function is enabled by setting SPR EBTCON bit 2,3. After reset, SFR EBTCON bit 2,3 need to be set to use P1.4 or P1.5 as the PWM output, otherwise P1.4& P1.5 are general I/O ports. Prescaler frequency control register PWMP Reset Value = 00H PWMP (FEH) 7 6 5 4 3 2 1 MSB PWMP.0-7 Prescaler dividsion factor = PWMP +1.
0 LSB
Reading PWMP gives the current reload value. The actual count of the prescaler cannot be read. Reset Value = 00H 1 0 LSB
PWM0 (FCH) PWM1 (FDH)
7 MSB
6
5
4
3
2
PWM0/1.0-7} Low/high ratio of PWMn =
EBTCON SFR (EBH) 7 6 5 4 -
(PWMn) 255 - ( PWMn)
2 1 PWM0E /EW 0 -
3 PWM1E
PWM1E : Selection of P1.4 function as either PWM output or a port line, After reset PWM1E bit is low, and P1.4 is a normal port line. PWM0E : Selection of P1.5 function as either PWM output or a port line, After reset PWM0E bit is low, and P1.5 is a normal port line. /EW : After reset, /EW bit is set, and WDT is disable.
P/N:PM0730
REV. 0.1, FEB. 14, 2003
28
MX10F201FC
PWM0
8-BIT COMPARATOR tOSC
OUTPUT BUFFER
PWM0
Internal Bus
1/2
PRESCALER PWMP
8-BIT COUNTER
8-BIT COMPARATOR
OUTPUT BUFFER
PWM1
PWM1
Fig. 15 Functional Diagram of Pulse Width Modulated Outputs
P/N:PM0730
REV. 0.1, FEB. 14, 2003
29
MX10F201FC
UART
This module is fully compatible to standard 80C51's UART.
P/N:PM0730
REV. 0.1, FEB. 14, 2003
30
MX10F201FC
MTP Program Memory
Features - 16 kilobyte electrically erasable internal MTP program momory. - Programming and erasing voltage 12 Volt - MTP (re) programming mechanism : - EPROM like parallel programming protocol - Parallel programming : - Byte programming (8 us typical) - Chip erase less than 0.5 second typical - 100 minimum erase/program cycles - Advanced CMOS flash memory technology - One security bit to protect internal ROM code. General Description MX10F201FC's MTP memory stores memory contents even after 100 erase and program cycles. The cell is designed to optimize the erase and programming mechanisms. In addition, the combination of advanced tunnel oxide processing and low internal electric fields for erase and programming operations produces reliable cycling. The MX10F201FC uses 12 Volt VPP supply to perform the Program/Erase algorithms. PROGRAMMING AND PROGRAM VERIFY MX10F201FC is byte programmable by using 10us programming pulse and it requires separate program verify pulse to read out the data to check if program is ok or not. The typical programming time for each 1k bytes is about 10ms at room temperature.
P/N:PM0730
REV. 0.1, FEB. 14, 2003
31
MX10F201FC
PROGRAMMING SPECIFICATION
Parallel Programming Mode The parallel programming works in EPROM-like programming protocol. The MX10F201FC MTP provides 100 times cycles endurance. And the MX10F201FC MTP needs a 11.5~12.5 Volt VPP supply to perform the Program/Erase operation. Specially note that LOCK 2 is used to security protection. So if LOCK 2 bit is programmed, then PGMVFY, ERSVFY and normal READ are disabled from parallel programming mode. LOCK 1 and LOCK 3 are not used in this chip.
4.5/5.5V
VDD 1 0000 11.5V ~ 12.5V PCEB POEB PWEB A[13:0] MS[3:0] RESET BP[3:0] VPP P33 P27 P32 P2[5:0] P1[7:0] P26, P37, P31, P30 VSS P0[7:0] Q[7:0] XTAL2 XTAL1
MX10F201FC
Table. 26 Pin Description PIN NAME P25~P20, P17~P10 P07~ P00 P33 P27 P32 VPP P26, P37, P31, P30 VDD VSS SYMBOL PA13~PA8, PA7~PA0 Q[7:0] PCEB POEB PWEB VPP MS[3:0] VDD GND FUNCTION Address Input Data Input/Output Chip Enable Input Output Enable Input Write Enable Input Program Supply Voltage Flash Mode Selection Power Supply Voltage (5V) Ground Pin
P/N:PM0730
REV. 0.1, FEB. 14, 2003
32
MX10F201FC
Table. 27 parallel programming modes External Pin Module I/O Standby Normal Read Initialize Chip Erase Program Erase Verify Program Verify Pgm LOCK Erase Verify LOCK Pgm Verify LOCK Read Mft ID Read DeviceID Note : EA PVPP 12V 12V 12V 12V 12V 12V 12V 12V 12V 12V 12V 12V P33 P2[5:0] P1[7:0] PCEB POEB PWEB PA[13:0] X 0 1 1 1 0 0 1 0 0 0 0 X 1 X PA[13:0] P27 P32 P26, P37, P0[7:0] P31, P30 MS[3:0] PUOUT[7:0] PDOUT[7:0] X FF,00 0000 Data 1110 0001 0011 0100 0101 0110 1001 1011 1111 1111 FF,00 FF,00 FF,00 Data Data FF,00 LOCK[3:1] LOCK[3:1] P0[7:0] DI or DIA X Z X X D[7:0] Z Z X Z Z Lock[3:1]
1 0 0 0 0 0 0 0 0 0 0 0
0.5sec X pulse 0.5sec X pulse 10us pulses 1 1 10us pulse 1 1 1 1 PA[13:0] PA[13:0] PA[13:0] PA[1:0] PA[1:0]=00 PA[1:0]=00 PA[1:0]=00 PA[1:0]=01
000 000
Lock[i] 0 ->1
MftID(C2H) Z DeviceID(0DH) Z
1. Program lock bits, program LOCK [1] to be 1 if PA [1:0] = 00 Program lock bits, program LOCK [2] to be 1 if PA [1:0] = 01 Program lock bits, program LOCK [3] to be 1 if PA [1:0] = 1x 2. Verify erased LOCK bits if PA [1:0] = 00 3. Verify programmed LOCK bits if PA [1:0] = 00 4. Read Manufacture ID, Device ID PA [1:0] = 00 : Manufacture ID (C2H) PA [1:0] = 01 : Device ID (0DH)
P/N:PM0730
REV. 0.1, FEB. 14, 2003
33
MX10F201FC
PROGRAM AND PROGRAM VERIFY FLOWCHART
START
First Address
VDD= 5V VPP = 12V
X=0
Program One 10us pulse No Program Verify YES Increment Address No Last Address YES Fail Normal Read All Pass Pass Device Yes Fail x=x+1 X=20
Fail Device
P/N:PM0730
REV. 0.1, FEB. 14, 2003
34
MX10F201FC
ERASE and VERIFY FLOWCHART
START
X=0
VDD= 5V VPP = 12V
Program array all zero (0 ~ 16KB) & LOCK
Chip Erase (0.5s)
Erase Verify LOCK
No
Erase Verify Array (16KB) pass Pass Device
fail => x=x+1
X = 30 Yes Fail Device
P/N:PM0730
REV. 0.1, FEB. 14, 2003
35
MX10F201FC
PROGRAM LOCK AND PROGRAM VERIFY LOCK FLOWCHART
START
LOCK Address PA [1:0]
VDD= 5V VPP = 12V
X=0
Program LOCK 10us pulse No Program Verify LOCK Fail x=x+1
X=20
Pass Pass Device
Yes
Fail Device
P/N:PM0730
REV. 0.1, FEB. 14, 2003
36
MX10F201FC
A. Timing diagram of Read signature and Normal read operations
VPP WEB ADDRESS A 0=0 / A 0=1 tAA CEB
OEB
tCE
tDF
tOE MS[3:1]
tMSCE DATA Mfg ID / Device ID
tMSCE OUT
tAA Min. Max. unit 130 ns
tCE 130 ns
tOE 50 ns
tDF 0 20 ns
tMSCE 100 ns
P/N:PM0730
REV. 0.1, FEB. 14, 2003
37
MX10F201FC
B. Timing Diagram of Erase and Erase Verify Array Operation
Min. Max. unit
tVPS 2 us
tMS 200 ns
tCES 100 ns
tER 100 ns
tEW 0.5 s
tEV 200 ns
tMSCE 100 ns
P/N:PM0730
REV. 0.1, FEB. 14, 2003
38
MX10F201FC
C. Timing Diagram of Erase and Erase Verify LOCK Operation
tVPS Min. Max. unit 2 us
tMS 200 ns
tCES 100 ns
tER 100 ns
tEW 0.5 s
tEV 200 ns
tMSCE 100 ns
P/N:PM0730
REV. 0.1, FEB. 14, 2003
39
MX10F201FC
D. Timing Diagram of Program and Program Verify Operation
Min. Max. unit
tAS 100 ns
tDS 100 ns
tDH 100 ns
tVPS 2 us
tCES 100 ns
tMS 200 ns
tPR 100 ns
tPW 8 us
tPV 200 ns
tMSCE 100 ns
P/N:PM0730
REV. 0.1, FEB. 14, 2003
40
MX10F201FC
E. Timing Diagram of Program LOCK and Program Verify LOCK Operation
PA [1:0]
PA [1:0] =00
0110
1011
Min. Max. unit
tAS 100 ns
tDS 100 ns
tDH 100 ns
tVPS 2 us
tCES 100 ns
tMS 200 ns
tPR 100 ns
tPW 8 us
tPV 200 ns
tMSCE 100 ns
Note : OUT = { xxxx, LOCK [3], LOCK [2], LOCK [1], x}
P/N:PM0730
REV. 0.1, FEB. 14, 2003
41
MX10F201FC
Limiting Value
SYMBOL VDD Vi VVPP IOL(max) Tstg Tamb PARAMETER Supply voltage Input voltage (all inputs) Voltage on VPP pin to VSS Maximum IOL per I/O pin Storage temperature Operating ambient temperature(for all devices) MIN 4.5 -0.5 0 -65 0 MAX 5.5 VDD + 0.5 13 15 150 70 UNIT V V V mA O C O C
DC ELEECTRICAL CHARACTERISTICS
SYMBOL Supply VDD I DD PARAMETER Normal operation supply voltage Operation supply current CONDITIONS MIN. 4.5 fOSC=16MHZ fOSC=12MHZ fOSC=4MHZ fOSC=16MHZ fOSC=12MHZ fOSC=4MHZ fOSC=16MHZ fOSC=12MHZ fOSC=4MHZ fOSC=16MHZ fOSC=12MHZ fOSC=4MHZ fOSC=16MHZ fOSC=12MHZ fOSC=4MHZ VDD=4.5V to 5.5V VDD=5V 15 0.7VDD 10 8 4 8 6 2 4 3 1 50 45 25 1 1 1 TYP. MAX. 5.5 20 UNIT V mA mA mA mA
IID
Supply current in idle mode
12
ISLP
Supply current in single sleep mode
8
mA
IDSLP
Supply current in dual sleep mode
100
uA
IPD
Supply current in power-sown mode
30
uA
Inputs RINP IL VIH1
Input resistance RESET Input leakage current; RESET Input high voltage to XTAL1, XTAL3, RESET PORTS P0~P3 VIL Input low voltage VIH Input high voltage, except XTAL1, XTAL3, RST IIL Logical 0 input current ITL Logical 1 to 0 transition current
100 kohm 120 uA VDD+0.5 V
VIN=0.4V, VDD=5V VIN=2.0V
-0.5 0.2VDD +0.9 -1
0.2VDD-0.1 V VDD+0.5 V -100 -650 uA uA
P/N:PM0730
REV. 0.1, FEB. 14, 2003
42
MX10F201FC
Outputs : P0~P3 SYMBOL PARAMETER CONDITIONS VOL Output low voltage VDD=4.5V, IOL=1.6mA VOH Output high voltage VDD=4.5V, IOH=- 3.3mA IOL Low level output sink current VO<0.4V, VDD=5V IOH High level pull-up output source current Strong pull-up VO=VDD-0.4V, VDD=5V Weak pull-up VO=VDD-0.4V, VDD=5V CIO Pin capacitance (except EA)
MIN.
TYP.
MAX. 0.4
VDD-0.7 10 13 4 15 6 30 15
UNIT V V mA mA uA pF
LCD DRIVER CHARACTERISTICS
SYMBOL Supply VLCD VSS PARAMETER CONDITIONS MIN. 4.5 TYP. MAX. VDD 100 UNIT V mV
LCD operation supply voltage DC voltage component; all backplane and segment drivers LCD driver outputs RBP Output impedance BP0~BP3 RS Output impedance S0~S31 fLCD LCD scan frequency
6 6 Ratio: 1:1, 1:2, 1:4 Ratio: 1:3 61 81
20 20
kohm kohm Hz Hz
P/N:PM0730
REV. 0.1, FEB. 14, 2003
43
MX10F201FC
RCP OSCILLATOR CHARACTERISTICS 5.5 100kohm 40kohm 5 4.5 3.3 3 2.7
9.36 9.19 8.7 7.4 6.48 6.15 15.98 14.81 14.29 10.95 10.12 8.99
Fosc - Vdd 20
15 100Kohm 40Kohm 5
MHz 10
0 5.5 5 4.5 V 3.3 3 2.7
AC CHARACTERISTICS
SYMBOL PARAMETER System (CPU) clock fC Oscillator frequency 32.768KHz LCD Oscillator fxtal 32.768KHz Oscillator frequency CONDITIONS MIN. 2 32.768 TYP. MAX. 16 UNIT MHz KHz
P/N:PM0730
REV. 0.1, FEB. 14, 2003
44
MX10F201FC
PACKAGE INFORMATION
100-PIN PQFP
A
ITEM A B C D E F G H I J K L M N O P
MILLIMETERS 24.80 .40 20.00 .13 14.00 .13 18.80 .40 12.35 [REF] .83 [REF] .58 [REF] .30 [Typ.] .65 [Typ.] 2.40 [Typ.] 1.20 [Typ.] .15 [Typ.] .10 max. 2.75 .15 .10 min. 3.30 max.
INCHES .976 .016 .787 .005 .551 .005 .740 .016 .486 [REF] .033 [REF] .023 [REF] .012 [Typ.] .026 [Typ.] .094 [Typ.] .047 [Typ.] .006 [Typ.] .004 max. .108 .006 .004 min. .130 max.
N G H F 100 1 80 81
B
51 50
E
C
D
31 0 3
P O
I J
NOTE: Each lead centerline is located within .25mm[.01 inch] of its true position [TP] at a maximum material condition.
L M K
P/N:PM0730
REV. 0.1, FEB. 14, 2003
45
MX10F201FC
REVISION 0.1 DESCRIPTION Modify Table. 15 INTCON SFR (C8H) --> (C0H) PAGE P14 DATE SEP/06/2002
P/N:PM0730
REV. 0.1, FEB. 14, 2003
46
MX10FM201FC
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-6688 FAX:+886-3-563-2888
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-348-8385 FAX:+65-348-8096
TAIPEI OFFICE:
TEL:+886-2-2509-3300 FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.


▲Up To Search▲   

 
Price & Availability of MX10F201FC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X