Part Number Hot Search : 
MC145 2SB16 HV3KVLCD TC405 K12A25N PM7341 120CA DRA4124T
Product Description
Full Text Search
 

To Download MSM51257CLP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2I0010-17-Y1 Semiconductor
Semiconductor MSM51257CLP
32,768-Word 8-Bit CMOS STATIC RAM
This version: Jan. 1998 MSM51257CLP Previous version: Aug. 1996
DESCRIPTION
The MSM51257CLP is a 32,768-word by 8-bit CMOS static RAM featuring a 5 V power supply operation in the range of -40C to 85C and direct TTL input/output compatibility. Since the circuitry is completely static, external clock and refreshing operations are unnecessary, making this device very easy to use. The MSM51257CLP, which uses NMOS cells and CMOS peripherals, can be used in high-speed operation at 70 ns access time and in the low current consumption of a standby current max. 100 mA when there is no chip selection. The MSM51257CLP's ability to hold the memory contents at 2 V provides a battery back-up. Since the MSM51257CLP is provided with the CS and OE signals, it can connect with outputs of other chips in a wired OR technique, which provides easy memory expansion and bus line control.
FEATURES
* 32,768-word 8-bit configuration * Single 5 V power supply * Operating temperature range: Ta = -40C to 85C * (Input/Output) TTL compatible * 3-state output * Data retention available at power supply voltage 2 V * Package options: 28-pin 600 mil plastic DIP (DIP28-P-600-2.54) 28-pin 430 mil plastic SOP (SOP28-P-430-1.27-K) 32-pin plastic TSOP (Type I) (TSOPI32-P-814-0.50-1K) (TSOPI32-P-814-0.50-1L)
(Product : MSM51257CLP-xxRS) (Product : MSM51257CLP-xxGS-K) (Product : MSM51257CLP-xxTS-1K) (Product : MSM51257CLP-xxTS-1L) xx indicates speed rank.
PRODUCT FAMILY
Family MSM51257CLP-70 MSM51257CLP-85 MSM51257CLP-10 Access Time (Max.) 70 ns 85 ns 100 ns 385 mW 0.55 mW Power Dissipation Operating (Max.) Standby (Max.)
1/12
, ,
Semiconductor MSM51257CLP
PIN CONFIGURATION (TOP VIEW)
A14
1 2 3 4 5 6 7 28 27 26 25 24 23 22 21 20 19 18 17 16
VCC
A12 A7
WE
A13 A8
A6
A5
A9
A4
A11
A3
OE
A2 8
9
A10 CS
A1
A0
10 11 12
I/O8
I/O1
I/O7
I/O2
I/O6
I/O3 13 VSS
14
I/O5
15
I/O4
A14 1 A12 2 A7 3 A6 4 A5 5 A4 6 A3 7 A2 8 A1 9 A0 10 I/O1 11 I/O2 12 I/O3 13 VSS 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
VCC WE A13 A8 A9 A11 OE A10 CS I/O8 I/O7 I/O6 I/O5 I/O4
28-Pin Plastic DIP
28-Pin Plastic SOP
~ ~
~ ~
OE 1 A11 2 NC 3 A9 4 A8 5 A13 6 WE 7 VCC 8 A14 9 A12 10 A7 11 A6 12 A5 13 NC 14 A4 15 A3 16
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
A10 CS NC I/O8 I/O7 I/O6 I/O5 I/O4 VSS I/O3 I/O2 I/O1 A0 NC A1 A2
A10 32 CS 31 NC 30 I/O8 29 I/O7 28 I/O6 27 I/O5 26 I/O4 25 VSS 24 I/O3 23 I/O2 22 I/O1 21 A0 20 NC 19 A1 18 A2 17
OE A11 3 NC 4 A9 5 A8 6 A13 7 WE 8 VCC 9 A14 10 A12 11 A7 12 A6 13 A5 14 NC 15 A4 16 A3
1 2
~ ~
32-Pin Plastic TSOP (I) (K Type)
32-Pin Plastic TSOP (I) (L Type)
Pin Name A0 - A14 I/O1 - I/O8 CS WE OE VCC, VSS NC
Function Address Input Data Input/Output Chip Select Write Enable Output Enable Power Supply No Connection
~ ~
2/12
Semiconductor
MSM51257CLP
BLOCK DIAGRAM
A6 A7 A8 A9 A10 A11 A12 A13 A14 I/O1 I/O2 I/O3 I/O4 I/O5 I/O6 I/O7 I/O8 Input Data Control Column I/O Circuits Column Select
Row Select
Memory Array 512 Rows 64 Columns 8 Blocks
VCC VSS
A0 A1 A2 A3 A4 A5
CS WE OE
FUNCTION TABLE
Operating Mode Standby Read Cycle Write Cycle CS H L L L WE * H H L OE * H L * Operating Contents Output Floating Output Floating Data Read Data Write
*Don't Care ("H" or "L")
3/12
Semiconductor
MSM51257CLP
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter Power Supply Voltage Pin Voltage Power Dissipation Operating Temperature Storage Temperature Symbol VCC VT PD Topr Tstg Condition Ta = 25C, for VSS Ta = 25C -- -- Rating -0.3 to 7.0 -0.3* to VCC + 0.3 1.0 -40 to 85 -55 to 150 Unit V V W C C
* -3.0 V Min. for pulse width less than 30 ns. Recommended Operating Conditions
Parameter Power Supply Voltage Data Retention Voltage Input High Voltage Input Low Voltage Load Capacitance Fan Out Symbol VCC VSS VCCH VIH VIL CL N Condition -- -- VCC = 5 V 10% -- TTL Min. 4.5 0 2 2.2 -0.3* -- -- Typ. 5 0 -- -- -- -- -- Max. 5.5 0 5.5 VCC + 0.3 0.6 100 1 Unit V V V V V pF --
* -3.0 V Min. for pulse width less than 30 ns. Capacitance
Parameter Input Capacitance Input/Output Capacitance Symbol CI CI/O Condition VI = 0 V VI/O = 0 V Min. -- -- (Ta = 25C, f = 1 MHz) Max. 10 10 Unit pF pF
Note:
This parameter is periodically sampled and not 100% tested.
4/12
Semiconductor
MSM51257CLP
DC Characteristics
Parameter Input Leakage Current Input/Output Leakage Current Output High Voltage Output Low Voltage Standby Power Supply Current Symbol ILI ILO VOH VOL ICCS ICCS1 Condition VI = 0 to VCC CS = VIH or OE = VIH, VI/O = 0 to VCC IOH = -1 mA IOL = 2.1 mA CS VCC - 0.2 V, VI = 0 to VCC CS = VIH Min. cycle, IOUT = 0 mA Operating Power Supply Current ICCA f = 1 MHz, VIH VCC - 0.2 V, VIL 0.2 V, IOUT = 0 mA
(VCC = 5 V 10%, Ta = -40C to 85C) MSM51257CLP Min. -1 -1 2.4 -- -- -- -- Typ. -- -- -- -- -- -- -- Max. 1 1 -- 0.4 100 3 70 Unit mA mA V V mA mA mA
--
--
15
mA
AC Characteristics Test Conditions
Parameter Input Pulse Level Input Rise and Fall Times Input/Output Timing Level Output Load Condition VIH = 2.4 V, VIL = 0.6 V 5 ns 1.5 V CL = 100 pF, 1 TTL Gate
5/12
Semiconductor Read Cycle
Parameter Read Cycle Time Address Access Time CS Access Time OE Access Time CS to Output in Low-Z OE to Output in Low-Z Output Hold Time from Address Change CS to Output in High-Z OE to Output in High-Z Symbol tRC tAA tCO tOE tCLZ tOLZ tOH tCHZ
MSM51257CLP
(VCC = 5 V 10%, Ta = -40C to 85C) MSM51257CLP-70 MSM51257CLP-85 MSM51257CLP-10 Min. 70 -- -- -- 10 5 10 -- -- Max. -- 70 70 40 -- -- -- 30 30 Min. 85 -- -- -- 10 5 10 -- -- Max. -- 85 85 45 -- -- -- 30 30 Min. 100 -- -- -- 10 5 10 -- -- Max. -- 100 100 50 -- -- -- 35 35 Unit ns ns ns ns ns ns ns ns ns
A0 - A14
Notes:
, ,,
tOHZ
tRC
tAA
tCO
tCHZ
CS
tOE
tOHZ
OE
tCLZ tOLZ
tOH
I/O
Valid Data-out
1. A read cycle occurs during the overlap of CS = "L", OE = "L" and WE = "H". 2. tCHZ and tOHZ are specified by the time when DATA is floating, not defined by the output level.
6/12
Semiconductor Write Cycle
Parameter Write Cycle Time Address Setup Time Write Pulse Width Write Recovery Time Data Setup Time Data Hold Time WE to Output in High-Z CS to End of Write Address Valid to End of Write Symbol tWC tAS tWP tWR tDS tDH tWHZ tCW tAW
MSM51257CLP
(VCC = 5 V 10%, Ta = -40C to 85C) MSM51257CLP-70 MSM51257CLP-85 MSM51257CLP-10 Min. 70 0 55 5 35 0 -- 65 65 5 Max. -- -- -- -- -- -- 30 -- -- -- Min. 85 0 70 5 40 0 -- 75 75 5 Max. -- -- -- -- -- -- 30 -- -- -- Min. 100 0 75 5 40 0 -- 90 90 5 Max. -- -- -- -- -- -- 35 -- -- -- Unit ns ns ns ns ns ns ns ns ns ns
I/O (DOUT)
, ,,
Output Active from End of Write tWLZ tWC A0 - A14 tWP CS tAW tAS tCW tWR WE tDS tDH I/O (DIN) tWHZ Stable Data-in tWLZ
Notes:
A write cycle occurs during the overlap of CS = "L" and WE = "L". OE may be either of "H" or "L" in the write cycle. tAS is specified from CS = "L" or WE = "L", whichever occurs last. tWP is an overlap time of CS = "L" and WE = "L". tWR, tDS and tDH are specified from CS = "H" or WE = "H", whichever occurs first. tWHZ is specified by the time when DATA output is floating, not defined by the output level. 7. When I/O pins are in the output mode, don't apply the inverted input signal to the output pins. 1. 2. 3. 4. 5. 6.
7/12
Semiconductor Data Retention Characteristics
Parameter Data Retention Power Supply Voltage Data Retention Power Supply Current Chip Deselect to Data Retention Time Operation Recovery Time Symbol VCCH ICCH tCDR tR Condition CS VCC - 0.2 V VCC = 3 V, CS VCC - 0.2 V -- -- Min. 2.0 -- 0 50
MSM51257CLP
(Ta = -40C to 85C) Typ. -- -- -- -- Max. 5.5 50* -- -- Unit V mA ns ms
* 7 mA Max. when Ta = 0C to 40C.
tCDR VCC 4.5 V VIH VCCH CS 0V
Data Retention Mode
tR
CS VCC - 0.2 V
8/12
Semiconductor
MSM51257CLP
PACKAGE DIMENSIONS
(Unit : mm)
DIP28-P-600-2.54
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 4.30 TYP.
9/12
Semiconductor
MSM51257CLP
(Unit : mm)
SOP28-P-430-1.27-K
Mirror finish
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 0.75 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
10/12
Semiconductor
MSM51257CLP
(Unit : mm)
TSOPI32-P-814-0.50-1K
Mirror finish
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 0.27 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
11/12
Semiconductor
MSM51257CLP
(Unit : mm)
TSOPI32-P-814-0.50-1L
Mirror finish
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 0.27 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
12/12


▲Up To Search▲   

 
Price & Availability of MSM51257CLP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X