Part Number Hot Search : 
14558 01LCSA OSG5D EMK12 IRF580 5236B MMBTA552 2805S
Product Description
Full Text Search
 

To Download MPC603EFE100LN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
Application-Specic Information
PID6-603e_N PNS 980521 Motorola Part Numbers Affected: MPC603ERX100LN MPC603ERX133LN MPE603ERX100LN MPE603ERX133LN MPC603EFE100LN MPC603EFE133LN MPE603EFE100LN MPE603EFE133LN MPC603ERX100TN MPC603ERX133TN MPC603EFE100TN MPC603EFE133TN
PowerPC 603e RISC Microprocessor Family: PID6-603e (Stretch) Part Number Specications
This document denes a unique part number for a PowerPC 603e microprocessor manufactured by Motorola. It describes changes to recommended operating conditions and revised electrical specications, as applicable, from those described in the PID6-603e Hardware Specication. Specications provided in this data sheet supercede those in Revision 1 (11/96) of the PID6-603e Hardware Specications (order #: MPC603EC/D); specications not addressed herein are unchanged. Note that headings and tables in this data sheet are not numbered; however, they are intended to correspond directly to the heading or table affected in the general hardware specications. Any additional information (including tables) not included in the hardware specications are noted. Part numbers addressed in this document and a summary of their differences from the general specication are listed in the following table. For more detailed ordering information see OOrdering Information for the PowerPC 603eO on page 4.Feature Changes Part Numbers Addressed by this Part Number Specification
Operating Conditions Motorola Part Number CPU Frequency 100 MHz 133 MHz 100 MHz 133 MHz 100 MHZ Signicant Differences Vdd 3.3 V 5% 3.3 V 5% 3.3 V 5% 3.3 V 5% 3.3 V 5% TJ (C) 0 to 105 0 to 105 0 to 105 0 to 105 0 to 105 Modied AC spec, BGA package (low frequency operation restricted to 80MHz minimum) Modied AC spec, BGA package (low frequency operation restricted to 120MHz minimum) Modied AC spec, QFP package (Low frequency operation restricted to 80MHz minimum) Modied AC spec, QFP package (low frequency operation restricted to 120MHz minimum) Modied AC spec, BGA package (oating point not supported, low frequency operation restricted to 80MHz minimum) Modied AC spec, BGA package (oating point not supported, low frequency operation restricted to 120MHz minimum) Modied AC spec, QFP package (oating point not supported, low frequency operation restricted to 80MHz minimum) Modied AC spec, QFP package (oating point not supported, low frequency operation restricted to 120MHz minimum) Modied thermal spec, extended temperature range, BGA package Modied thermal spec, extended temperature range, BGA package
MPC603ERX100LN MPC603ERX133LN MPC603EFE100LN MPC603EFE133LN MPE603ERX100LN
MPE603ERX133LN
133 MHz
0 to 105
MPE603EFE100LN
100 MHz
3.3 V 5%
0 to 105
MPE603EFE133LN
133 MHz
3.3 V 5%
0 to 105
MPC603ERX100TN MPC603ERX133TN
100 MHz 133 MHz
3.3 V 5% 3.3 V 5%
-40 to 105 -40 to 105
The PowerPC name is a registered trademark and the PowerPC logotype and PowerPC 603e are trademarks of International Busines Machines Corporation, used by Motorola under license from International Business Machines Corporation. This document contains information on a new product under development by Motorola. Motorola reserves the right to change or discontinue this product without notice. (c) Motorola Inc., 1998. All rights reserved.
PID7v-603e Apple-Only Data Sheet
3.3 V 5%
Part Numbers Addressed by this Part Number Specification (Continued)
Operating Conditions Motorola Part Number CPU Frequency 100 MHz 133 MHz Signicant Differences Vdd 3.3 V 5% 3.3 V 5% TJ (C) -40 to 105 -40 to 105 Modied thermal spec, extended temperature range, QFP package Modied thermal spec, extended temperature range, QFP package
MPC603EFE100TN MPC603EFE133TN
Feature Changes
This section summarizes signicant feature changes between the revision of the 603e addressed by this document and the previous widely available revision 1.4.1 (XPC603ERXnnnLJ or XPC603EFEnnnLJ where nnn is the core frequency). This revision xes numerous errata which existed on the earlier revision but added no new features.
Errata
This section summarizes design defects or errors (errata) that are known to exist on this revision of the 603e. There may be additional errata that are not known or are not yet documented here which may cause the part to deviate from the functional description provided in the MPC603e & EC603e RISC Microprocessor UserOs Manual (order # MPC603EUM/AD Rev 1). Refer to the website at http://www.mot.com/SPS/PowerPC/ for the latest version of this Part Number Specication or to your local Motorola sales ofce for later and/or more detailed description of the errata. The known errata as of the date of this document are summarized below.
#
1
Problem Snoop causes cancelled speculative load to corrupt GPR/FPR.
Description A snoop that hits to a pending but cancelled copy back address can cause wrong data to be loaded into a GPR/FPR. A snoop which causes a copyback and occurring in a one cycle window near every tenth dcbi causes the dcbi to fail to invalidate the cache.
Impact All systems that use hardware coherency along with speculative loads.
Solutions Set G=1 to pages loaded from during snooping.
2
Snoop copyback causes every tenth dcbi to fail.
Only systems using both software and hardware coherency simultaneously are affected.
After each dcbi, place an additional dcbi to the same address.
Electrical and Thermal Characteristics
This section provides any changes to the AC and DC electrical specications and thermal characteristics for the PID6-603e parts described herein.
DC Electrical Characteristics
The following table describes the changed thermal operating conditions for the PID6-603e part numbers described herein. Recommended Operating Conditions
Characteristic Junction temperature Tj Symbol Value -40 to 105 Unit 1/4C Notes 1
Note: 1. Parts with TN sufx only.
2
PID6-603e Part Number Specifications PRELIMINARYNSUBJECT TO CHANGE WITHOUT NOTICE
AC Electrical Characteristics
The AC timing specications described in the PID6-603e Hardware Specications include 100MHz, 120MHz, and 133MHz. Motorola has discontinued the 120MHz offering for the revision described herein. Customers desiring to operate at 120MHz are encouraged to purchase the 133MHz part. This section provides any other AC electrical characteristics that have been changed for this revision.
Clock AC Specications
The following table provides the revised clock AC timing specications for the parts described herein Note that the minimum core frequency has been raised from the 16.67MHz value in the Hardware Specication to 80MHz. Some parts of this revision manufactured recently will not operate that slowly. Clock AC Timing Specifications
Vdd = AVdd = 3.3 5% V dc, OVdd = 3.3 5% V dc, GND = 0 V dc, 0 Tj 105 C
100 MHz Num Characteristic Min Processor frequency VCO frequency SYSCLK (bus) frequency 1 2,3 4 SYSCLK cycle time SYSCLK rise and fall time SYSCLK duty cycle measured at 1.4 V SYSCLK jitter Internal PLL relock time 80 100 16.67 15.0 N 40.0 N N Max 100 200 66.67 60.0 2.0 60.0 150 100
133.33 MHz Unit Min 120 133.33 16.67 15.0 N 40.0 N N Max 133.33 266.66 66.67 60.0 2.0 60.0 150 100 MHz MHz MHz ns ns % ps ms 2 3 4 3, 5 1 1 Notes
Notes: 1. Caution: The SYSCLK frequency and PLL_CFG[03] settings must be chosen such that the resulting SYSCLK (bus) frequency, CPU (core) frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum operating frequencies. Refer to the PLL_CFG[03] signal description in the hardware specications for valid PLL_CFG[03] settings. 2. Rise and fall times for the SYSCLK input are measured from 0.4 V to 2.4 V. 3. Timing is guaranteed by design and characterization, and is not tested. 4. Cycle-to-cycle jitter, and is guaranteed by design. 5. Relock timing is guaranteed by design and characterization, and is not tested. PLL-relock time is the maximum amount of time required for PLL lock after a stable Vdd and SYSCLK are reached during the power-on reset sequence. This specication also applies when the PLL has been disabled and subsequently re-enabled during sleep mode. Also note that HRESET must be held asserted for a minimum of 255 bus clocks after the PLL-relock time during the power-on reset sequence.
PID6-603e Part Number Specifications PRELIMINARYNSUBJECT TO CHANGE WITHOUT NOTICE
3
Ordering Information
The following table provides the ordering information for the PID6-603e part numbers described herein. Ordering Information for the PowerPC 603e
Package Type 240 CQFP Device Rev 4.1 Process PPC1.3 Mask Code 01H49P CPU Frequency (MHz) 100 133 100 133 100 133 255 CBGA 4.1 PPC1.3 71H49P 100 133 133 100 100 133 Motorola Part Number MPC603EFE100LN MPC603EFE133LN MPE603EFE100LN MPE603EFE133LN MPC603EFE100TN MPC603EFE133TN MPC603ERX100LN MPC603ERX133LN MPE603ERX133LN MPE603ERX100LN MPC603ERX100TN MPC603ERX133TN
4
PID6-603e Part Number Specifications PRELIMINARYNSUBJECT TO CHANGE WITHOUT NOTICE
Part Marking
This section provides information on Motorola device marking standards. Parts are marked as the example shown below.
MPC603EFE100LN
MPC603ERX100LN
MMMMMM
MMMMMM ATWLYYWWA CCCCC
YWWLA BGA
CQFP
Notes:
MMMMMM is the 6-digit mask code ATWLYYWWA or YWWLA is the traceability code CCCCC is the country of assembly (this space is left blank if parts are assembled in the United States) Motorola Part Marking for CQFP and BGA Devices
Extended temperature parts are marked as shown below.
MPC603EFE100TN
MPC603ERX100TN
MMMMMM
MMMMMM ATWLYYWWA CCCCC
YWWLA
CQFP
Notes:
BGA
MMMMMM is the 6-digit mask code ATWLYYWWA or YWWLA is the traceability code CCCCC is the country of assembly (this space is left blank if parts are assembled in the United States) Motorola Part Marking for Extended Temperature CQFP and BGA Devices
Information in this document is provided solely to enable system and software implementers to use PowerPC microprocessors. There are no express or implied copyright licenses granted hereunder to design or fabricate PowerPC integrated circuits or integrated circuits based on the information in this document. Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. OTypicalO parameters can and do vary in different applications. All operating parameters, including OTypicalsO must be validated for each customer application by customerOs technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Afrmative Action Employer. IBM is a registered trademark of International Business Machines Corporation. The PowerPC name is a registered trademark and the PowerPC logotype and PowerPC 603e are trademarks of International Busines Machines Corporation, used by Motorola under license from International Business Machines Corporation.


▲Up To Search▲   

 
Price & Availability of MPC603EFE100LN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X