Part Number Hot Search : 
BAT54 VC823 TSH22I LM144 P161G NE68100 HIP9010 MBR1015
Product Description
Full Text Search
 

To Download MM3031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
CMOS Regulator MM303X Series
CMOS Regulator
Monolithic IC MM303X Series
Outline
This IC is a voltage regulator IC developed using the CMOS process. Super low consumption current of 1.5 A typ. (MM303X) (when not loaded) has been achieved through the use of the CMOS process. Also, the output voltage has a high accuracy of 2%.
Features
1. Super low consumption current 2. Super low consumption current (when off) 3. High precision output voltage 4. Input/output voltage difference 5. Good input stability 6. Built-in short-circuit restriction circuit 7. Wide operating temperature range 8. Output voltage 1.5A typ. (when not loaded, excluding the CE terminal current) 0.1A typ. 2% 40mV typ. (Io=1mA MM3033A) 0.05%/V typ. 60mA typ. -30~+85C 1.7~5.5V (0.1V step)
Package
SC-82AB
Applications
1. Devices that use batteries 2. Portable communications devices 3. Household electronics products
Block Diagram
MITSUMI
CMOS Regulator MM303X Series
Pin Assignment
1 2 3 1 2 4 GND VDD VOUT CE
4
3
SC-82AB (TOP VIEW)
Pin Description
Pin No. 1 2 3 Pin name GND VDD VOUT GND Pin Voltage-Supply pin Regulator output pin No connection pin CE L 4 CE H OUTPUT OFF ON Functions
ON/OFF-Control pin Connect CE-pin with VDDpin,when it is not used.
Absolute Maximum Ratings
Item Storage Temperature Operating Temperature Supply Voltage Output Current Allowable loss
(Ambient Temperature, Ta=25C) Symbol TSTG TOPR VDD IOUT Pd Ratings -40~+125 -30~+85 -0.3~+9 150 150 (Alone) Unit C C V mA mW
Recommended Operating Conditions
Item Operating Temperature Supply Voltage
(Ambient Temperature, Ta=25C) Ratings -30~+85 VOUT+0.3~8 Unit C V
Symbol TOP VOP
MITSUMI
CMOS Regulator MM303X Series
Electrical Characteristics
Item Quiescent Current Input Current(OFF) Line Regulation Input Voltage Output voltage temperature coefficient Short current CE pin current when ON CE input voltage "H" CE input voltage "L"
(Ambient Temperature, Ta=25C, VIN=VCE) Measurement conditions VIN=VOUT+2.0V VIN=VOUT+2.0V, VCE=0V IOUT=1mA, VOUT+0.5V < VIN < 8V = = IOUT=10mA -30C < TOPT < 85C = = VIN=VOUT+2.0V, VOUT=0V VIN=VOUT+2.0V VIN=VOUT+2.0V VIN=VOUT+2.0V VIN-1 0 Min. Typ. Max. Unit 1.5 0.1 0.05 100 60 0.1 1.0 VIN 0.25 3.0 1.0 0.20 8 A A %/V V ppm/C mA A V V
Symbol ISS Istandby VOUT/ VIN VIN VOUT/ Vopt Ilim ICE VCEH VCEL
MITSUMI
CMOS Regulator MM303X Series
Electrical Characteristics 2
(Ambient Temperature, Ta=25C, VIN=VCE)
Output Voltage VOUT (V) TEST CONDISIONS MIN. TYP. MM3031H 1.666 1.700 MM3031J 1.764 1.800 MM3031K 1.862 1.900 MM3032A 1.960 2.000 MM3032B 2.058 2.100 MM3032C 2.156 2.200 MM3032D 2.254 2.300 MM3032E 2.352 2.400 MM3032F 2.450 2.500 MM3032G 2.548 2.600 MM3032H 2.646 2.700 MM3032J 2.744 2.800 MM3032K 2.842 2.900 MM3033A 2.940 3.000 MM3033B 3.038 3.100 MM3033C 3.136 3.200 MM3033D 3.234 3.300 VIN-VOUT= MM3033E 3.332 3.400 2.0V MM3033F 3.430 3.500 MM3033G 3.528 3.600 10A < = MM3033H 3.626 3.700 IOUT < = MM3033J 3.724 3.800 10mA MM3033K 3.822 3.900 MM3034A 3.920 4.000 MM3034B 4.018 4.100 MM3034C 4.116 4.200 MM3034D 4.214 4.300 MM3034E 4.312 4.400 MM3034F 4.410 4.500 MM3034G 4.508 4.600 MM3034H 4.606 4.700 MM3034J 4.704 4.800 MM3034K 4.802 4.900 MM3035A 4.900 5.000 MM3035B 4.998 5.100 MM3035C 5.096 5.200 MM3035D 5.194 5.300 MM3035E 5.292 5.400 MM3035F 5.390 5.500
Product Name
PARAMETER Output Current Load Regulation Input-Output differential Voltage IOUT (mA) VOUT/ IOUT (mV) VDIF (V) MAX. TEST CONDISIONS MIN. TYP. TEST CONDISIONS TYP. MAX. TEST CONDISIONS TYP. MAX. 1.734 1.836 1.938 2.040 90 60 VIN-VOUT 2.142 =2.0V 2.244 2.346 45 35 30 1mA < = 2.448 IOUT < = 2.550 75 50 35mA 2.652 2.754 2.856 2.958 60 40 3.060 3.162 3.264 VIN-VOUT 3.366 =2.0V 55 35 3.468 40 60 50 3.570 1mA < = IOUT= VIN-VOUT < 3.672 IOUT = 1mA =2.0V 3.774 50mA 45 30 3.876 3.978 4.080 4.182 4.284 VIN-VOUT 4.386 =2.0V 4.488 50 70 65 < 4.590 1mA = 4.692 IOUT < = 4.794 4.896 4.998 5.100 5.202 5.304 5.406 5.508 5.610 65mA 25 40
VIN-VOUT =2.0V 80 1mA < = IOUT < = 80mA 60 90
MITSUMI
CMOS Regulator MM303X Series
Measuring Circuit
Typical Application Circuit
Note: This regulator is not internally compensated and thus requires an external output-capacitor(COUT) for stability.
MITSUMI
CMOS Regulator MM303X Series
Characteristics
(3.0V product Ambient Temperature, Ta=25C)
Input-output Differential Voltage
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 10 20 30 40 50
Line Regulation
3.5
Input-output Differential Voltage (V)
Output Voltage (V)
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 2 4 6 8
Output Current (mA)
Input Voltage (V)
Load Regulation
3.5 VIN=5V
Input Current
3.0
Output Voltage (V)
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 50 100 150
Input Current (A)
2.5 2.0 1.5 1.0 0.5 0.0 0 2 4 6 8
Input Voltage (V)
Output Current (mA)
CE Terminal Input Current VS CE Terminal Input Voltage
0.5
Ripple Rejection
Ripple Rejection (dB)
80 70 60 50 40 30 20 10 0 0.1 1 VIN=5V DC, 0.5VP-PAC IOUT=10mA
CE Terminal Input Current (A)
0.4 0.3 0.2 0.1 0.0 0 2 4 6 8
10
100
CE Terminal Input Voltage (V)
Frequency (kHz)
MITSUMI
CMOS Regulator MM303X Series
Output Voltage VS Temperature
3.10 3.08 3.06 3.04 3.02 3.00 2.98 2.96 2.94 2.92 2.90 -30 IOUT=10mA
Input Current VS Temperature
Input Current (A)
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -30 -5 20 20
Output Voltage (V)
-5
20
45
70
85
Temperature (C)
Temperature (C)
Power Dissipation
Power Dissipation(mW)
300 250 200 150 100 50 0 0 25 50 75 100 125
On Board (Glass Epoxy Resin) 100 100 1.6mm Alone
Temperature (C)
ESR Stable region
1000 100 Ceramic capacitor reference data when 1F.
ESR ()
10 1 0.1 0.01 0.001 0.01
Stable Region
0.1
1
10
100
IO Output Currente (mA)


▲Up To Search▲   

 
Price & Availability of MM3031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X