Part Number Hot Search : 
PEB20560 16M86VBB T850004 SA555N 74VHC 432MH A7806 VCO3077
Product Description
Full Text Search
 

To Download MDI150-12A4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MII 150-12 A4
MID 150-12 A4 MDI 150-12 A4
IGBT Modules
Short Circuit SOA Capability Square RBSOA
MII
3
IC25 = 180 A VCES = 1200 V VCE(sat) typ. = 2.2 V
MID
3
MDI
3
1
2
3 11 10 9 8
8 9
1
1
8 9
1
11 10
2
11 10
2
2
Symbol VCES VCGR VGES VGEM IC25 IC80 ICM tSC (SCSOA) RBSOA Ptot TJ Tstg VISOL
Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 20 kW Continuous Transient TC = 25C TC = 80C TC = 80C, tp = 1 ms VGE = 15 V, VCE = VCES, TJ = 125C RG = 10 W, non repetitive VGE = 15 V, TJ = 125C, RG = 10 W Clamped inductive load, L = 100 mH TC = 25C
Maximum Ratings 1200 1200 20 30 180 120 240 10 ICM = 200 VCEK < VCES 760 150 -40 ... +150 V V V V A A A ms A
E 72873 Features NPT IGBT technology low saturation voltage low switching losses switching frequency up to 30 kHz square RBSOA, no latch up high short circuit capability positive temperature coefficient for easy parallelling MOS input, voltage controlled ultra fast free wheeling diodes package with DCB ceramic base plate isolation voltage 4800 V UL registered E72873
q q q q q q q q q q q q
Advantages W
q
C C V~ V~ Nm lb.in. Nm lb.in. mm mm m/s2 g oz.
q
space and weight savings reduced protection circuits
50/60 Hz, RMS t = 1 min t=1s IISOL 1 mA Insulating material: Al2O3 Mounting torque (module) (teminals)
4000 4800 2.25-2.75 20-25 2.5-3.7 22-33 10 9.6 50 250 8.8
Typical Applications
q q
Md
q q
AC and DC motor control AC servo and robot drives power supplies welding inverters
dS dA a Weight
Creepage distance on surface Strike distance through air Max. allowable acceleration Typical
Data according to a single IGBT/FRED unless otherwise stated.
(c) 2000 IXYS All rights reserved
1-4
030
MII 150-12 A4
MID 150-12 A4 MDI 150-12 A4
Symbol
Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 1200 4.5 TJ = 25C TJ = 125C 11 6.5 V V
Dimensions in mm (1 mm = 0.0394")
V(BR)CES VGE(th) ICES IGES VCE(sat) Cies Coes Cres td(on) tr td(off) tf Eon Eoff RthJC RthJS
VGE = 0 V IC = 4 mA, VCE = VGE VCE = VCES VCE = 0 V, VGE = 20 V IC = 100 A, VGE = 15 V VCE = 25 V, VGE = 0 V, f = 1 MHz
7.5 mA mA 400 nA
2.2 6.6 1 0.44 100 70 500 70 15 11.5 0.33
2.7
V nF nF nF ns ns ns ns mJ mJ
Inductive load, TJ = 125C IC = 100 A, VGE = 15 V VCE = 600 V, RG = 10 W
with heatsink compound
0.17 K/W K/W Equivalent Circuits for Simulation
Reverse Diode (FRED)
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 2.3 1.8 2.5 1.9 200 130 80 200 0.66 V V A A A ns 0.33 K/W K/W
Conduction
VF IF IRM trr RthJC RthJS
IF = 100 A, VGE = 0 V, IF = 100 A, VGE = 0 V, TJ = 125C TC = 25C TC = 80C IF = 100 A, VGE = 0 V, -diF/dt = 800 A/ms TJ = 125C, VR = 600 V with heatsink compound
IGBT (typ. at VGE = 15 V; TJ = 125C) V0 = 1.5 V; R0 = 10.2 mW Free Wheeling Diode (typ. at TJ = 125C) V0 = 1.3 V; R0 = 5.5 mW Thermal Response
IGBT (typ.) Cth1 = 0.27 J/K; Rth1 = 0.163 K/W Cth2 = 0.63 J/K; Rth2 = 0.004 K/W Free Wheeling Diode (typ.) Cth1 = 0.19 J/K; Rth1 = 0.326 K/W Cth2 = 0.36 J/K; Rth2 = 0.007 K/W
(c) 2000 IXYS All rights reserved
2-4
MII 150-12 A4
MID 150-12 A4 MDI 150-12 A4
250
A
250
TJ = 25C VGE=17V 15V 13V 11V
A 200 IC 150 100
TJ = 125C
VGE=17V 15V 13V 11V
200
IC
150 100 50 0 0.0
9V 9V
50 0 0.0
0.5
1.0
1.5
2.0
2.5
VCE
3.0 V
0.5
1.0
1.5
2.0
2.5 3.0 VCE
3.5 V
Fig. 1 Typ. output characteristics
Fig. 2 Typ. output characteristics
250 VCE = 20V A 200
IC
TJ = 25C
350
TJ = 125C
A 300 IF 250 200 150 100
TJ = 25C
150 100 50 0 5 6 7 8 9 10
VGE
50 0
11 V
0
1
2
VF
3
V
4
Fig. 3 Typ. transfer characteristics
Fig. 4 Typ. forward characteristics of free wheeling diode
120
20 V
VGE 15
300
ns
trr
VCE = 600V IC = 100A
A IRM
trr
80
200
10 40 5
IRM TJ = 125C VR = 600V IF = 100A
100
150-12
0 0 100 200 300 400 QG 500 nC
0 0 200 400 600 800 A/ms -di/dt
0
1000
Fig. 5 Typ. turn on gate charge
Fig. 6 Typ. turn off characteristics of free wheeling diode
(c) 2000 IXYS All rights reserved
3-4
MII 150-12 A4
MID 150-12 A4 MDI 150-12 A4
60
td(on) mJ Eon tr Eon
VCE = 600V VGE = 15V RG = 10W TJ = 125C
120 ns 80 t Eoff
30
mJ td(off) Eoff
600 ns 400 t
40
20
20
40
10
VCE = 600V VGE = 15V RG = 10W TJ = 125C
200
tf
0 0 50 100 150 IC 200 A
0
0
0 50 100 150 IC 200 A
0
Fig. 7 Typ. turn on energy and switching times versus collector current
50 VCE = 600V mJ 40
Eon 250 ns 200 t 150
Fig. 8 Typ. turn off energy and switching times versus collector current
20
mJ Eoff 15
VCE = 600V VGE = 15V IC = 100A TJ = 125C
td(on) Eon tr
1600 Eoff td(off) 800 ns 1200 t
VGE = 15V IC = 100A TJ = 125C
30 20 10 0 0 8 16 24 32
RG
10
100 50 0 56
5
tf
400
40
48
W
0 0 8 16 24 32
RG
40
48
W 56
0
Fig. 9 Typ. turn on energy and switching times versus gate resistor
240 A 200
ICM 1 K/W 0.1 ZthJC
RG = 10W TJ = 125C VCEK < VCES
Fig.10 Typ. turn off energy and switching times versus gate resistor
160 120 80 40 0 0 200 400 600 800 1000 1200 V VCE
diode
0.01 0.001 0.0001
IGBT
single pulse
150-12
0.00001 0.00001 0.0001
0.001
0.01 t
0.1
s
1
Fig. 11 Reverse biased safe operating area RBSOA
Fig. 12 Typ. transient thermal impedance
(c) 2000 IXYS All rights reserved
4-4


▲Up To Search▲   

 
Price & Availability of MDI150-12A4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X