Part Number Hot Search : 
PE6832 LT8616 L4448 MT8993BC SA970 C16LF APL1670 AO4433
Product Description
Full Text Search
 

To Download MDI100-12A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MII 100-12 A3
MID 100-12 A3 MDI 100-12 A3
IGBT Modules
Short Circuit SOA Capability Square RBSOA
IC25 = 135 A VCES = 1200 V VCE(sat) typ. = 2.2 V
MII
1
MID
1
MDI
1
3
2
1
4 5 6 7
7 6
3
3
7 6
3
4 5
2
4 5
2
2
E 72873
Symbol VCES VCGR VGES VGEM IC25 IC80 ICM tSC (SCSOA) RBSOA Ptot TJ Tstg VISOL
Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 20 kW Continuous Transient TC = 25C TC = 80C TC = 80C, tp = 1 ms VGE = 15 V, VCE = VCES, TJ = 125C RG = 15 W, non repetitive VGE = 15 V, TJ = 125C, RG = 15 W Clamped inductive load, L = 100 mH TC = 25C
Maximum Ratings 1200 1200 20 30 135 90 180 10 ICM = 150 VCEK < VCES 560 150 -40 ... +150 V V V V A A A ms A
Features NPT IGBT technology low saturation voltage low switching losses switching frequency up to 30 kHz square RBSOA, no latch up high short circuit capability positive temperature coefficient for easy parallelling MOS input, voltage controlled ultra fast free wheeling diodes package with DCB ceramic base plate isolation voltage 4800 V UL registered E72873
q q q q q q q q q q q q
Advantages W C C V~ V~ Nm lb.in. Nm lb.in. mm mm m/s2 g oz. Typical Applications
q q q q
space and weight savings reduced protection circuits
50/60 Hz, RMS t = 1 min t=1s IISOL 1 mA Insulating material: Al2O3 Mounting torque (module) (teminals)
4000 4800 2.25-2.75 20-25 2.5-3.7 22-33 12.7 9.6 50 130 4.6
Md
q q
AC and DC motor control AC servo and robot drives power supplies welding inverters
dS dA a Weight
Creepage distance on surface Strike distance through air Max. allowable acceleration Typical
Data according to a single IGBT/FRED unless otherwise stated.
(c) 2000 IXYS All rights reserved
1-4
030
MII 100-12 A3
MID 100-12 A3 MDI 100-12 A3
Symbol
Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 1200 4.5 TJ = 25C TJ = 125C 7.5 6.5 V V
Dimensions in mm (1 mm = 0.0394")
V(BR)CES VGE(th) ICES IGES VCE(sat) Cies Coes Cres td(on) tr td(off) tf Eon Eoff RthJC RthJS
VGE = 0 V IC = 3 mA, VCE = VGE VCE = VCES VCE = 0 V, VGE = 20 V IC = 75 A, VGE = 15 V VCE = 25 V, VGE = 0 V, f = 1 MHz
5 mA mA 300 nA
2.2 5.5 0.75 0.33 100 50 650 50 12.1 10.5 0.44
2.7
V nF nF nF ns ns ns ns mJ mJ
Inductive load, TJ = 125C IC = 75 A, VGE = 15 V VCE = 600 V, RG = 15 W
with heatsink compound
0.22 K/W K/W
Equivalent Circuits for Simulation Reverse Diode (FRED) Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 2.2 1.7 2.5 1.8 150 95 62 200 0.9 V V A A A ns 0.45 K/W K/W
IGBT (typ. at VGE = 15 V; TJ = 125C) V0 = 1.5 V; R0 = 13.6 mW Free Wheeling Diode (typ. at TJ = 125C) V0 = 1.3 V; R0 = 6.5 mW Thermal Response Conduction
VF IF IRM trr RthJC RthJS
IF = 75 A, VGE = 0 V, IF = 75 A, VGE = 0 V, TJ = 125C TC = 25C TC = 80C IF = 75 A, VGE = 0 V, -diF/dt = 600 A/ms TJ = 125C, VR = 600 V with heatsink compound
IGBT (typ.) Cth1 = 0.20 J/K; Rth1 = 0.218 K/W Cth2 = 0.47 J/K; Rth2 = 0.005 K/W Free Wheeling Diode (typ.) Cth1 = 0.14 J/K; Rth1 = 0.443 K/W Cth2 = 0.26 J/K; Rth2 = 0.009 K/W
(c) 2000 IXYS All rights reserved
2-4
MII 100-12 A3
MID 100-12 A3 MDI 100-12 A3
175
A 150 IC 125
TJ = 25C
VGE=17V 15V 13V 11V
175
TJ = 125C
A 150 IC 125 100 75
VGE=17V 15V 13V 11V
100 75 50 25 0 0.0 0.5 1.0 1.5 2.0 2.5
VCE
9V
50 25 0 0.0
9V
3.0 V
0.5
1.0
1.5
2.0
2.5 3.0 VCE
3.5 V
Fig. 1 Typ. output characteristics
Fig. 2 Typ. output characteristics
150
VCE = 20V
125 A
IC
TJ = 25C
300 A 250 IF 200 150 100 50 0
TJ = 125C TJ = 25C
100 75 50 25 0 5 6 7 8 9 10
VGE
11 V
0
1
2
VF
3
V
4
Fig. 3 Typ. transfer characteristics
Fig. 4 Typ. forward characteristics of free wheeling diode
120
20 V
VGE 15
300
ns
trr
VCE = 600V IC = 75A
A IRM
trr
80
200
10 40 5
IRM TJ = 125C VR = 600V IF = 75A
100
100-12
0 0 100 200 300
QG
0 400
nC
0
0
200
400
600
800 A/ms -di/dt
1000
Fig. 5 Typ. turn on gate charge
Fig. 6 Typ. turn off characteristics of free wheeling diode
(c) 2000 IXYS All rights reserved
3-4
MII 100-12 A3
MID 100-12 A3 MDI 100-12 A3
40
mJ Eon Eon td(on) tr
160 ns 120 t 80
20
mJ Eoff 15
Eoff td(off)
800 ns 600 t 400
30
20
10
VCE = 600V VGE = 15V
10
VCE = 600V VGE = 15V RG = 15W TJ = 125C
40
5
RG = 15W 200 TJ = 125C
0 0 50 100
IC
0
0
0 50 100 IC
tf 150 A
0
150 A
Fig. 7 Typ. turn on energy and switching times versus collector current
25
mJ 200 ns 160 t 120 tr 80 40 0 56 Eoff
Fig. 8 Typ. turn off energy and switching times versus collector current
25 mJ 20 15 10 5 0 0 8 16 24 32
RG tf 2000
VCE = 600V VGE = 15V IC = 75A TJ = 125C
20
Eon
VCE = 600V VGE = 15V IC = 75A TJ = 125C
td(on) Eon
td(off)
ns 1600 t 1200 800 400 0
15 10 5 0 0 8 16 24 32
RG
Eoff
40
48
W
40
48
W 56
Fig. 9 Typ. turn on energy and switching times versus gate resistor
200
A 1 K/W 0.1 ZthJC
Fig.10 Typ. turn off energy and switching times versus gate resistor
160
ICM
diode
120 80 40 0 0 200 400 600 800 1000 1200 V VCE
RG = 15W TJ = 125C VCEK < VCES
0.01 0.001 0.0001
IGBT
single pulse
100-12
0.00001 0.00001 0.0001
0.001
0.01 t
0.1
s
1
Fig. 11 Reverse biased safe operating area RBSOA
Fig. 12 Typ. transient thermal impedance
(c) 2000 IXYS All rights reserved
4-4


▲Up To Search▲   

 
Price & Availability of MDI100-12A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X