Part Number Hot Search : 
TDA2653 LC66512 SCK130LP MAZD056 ST72E251 09SH3 8HC11 LM258
Product Description
Full Text Search
 

To Download MBR2050CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR2030CT-MBR2060CT
Vishay Lite-On Power Semiconductor
20A Schottky Barrier Rectifier
Features
D Schottky barrier chip D Guard ring die constuction for transient D Low power loss, high efficiency D High current capability and low forward voltage D High surge capability D For use in low voltage, high frequency inverters, D
free wheeling, and polarity protection application Plastic material - UL Recognition flammability classification 94V-0
95 9630
protection
drop
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage g =Working peak reverse voltage DC Blocking lt =DC Bl ki voltage Test Conditions Type MBR2030CT MBR2035CT MBR2040CT MBR2045CT MBR2050CT MBR2060CT TC=125C Symbol VRRM =VRWM V =VR Value 30 35 40 45 50 60 150 20 -65...+150 Unit V V V V V V A A C
Peak forward surge current Average forward current Junction and storage temperature range
IFSM IFAV Tj=Tstg
Electrical Characteristics
Tj = 25_C Parameter Forward voltage g Test Conditions IF=20A, TC=25C IF=20A, TC=125C IF=20A, TC=25C IF=20A, TC=125C TC=25C TC=125C VR=4V, f=1MHz TL=const. Type MBR2030CT -MBR2045CT MBR2050CT -MBR2060CT Symbol Min Typ VF VF VF VF IR IR CD 650 RthJC 2.0 dV/dt dV/dt Max 0.84 0.72 0.95 0.85 0.1 15 Unit V V V V mA mA pF K/W V/ms
Reverse current Diode capacitance Thermal resistance junction to case Voltage rate of change ( Rated VR )
MBR2030CT -MBR2045CT MBR2050CT -MBR2060CT
1000
10000 V/ms
Rev. A2, 24-Jun-98
1 (4)
MBR2030CT-MBR2060CT
Vishay Lite-On Power Semiconductor Characteristics (Tj = 25_C unless otherwise specified)
IFAV - Average Forward Current ( A ) 20 16 C D - Diode Capacitance ( pF ) 4000
12
1000
8 4
0 0
15368
50
100
150
15371
100 0.1
1.0
10
100
Tamb - Ambient Temperature ( C )
VR - Reverse Voltage ( V )
Figure 1. Max. Average Forward Current vs. Ambient Temperature
50
Figure 4. Typ. Diode Capacitance vs. Reverse Voltage
100 I R - Reverse Current ( mA )
MBR2030CT - MBR2045CT
IF - Forward Current ( A )
10
10
Tj = 125C
MBR2050CT- MBR2060CT
1.0
Tj = 75C
1.0
Tj = 125C IF Pulse Width = 300 s 2% Duty Cycle
0.1
Tj = 25C
0.1 0.2
15369
0.01 0.4 0.6 0.8 1.0
15372
VF - Forward Voltage ( V )
0 20 40 60 80 100 120 140 Percent of Rated Peak Reverse Voltage (%)
Figure 2. Typ. Forward Current vs. Forward Voltage
300 250 200 150 100 50 0 1
15370
Figure 5. Typ. Reverse Current vs. Percent of Rated Peak Reverse Voltage
IFSM - Peak Forward Surge Current ( A )
10 Number of Cycles at 60 Hz
100
Figure 3. Max. Peak Forward Surge Current vs. Number of Cycles
2 (4)
Rev. A2, 24-Jun-98
MBR2030CT-MBR2060CT
Vishay Lite-On Power Semiconductor Dimensions in mm
14468
Case: molded plastic Polarity: as marked on body Approx. weight: 2.24 grams Mounting position: any Marking: type number
Rev. A2, 24-Jun-98
3 (4)
MBR2030CT-MBR2060CT
Vishay Lite-On Power Semiconductor Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Rev. A2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of MBR2050CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X